Part Number Hot Search : 
2PB709A Z2646 101MELY AAT2856 PESD5V0 SFBUW81A ICL765 TLRAG296
Product Description
Full Text Search
 

To Download SRV05-4-T13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  srv05-4 steering diode/ tvs array combo 1 05150.r11 3/08 www.protekdevices.com applications ? ethernet - 10/100/1000 base t ? cellular phones ? handheld & portable electronics ? video/graphics card ? usb 2.0 interface ? dvi interface iec compatibility (en61000-4) ? 61000-4-2 (esd): air - 15kv, contact - 8kv ? 61000-4-4 (eft): 40a - 5/50ns ? 61000-4-5 (surge): 24a, 8/20 s - level 2(line-gnd) & level 3(line-line) features ? 500 watts peak pulse power per line (tp=8/20 s) ? esd protection > 40 kilovolts ? low clamping voltage ? protects 4 lines ? ultra low capacitance: 3.5pf typical ? rohs compliant mechanical characteristics ? molded jedec sot-23-6 package ? weight 16 milligrams (approximate) ? available in lead-free nickel-paladium-gold plating ? solder reflow temperature: nickel-paladium-gold (ni/pd/au) - sn/ag/cu, 96/3.5/0.5: 260-270c ? consult factory for leaded device availability ? flammability rating ul 94v-0 ? 8mm tape and reel per eia standard 481 ? marking: marking code & pin one defined by dot on package 05150 pin configuration sot-23-6       i/o 1 gnd i/o 2 i/o 4 ref i/o 3
srv05-4 2 05150.r11 3/08 www.protekdevices.com device characteristics symbol v alue -55 to 150 c -55 to 150 units t l t stg parameter storage temperature peak pulse power (tp = 8/20 s) - see figure 1 p pp 500 watts maximum ratings @ 25c unless otherwise specified forward surge rating(5ms @ 25c, i f = 10ma) v f 0.5 min. to 1.2 max. volts operating temperature c peak pulse current (tp = 8/20 s) - see note 1 i pp 30 amps note 1: from i/o pin to ground. part number device marking minimum breakdown voltage (see note 1) @ 1ma v (br) volts maximum clamping voltage (see fig. 2) (see note 1) @ i p = 1a v c volts maximum clamping voltage (see fig. 2) (see note 1) @ i p = 5a v c volts typical capacitance (see note 1) 0v @ 1 mhz c j(sd) pf srv05-4 s5 6.0 12.0 15.0 3.5 maximum leakage current (see note 1) @v wm i d a 5 rated stand-off voltage (see note 1) v wm volts 5.0 electrical characteristics per line @ 25c unless otherwise specified 0 5 10 15 20 25 30 t - time - s 0 20 40 60 80 100 120 i pp - peak pulse current - % of i pp test waveform parameters t f = 8 s t d = 20 s t f peak value i pp e -t t d = t i pp /2 figure 2 pulse wave form 0.01 1 10 100 1,000 10,000 t d - pulse duration - s 10 100 1,000 10,000 p pp - peak pulse current - watts figure 1 peak pulse power vs pulse time 500w, 8/20 s waveform note 1: across tvs only - pin 2 to pin 5.
srv05-4 3 05150.r11 3/08 www.protekdevices.com graphs 0 25 50 75 100 125 150 t l - lead temperature - c 20 40 60 80 100 % of rated power peak pulse power 8/20 s average power figure 3 power derating curve 0 figure 4 overshoot & clamping voltage esd test pulse: 25 kilovolt, 1/30ns (waveshape) 5 volts per division -5 5 15 25 35
srv05-4 4 05150.r11 3/08 www.protekdevices.com sot-23-6 package outline & dimensions copyright ? prot ek devices 2007 specifications: protek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except jedec). design changes: protek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer?s and that in furnishing engineering and technical assistance, protek assumes no responsibility with respect to the s election or specifications of such products. protek devices 2929 south fair lane, tempe, az 85282 tel: 602-431-8101 fax: 602-431-2288 e-mail: sales@protekdevices.com web site: www.protekdevices.com tape & reel/bulk ordering nomenclature 1. surface mount product is taped and reeled in accordance with eia-481. 2. suffix -t7 = 7 inch reel - 3,000 pieces per 8mm tape, i.e., srv05-4-t7 3. suffix - p = lead-free, nickel-paladium-gold plating, i.e., srv05-4-p-t7. outline & dimensions: rev 3 - 3/08, 06013        
      a b c d e g j k l m 2.80 1.50 0.90 0.30 0.85 0.90 0.09 2.60 0.0 0.30 3.05 1.75 1.30 0.40 1.05 1.45 0.20 3.00 0.15 0.60 0.110 0.059 0.036 0.012 0.033 0.036 0.003 0.102 0.0 0.012 0.120 0.070 0.051 0.016 0.040 0.057 0.008 0.118 0.006 0.024 dim min max min max millimeters inches package dimensions notes 1. dimensioning and tolerances per ansi y14.5m, 1985. 2. controlling dimension: inches 3. dimensions are exclusive of mold flash and metal burrs. package outline sot-23-6 mounting pad 0.028 0.074 0.037 0.094 0.039 1 2 3 4 5 0.70 1.90 0.95 2.40 1.00 dim millimeters inches typical        !"# $%$&! &''()(    * + ,#!!'-*. !' /'.!. 01 tape & reel specifications (dimensions in millimeters) de p0 tmax fp2 w 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 p 4.00 0.10 0.25 a0 b0 k0 reel dia. tape width 178mm (7?) 8mm 3.20 0.10 3.20 0.10 1.65 0.10


▲Up To Search▲   

 
Price & Availability of SRV05-4-T13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X