Part Number Hot Search : 
MXP3005 05550 2SA462 PL375SBR 05550 B240LA MAX99 19202
Product Description
Full Text Search
 

To Download SMBJ20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shanghai semitech semiconductor co., ltd email:sales@semitech.cn tel:+86-21-64605419 fax:+86-21-64606443 smbj5.0 --- smbj440ca 600w surface mount transient voltage suppressors features ? working peak reverse voltage range ? 5.0v to 440v. ? peak power dissipation 600w @10 x 1000 us pulse ? low profile package. ? excellent clamping capability. ? glass passivated junction. ? fast response time: typically le ss than 1 ns for uni-direction. less than 5 ns for bi-direction, from 0 volts to bv min ? typical ir less than 1ua above 10v. ? plastic material has ul flammability classification 94v-o ? rohs compliant in lead-free versions mechanical characteristics case: void-free, jedec do-214aa molded plastic over glass passivated junction.. mounting position: any polarity: by cathode band denotes uni-directional de vice, none cathode band denotes bi-directional device. terminal: solder plated, solderab le per mil-std-750, method 2026 maximum ratings and characteristics @ 25c ambient temperature (unless otherwise noted) parameter symbol value units peak pulse power dissipation on 10/1000 us waveform (note 1, 2, fig.1) p ppm min 600 w peak pulse current of on 10/1000us waveform (note 1, fig.3) i ppm see table 1 amps peak forward surge current, 8.3ms si ngle half sine-wave superimposed on rated load, (jedec method) (note 2. 3) i fsm 100 amps operating junction temperature range t j -55 to 150 c storage temperature range t stg -55 to 150 c notes: 1. non-repetitive current pulse, per fig.3 and derated above t a =25c per fig.2. 2. mounted on 5.0mm 2 (0.03mm thick) copper pads to each terminal. 3. 8.3 ms single half sine-wave, or equivalent square wave, duty cycle=4 pluses per minute maximum. www.semitech.cn
smbj5.0 --- smbj440ca electrical specification @ tamb 25c type number marking reverse stand-off voltage breakdown voltage min. @i t breakdown voltage max. @ i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) smbj5.0 smbj5.0c kd ad 5.0 6.40 7.55 10 9.6 62.5 800.0 smbj5.0a smbj5.0ca ke ae 5. 0 6.40 7.25 10 9.2 65.2 800.0 smbj6.0 smbj6.0c kf af 6. 0 6.67 8.45 10 11.4 52.6 800.0 smbj6.0a smbj6.0ca kg ag 6.0 6.67 7.67 10 10.3 58.3 800.0 smbj6.5 smbj6.5c kh ah 6.5 7.22 9.14 10 12.3 48.8 500.0 smbj6.5a smbj6.5ca kk ak 6. 5 7.22 8.30 10 11.2 53.6 500.0 smbj7.0 smbj7.0c kl al 7.0 7.78 9.86 10 13.3 45.1 200.0 smbj7.0a smbj7.0ca km am 7.0 7.78 8.95 10 12.0 50.0 200.0 smbj7.5 smbj7.5c kn an 7. 5 8.33 10.67 1.0 14.3 42.0 100.0 smbj7.5a smbj7.5ca kp ap 7. 5 8.33 9.58 1.0 12.9 46.5 100.0 smbj8.0 smbj8.0c kq aq 8. 0 8.89 11.3 1.0 15.0 40.0 50.0 smbj8.0a smbj8.0ca kr ar 8.0 8.89 10.23 1. 0 13.6 44.1 50.0 smbj8.5 smbj8.5c ks as 8.5 9.44 11.92 1.0 15.9 37.7 20.0 smbj8.5a smbj8.5ca kt at 8.5 9.44 10.82 1. 0 14.4 41.7 20.0 smbj9.0 smbj9.0c ku au 9. 0 10.0 12.6 1.0 16.9 35.5 10.0 smbj9.0a smbj9.0ca kv av 9. 0 10.0 11.5 1.0 15.4 39.0 10.0 smbj10 smbj10c kw aw 10 11 .1 14.1 1.0 18.8 31.9 5.0 smbj10a smbj10ca kx ax 10 11.1 12.8 1.0 17.0 35.3 5.0 smbj11 smbj11c ky ay 11 12.2 15.4 1.0 20.1 29.9 5.0 smbj11a smbj11ca kz az 11 12.2 14.0 1.0 18.2 33.0 5.0 smbj12 smbj12c ld bd 12 13.3 16.9 1.0 22.0 27.3 5.0 smbj12a smbj12ca le be 12 13.3 15.3 1.0 19.9 30.2 5.0 smbj13 smbj13c lf bf 13 14.4 18.2 1.0 23.8 25.2 5.0 smbj13a smbj13ca lg bg 13 14.4 16.5 1.0 21.5 27.9 5.0 smbj14 smbj14c lh bh 14 15.6 19.8 1.0 25.8 23.3 5.0 smbj14a smbj14ca lk bk 14 15.6 17.9 1.0 23.2 25.9 5.0 smbj15 smbj15c ll bl 15 16. 7 21.1 1.0 26.9 22.3 5.0 smbj15a smbj15ca lm bm 15 16.7 19.2 1.0 24.4 24.6 5.0 smbj16 smbj16c ln bn 16 17.8 22.6 1.0 28.8 20.8 5.0 smbj16a smbj16ca lp bp 16 17.8 20.5 1.0 26.0 23.1 5.0 smbj17 smbj17c lq bq 17 18.9 23.9 1.0 30.5 19.7 5.0 smbj17a smbj17ca lr br 17 18.9 21.7 1.0 27.6 21.7 5.0 smbj18 smbj18c ls bs 18 20. 0 25.3 1.0 32.2 18.6 5.0 smbj18a smbj18ca lt bt 18 20.0 23.3 1.0 29.2 20.5 5.0 SMBJ20 SMBJ20c lu bu 20 22.2 28.1 1.0 35.8 16.8 5.0 SMBJ20a SMBJ20ca lv bv 20 22.2 25.5 1.0 32.4 18.5 5.0 for bi-directional type having vrwm of 10 volts and less, the ir limit is double www.semitech.cn
smbj5.0 --- smbj440ca type number marking reverse stand-off voltage breakdown voltage min. @i t breakdown voltage max. @ i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) smbj22 smbj22c lw bw 22 24.4 30.9 1.0 39.4 15.2 5.0 smbj22a smbj22ca lx bx 22 24.4 28.0 1.0 35.5 16.9 5.0 smbj24 smbj24c ly by 24 26. 7 33.8 1.0 43.0 14.0 5.0 smbj24a smbj24ca lz bz 24 26.7 30.7 1.0 38.9 15.4 5.0 smbj26 smbj26c md cd 26 28. 9 36.6 1.0 46.6 12.9 5.0 smbj26a smbj26ca me ce 26 28.9 33.2 1.0 42.1 14.3 5.0 smbj28 smbj28c mf cf 28 31.1 39.4 1.0 50.0 12.0 5.0 smbj28a smbj28ca mg cg 28 31.1 35.8 1.0 45.4 13.2 5.0 smbj30 smbj30c mh ch 30 33. 3 42.2 1.0 53.5 11.2 5.0 smbj30a smbj30ca mk ck 30 33.3 38.3 1.0 48.4 12.4 5.0 smbj33 smbj33c ml cl 33 36.7 46.5 1.0 59.0 10.2 5.0 smbj33a smbj33ca mm cm 33 36. 7 42.2 1.0 53.3 11.3 5.0 smbj36 smbj36c mn cn 36 40. 0 50.7 1.0 64.3 9.3 5.0 smbj36a smbj36ca mp cp 36 40.0 44.2 1.0 58.1 10.3 5.0 smbj40 smbj40c mq cq 40 44. 4 56.3 1.0 71.4 8.4 5.0 smbj40a smbj40ca mr cr 40 44. 4 51.1 1.0 64.5 9.3 5.0 smbj43 smbj43c ms cs 43 47. 8 60.5 1.0 76.7 7.8 5.0 smbj43a smbj43ca mt ct 43 47.8 54.9 1.0 69. 4 8.6 5.0 smbj45 smbj45c mu cu 45 50. 0 63.3 1.0 80.3 7.5 5.0 smbj45a smbj45ca mv cv 45 50.0 57.5 1.0 72. 7 8.3 5.0 smbj48 smbj48c mw cw 48 53. 3 67.5 1.0 85.5 7.0 5.0 smbj48a smbj48ca mx cx 48 53.3 61.3 1.0 77. 4 7.8 5.0 smbj51 smbj51c my cy 51 56. 7 71.8 1.0 91.1 6.6 5.0 smbj51a smbj51ca mz cz 51 56.7 65.2 1.0 82. 4 7.3 5.0 smbj54 smbj54c nd dd 54 60.0 76.0 1.0 96.3 6.2 5.0 smbj54a smbj54ca ne de 54 60.0 69.0 1.0 87. 1 6.9 5.0 smbj58 smbj58c nf df 58 64.4 81.6 1.0 103 5.8 5.0 smbj58a smbj58ca ng dg 58 64.4 74.1 1.0 93. 6 6.4 5.0 smbj60 smbj60c nh dh 60 66. 7 84.5 1.0 107 5.6 5.0 smbj60a smbj60ca nk dk 60 66.7 76.7 1.0 96. 8 6.2 5.0 smbj64 smbj64c nl dl 64 71. 1 90.1 1.0 114 5.3 5.0 smbj64a smbj64ca nm dm 64 71.1 81.8 1.0 103 5.8 5.0 smbj70 smbj70c nn dn 70 77. 8 98.6 1.0 125 4.8 5.0 smbj70a smbj70ca np dp 70 77.8 89.5 1.0 113 5.3 5.0 smbj75 smbj75c nq dq 75 83.0 105.7 1.0 134 4.5 5.0 smbj75a smbj75ca nr dr 75 83. 0 95.8 1.0 121 5.0 5.0 smbj78 smbj78c ns ds 78 86.0 109.8 1.0 139 4.3 5.0 smbj78a smbj78ca nt dt 78 86.0 99.7 1.0 126 4.8 5.0 for bi-directional type having vrwm of 10 volts and less, the ir limit is double www.semitech.cn
smbj5.0 --- smbj440ca type number marking reverse stand-off voltage breakdown voltage min. @i t breakdown voltage max. @ i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) smbj85 smbj85c nu du 85 94.0 119.2 1.0 151 4.0 5.0 smbj85a smbj85ca nv dv 85 94.0 108.2 1.0 137 4.4 5.0 smbj90 smbj90c nw dw 90 100 126.5 1.0 160 3.8 5.0 smbj90a smbj90ca nx dx 90 100 115.5 1.0 146 4.1 5.0 smbj100 smbj100c ny dy 100 111 141.0 1.0 179 3.4 5.0 smbj100a smbj100ca nz dz 100 111 128.0 1.0 162 3.7 5.0 smbj110 smbj110c pd ed 110 122 154.5 1.0 196 3.1 5.0 smbj110a smbj110ca pe ee 1 10 122 140.5 1.0 177 3.4 5.0 smbj120 smbj120c pf ef 120 133 169.0 1.0 214 2.8 5.0 smbj120a smbj120ca pg eg 120 133 153.0 1.0 193 3.1 5.0 smbj130 smbj130c ph eh 130 144 182.5 1.0 231 2.6 5.0 smbj130a smbj130ca pk ek 130 144 165.5 1.0 209 2.9 5.0 smbj150 smbj150c pl el 150 167 211.5 1.0 268 2.2 5.0 smbj150a smbj150ca pm em 150 167 192.5 1.0 243 2.5 5.0 smbj160 smbj160c pn en 160 178 226.0 1.0 287 2.1 5.0 smbj160a smbj160ca pp ep 160 178 205.0 1.0 259 2.3 5.0 smbj170 smbj170c pq eq 170 189 239.5 1.0 304 2.0 5.0 smbj170a smbj170ca pr er 170 189 217.5 1.0 275 2.2 5.0 smbj180 smbj180c ps es 180 200 253.8 1.0 321 1.9 5.0 smbj180a smbj180ca pt et 180 200 230.4 1.0 290 2.1 5.0 smbj190 smbj190c pu eu 190 211 267.9 1.0 339 1.8 5.0 smbj190a smbj190ca pv ev 190 211 243.2 1.0 306 2.0 5.0 SMBJ200 SMBJ200c pw ew 200 222 282.0 1.0 356 1.7 5.0 SMBJ200a SMBJ200ca px ex 200 222 256.0 1.0 322 1.9 5.0 smbj210 smbj210c py ey 210 233 296.1 1.0 375 1.6 5.0 smbj210a smbj210ca pz ez 210 233 268.8 1.0 339 1.8 5.0 smbj220 smbj220c qd fd 220 244 310.2 1.0 392 1.5 5.0 smbj220a smbj220ca qe fe 220 244 281.6 1.0 355 1.7 5.0 smbj250 smbj250c qf ff 250 278 342.5 1.0 447 1.3 5.0 smbj250a smbj250ca qg fg 250 278 309.0 1.0 403 1.5 5.0 smbj300 smbj300c qh fh 300 333 411.0 1.0 535 1.1 5.0 smbj300a smbj300ca qk fk 300 333 371.0 1.0 484 1.2 5.0 smbj350 smbj350c ql fl 350 389 479.5 1.0 624 1.0 5.0 smbj350a smbj350ca qm fm 350 389 432.0 1.0 565 1.1 5.0 smbj400 smbj400c qn fn 400 444 548.0 1.0 687 0.9 5.0 smbj400a smbj400ca qp fp 400 444 494.0 1.0 645 0.9 5.0 smbj440 smbj440c qq fq 440 489 602.8 1.0 786 0.8 5.0 smbj440a smbj440ca qr fr 440 489 543.0 1.0 710 0.8 5.0 for bi-directional type having vrwm of 10 volts and less, the ir limit is double www.semitech.cn
smbj5.0 --- smbj440ca ratings and characteristic curves t a =25c unless otherwise noted www.semitech.cn
smbj5.0 --- smbj440ca package outline dimensions and pad layouts do-214aa (smb) dim millimeters inches min max min max a 4.06 4.57 0.160 0.180 b 3.30 3.94 0.130 0.155 c 1.95 2.20 0.077 0.086 d 0.13 0.31 0.006 0.012 e 5.08 5.59 0.200 0.220 f ---- 0.20 ---- 0.008 g 1.95 2.62 0.077 0.103 h 0.76 1.52 0.030 0.060 www.semitech.cn


▲Up To Search▲   

 
Price & Availability of SMBJ20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X