Part Number Hot Search : 
5913BT30 0302B 5560N LM393A SM59364 2N60C BSOZA403 BUZ202
Product Description
Full Text Search
 

To Download SF0160BA01961S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  160 mhz saw filter 30 mhz bandwidth part number: SF0160BA01961S spectrum microwave 400 nickerson road, marlbo rough, ma 01752, usa ? phone 1-508-251-6400 ? fax 1-508-251-6401 www.spectrummicrowave.com dsSF0160BA01961S rev a 15-mar-2010 ecn 36650 page 1 of 3 description ? 160 mhz saw bandpass filter with 30 mhz bandwidth. ? 13.3 x 6.5 mm lcc package. ? rohs compliant. typical performance horizontal: frequency : 20 mhz/div vertical from top: relative magnitude : 10 db/div relative magnitude : 1 db/div phase linearity : 10 deg/div s11 (60 to 260 mhz) s22 (60 to 260 mhz)
160 mhz saw filter 30 mhz bandwidth part number: SF0160BA01961S spectrum microwave 400 nickerson road, marlbo rough, ma 01752, usa ? phone 1-508-251-6400 ? fax 1-508-251-6401 www.spectrummicrowave.com dsSF0160BA01961S rev a 15-mar-2010 ecn 36650 page 2 of 3 specification parameter min typ max units center frequency (fc) 1,3 159.75 160.0 160.25 mhz insertion loss - 12.2 14 db 1 db bandwidth 30 33.0 - mhz 3 db bandwidth - 35.0 - mhz 40 db bandwidth - 44.0 50 mhz passband amplitude ripple 2 - 0.8 1 db p-p phase ripple( fc +/- 15 mhz) 2 - 9 12 deg p-p rejection: 10 - 135 mhz 40 50 - db 185 - 280 mhz 40 50 - db 270 - 370 mhz 20 25 - db vswr ( fc +/- 15 mhz) 4.4 6 - db ambient temperature (tref) - 25 - oc notes: 1. average of the lower an d upper 3 db band edge frequencies. 2. when used in the suggested matching network. 3. typical change of filter fre quency response with temperature is ? f = (t-t ref )*tc*fc, in ppm. maximum ratings parameter min typ max units storage temperature range -40 25 85 ? c operating temperature range (t) -20 25 70 ? c temperature coefficient of frequency (tc) 3 - -94 - ppm/ ? c input power level - 10 13 dbm matching circuit typical component values: notes: 1. recommend use of 2% tolerance ma tching components. inductor q=45. 2. component values are for reference only and may change depending on board layout. ls1 = 47 nh ls2 = 47 nh lp1 = 43 nh input 50 ? single-ended output 50 ? single-ended 12 6 11 5 ls1 l p 1 l p 2
160 mhz saw filter 30 mhz bandwidth part number: SF0160BA01961S spectrum microwave 400 nickerson road, marlbo rough, ma 01752, usa ? phone 1-508-251-6400 ? fax 1-508-251-6401 www.spectrummicrowave.com dsSF0160BA01961S rev a 15-mar-2010 ecn 36650 page 3 of 3 package outline suggested footprint iso 9001 registered all specifications are believed to be accurate and reliable. howe ver, spectrum microwave reserves the right to make changes wit hout notice. ? 2010 all rights reserved. package material: body: al 2 o 3 ceramic lid: kovar, ni plated terminations: au plating 1 m min, over a 1.3-8.9 m ni plating units: mm tolerances are 0.15 mm except where indicated and for the overall length and width, which are nominal values. pad configuration: input: 11 input return: 12 output: 5 output return: 6 ground: all other pads


▲Up To Search▲   

 
Price & Availability of SF0160BA01961S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X