Part Number Hot Search : 
TB2905HQ 26NM60 VFT3060C CTZ84C36 LP164NMO 30F5013 0A120 BR1300
Product Description
Full Text Search
 

To Download S0275-CFP2XL4L2C000E1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  an oplink company s0275. rev.01. 2011-12-14 contact ? 46335 landing pkwy ? fremont ? ca ? 94538 ? tel : +1 (510) 933-7200 ? fax : +1 (510) 933-7300 ? email : sales@oplink.com ? www.oplink.com ? product description cfp2xl4l2c000e1g pb the cfp2xl4l2c000e1g transceiver is a hot pluggable fber optic transceiver in the cfp form factor with digital diagnostics monitoring functionality (ddm). supporting 40gbase-lr4 ethernet standard makes it ideally suited for 40gbe applications where cost efective high port density is needed. the control and status reporting functions are integrated into the design via a set of non-data hardware signal pins and management date input/output (mdio) interface per the cfp multi-source agreement (msa) management interface specifcation draft 1.4. the transceiver supports 40gbps data rate over four wavelength division multiplexed lanes. the four lanes are at 1271nm, 1291nm, 1311nm, and 1331nm wavelength respectively. each lane transmits and receives data streams at typical rate of 10.3125gbps. it provides an excellent solution for 40gbps data transmission over up to 10km single mode fber. the low power consumption and excellent emi performance enable system design with high port density. the product is designed and tested in accordance with industry safety standards. the transceiver is class i laser product per u.s. fda/cdrh and international iec-60825 standards. the cfp2xl4l2c000e1g transceiver connects to standard 148-pin cfp connectors for hot plug capability. this allows the system designer to make confguration changes or maintenance by simply plugging in diferent transceivers without removing the power supply from the host system. the transmitter and receiver data interfaces are internally ac-coupled. lv-cmos transmitter disable control input and loss of signal (los) output interfaces are also provided. the transceiver can be conveniently assembled into and released from the host system through the railing system specifed in the cfp msa. the transceiver operates from a single +3.3v power supply over an operating case temperature range of -5c to +70c. the housing is made of metal for emi immunity. ? four (4) cwdm channels ? transmission distance up to 10km (sm fber) ? compliant to cfp msa ? straight lc connectors ? compliant to 40gbase-lr4 specifcations ? status reporting and control functions through the cfp management interface ? power consumption <8w ? rohs 6/6 compliant ? laser class 1 iec/cdrh compliant features ordering information 40gbase-lr4 cfp transceiver model name operating temperature norminal wavelength (nm) distance cfp2xl4l2c000e1g - 5c to +70c commercial 1271,1291,1311,1331 10km


▲Up To Search▲   

 
Price & Availability of S0275-CFP2XL4L2C000E1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X