Part Number Hot Search : 
15SMC13A 48VDC HT95A200 LB11975 W25Q32DW KA7522 XC164KM MC1458
Product Description
Full Text Search
 

To Download RNF-100-1-25-WHT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rnf-100 flexible, flame-retardant, high performance, polyolefin heat-shrinkable tubing rnf-100 tubing is a high-quality, heat-shrinkable product for a wide variety of uses. it has become the industry standard for insulation, strain relief, wire bundling, and color-coding in both commercial and military applications. rnf-100 tubing meets the requirements of ams-dtl-23053/5, class 1 (colors) and class 2 (clear). it is also ul-recognized and csa-certified at 125, 600 v. made from flame-retardant polyolefin, rnf-100 tubing has excellent physical, chemical, and electrical properties that meet industrial and military requirements for a highly reliable, general-purpose tubing. it sets itself apart in that it offers a higher level of performance at elevated temperature, including mechanical abrasion and fluid resistance, than many heat-shrinkable polyolefin tubings available in the marketplace today. only a few sizes of rnf-100 tubing are required to cover many substrate diameters. temperature rating minimum shrink temperature: 121c continuous operating temperatur e: C 55c to 135 specifications* type raychem military ul csa rnf-100 type 1 (colors) rt-350 type 1 ams-dtl-23053/5, cl. 1 e35586 lr31929 rnf-100 t ype 2 (clear) r t -350 t ype 2 ams-dtl-23053/5, cl. 2 *when or dering, always specify latest issue. ordering information colors standard black (all sizes); clear, white, red, blue, green, and yellow (3/64through 3 nonstandar d clear , white, red, blue, and yellow (4and 5? brown, orange, violet, and gray (all sizes) size selection always order the largest size that will shrink snugly over the component being covered. standard packaging on spools or in 4 foot lengths ordering description specify product name, size, and color; for example, rnf-100-1/4-bk (bk=black). dimensions (millimeters/inches) inside diameter wall thickness d (min.) d (max.) w expanded recovered recovered size as supplied after heating after heating** 3/64 1.2 0.046 0.6 0.023 0.40 0.08 0.016 0.003 1/16 1.6 0.063 0.8 0.031 0.43 0.08 0.017 0.003 3/32 2.4 0.093 1.2 0.046 0.51 0.08 0.020 0.003 1/8 3.2 0.125 1.6 0.062 0.51 0.08 0.020 0.003 3/16 4.7 0.187 2.4 0.093 0.51 0.08 0.020 0.003 1/4 6.4 0.250 3.2 0.125 0.64 0.08 0.025 0.003 3/8 9.5 0.375 4.8 0.187 0.64 0.08 0.025 0.003 1/2 12.7 0.500 6.4 0.250 0.64 0.08 0.025 0.003 **w all thickness will be less if tubing r ecovery is r estricted during shrinkage. inside diameter wall thickness d (min.) d (max.) w expanded recovered recovered size as supplied after heating after heating** 3/4 19.1 0.750 9.5 0.375 0.77 0.08 0.030 0.003 1 25.4 1.000 12.7 0.500 0.89 0.12 0.035 0.005 1 1/4 31.7 1.250 15.9 0.625 1.02 0.15 0.040 0.006 1 1/2 38.1 1.500 19.1 0.750 1.02 0.15 0.040 0.006 2 50.8 2.000 25.4 1.000 1.14 0.16 0.045 0.007 3 76.2 3.000 38.1 1.500 1.27 0.20 0.050 0.008 4 101.6 4.000 50.8 2.000 1.40 0.23 0.055 0.009 5 127.0 5.000 63.5 2.500 1.53 0.23 0.060 0.009 fully recovered after heating d w d expanded as supplied ?
tyco electronics corporation 300 constitution drive faraday road 3816 noborito, tama-ku asia pacific headquarters menlo park, ca 94025-1164 dorcan, swindon, sn3 5hh kawasaki, kanagawa 214-8533 26 ang mo kio, industrial park 2 usa united kingdom japan singapore 569507 tel: (800) 926-2425 (us & canada) tel: +44 1793 528171 tel: +81 44 900 5102 tel: +65 4866 151 tel: +1 (650) 361-3860 (all other countries) users should independently evaluate the suitability of the product for their application. for more information about this product visit www .tycoelectronics.com all information, including illustrations, is believed to be reliable. users, however, should independently evaluate the suitability of each product for their application. tyco electronics corporation makes no warranties as to the accuracy or completeness of the information, and disclaims any liability regarding its use. tyco electronics corporations only obligations are those in the standard terms and conditions of sale for these products and in no case will tyco electronics corporation be liable for any incidental, indirect, or consequential damages arising from the sale, resale, use, or misuse of the product. t yco electronics corporations specifications are subject to change without notice. in addition, tyco electronics corporation reserves the right to make changes in materials or processing without notification to the buyer which do not affect compliance with any applicable specification. specification values r equirement property unit type 1 (colors) type 2 (clear) method of test physical dimensions mm (inches) see reverse see reverse astm d 2671 longitudinal change percent +0, -5 +0, -5 astm d 2671 tensile strength psi (mpa) 1500 (10.3) minimum 1500 (10.3) minimum astm d 2671 ultimate elongation percent 200 minimum 200 minimum astm d 2671 secant modulus (as supplied) psi (mpa) 2.5 x 10 4 (172) maximum 2.5 x 10 4 (172) maximum astm d 2671 specific gravity 1.35 maximum 1.0 maximum astm d 2671 low temperature flexibility no cracking no cracking ams-dtl-23053 ( 4 hours at -55/- 6 7 ) heat shock no dripping, no dripping, ams-dtl-23053 (4 hours at 250/ 482 ) flowing, or cracking flowing, or cracking heat resistance astm d 2671 (336 hours at 175/ 347 ) followed by test for: ultimate elongation percent 150 minimum 150 minimum astm d 2671 color mil-std-104 mil-std-104 color stability mil-std-104 astm d 2671 (48 hours at 175/ 347 ) electrical dielectric str ength volts/mil (volts/mm) 500 (19,680) minimum 500 (19,680) minimum astm d 2671 volume resistivity ohm-cm 10 14 minimum 10 16 minimum astm d 2671 chemical copper mirror corrosion no removal of copper no removal of copper astm d 2671 (16 hours at 175/ 347 ) procedure a copper contact corr osion no pitting or blackening no pitting or blackening astm d 2671 (168 hours at 160/ 320 ) of copper of copper procedure b copper stability no brittleness, glazing, no brittleness, glazing, astm d 2671 (16 hours at 160 c/ 320 f ) cracking, or sever e cracking, or sever e procedure b discoloration of tubing discoloration of tubing followed by test for: ultimate elongation per cent 200 minimum 200 minimum astm d 2671 flammability self-extinguishing astm d 2671 within 1 minute, 25% procedure b maximum flag bur n fungus r esistance rating of 1 or less rating of 1 or less astm g 21 water absorption percent 0.5 maximum 0.2 maximum astm d 2671 (24 hours at 23 / 73 ) fluid resistance astm d 2671 (24 hours at 23/ 73 ) in: jp-8 fuel (mil-t-5624) skydrol 500 hydraulic fluid (mil-h-5606)a viation gasoline100/300 (mil-g-5572) water followed by tests for: dielectric str ength volts/mil (volts/mm) 400 (15,760) minimum 400 (15,760) minimum astm d 2671 t ensile str ength psi (mpa) 1000 (6.9) minimum 1000 (6.9) minimum astm d 2671 note: consult rt-350 for specific details about test procedures. raychem is a trademark of tyco electronics corporation. 1 9 7 7 , 1 9 9 3 , 1 9 9 4 , 2 0 0 2 t y c o e l e c t r o n i c s c o r p o r a t i o n p r i n t e d i n u s a 1 6 5 4 0 5 4 r e v . 9 / 0 5


▲Up To Search▲   

 
Price & Availability of RNF-100-1-25-WHT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X