Part Number Hot Search : 
LFEC1 TLUR6400 V1N4565 IN74ACT MD100 MAX3902D BUZ110S ENABLE
Product Description
Full Text Search
 

To Download RLCO-940-1000-TO3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16.12.2010 RLCO-940-1000-TO3 1 of 3 RLCO-940-1000-TO3 technical data high power infrared laser diode features ? lasing mode structure: multi mode ? peak wavelength : typ. 940 nm ? optical ouput power: 1 w ? package: to-3, without photodiode electrical connection pin configuration bottom view pin function 1 ld cathode (isolated from case) 2 ld anode absolute maximum ratings item symbol value unit cw output power p o 1 w operating case temperature t c -10 ? +25 c storage temperature t stg -20 ? +80 c specifications item symbol min. typ. max. unit optical specifications cw output power p o - 1 - w center wavelength c 937 940 943 nm spectral width (fwhm) ? - 2.0 2.5 nm wavelength temperature coefficient ? / ? t - 0.3 - nm/c U - 6 - deg fwhm beam divergence - 32 35 deg cavity length - 1000 - m emitting width w - 50 - m polarization ratio (te) - 95 - % electrical specifications threshold current i th - 0.15 0.20 a operating current i op - 1.2 - a power conversion efficiency 45 50 - % slope efficiency 1.10 1.20 - w/a operating voltage u op - 1.8 2.0 v the above specifications are for reference purpose only and subjected to change without prior notice.
16.12.2010 RLCO-940-1000-TO3 2 of 3 package dimensons to-3 package ( unit:mm )
16.12.2010 RLCO-940-1000-TO3 3 of 3 safety of laser light ? laser light can damage the human eyes and skin. do not expose the eye or skin directly to any laser light and/or through optical lens. when handling the lds, wear appropriate safety glasses to prevent laser light, even any reflections from entering to the eye. focused laser beam through optical instruments will increase the chance of eye hazard. ? this ld is emitting invisible light. cautions 1. operating methode ? this ld shall change its forward voltage requirement and optical ouput power according to temperature change. also, the ld will require more operation current to maintain same ouput power as it degrades. ? confirm that electrical spike current generated by switching on and off does not exceed the maximum operating current level specified her ein above as absolute maximum rating. also, employ appropriat countermeasures to reduce c hattering and/or overshooting in the circuit. 2. static electricity ? static electricity or electrical surges will reduce and degrade the reliability of the lds. it is recommended to use a wrist trap or anti-electrostatic glove when handeling the product. 3. absolute maximum rating ? active layer of lds shall have high current density and generate high electric field during its operation. in order to prevent excessive dam age, the ld must be operated striclty below absolute maximum rating.


▲Up To Search▲   

 
Price & Availability of RLCO-940-1000-TO3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X