Part Number Hot Search : 
PQ30RV2 IPW60R04 00266 ZFVG129C IPW60R04 PQ30RV2 91MA1 UCC1812J
Product Description
Full Text Search
 

To Download RCL12181R33FKEK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rcl e3 www.vishay.com vishay draloric revision: 15-apr-13 1 document number: 20046 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 long side termination thick film chip resistors features ? enhanced power rating ? long side terminations ? enhanced thermo cyclin g performance in 0406 size ? pure tin solder contacts on ni barrier layer, provides compatibility with lead (pb)-free and lead containing soldering processes ? aec-q200 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 notes ? these resistors do not feature a lifetime limitation when operated within the limits of rated dissipation, permissible operati ng voltage and permissible film temperature. however, the resistance typically increases due to the resistors film temperature over operating time, generally known as drift. the drift may exceed the stability requirements of an individual application ci rcuit and thereby limits the fun ctional lifetime. ? marking and packaging: see datasheet surface mount resistor marking ( www.vishay.com/doc?20020 ). no marking for 0406 size. ? power rating depends on the max. temperature at the solder po int, the component placement density and the substrate material. (1) specified power rating requ ires dedicated mounting conditions to achieve the required thermal resistance. notes (2) the power dissipation on the resistors generates a temperature rise against the local ambient, depending on the heat flow suppo rt of the printed-circuit boar d (thermal resistance). the rated di ssipation applies only if the permitted film temp erature of 155 c is n ot exceeded. (3) specified power rating requ ires dedicated mounting conditions to achieve the required thermal resistance. standard electrical specifications model case size inch case size metric power rating p 70 w limiting element voltage u max. ac rms /dc v temperature coefficient ppm/k tolerance % resistance range ? series rcl0406 e3 0406 rr 1016m 0.25 50 100 1 1r0 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max. = 10 m ? , i max. at 70c = 4.0 a rcl0612 e3 0612 rr 1632m 0.5 75 100 1 1r0 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max. = 10 m ? , i max. at 70c = 6.0 a rcl1218 e3 1218 rr 3246m 1.0 200 100 1 1r0 to 2.2m e24; e96 200 5 e24 zero-ohm-resistor: r max. = 20 m ? , i max. at 70c = 7.0 a rcl1225 e3 1225 rr 3263m 2.0 (1) 200 100 1 1r0 to 1m e24; e96 200 5 e24 zero-ohm-resistor: r max. = 10 m ? , i max. at 70c = 12 a technical specifications parameter unit rcl0406 rcl0612 rcl1218 rcl1225 rated dissipation at p 70 (2) w 0.25 0.5 1.0 2.0 (3) operating voltage u max. ac rms /dc v 50 75 200 200 insulation voltage u ins (1 min) v 100 100 300 300 insulation resistance ? > 10 9 operating temperature range c - 55 to + 155 weight mg 3.5 11 29.5 55
rcl e3 www.vishay.com vishay draloric revision: 15-apr-13 2 document number: 20046 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 part number and product description part number: rcl061210k0fkea model resistance tolerance tcr packaging rcl0406 rcl0612 rcl1218 rcl1225 r = decimal k = thousand m = million 0000 = 0 ? jumper f = 1 % j = 5 % z = jumper k = 100 ppm/k n = 200 ppm/k 0 = jumper ea eb ec ek eg product description: rcl0612 100 10k 1 % et1 e3 rcl0612 100 10k 1 % et1 e3 model tcr resistance tolerance packaging lead (pb)-free rcl0406 rcl0612 rcl1218 rcl1225 100 ppm/k 200 ppm/k 10r = 10 ? 10k = 10 k ? 1m = 1 m ? 0r0 = jumper 1 % 5 % et1 et5 et6 et9 e67 e3 = pure tin termination finish packaging model code quantity carrier ta pe width pitch reel diameter rcl0406 ea = et1 5000 paper tape acc. to iec 60068-3 type i 8 mm 4 mm 180 mm/7" eb = et5 10 000 285 mm/11.25" ec = et6 20 000 330 mm/13" rcl0612 ea = et1 5000 8 mm 4 mm 180 mm/7" eb = et5 10 000 285 mm/11.25" ec = et6 20 000 330 mm/13" rcl1218 ek = et9 4000 blister tape acc. to iec 60068-3 type ii 12 mm 4 mm 180 mm/7" rcl1225 eg = e67 2000 12 mm 8 mm 180 mm/7" dimensions in millimeters size dimensions solder pad dimensions reflow soldering wave soldering inch metric l w h t1 t2 a b l a b l 0406 1016 1.0 0.1 1.6 0.1 0.25 0.1 0.2 + 0.10 ? - 0.15 0.2 0.1 0.55 1.75 0.35 0.75 1.8 0.35 0612 1608 1.6 0.2 3.2 0.2 0.55 0.1 0.35 0.15 0.25 0.15 0.6 3.2 1.0 1.1 3.2 1.0 1218 3246 3.2 + 0.10 - 0.20 4.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 1.1 4.9 1.9 1.25 4.8 1.9 1225 3263 3.2 0.2 6.3 0.2 0.75 0.15 0.8 0.2 0.4 0.2 1.9 7.6 1.2 1.9 7.6 1.2 b a l w h l t1 t2 r c l 0 6 1 2 1 0 k 0 f e a k
rcl e3 www.vishay.com vishay draloric revision: 15-apr-13 3 document number: 20046 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 functional performance 1000 100 10 1 0.1 0.01 single pulse pulse load max. (w) p 1225 1218 0612 0406 10 -6 pulse duration i (s) t 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 100 maximum pulse load, single pulse; applicable if p 0 and n < 1000 and ? ? max. ; for permissible resistance change equivalent to 8000 h operation 1000 10 1 0.1 0.01 10 -6 continuous pulse maximum pulse load, continuous pulses; applicable if p p ( ? amb ) and ? ? max. ; for permissible resistance change equivalent to 8000 h operation pulse duration i (s) continuous pulse load max. (w) t p 100 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 100 1225 1218 0612 0406 800 100 0 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 110 pulse voltage maximum pulse voltage, single and continuous pulses; applicable if p p max. ; for permissible resistance change equivalent to 8000 h operation pulse duration i (s) 200 300 400 500 600 700 pulse voltage max. (v) t ? 1225, 1218 0612 0406
rcl e3 www.vishay.com vishay draloric revision: 15-apr-13 4 document number: 20046 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 test procedures and requirements en 60115-1 ? clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability for product types: stability class 2 or better rcl e3 1 ?? to 2.2 m ? 4.5 - resistance - 1 % 5 % 4.7 - voltage proof u = 1.4 x u ins ; 60 s no flashover or breakdown 4.13 - short time overload u = 2.5 x ? 2 x u max.; duration acc. to style (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) 4.17.2 58 (td) solderability solder bath method; sn60pb40 non-activated flux; (235 5) c (2 0.2) s good tinning ( ? 95 % covered) no visible damage solder bath method; sn96.5ag3cu0.5 non-activated flux; (245 5) c (3 0.3) s good tinning ( ? 95 % covered) no visible damage 4.8.4.2 - temperature coefficient (20/- 55/20) c and (20/125/20) c 100 ppm/k 200 ppm/k 4.32 21 (uu 3 ) shear (adhesion) 45 n no visible damage 4.33 21 (uu 1 ) substrate bending depth 2 mm; 3 times no visible da mage, no open circui t in bent position (0.25 % r + 0.05 ? ) 4.19 14 (na) rapid change of temperature 30 min at - 55 c; 30 min at 125 c 5 cycles (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) 1000 cycles (1 % r + 0.05 ? ) (1 % r + 0.05 ? ) - 50 0 50 100 150 0 ambient temperature amb in c fraction of rated dissipation p 70 in % 50 100 70 ? derating p 70 x r
rcl e3 www.vishay.com vishay draloric revision: 15-apr-13 5 document number: 20046 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 all tests are carried out in accordance with the following specifications: ? en 60115-1, generic specification ? en 140400, sectional specification ? en 140401-802, detail specification ? iec 60068-2, environmental test procedures packaging of components is done in paper tapes according to iec 60286-3. 4.23 - climatic sequence: - (1 % r + 0.05 ? ) (2 % r + 0.1 ? ) 4.23.2 2 (ba) dry heat 125 c; 16 h 4.23.3 30 (db) damp heat, cyclic 55 c; ? 90 % rh; 24 h; 1 cycle 4.23.4 1 (aa) cold - 55 c; 2 h 4.23.5 13 (m) low air pressure 1 kpa; (25 10) c; 1 h 4.23.6 30 (db) damp heat, cyclic 55 c; ? 90 % rh; 24 h; 5 cycles 4.23.7 - dc load u = 4.25.1 - endurance at 70 c u = ? u max.; 1.5 h on; 0.5 h off; 70 c; 1000 h (0.5 % r + 0.05 ? ) (2 % r + 0.1 ? ) 70 c; 8000 h (1 % r + 0.05 ? ) (4 % r + 0.1 ? ) 4.18.2 58 (td) resistance to soldering heat solder bath method (260 5) c; (10 1) s (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) 4.35 - flamability, needle flame test iec 60695-11-5; 10 s no burning after 30 s 4.24 78 (cab) damp heat, steady state (40 2) c; (93 3) % rh; 56 days (1 % r + 0.05 ? ) 4.25.3 - endurance at upper category temperature 155 c, 1000 h (1 % r + 0.05 ? ) (2 % r + 0.1 ? ) 4.40 - electrostatic discharge (human body model) iec 61340-3-1; 3 pos. + 3 neg. discharges; esd voltage: 1000 v (1 % r + 0.05 ? ) 4.29 45 (xa) component solvent resistance isopropyl alcohol; 50 c; method 2 no visible damage 4.30 45 (xa) solvent resistance of marking isopropyl alcohol; 50 c; method 1, toothbrush marking legible, no visible damage 4.22 6 (fc) vibration, endurance by sweeping f = 10 hz to 2000 hz; x, y, z ? 1.5 mm; a ? 200 m/s 2 ; 10 sweeps per axis (0.25 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) 4.37 - periodic electric overload u = ? 2 x u max.; 0.1 s on; 2.5 s off; 1000 cycles (1 % r + 0.05 ? ) 4.27 - single pulse high voltage overload, 10 s/700 s ? = 10 x ? 2 x u max.; 10 pulses (1 % r + 0.05 ? ) test procedures and requirements en 60115-1 ? clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability for product types: stability class 2 or better rcl e3 1 ?? to 2.2 m ? p 70 x r p 70 x r 15 x p 70 x r p 70 x r
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of RCL12181R33FKEK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X