Part Number Hot Search : 
IN4763A ENA1061A BLF346 SS4N60AS TIP34B E2180 636N5C UCN5822
Product Description
Full Text Search
 

To Download QTS-125-05-STL-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 max sway (typ) do not scale from this print "b" ref .7450 ref 18.923 .010 ref 0.25 .055 1.40 (((no of positions / 25) x .7875[20.003]) -.060[1.52]) .003[.08] "a" "a" -lc: locking clip option shown t-1g1-xx-xxx lc-08-tm-01 fig. 1 qts-075-01-xxx-d-lc shown qts-25-xx-d-xx (no of positions / 25) x .7875[20.003] ref .7875 ref 20.003 .155 ref 3.94 .235 5.97 ref .0080 ref 0.203 .644 ref 16.36 24 eq spaces @ .0250[.635] .0325 ref 0.826 c1 02 01 see note 13 qts-xxx-xx-xxx-d-xxx no of positions -025, -050, -075, **-100, **-125 (per row) ** (see note 14) row specification -d: double (use qts-25-xx-d-xx & qtsh-25-xx-d-xx ) option -lc: locking clips (see note 10 and note 15) (use lc-08-tm-01) -a: alignment pins (see note 10) (use qts-25-xx-d-xx-a) -k: polyimide film pad (use k-dot-.276-.375-.005, see fig. 2) -gp: guide post, see fig. 4 (available on style -01 only) -tr: tape & reel (75 pos max) (n/a on style -05 & -06) plating specification (see table 5) lead style -01: .1680[4.267] -02: .2861[7.264] -03: .4043[10.269] -04: .6001[15.246] -05: .7181[18.240] -06: .8361[21.237] no of banks = see sheet 3 * * * = not tooled .015 ref 0.38 .280 ref 7.11 .056 ref 1.42 .037 ref 0.94 "a" .038 ref 0.95 see table 2 section "a"-"a" c3 c2 .003[.08] .001[.03] (see note 8, 9 & 12) (see note 9 & 12) .035 ref 0.89 ((no of positions / 25) x .7875[20.003]) - .060[1.52] ref -a: alignment pin option shown qts-25-xx-d-xx-a .0375 0.953 ref .0375 0.953 ref r t-1s56-xx-xxx c y sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01[.3] 2 .xxx: .005[.13] .xxxx: .0020[.051] material: h.635mm double row hs terminal assembly by: qts-xxx-xx-xxx-d-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 6/28/1999 3 1 sheet scale: 1:0.666667 insulator: lcp, color: black terminal: phos bronze ground plane: phos bronze c:\enterprisevault\dwg\misc\mktg\qts-xxx-xx-xxx-d-xxx-mkt.slddrw notes: 1. represents a critical dimension. 2. deleted. 3. deleted. 4. minimum terminal retention: 6 oz. 5. minimum ground plane retention: 1 lb. 6. deleted. 7. parts to be molded to position. 8. maximum variance of .002[.05]. 9. dimension applies to terminals and ground planes independent of the ground plane or terminal respectively. 10. lead styles -03 and -05: top body (qts) cannot have -a option and -04 and -06 can use either -a or -lc body. 11. t-1sxx-xx-l can be substituted for t-1sxx-xx-f. 12. ground plane press height must be .003[.08] less than the max height or .001[.03] greater than the minimum height of the terminals. 13. window not present on lead styles -02 thru -06 height per rev. e of the qts-25-xx-d-xx-x-xx. 14. for newapplications requiring these positions, please contact samtec interconnect processing group. 15. due to the high amount of insertion force needed, the Clc option is not compatible with auto placement. samtec recommends manual placement for all assemblies with the Clc option. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision y
"r" ref .020 0.508 "s" .2760 7.010 note: "r" = (no of positions / 25) x .7875[20.003] "s" = (("r" - .276[7.01]) / 2) .020[.51] fig. 2 -k: polyimide film pad (use k-dot-.276-.375-.005) "c" (see table 3) .055 1.40 ref .313 7.95 ref qts-25-01-d-xx-x-gp ((no of positions / 25 ) x .7875[20.003]) + .225[5.72] ref ((no of positions / 25 ) x .7875[20.003]) + .5175[13.145] ref .125 3.18 .206 ref 5.24 -gp: guide post option [different as shown, otherwise same as fig. 1] (available on style -01 only) fig. 4 sheet of h.635mm double row hs terminal assembly by: qts-xxx-xx-xxx-d-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 6/28/1999 3 2 sheet scale: 2:1 revision y c:\enterprisevault\dwg\misc\mktg\qts-xxx-xx-xxx-d-xxx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
.2781 7.064 ref .010 ref 0.25 .055 1.40 (((no of positions / 25) x .7875[20.003]) -.060[1.52]) .003[.08] 2 max sway (typ) "b" "b" t-1g1-xx-xxx qts-25-02-d-xx (see note 10) qtsh-25-xx-d-xx fig. 3 qts-075-03-xxx-d-lc shown [different as shown, otherwise same as fig. 1] lc-08-tm-01 01 02 .2650 6.731 ref .035 ref 0.89 ((no of positions / 25) x .7875[20.003]) -.060[1.52] ref qtsh-25-xx-d-xx-a qts-25-02-d-xx (see note 10) r -a: alignment pin option [different as shown, otherwise same as fig. 3] (style -03, -04, -05 & -06) .0525 1.334 ref .0375 0.953 ref "a" .037 ref 0.94 .281 ref 7.14 .056 ref 1.42 .0525 ref 1.334 section "b"-"b" t-1s51-xx-xxx (see notes 8, 9 & 12) .003[.08] .001[.03] (see sheet 1) (see notes 9 & 12) c4 see table 2 * * * = not tooled sheet of h.635mm double row hs terminal assembly by: qts-xxx-xx-xxx-d-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 6/28/1999 3 3 sheet scale: 1.75:1 revision y c:\enterprisevault\dwg\misc\mktg\qts-xxx-xx-xxx-d-xxx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of QTS-125-05-STL-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X