Part Number Hot Search : 
NDL0505S LS161 N01114 DS3612 95250 M2520E 2N6677 Z5246B
Product Description
Full Text Search
 

To Download QTE-028-05-STL-D-DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print "b" ref .745 ref 18.92 .010 ref 0.25 .055 1.40 (((no of positions / 14) x .7875[20.003]) -.060[1.52]) .003[.08] "a" "a" -lc: locking clip option shown t-1g1-01-xxx lc-08-01-t fig. 1 qte-042-01-xxx-d-dp-lc shown qte-20-01-d-xx ag qte-xxx-xx-xxx-d-dp-xxx no of positions -014, -028, -042, *-056,*-070 (per row) (*see note 12) row specification -d: double (use qte-20-xx-d-xx & qteh-20-xx-d-xx) option -a: alignment pins -lc: locking clips(see note 13) (use lc-08-tm-01) -k: polyimide film (use k-dot-.276-.375-.005) (see fig. 2, sht. 2) (n/a on styles -07 & -08) -gp: guide posts (available on -01 only) (use qte-20-01-d-xx-x-gp) (see fig. 3, sht. 2) -tr: tape & reel (42 pos. max) (not available on -05, -06, -07, -08 lead styles) (028 pos max for -gp option) -rt1: retention option (see fig. 7, sheet 4) (only available on -01 lead style) (must use -a option) (use qte-20-01-d-xx-a-rt1 & t-1r36-01-f) (not available with -lc, -gp, -sd, or -fl) (not available on -056 & -070 pos) -l: latching option (28 pos. max.) (see fig. 8, sheet 5) (must use -a option) (available on -01 only) (not available with -lc, -gp, -sd, -fl, or -rt1) plating specification -f: flash selective gold with matte tin tails (use t-1sxx-xx-f, t-1g1-xx-f) -l: light selective gold with matte tin tails (use t-1sxx-xx-l, t-1g1-xx-l) -h: heavy gold with flash gold tails (use t-1sxx-xx-h, t-1g1-xx-g) -c: electro-polished selective (use t-1sxx-xx-c, t-1g1-xx-l) -stl: heavy selective gold with tin lead tails (use t-1sxx-xx-stl, t-1g1-xx-stl) -ftl: flash selective gold with tin lead tails (use t-1sxx-xx-ftl, t-1g1-xx-ftl) lead style -01: .1680 [4.267] (see fig.1) -02: .2861 [7.264] (see fig.1) -03: .4042 [1.123] (see fig.1) -04: .600[15.24] (see fig. 4, sht. 3) -05: .718[18.237] (see fig. 4, sht. 3) -06: .835[21.209] (see fig. 4, sht. 3) -07: .954[24.232] -08: 1.151[29.24] -09: .522[13.258] -10: .5606[14.239] no of banks body style -dp: differential pairs = aso only (application specific order) x x x x x x x .015 ref 0.38 "a" (see note 5, 6 & 10) .280 ref 7.112 .056 ref 1.42 .023 ref 0.57 see table 2 'a' section "a"-"a" c3 c2 t-1sxx-xx-xxx (see table 1) .003[.08] .002[.05] (((no of positions / 14) x .7875[20.003]) - .060[1.52]) ref -a: alignment pin option shown qte-20-01-d-xx-a (styles -01, -02 & -03) .036 0.91 ref .038 ref 0.95 r .006 0.15 ref detail 'a' scale 6 : 1 .155 ref 3.94 (no of positions / 14) x .7875[20.003] .632 16.05 .788 ref 20.00 .008 ref 0.20 .235 ref 5.97 .032 ref 0.80 .095 ref 2.40 .033 0.84 ref @ .0945[2.40] 6 spaces 01 02 c x c1 sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01[.3] 2 .xxx: .005[.13] .xxxx: .0020[.051] material: .8mm differential pairs hs terminal assembly by: qte-xxx-xx-xxx-d-dp-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 4/28/2000 5 1 sheet scale: 1.25:1 insulator: lcp, black terminal: phos bronze ground plane: phos bronze f:\dwg\misc\mktg\qte-xxx-xx-xxx-d-dp-xxx-mkt.slddrw notes: 1. represents a critical dimension. 2. minimum terminal retention: 5 oz. 3. minimum ground plane retention: 1 lb. 4. parts to be molded to position. 5. maximum variance of .002 [.05]. 6. dimension applies to terminals and ground plane. 7. deleted. 8. deleted. 9. -l plating can be substituted for -f plating. 10. ground plane press height must be .003[.08] less than the max height or .001[.03] greater than the minimum height of the terminals. 11. t-1r36 retention to body to be 1.0 lbf. 12. for new applications requiring these positions, please contact samtec interconnect processing group. 13. due to the high amount of insertion force needed, the Clc option is not compatible with auto placement. samtec recommends manual placement for all assemblies with the Clc option. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision ag
"r" ref .276 7.01 "s" .021 0.521 fig. 2 -k: polyimide film pad [use k-dot-.276-.375-.005] note: "r" = (no of positions / 14) x .7875[20.003] "s" = (("r" - .276[7.01]) / 2) .020[.51] "c" .125 ref 3.18 ((no of positions / 14) x .7875[20.003]) + .225[5.72] ref ((no of positions / 14) x .7875[20.003]) + .5175[13.145] ref fig. 3 -gp: guide post option (-01 lead style only) (same as fig. 1, unless otherwised stated) c l qte-20-01-d-xx-x-gp .363 9.22 .300 7.62 ((no of positions / 14) x .7875[20.003]) - .060 [1.52] ref .035 ref 0.89 qte-20-03-d-xx-a (-lc body may be used to substitute) qteh-20-xx-d-xx-a -a: alignment pin option (styles -04, -05, -06, -07, -08, -09, -10) .053 1.33 ref .038 0.95 ref sheet of .8mm differential pairs hs terminal assembly by: qte-xxx-xx-xxx-d-dp-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 4/28/2000 5 2 sheet scale: 2:1 revision ag f:\dwg\misc\mktg\qte-xxx-xx-xxx-d-dp-xxx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
.396 ref 10.06 .055 1.40 .010 ref 0.25 "b" "b" qte-20-03-d-xx-a (-lc body may be used to substitute) qteh-20-xx-d-xx t-1g1-xx-x -lc: locking clip option shown fig. 4 qte-042-04-x-d-dp-lc shown (same as fig. 1, unless otherwise stated) (styles -04, -05, & -06) 01 02 .265 6.73 ref .056 ref 1.42 .281 ref 7.14 (see note 5) "d" (see table 4) section "b"-"b" .003[.08] .001[.03] c5 t-1s41-xx-xxx see table 2 6 & 10) "d" (see table 4) (see notes "c" "c" [different as shown, otherwise same as fig. 4] (styles -07 & -08) qte-042-07-x-d-dp-a shown fig. 5 qteh-20-04-d-xx-a qte-20-02-d-xx-a .003[.08] .001[.03] section "c"-"c" scale 1.25 : 1 t-1g17-xx-xxx t-1s61-xx-xxx 6 & 10) "d" (see table 4) (see notes "d" "d" fig. 6 qte-042-09-x-d-dp-a shown [different as shown, otherwise same as fig. 4] (styles -09 & -10) qteh-20-01-d-xx-a qte-20-02-d-xx-a .003[.08] .001[.03] section "d"-"d" scale 1.25 : 1 t-1s60-xx-xxx t-1g1-xx-xxx sheet of .8mm differential pairs hs terminal assembly by: qte-xxx-xx-xxx-d-dp-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 4/28/2000 5 3 sheet scale: 1:0.666667 revision ag f:\dwg\misc\mktg\qte-xxx-xx-xxx-d-dp-xxx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
(((no of banks) x .7875[20.003]) + .341[8.66]) .004[0.10] 'f' ((no of banks) x .7875[20.003]) + .650[16.51] ref qte-20-01-d-xx-a-rt1 .069 1.76 ref .062 1.57 ref .190 4.83 (see note 11) .100 ref 2.54 .070 ref 1.78 detail 'f' scale 5 : 1 t-1r36-01-f (2x) fig. 7 -rt1: retention option (only available on -01 lead style)(must use -a option) (not available with -lc, -gp, -sd, or -fl options) (not available on -056 & -070 positions) (same as fig. 1, unless otherwise stated) c6 c7 sheet of .8mm differential pairs hs terminal assembly by: qte-xxx-xx-xxx-d-dp-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 4/28/2000 5 4 sheet scale: 1:0.4 revision ag f:\dwg\misc\mktg\qte-xxx-xx-xxx-d-dp-xxx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
.010 ref 0.25 (no of pos / 14) x .7875 [20.00] +.1310[3.327] 43.17 .053 .002 1.35 0.051 (no of pos / 14) x .7875 [20.00] +.0665 [1.689] 41.62 qte-20-01-d-xx-a-l (no of pos / 14) x .7875 [20.003] + .1180[2.997] ref 43.00 .025 0.64 ref wt-56-01-t fig. 8 -l: latching option (28 pos. max.) (must use -a option) (available on -01 lead sytle only) (not available with -lc, -gp, -sd, -fl, or -rt1) (same as fig. 1, unless otherwise stated) c8 c9 c10 ag sheet of .8mm differential pairs hs terminal assembly by: qte-xxx-xx-xxx-d-dp-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 4/28/2000 5 5 sheet scale: 1:0.4 revision ag f:\dwg\misc\mktg\qte-xxx-xx-xxx-d-dp-xxx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of QTE-028-05-STL-D-DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X