Part Number Hot Search : 
5KP15 36532A8 BUK72 1203SH3 75NS04Z B3164 MAX9742 AOT5N60
Product Description
Full Text Search
 

To Download POP-190 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  05 pop series - point of promotion solutions features specifications note: all specifications are subject to change without notice. 05-1 onboard intel? celeron? m low voltage processor 19 wxvga color tft lcd display open frame design cost-effective solution windows? 2000, windows? xp, windows? xp embedded support touchscreen support 19 16:9 point of promotion panel pc system processor intel? celeron? m 1.5 ghz /600 mhz system memory 512 mb lcd/crt controller intel? 852gm ethernet 10/100base -tx, rj-45 x 1 i/o port rs-232 x 1, rs-232/422/485 x 1 usb2.0 x 2 audio line out x 1 ps/2 x 1 (keyboard + mouse) vga out x 1 storage disk 2.5 hard disk drive bay /compactflash slot(internal) expansion slot mini pci slot x 1 (internal) os support windows? 2000, windows? xp pro for embedded , windows? xp embedded, windows? 7 mechanical construction open frame color gray mounting vesa 100 dimension 19.21 x 12.91 x 2.48 (488mm x 328mm x 63mm) gross weight 17.6 lb (8 kg) net weight 14.3 lb (6.5 kg) environmental operating temperature 32f ~ 104f ( 0c ~ 40c) storage temperature -4f ~ 140f (-20c ~ 60c) storage humidity 10% to 90%@ 40c, non-condensing emc ce/ fcc class a power supply dc-dc input input range: 9v~30vdc lcd display type 19" tft-lcd max. resolution 1440 x 900 max. color 16.7m colors dot size 0.2835 x 0.2835 luminance 300 cd/m 2 view angle 160?(h)/160?(v) back light mtbf 50,000 touchscreen type 5-wire, analog resistive resolution 2048 x 2048 light transmission 80% lifetime 35 million activations power switch 9 ~30v dc-in 10/100base-tx lan port ps/2 vga hard disk drive bay com com usb2.0 x 2 POP-190
05-2 dimension unit: mm tf-POP-190-htt-g3-0001-1210 ? intel? celeron? m 1.5 ghz open frame panel pc with 19 lcd, 512 mb ram and touchscreen tf-POP-190-htt-g3-0002-1210 ? intel? celeron? m 600 mhz fanless open frame panel pc with 19 lcd, 512 mb ram and touchscreen tf-POP-190-ht-g3-0001-1210 ? intel? celeron? m 1.5 ghz open frame panel pc with 19 lcd, 512 mb ram tf-POP-190-ht-g3-0002-1210 ? intel? celeron? m 600 mhz fanless open frame panel pc with 19 lcd, 512 mb ram ordering information optional accessories 9741666646 ? wireless lan kit, ieee802.11b/g, with antenna arm-wk075-0 ? wallmount kit with vesa 75/100mm standards 2.5 hard disk drive ? 1702031830 ? power cord (us type) 1702031831 ? power cord (european type) 1702031810 ? power cord (japanese type) 1757912001 ? ac adapter (output dc 19v) POP-190


▲Up To Search▲   

 
Price & Availability of POP-190

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X