05 pop series - point of promotion solutions features specifications note: all specifications are subject to change without notice. 05-5 onboard intel? atom? n270 or intel? celeron? m low voltage processor 10.2 wsvga color tft lcd display open frame design windows? xp pro for embedded, windows? xp embedded support touch screen support 10.2 16:9 point of promotion panel pc system g3 series g5 series processor intel? celeron? m 1.5 ghz/ 600 mhz intel? atom? n270 1.6 ghz memory (optional) ddr sodimm x 1, max. 1 gb ddr sodimm x 1, max. 2 gb lcd/crt controller intel? 852gm intel? 945gse ethernet 10/100base -tx ,rj-45 x 1(optional) 10/100/1000base -tx ,rj-45 x 2 i/o port rs-232 x 1, rs-232/422/485 x 1 usb2.0 x 2 audio line out x 1 vga out x 1 ps/2 x 1 (keyboard + mouse) storage disk drive 2.5hard disk drive bay/ compactflash? slot (internal) expansion slot mini pci slot x 1 (internal) os support windows? xp, windows? xp pro for embedded mechanical construction open frame front panel color gray mounting vesa 100 dimension 12.52 (w) x 8.58 (h) x 1.98 (d) (318mm x 218mm x 50.3mm) gross weight 6.6 lb (3 kg) net weight 4.4 lb (2 kg) environmental operating temperature 32f ~ 104f ( 0c ~ 40c) storage temperature -4f ~ 140f (-20c ~ 60c) storage humidity 10% to 90%@ 40c, non-condensing power supply dc-dc input input range: 9v~30vdc lcd display type 10.2 tft-lcd max. resolution 1024 x 600 max. colors 262k colors dot size 0.2175 x 0.2175 luminance (typical) 400 cd/m 2 viewing angle 140(h)/ 110(v) back light mtbf (hours) 40,000 touchscreen type 5-wire, analog resistive resolution 2048 x 2048 light transmission 80% lifetime 35 million activations POP-100 dc input power switch usb x 2 com 1 vga out com 2 lan ps/2 audio line out hard disk drive bay
05-6 dimension unit: mm tf-POP-100-ht-g3-0001-1210 ? intel? celeron? m 1.5 ghz, open frame panel pc with 10.2 lcd, 512 mb ram tf-POP-100-ht-g3-0002-1210 ? intel? celeron? m 600 mhz, fanless, open frame panel pc with 10.2 lcd, 512 mb ram tf-POP-100-htt-g3-0001-1210 ? intel? celeron? m 1.5 ghz, open frame panel pc with 10.2 lcd, 512 mb ram, touch screen tf-POP-100-htt-g3-0002-1210 ? intel? celeron? m 600 mhz, fanless, open frame panel pc with 10.2 lcd, 512 mb ram, touch screen tf-POP-100-htt-g5-0001-1010 ? intel? atom? n270 1.6 ghz, open frame panel pc with 10.2 lcd, 512 mb ram, touch screen tf-POP-100-ht-g5-0001-1010 ? intel? atom? n270 1.6 ghz, open frame panel pc with 10.2 lcd, 512 mb ram ordering information 9741666646 ? wireless lan kit, ieee802.11b/g, with antenna arm-wk075-0 ? wallmount kit with vesa 75/100mm standards 2.5 hard disk drive ? 1702031830 ? power cord (us type) 1702031831 ? power cord (european type) 1702031810 ? power cord (japanese type) 1757912001 ? ac adapter (output dc 19v) optional accessories POP-100
|