Part Number Hot Search : 
C68HC LSI20 4053B 512K3 1SMC160A 31005 GP2A231 100E3
Product Description
Full Text Search
 

To Download PCIE-7248 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-55 www.adlinktech.com 96/48/24-ch opto-22 compatible dio cards pci-7296/7248/7224, pcie-7296/7248 introduction adlink's pci-7296/7248/7224 and PCIE-7248/7296 are high-density parallel digital i/o boards with 96/48/24 i/o channels. the header connectors are fully compatible with industry opto-22 standard. thus, pci-7296/7248/7224 and PCIE-7248/7296 can utilize the opto-22 external devices. the pci-7296/7248/7224 and PCIE-7248/7296 devices emulate mode 0 of the industry standard 8255 programmable peripheral interface (ppi) chips. the pci-7296/7248/7224 and PCIE-7248/7296 provides 4/2/1 ppi chips respectively. each ppi offers three 8-bit ports: port a, port b and port c. the port c is divided into 2 nibble-wide (4-bit) ports. the pci-7296/7248/7224 and PCIE-7248/7296 devices have programmable timer/counters. one 16-bit counter is available for event counting, while the other 32-bit timer is available for timed interrupt generation. the pci-7296/7248/7224 and PCIE-7248/7296 devices provide multiple programmable interrupt sources from dio channels, as well as the output of the timer. features supports a 32-bit 5 v pci bus (pci-7224/7248/7296) x1 pci express ? interface (PCIE-7248/7296) 96-ch digital ttl/dtl inputs/outputs (pci/pcie-7296) 48-ch digital ttl/dtl inputs/outputs (pci/PCIE-7248) 24-ch digital ttl/dtl inputs/outputs (pci-7224) emulates 4/2/1 industry standard 8255 ppi (mode 0) direct interface with opto-22 compatible i/o modules output status read back onboard 8254 timer/counter chip one 32-bit timer for timed interrupt generation one 16-bit event counter to generate event interrupt programmable interrupt sources +12 v and +5 v power available on opto-22 connectors onboard resettable fuses for power output protection compact, half-size pcb operating systems ? windows vista/xp/2000/2003 ? linux recommended software ? ad-logger ? vb.net/vc.net/vb/vc++/bcb/delphi ? daqbench driver support ? daqpilot for labview? ? daq-mtlb for matlab ? ? pcis-dask for windows ? pcis-dask/x for linux pin assignment specifications digital i/o number of channels ? 96 inputs/outputs (pci/pcie-7296) ? 48 inputs/outputs (pci/PCIE-7248) ? 24 inputs/outputs (pci-7224) compatibility: 5 v/ttl digital logic levels ? input high voltage: 2-5.25 v ? input low voltage: 0-0.8 v ? output high voltage: 2.4 v minimum ? output low voltage: 0.5 v maximum output driving capacity ? source current: 2.6 ma for port a & b, and 15 ma for port c. ? sink current: 24 ma data transfers: programmed i/o general specifications i/o connector ? 50-pin ribbon male x 1 (pci-7224) ? 50-pin ribbon male x 2 (pci/PCIE-7248) ? 50-pin ribbon male x 4 (pci/pcie-7296) operating temperature: 0oc to 60oc storage temperature: -20oc to 80oc relative humidity: 5% to 95%, non-condensing power requirements dimensions (not including connectors) ? 148 mm x 102 mm (pci-7248 and pci-7224) ? 166 mm x 102 mm (pci-7296) ? 168 mm x 112 mm (PCIE-7248/7296) terminal boards tb-24r-01* terminal board with 24-ch relay outputs tb-24p-01* terminal board with 24-ch isolated digital inputs tb-16p8r-01* terminal board with 16-ch isolated di & 8-ch relay outputs din-24r-01* terminal board with 24-ch relay outputs din-24p-01* terminal board with 24-ch isolated digital inputs and din-rail mounting * cables are not included. for more information about mating cables, please refer to p2-61/62. note: the pci-7224 is the 24-ch version of the pci-7248. the software drivers of the pci-7224 are exactly the same as those of the pci-7248 ordering information pci-7296 96-ch opto-22 compatible dio card pci-7248 48-ch opto-22 compatible dio card pci-7224 24-ch opto-22 compatible dio card PCIE-7248 48-ch opto-22 compliant pcie dio card pcie-7296 96-ch opto-22 compliant pcie dio card pnc7 pnc6 pnc5 pnc4 pnc3 pnc2 pnc1 pnc0 pnb7 pnb6 pnb5 pnb4 pnb3 pnb2 pnb1 pnb0 pna7 pna6 pna5 pna4 pna3 pna2 pna1 pna0 +5vout 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 +12vout/gnd (user selection) +12vout/gnd (user selection) gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd gnd 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 pci-7224/7248/7296 & PCIE-7248/7296 digital i/o pci-7296 pci-7248 pcie-7296 device pci-7296 pci-7248 pci-7224 PCIE-7248 pcie-7296 power consumption 860 ma @ 5 vdc typical 500 ma @ 5 vdc typical 330 ma @ 5 vdc typical 350 ma @ 12 vdc typical 280 ma @ 3.3 vdc typical 590 ma @ 12 vdc typical 280 ma @ 3.3 vdc typical PCIE-7248 pci-7224 updated 03-28, 2012. ? 2012 adlink technology, inc. all rights reserved. all specifcations are subject to change without further notice.


▲Up To Search▲   

 
Price & Availability of PCIE-7248

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X