Part Number Hot Search : 
T1630 1117G 2SK3351 HL8335MG HCT157 BCW66 AQW277 691104
Product Description
Full Text Search
 

To Download PCH-27X-104JLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  axial lead power chokes C p c h - 2 7, 4 5 document 138-1 ? wide inductance range in a low profle part ? high saturation currentup to 14.3 amps ? standard eia and custom values; most values shipped from stock ? available with an optional heat-shrink sleeve for additional protention for the windings designers kit p409 contains 2 each of 30 parts core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant tin-silver over copper. other termina - tions available at additional cost. weight pch-27: 1.55 C 1.90 g; pch-45: 6.16 C 8.34 g ambient temperature C40c to +85c storage temperature component: C40c to +85c. tray packaging: C40c to +80c moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 100 parts per tray (standard) optional tape and reel pch-27: 1000 per 13 reel; 10 mm part spacing pch-45: 300 per 13 reel; 15 mm part spacing tape width: 75.5 mm; leads are trimmed to ft tape width. pcb washing only pure water or alcohol recommended pch-45 series 0.938 23,8 max clean lead to clean lead 20 a wg tinned copper 1.25 0.250 31,75 6,35 0.863 21,92 max 1.25 0.250 31,75 6,35 0.453 11,5 dia max pch-27 series 0.650 16,51 max clean lead to clean lead 20 a wg tinned copper 1.25 0.250 31,75 6,35 0.585 14,85 max 1.25 0.250 31,75 6,35 0.277 7,04 dia max document 138-1 revised 07/21/10 dimensions are in inches mm us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 138-2 document 138-2 revised 07/21/10 part inductance percent srf typ dcr max i sat 4 i rms 5 number 1 nom 2 tolerance 3 (mhz) (ohms) (a) (a) pch-27x-392klt 3.9 h 10 38 0.017 7.01 1.7 pch-27x-472klt 4.7 h 10 26 0.024 6.16 1.3 pch-27x-562klt 5.6 h 10 25 0.025 5.79 1.3 pch-27x-682klt 6.8 h 10 25 0.028 5.20 1.3 pch-27x-822klt 8.2 h 10 22 0.030 4.70 1.3 pch-27x-103klt 10 h 10 17 0.033 4.30 1.3 pch-27x-123_lt 12 h 10 ,5 16 0.037 3.80 1.3 pch-27x-153_lt 15 h 10 ,5 12 0.041 3.41 1.3 pch-27x-183_lt 18 h 10 ,5 11 0.045 3.09 1.3 pch-27x-223_lt 22 h 10 ,5 10 0.064 2.82 1.0 pch-27x-273_lt 27 h 10 ,5 7 0.071 2.53 1.0 pch-27x-333_lt 33 h 10 ,5 7 0.078 2.29 1.0 pch-27x-393_lt 39 h 10 ,5 7 0.085 2.09 1.0 pch-27x-473_lt 47 h 10 ,5 6 0.094 1.88 1.0 pch-27x-563_lt 56 h 10 ,5 6 0.12 1.74 0.84 pch-27x-683_lt 68 h 10 ,5 7 0.16 1.57 0.67 pch-27x-823_lt 82 h 10 ,5 4 0.22 1.41 0.52 pch-27x-104_lt 100 h 10 ,5 3 0.25 1.28 0.52 pch-27x-124_lt 120 h 10 ,5 3 0.35 1.17 0.42 pch-27x-154_lt 150 h 10 ,5 3 0.39 1.04 0.42 pch-27x-184_lt 180 h 10 ,5 3 0.43 0.943 0.42 pch-27x-224_lt 220 h 10 ,5 3 0.47 0.848 0.42 pch-27x-274_lt 270 h 10 ,5 2 0.65 0.764 0.33 pch-27x-334_lt 330 h 10 ,5 2 0.72 0.690 0.33 pch-27x-394_lt 390 h 10 ,5 2 0.78 0.632 0.33 pch-27x-474_lt 470 h 10 ,5 2 1.04 0.573 0.26 pch-27x-564_lt 560 h 10 ,5 1 1.14 0.520 0.26 pch-27x-684_lt 680 h 10 ,5 1 1.49 0.472 0.21 pch-27x-824_lt 820 h 10 ,5 1 2.14 0.427 0.16 pch-27x-105_lt 1.0 mh 10 ,5 1 2.36 0.385 0.16 pch-27x-125_lt 1.2 mh 10 ,5 1 2.59 0.350 0.16 pch-27x-155_lt 1.5 mh 10 ,5 0.85 3.57 0.312 0.13 pch-27x-225_lt 2.2 mh 10 ,5 0.65 4.33 0.255 0.13 pch-27x-275_lt 2.7 mh 10 ,5 0.65 5.91 0.229 0.10 pch-27x-335_lt 3.3 mh 10 ,5 0.60 8.63 0.207 0.083 pch-27x-395_lt 3.9 mh 10 ,5 0.60 9.38 0.189 0.083 pch-27x-475_lt 4.7 mh 10 ,5 0.50 10.3 0.172 0.083 pch-27x-565_lt 5.6 mh 10 ,5 0.60 11.2 0.157 0.083 pch-27x-685_lt 6.8 mh 10 ,5 0.40 15.0 0.142 0.067 pch-27x-825_lt 8.2 mh 10 ,5 0.35 21.7 0.128 0.052 pch-27x-106_lt 10 mh 10 ,5 0.30 24.0 0.116 0.052 pch-27x-126_lt 12 mh 10 ,5 0.25 33.2 0.105 0.040 pch-27x-156_lt 15 mh 10 ,5 0.30 47.2 0.094 0.031 pch-27x-186_lt 18 mh 10 ,5 0.30 51.7 0.085 0.031 pch-27x-226_lt 22 mh 10 ,5 0.25 60.0 0.070 0.025 1. please specify sleeve , tolerance , termination and packaging codes: pch-27 x -226 klt sleeve x = no sleeve, s = optional heat-shrink sleeve (not stocked) tolerance: j = 5%, k = 10% (table shows stock tolerances in bold.) termination: l = rohs compliant tin-silver over copper special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: t = 100 per tray r = optional tape and reel (1000 per full 13 reel) 2. inductance tested at 15.75 khz, 0.1 vrms, 25c ambient. 3. tolerances in bold are stocked for immediate shipment. 4. dc current at which the inductance drops 10% (typ) from its value without current. 5. rated current based on 300 circular mils per amp. 6. operating temperature range C40c to +85c. 7. electrical specifcations at 25c. 8. parts in bold type are included in coilcraft designers kit no. p409. aial lead power chokes C pch-27 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 138-3 document 138-3 revised 07/21/10 part inductance percent srf typ dcr max i sat 4 i rms 5 number 1 nom 2 tolerance 3 (mhz) (ohms) (a) (a) pch-45x-392klt 3.9 h 10 34 0.008 14.3 4.3 pch-45x-472klt 4.7 h 10 31 0.009 13.0 4.3 pch-45x-562klt 5.6 h 10 29 0.009 11.9 4.3 pch-45x-682klt 6.8 h 10 26 0.010 11.0 4.3 pch-45x-822klt 8.2 h 10 23 0.011 9.50 4.3 pch-45x-103klt 10 h 10 20 0.012 8.93 4.3 pch-45x-123klt 12 h 10 17 0.013 7.94 4.3 pch-45x-153klt 15 h 10 14 0.015 7.15 4.3 pch-45x-183klt 18 h 10 11 0.016 6.50 4.3 pch-45x-223_lt 22 h 10 ,5 10 0.017 5.95 4.3 pch-45x-273_lt 27 h 10 ,5 9 0.019 5.50 4.3 pch-45x-333_lt 33 h 10 ,5 9 0.021 4.93 4.3 pch-45x-393_lt 39 h 10 ,5 8 0.025 4.46 4.3 pch-45x-473_lt 47 h 10 ,5 7 0.035 4.08 3.4 pch-45x-563_lt 56 h 10 ,5 6 0.037 3.76 3.4 pch-45x-683_lt 68 h 10 ,5 5 0.044 3.40 2.7 pch-45x-823_lt 82 h 10 ,5 4 0.060 3.10 2.1 pch-45x-104_lt 100 h 10 ,5 3 0.086 2.80 1.7 pch-45x-124_lt 120 h 10 ,5 3 0.095 2.55 1.7 pch-45x-154_lt 150 h 10 ,5 3 0.14 2.30 1.3 pch-45x-184_lt 180 h 10 ,5 2 0.15 2.10 1.3 pch-45x-224_lt 220 h 10 ,5 2 0.17 1.90 1.3 pch-45x-274_lt 270 h 10 ,5 2 0.19 1.72 1.3 pch-45x-334_lt 330 h 10 ,5 2 0.21 1.55 1.3 pch-45x-394_lt 390 h 10 ,5 2 0.26 1.43 1.0 pch-45x-474_lt 470 h 10 ,5 1 0.32 1.30 1.0 pch-45x-564_lt 560 h 10 ,5 1 0.38 1.19 0.84 pch-45x-684_lt 680 h 10 ,5 1 0.51 1.08 0.67 pch-45x-824_lt 820 h 10 ,5 1 0.59 0.986 0.67 pch-45x-105_lt 1.0 mh 10 ,5 1 0.69 0.893 0.67 pch-45x-125_lt 1.2 mh 10 ,5 1 0.78 0.817 0.67 pch-45x-155_lt 1.5 mh 10 ,5 0.75 0.92 0.729 0.67 pch-45x-225_lt 2.2 mh 10 ,5 0.70 1.67 0.600 0.42 pch-45x-275_lt 2.7 mh 10 ,5 0.65 2.28 0.543 0.33 pch-45x-335_lt 3.3 mh 10 ,5 0.60 2.59 0.491 0.33 pch-45x-395_lt 3.9 mh 10 ,5 0.55 2.87 0.452 0.33 pch-45x-475_lt 4.7 mh 10 ,5 0.50 3.22 0.412 0.33 pch-45x-565_lt 5.6 mh 10 ,5 0.40 4.25 0.377 0.26 pch-45x-685_lt 6.8 mh 10 ,5 0.35 5.88 0.342 0.21 pch-45x-825_lt 8.2 mh 10 ,5 0.30 6.46 0.311 0.21 pch-45x-106_lt 10 mh 10 ,5 0.30 9.10 0.282 0.16 pch-45x-126_lt 12 mh 10 ,5 0.30 9.99 0.257 0.16 pch-45x-156_lt 15 mh 10 ,5 0.30 11.2 0.230 0.16 pch-45x-186_lt 18 mh 10 ,5 0.20 15.2 0.210 0.13 pch-45x-226_lt 22 mh 10 ,5 0.20 16.8 0.190 0.13 pch-45x-276_lt 27 mh 10 ,5 0.15 18.6 0.171 0.13 pch-45x-336_lt 33 mh 10 ,5 0.15 26.7 0.155 0.10 pch-45x-396_lt 39 mh 10 ,5 0.15 29.0 0.143 0.10 pch-45x-476_lt 47 mh 10 ,5 0.10 31.8 0.131 0.10 pch-45x-566_lt 56 mh 10 ,5 0.10 42.6 0.119 0.083 pch-45x-686_lt 68 mh 10 ,5 0.10 46.9 0.108 0.083 pch-45x-826_lt 82 mh 10 ,5 0.10 64.9 0.098 0.067 pch-45x-107_lt 100 mh 10 ,5 0.10 71.7 0.099 0.067 1. please specify sleeve , tolerance , termination and packaging codes: pch-45 x -107 klt sleeve x = no sleeve, s = optional heat-shrink sleeve (not stocked) tolerance: j = 5%, k = 10% (table shows stock tolerances in bold.) termination: l = rohs compliant tin-silver over copper special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: t = 100 per tray r = optional tape and reel (1000 per full 13 reel) 2. inductance tested at 15.75 khz, 0.1 vrms, 25c ambient. 3. tolerances in bold are stocked for immediate shipment. 4. dc current at which the inductance drops 10% (typ) from its value without current. 5. rated current based on 300 circular mils per amp. 6. operating temperature range C40c to +85c. 7. electrical specifcations at 25c. 8. parts in bold type are included in coilcraft designers kit no. p409. aial lead power chokes C pch-45 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of PCH-27X-104JLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X