Part Number Hot Search : 
XXXEH SM2233 2SB1401 AD8618AR 1N400 00201 SC101 95108
Product Description
Full Text Search
 

To Download P4KE24-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p4ke6.8(c)a thru p4ke550(c)a 400 watt transient voltage suppressors 6.8 to 550 volts d o - 41 features unidirectional and bidirectional low zener imdepa nce high temp soldering: 26 0 c for 10 seconds at terminals for bidirectional devices add ?c? to the suffix of the part number: i.e. p4ke6.8c or p4ke6.8ca for 5% tolerance devices operating temperature: -55c to +175c storage temperature: -55c to +175c pppm=400 watt (peak pulse power dissipation at ta=25 response time 1 x 10 -12 seconds for unidirectional and 5 x 10 -9 for bidirectional inches mm dim min max min max note a .166 .205 4.10 5.20 b . 0 80 .107 2.00 2.70 c .028 .034 .70 .90 d 1.000 --- 25.40 --- a b c d d cathode mark         
 omp onents 20736 marilla street chatsworth               !  " #   $
%         !   " #    mcc revision: 6 2008/01/01 tm micro commercial components dimensions maximum ratings c) pm(av)=1w(steady state power dissipation at tl=75 c) ifsm=40a(peak forward surge current,8.3ms single half sine-wave superimposed on rated load. x case material: molded plastic. ul flammability classification rating 94v-0 mechanical data x case :jedec do-41 molded plastic x polarity :color band denotes cathodes except bipolar x mounting positio :any x weight :0.012ounce,0.3grams www. mccsemi .com 1 of 4
mcc tm micro commercial components www. mccsemi .com 2 of 4 p4ke6.8 thru p4ke550a revision: 6 2008/01/01
mcc p4ke6.8a thru p4ke550 a revision: 6 2008/01/01 tm micro commercial components reverse maximun maximum maximum maximum standoff reverse clamping peak temperature current voltage leakage voltage pluse coefficient i t v wm i r @v wm vc@ipp current (i pp )of v( br ) uni-polar bi-polar min max ma(dc) v ua v a (% / ) p4ke6.8a p4ke6.8ca 6.45 7.14 10 5.8 1000 10.5 39 0.057 p4ke7.5a p4ke7.5ca 7.13 7.88 10 6.4 500 11.3 36.3 0.061 p4ke8.2a p4ke8.2ca 7.79 8.61 10 7.02 200 12.1 33.9 0.060 p4ke9.1a p4ke9.1ca 8.65 9.55 1 7.78 50 13.4 30.6 0.068 p4ke10a p4ke10ca 9.5 10.5 1 8.55 10 14.5 28.3 0.073 p4ke11a p4ke11ca 10.5 11.6 1 9.4 5 15.6 26.3 0.075 p4ke12a p4ke12ca 11.4 12.6 1 10.2 5 16.7 24.6 0.078 p4ke13a p4ke13ca 12.4 13.7 1 11.1 5 18.2 22.5 0.081 p4ke15a p4ke15ca 14.3 15.8 1 12.8 5 21.2 19.3 0.084 p4ke16a p4ke16ca 15.2 16.8 1 13.6 5 22.5 18.2 0.086 p4ke18a p4ke18ca 17.1 18.9 1 15.3 5 25.5 16.1 0.088 p4ke20a p4ke20ca 19 21 1 17.1 5 27.7 14.8 0.090 p4ke22a p4ke22ca 20.9 23.1 1 18.8 5 30.6 13.4 0.092 p4ke24a p4ke24ca 22.8 25.2 1 20.5 5 33.2 12.3 0.094 p4ke27a p4ke27ca 25.7 28.4 1 23.1 5 37.5 10.9 0.096 p4ke30a p4ke30ca 28.5 31.5 1 25.6 5 41.4 9.9 0.097 p4ke33a p4ke33ca 31.4 34.7 1 28.2 5 45.7 9 0.098 p4ke36a p4ke36ca 34.2 37.8 1 30.8 5 49.9 8.2 0.099 p4ke39a p4ke39ca 37.1 41 1 33.3 5 53.9 7.6 0.100 p4ke43a p4ke43ca 40.9 45.2 1 36.8 5 59.3 6.9 0.101 p4ke47a p4ke47ca 44.7 49.4 1 40.2 5 64.8 6.3 0.101 p4ke51a p4ke51ca 48.5 53.6 1 43.6 5 70.1 5.8 0.102 p4ke56a p4ke56ca 53.2 58.8 1 47.8 5 77 5.3 0.103 p4ke62a p4ke62ca 58.9 65.1 1 53 5 85 4.8 0.104 p4ke68a p4ke68ca 64.6 71.4 1 58.1 5 92 4.5 0.104 p4ke75a p4ke75ca 71.3 78.8 1 64.1 5 103 4 0.105 p4ke82a p4ke82ca 77.9 86.1 1 70.1 5 113 3.6 0.105 p4ke91a p4ke91ca 86.5 95.5 1 77.8 5 125 3.3 0.106 p4ke100a p4ke100ca 95 105 1 85.5 5 137 3 0.106 p4ke110a p4ke110ca 105 116 1 94 5 152 2.7 0.107 p4ke120a p4ke120ca 114 126 1 102 5 165 2.5 0.107 p4ke130a p4ke130ca 124 137 1 111 5 179 2.3 0.107 p4ke150a p4ke150ca 143 158 1 128 5 207 2 0.108 p4ke160a p4ke160ca 152 168 1 136 5 219 1.9 0.108 p4ke170a p4ke170ca 162 179 1 145 5 234 1.8 0.108 p4ke180a p4ke180ca 171 189 1 154 5 246 1.7 0.108 p4ke200a p4ke200ca 190 210 1 171 5 274 1.5 0.108 p4ke220a p4ke220ca 209 231 1 185 5 328 1.3 0.108 p4ke250a p4ke250ca 237 263 1 214 5 344 1.2 0.110 p4ke300a p4ke300ca 285 315 1 256 5 414 1 0.110 p4ke350a p4ke350ca 332 368 1 300 5 482 0.85 0.110 p4ke400a p4ke400ca 380 420 1 342 5 548 0.75 0.110 p4ke440a p4ke440ca 418 462 1 376 5 602 0.68 0.110 p4ke480a p4ke480ca 456 504 1 408 5 658 0.61 0.110 p4ke510a p4ke510ca 485 535 1 434 5 698 0.57 0.110 p4ke530a p4ke530ca 503.5 556.5 1 477 5 725 0.55 0.110 p4ke540a p4ke540ca 513 567 1 459 5 740 0.54 0.110 p4ke550a p4ke550ca 522.5 577.5 1 495 5 760 0.52 0.110 test mcc part number breakdown voltage v( br )@i t (volts) notes: for bidirectional types having vwm of 10 volts and less,the ir limit is double. for parts without a,the vbr is +/- 10%. n o t e s : fo r bi d ir e ctiona l t y pe s ha v in g v wm o f 10 v ol ts a nd le ss , the i r li mit i s d o u b le . electrical characteristics(ta=25 unless otherwise noted) c www. mccsemi .com 3 of 4
mcc revision: 6 2008/01/01 tm micro commercial components www. mccsemi .com 4 of 4 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-tp tape&reel; 5kpcs/reel (part number)-ap ammo packing;5kpcs/ammobox (part number)-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of P4KE24-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X