Part Number Hot Search : 
UMD3N MA1HFCA V385A XMXXX CM160 2SC25 PE3265 RT1N430C
Product Description
Full Text Search
 

To Download NTP30N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 august, 2005 ? rev. 1 1 publication order number: NTP30N06/d NTP30N06, ntb30n06 power mosfet 30 amps, 60 volts n?channel to?220 and d 2 pak designed for low voltage, high speed switching applications in power supplies, converters and power motor controls and bridge circuits. features ? pb?free packages are available typical applications ? power supplies ? converters ? power motor controls ? bridge circuits maximum ratings (t j = 25 c unless otherwise noted) rating symbol value unit drain?to?source voltage v dss 60 vdc drain?to?gate voltage (r gs = 10 m  ) v dgr 60 vdc gate?to?source voltage ? continuous ? non?repetitive (t p  10 ms) v gs v gs  20  30 vdc drain current ? continuous @ t a = 25 c ? continuous @ t a = 100 c ? single pulse (t p  10  s) i d i d i dm 27 15 80 adc apk total power dissipation @ t a = 25 c derate above 25 c p d 88.2 0.59 w w/ c operating and storage temperature range t j , t stg ?55 to +175 c single pulse drain?to?source avalanche energy ? starting t j = 25 c (v dd = 50 vdc, v gs = 10 vdc, l = 0.3 mh i l(pk) = 26 a, v ds = 60 vdc) e as 101 mj thermal resistance, junction?to?case r  jc 1.7 c/w maximum lead temperature for soldering purposes, 1/8 in from case for 10 seconds t l 260 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 30 amperes, 60 volts r ds(on) = 42 m  to?220ab case 221a style 5 1 2 3 4 n?channel d s g marking diagrams & pin assignments 1 2 3 4 d 2 pak case 418b style 2 ntx30n06 = device code x = b or p a = assembly location y = year ww = work week g = pb?free package see detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. ordering information ntx30n06g ayww 1 gate 3 source 4 drain 2 drain ntx 30n06g ayww 1 gate 3 sourc e 4 drain 2 drain http://onsemi.com
NTP30N06, ntb30n06 http://onsemi.com 2 electrical characteristics (t j = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics drain?to?source breakdown voltage (note 1) (v gs = 0 vdc, i d = 250  adc) temperature coefficient (positive) v (br)dss 60 ? 71.1 70 ? ? vdc mv/ c zero gate voltage drain current (v ds = 60 vdc, v gs = 0 vdc) (v ds = 60 vdc, v gs = 0 vdc, t j = 150 c) i dss ? ? ? ? 1.0 10  adc gate?body leakage current (v gs = 20 vdc, v ds = 0 vdc) i gss ? ? 100 nadc on characteristics (note 1) gate threshold voltage (note 1) (v ds = v gs , i d = 250  adc) threshold temperature coefficient (negative) v gs(th) 2.0 ? 3.05 7.3 4.0 ? vdc mv/ c static drain?to?source on?resistance (note 1) (v gs = 10 vdc, i d = 15 adc) r ds(on) ? 35 42 m  static drain?to?source on?voltage (note 1) (v gs = 10 vdc, i d = 30 adc) (v gs = 10 vdc, i d = 15 adc, t j = 150 c) v ds(on) ? ? 1.1 0.98 1.5 ? vdc forward transconductance (note 1) (v ds = 7.0 vdc, i d = 15 adc) g fs ? 16 ? mhos dynamic characteristics input capacitance (v ds = 25 vdc, v gs = 0 vdc, f = 1.0 mhz) c iss ? 850 1200 pf output capacitance c oss ? 250 350 transfer capacitance c rss ? 68 100 switching characteristics (note 2) turn?on delay time (v dd = 30 vdc, i d = 30 adc, v gs = 10 vdc, r g = 9.1  ) (note 1) t d(on) ? 11 25 ns rise time t r ? 36 80 turn?off delay time t d(off) ? 24 50 fall time t f ? 31 60 gate charge (v ds = 48 vdc, i d = 30 adc, v gs = 10 vdc) (note 1) q t ? 23.4 46 nc q 1 ? 5.1 ? q 2 ? 11 ? source?drain diode characteristics forward on?voltage (i s = 30 adc, v gs = 0 vdc) (note 1) (i s = 30 adc, v gs = 0 vdc, t j = 150 c) v sd ? ? 1.03 1.05 1.15 ? vdc reverse recovery time (i s = 30 adc, v gs = 0 vdc, di s /dt = 100 a/  s) (note 1) t rr ? 52 ? ns t a ? 38 ? t b ? 15 ? reverse recovery stored charge q rr ? 0.094 ?  c 1. pulse test: pulse width 300  s, duty cycle 2%. 2. switching characteristics are independent of operating junction temperatures.
NTP30N06, ntb30n06 http://onsemi.com 3 0 0.09 0.06 30 20 0 10 6 0 0.04 0.02 40 50 0.08 0.03 0.05 0.07 t j = 25 c t j = ?55 c t j = 100 c v gs = 15 v 60 30 20 10 0 v ds , drain?to?source voltage (volts) i d , drain current (amps) v gs , gate?to?source voltage (volts) i d , drain current (amps) i d , drain current (amps) i d , drain current (amps) r ds(on) , drain?to?source resistance (  ) r ds(on) , drain?to?source resistance (  ) t j , junction temperature ( c) v ds , drain?to?source voltage (volts) r ds(on) , drain?to?source resistance (normalized) i dss , leakage (na) 2.2 1.8 1.4 1.6 1.2 1 0.6 1 1000 10000 03 2 1 figure 1. on?region characteristics figure 2. transfer characteristics 0 0.09 0.06 30 20 0 10 60 figure 3. on?resistance versus gate?to?source voltage figure 4. on?resistance versus drain current and gate voltage figure 5. on?resistance variation with temperature figure 6. drain?to?source leakage current versus voltage 60 ?50 50 25 0 ?25 75 125 100 21 0 4 03040 20 10 50 60 40 30 20 10 0 6 175 150 0.8 45 6 9 v v ds 10 v t j = 25 c t j = ?55 c t j = 100 c t j = 25 c t j = ?55 c t j = 100 c v gs = 10 v v gs = 0 v t j = 150 c t j = 100 c i d = 15 a v gs = 10 v v gs = 10 v 7 v 8 0.04 0.02 10 6.5 v 6 v 5.5 v 4.5 v 40 50 50 40 50 0.08 5 v 8 v 0.03 0.05 0.07 2 100
NTP30N06, ntb30n06 http://onsemi.com 4 gate?to?source or drain?to?source voltage (volts) c, capacitance (pf) q g , total gate charge (nc) v gs , gate?to?source voltage (volts ) r g , gate resistance (  ) v sd , source?to?drain voltage (volts) i s , source current (amps) t, time (ns) v ds , drain?to?source voltage (volts) t j , starting junction temperature ( c) i d , drain current (amps) e as , single pulse drain?to?source avalanche energy (mj) 1000 100 1 0.1 1000 100 1 12 10 8 6 4 2 0 120 60 20 40 0 32 16 0 10 2400 10 1200 15 5 020 800 400 0 5 figure 7. capacitance variation figure 8. gate?to?source and drain?to?source voltage versus total charge figure 9. resistive switching time variation versus gate resistance figure 10. diode forward voltage versus current figure 11. maximum rated forward biased safe operating area figure 12. maximum avalanche energy versus starting junction temperature 25 0 8 4 1 10 100 0.6 0.76 0.68 0.92 1.1 6 0.1 10 100 1 25 125 150 100 75 17 5 50 0.84 10 24 1 i d = 30 a t j = 25 c v gs v gs = 0 v v ds = 0 v t j = 25 c c rss c iss c oss c rss c iss v gs = 20 v single pulse t c = 25 c v ds = 30 v i d = 30 a v gs = 10 v v gs = 0 v t j = 25 c i d = 26 a t f t d(off) t d(on) t r r ds(on) limit q t q 2 q 1 10 ms 1 ms 100  s dc v gs v ds thermal limit package limit 8 10  s 1600 2000 12 16 24 10 80 100 20 1.08
NTP30N06, ntb30n06 http://onsemi.com 5 t, time (s) 1 0.1 110 0.1 0.01 0.0001 r(t), effective transient thermal resistance (normalized) 0.001 d = 0.5 0.2 0.1 0.05 0.01 single pulse r  jc (t) = r(t) r  jc d curves apply for power pulse train shown read time at t 1 t j(pk) ? t c = p (pk) r  jc (t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 figure 13. thermal response figure 14. diode reverse recovery waveform di/dt t rr t a t p i s 0.25 i s time i s t b ordering information device package shipping ? NTP30N06 to?220ab 50 units / rail ntb30n06 d 2 pak 50 units / rail ntb30n06g d 2 pak (pb?free) 50 units / rail ntb30n06t4 d 2 pak 800 units / tape & reel ntb30n06t4g d 2 pak (pb?free) 800 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
NTP30N06, ntb30n06 http://onsemi.com 6 package dimensions d 2 pak case 418b?04 issue j style 2: pin 1. gate 2. drain 3. source 4. drain seating plane s g d ?t? m 0.13 (0.005) t 23 1 4 3 pl k j h v e c a dim min max min max millimeters inches a 0.340 0.380 8.64 9.65 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.83 d 0.020 0.035 0.51 0.89 e 0.045 0.055 1.14 1.40 g 0.100 bsc 2.54 bsc h 0.080 0.110 2.03 2.79 j 0.018 0.025 0.46 0.64 k 0.090 0.110 2.29 2.79 s 0.575 0.625 14.60 15.88 v 0.045 0.055 1.14 1.40 ?b? m b w w notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 418b?01 thru 418b?03 obsolete, new standard 418b?04. f 0.310 0.350 7.87 8.89 l 0.052 0.072 1.32 1.83 m 0.280 0.320 7.11 8.13 n 0.197 ref 5.00 ref p 0.079 ref 2.00 ref r 0.039 ref 0.99 ref m l f m l f m l f variable configuration zone r n p u view w?w view w?w view w?w 123 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 8.38 0.33 1.016 0.04 17.02 0.67 10.66 0.42 3.05 0.12 5.08 0.20  mm inches  scale 3:1
NTP30N06, ntb30n06 http://onsemi.com 7 package dimensions to?220 case 221a?09 issue aa notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 ??? 1.15 ??? z ??? 0.080 ??? 2.04 b q h z l v g n a k f 123 4 d seating plane ?t? c s t u r j style 5: pin 1. gate 2. drain 3. source 4. drain on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 NTP30N06/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of NTP30N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X