Part Number Hot Search : 
TA8227AP FR2504 GPC130A 10U2P BRF10100 P87C32X2 2SC2242 SB1100
Product Description
Full Text Search
 

To Download NND15-1515 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  81 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ disclaimer: us.tdk-lambda.com/lp/legal.htm nn series features u single and dual outputs u excellent line & load regulation u remote programming and current share (nns) u front panel voltage taps u thermal protection u five year warranty u low output ripple u fully featured u operation from -20 to +71 c ambient high reliability 15 to 90w linear power supplies model nns15 nns30 nns50 nnd15 nnd30 ac input vac 85~115, 98~132, 170~230, 195~265vac (front panel selectable) input frequency hz 47~440hz emi - fcc class b, vde0871 level b output adjustment - 10% remote sense - yes yes yes none remote programming - 1000 ohm/volt none parallel operation - via pc terminal none output indicator - led = on line regulation % 0.01% load regulation % 0.03% cross regulation % not applicable 0.03% ripple and noise mv 1mv rms, 3mv peak to peak overcurrent protection % 105 to 130% overvoltage protection vdc 5v: 6 ~ 7.2v, 12v: 14.5 ~ 17.2v, 15v: 18.1 ~ 21.5v, 24v: 29 ~ 34.3v cooling - convection operating temp. range c -20c: 60%, 0 to 50c: 100%, 60c: 60%, 71c: 40% storage temperature c -40 to +85c temperature coef? cient % 0.02% per c humidity (non condensing) %rh operating: 20 - 95% rh, non operating: 10 - 95% rh vibration - 10-55hz amplitude (sweep for 1 min), <2g x, y, z 1 hour each shock (in package) - <20g safety agency approval - ul60950-1, csa60950-1, en60950-1, ce mark withstand voltage - input to output: 3.75kvac, input to chassis: 2.5kvac for 1 minute isolation resistance - >100m at 500vdc @ 25c & 70%rh for 1 minute weight g 1750 2930 4200 1750 2750 size wxhxd mm 60x124x124 80x124x178 97x113x200 60x113.5x150 80x113.5x164 warranty yrs five years speci? cations note: see installation manual for full details, test methods of parameters and application notes key market segments & applications
82 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ revision a6: dec 2011 nn series for additional information, please visit us.tdk-lambda.com/lp/products/nn-series.htm max max eff. model o/p o/p(v) cur.(a) pwr(w) (%) single output nns155 v1 5 3.0 15.0 35 nns305 v1 5 6.0 30.0 35 nns505 v1 5 10.0 50.0 42 nns1512 v1 12 1.7 20.4 45 nns3012 v1 12 4.0 48.0 45 nns5012 v1 12 6.5 78.0 51 nns1515 v1 15 1.4 21.0 46 nns3015 v1 15 3.4 51.0 46 nns5015 v1 15 5.5 82.5 53 nns1524 v1 24 0.9 21.6 50 nns3024 v1 24 2.3 55.2 50 nns5024 v1 24 3.8 91.2 56 dual output nnd15-1212 v1 +12 0.75 18.0 45 v2 -12 0.75 nnd30-1212 v1 +12 1.6 38.4 45 v2 -12 1.6 NND15-1515 v1 +15 0.6 18.0 45 v2 -15 0.6 nnd30-1515 v1 +15 1.3 39.0 45 v2 -15 1.3 model selector hws 15 to 1500w single output, universal input swi tching zws 5 to150w single output, universal input (switc hing) vsb & vsc 10 to150w single output, 115vac input (s witching) other industrial products nns15 outline drawing nns30 outline drawing nnd15 outline drawing nnd30 outline drawing nns50 outline drawing


▲Up To Search▲   

 
Price & Availability of NND15-1515

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X