Part Number Hot Search : 
RD24F AH293Y 4066B B3010 EFM307B FBR1508W 815AF 2SK619
Product Description
Full Text Search
 

To Download MSM5117805C-60TS-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dear customers, about the change in the name such as "oki electric industry co. ltd." and "oki" in documents to oki semiconductor co., ltd. the semiconductor business of oki electric industry co., ltd. was succeeded to oki semiconductor co., ltd. on oc tober 1, 2008. therefore, please accept that although the terms and marks of "oki electric indust ry co., ltd.", ?oki electric?, and "oki" remain in the documents, they all have been changed to "oki semiconductor co., ltd.". it is a change of the company name, the co mpany trademark, and the logo, etc. , and not a content change in documents. october 1, 2008 oki semiconductor co., ltd. 550-1 higashiasakawa-cho, hachio ji-shi, tokyo 193-8550, japan http://www.okisemi.com/en/
1/17 ? semiconductor msm5117805c description the msm5117805c is a 2,097,152-word 8-bit dynamic ram fabricated in oki's silicon-gate cmos technology. the msm5117805c achieves high integration, high-speed operation, and low-power consumption because oki manufactures the device in a quadruple-layer polysilicon/double-layer metal cmos process. the msm5117805c is available in a 28-pin plastic soj or 28-pin plastic tsop. features ? 2,097,152-word 8-bit configuration ? single 5 v power supply, 10% tolerance ? input : ttl compatible, low input capacitance ? output : ttl compatible, 3-state ? refresh : 2048 cycles/32 ms ? fast page mode with edo, read modify write capability ? cas before ras refresh, hidden refresh, ras -only refresh capability ? multi-bit test mode capability ? package options: 28-pin 400 mil plastic soj (soj28-p-400-1.27) (product : msm5117805c-xxjs) 28-pin 400 mil plastic tsop (tso pii28-p-400-1.27-k) (product : msm5117805c-xxts-k) (tsopii28-p-400-1.27-l) (product : msm5117805c-xxts-l) xx indicates speed rank. product family ? semiconductor msm5117805c 2,097,152-word 8-bit dynamic ram : fast page mode type with edo msm5117805c-70 70 ns 130 ns 90 ns 550 mw 660 mw family access time (max.) cycle time (min.) standby (max.) power dissipation msm5117805c-50 t rac 50 ns 35 ns t aa 25 ns 20 ns t cac 13 ns 20 ns t oea 13 ns msm5117805c-60 60 ns 110 ns 605 mw 30 ns 15 ns 15 ns operating (max.) 5.5 mw e2g0113-18-42 preliminary this version: apr. 1998
2/17 ? semiconductor msm5117805c pin configuration (top view) 3 4 5 9 10 11 12 13 dq2 dq3 dq4 a10r a0 a1 a2 a3 26 25 24 20 19 18 17 16 dq7 dq6 dq5 a8 a7 a6 a5 a4 2 dq1 27 dq8 1 v cc 28 v ss 28-pin plastic soj 3 4 5 9 10 11 12 13 26 25 24 20 19 18 17 16 2 27 1 28 26 25 24 20 19 18 17 16 3 4 5 9 10 11 12 13 27 2 28 1 28-pin plastic tsop (k type) 28-pin plastic tsop (l type)      6 we 23 cas 23 23 6 8 nc 21 a9 21 21 8 6 8 7 ras 22 oe 22 22 7 7 14 v cc 15 v ss 14 15 15 14 dq2 dq3 dq4 a10r a0 a1 a2 a3 dq1 v cc we nc ras v cc dq7 dq6 dq5 a8 a7 a6 a5 a4 dq8 v ss cas a9 oe v ss dq2 dq3 dq4 a10r a0 a1 a2 a3 dq1 v cc we nc ras v cc dq7 dq6 dq5 a8 a7 a6 a5 a4 dq8 v ss cas a9 oe v ss pin name function a0 - a9, a10r address input ras row address strobe cas column address strobe dq1 - dq8 data input/data output oe output enable we write enable v cc power supply (5 v) v ss ground (0 v) nc no connection note : the same power supply voltage must be provided to every v cc pin, and the same gnd voltage level must be provided to every v ss pin.
3/17 ? semiconductor msm5117805c block diagram timing generator refresh control clock column address buffers internal address counter row address buffers row deco- ders word drivers memory cells sense amplifiers column decoders i/o controller i/o selector output buffers input buffers on chip v bb generator v cc dq1 - dq8 cas we a0 - a9 10 10 8 8 8 8 88 11 10 oe ras on chip iv cc generator v ss 1 a10r
4/17 ? semiconductor msm5117805c electrical characteristics absolute maximum ratings voltage on any pin relative to v ss short circuit output current power dissipation operating temperature storage temperature v in , v out symbol i os p d * t opr t stg C0.5 to v cc + 0.5 50 1 0 to 70 C55 to 150 rating ma w c c parameter v unit voltage on v cc supply relative to v ss v cc C0.5 to 7 v recommended operating conditions *: ta = 25 c power supply voltage input high voltage input low voltage v cc symbol v ss v ih v il 5.0 0 typ. parameter 4.5 0 2.4 C0.5 *2 min. 5.5 0 v cc + 0.5 *1 0.8 max. (ta = 0c to 70c) v unit v v v notes : *1. the input voltage is v cc + 2.0 v when the pulse width is less than 20 ns (the pulse width is with respect to the point at which v cc is applied). *2. the input voltage is v ss C 2.0 v when the pulse width is less than 20 ns (the pulse width is with respect to the point at which v ss is applied). capacitance input capacitance (a0 - a9, a10r) input capacitance ( ras , cas , we , oe ) output capacitance (dq1 - dq8) c in1 symbol c in2 c i/o 5 7 7 max. pf unit pf pf parameter (v cc = 5 v 10%, ta = 25c, f = 1 mhz) typ.
5/17 ? semiconductor msm5117805c i oh = C5.0 ma output high voltage i ol = 4.2 ma output low voltage 0 v v i 6.5 v; all other pins not input leakage current under test = 0 v dq disable output leakage current 0 v v o v cc ras , cas cycling, average power t rc = min. supply current (operating) ras , cas = v ih power supply ras , cas current (standby) ras cycling, average power cas = v ih , supply current t rc = min. ( ras -only refresh) ras = v ih , power supply cas = v il , current (standby) dq = enable average power cas before ras supply current ( cas before ras refresh) ras = v il , average power cas cycling, supply current t hpc = min. (fast page mode) v oh v ol i li i lo i cc1 i cc2 i cc3 i cc5 i cc6 i cc7 3 v cc C0.2 v ras cycling, parameter condition msm5117805 c-50 msm5117805 c-60 msm5117805 c-70 (v cc = 5 v 10%, ta = 0c to 70c) symbol min. 2.4 0 C10 C10 max. v cc 0.4 10 10 120 2 1 120 120 110 5 min. 2.4 0 C10 C10 max. v cc 0.4 10 10 110 2 1 110 110 100 5 min. 2.4 0 C10 C10 max. v cc 0.4 10 10 100 2 1 100 100 90 5 unit v v m a m a ma ma ma ma ma ma note 1, 2 1, 2 1, 2 1, 3 1 1 dc characteristics notes : 1. i cc max. is specified as i cc for output open condition. 2. the address can be changed once or less while ras = v il . 3. the address can be changed once or less while cas = v ih .
6/17 ? semiconductor msm5117805c ac characteristics (1/2) random read or write cycle time read modify write cycle time fast page mode cycle time fast page mode read modify write cycle time access time from ras access time from cas access time from column address access time from cas precharge cas to data output buffer turn-off delay time transition time ras precharge time ras pulse width ras pulse width (fast page mode with edo) ras hold time cas pulse width cas hold time ras to cas delay time ras to column address delay time cas to ras precharge time row address set-up time row address hold time column address set-up time column address hold time column address to ras lead time access time from oe oe to data output buffer turn-off delay time refresh period ras hold time referenced to oe ras hold time from cas precharge t rc t rwc t hpc t hprwc t rac t cac t aa t cpa t cez t t t rp t ras t rasp t rsh t cas t csh t rcd t rad t crp t asr t rah t asc t cah t ral t oea t oez t ref t roh t rhcp output low impedance time from cas t clz cas precharge time (fast page mode with edo) t cp parameter msm5117805 c-60 msm5117805 c-70 msm5117805 c-50 (v cc = 5 v 10%, ta = 0c to 70c) note 1, 2, 3, 12, 13 symbol note 4, 5, 6 4, 5 4, 6 4 7, 8 5 6 4 7 4 3 max. 60 15 30 35 15 50 10,000 100,000 10,000 45 30 15 15 32 unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns min. 84 110 20 58 0 0 1 30 50 50 7 7 7 35 11 9 5 0 7 0 7 25 0 7 30 max. 50 13 25 30 13 50 10,000 100,000 10,000 37 25 13 13 32 min. 124 160 30 78 0 0 1 50 70 70 13 10 13 45 14 12 5 0 10 0 13 35 0 13 40 max. 70 20 35 40 20 50 10,000 100,000 10,000 50 35 20 20 32 min. 104 135 25 68 0 0 1 40 60 60 10 10 10 40 14 12 5 0 10 0 10 30 0 10 35 data output hold after cas low we to data output buffer turn-off delay time ras to data output buffer turn-off delay time t doh t wez t rez 7, 8 7 15 15 ns ns ns 5 0 0 13 13 5 0 0 20 20 5 0 0 oe hold time from cas (dq disable) t cho ns 5 5 5
7/17 ? semiconductor msm5117805c ac characteristics (2/2) write command pulse width write command to cas lead time write command to ras lead time data-in set-up time cas to we delay time ras to we delay time column address to we delay time ras to cas hold time ( cas before ras ) cas active delay time from ras precharge data-in hold time write command hold time oe command hold time oe to data-in delay time write command set-up time ras to cas set-up time ( cas before ras ) we to ras precharge time ( cas before ras ) we hold time from ras ( cas before ras ) ras to we set-up time (test mode) cas precharge we delay time ras to we hold time (test mode) t wp t cwl t rwl t ds t cwd t rwd t awd t csr t chr t rpc t dh t wch t oeh t oed t wcs t wrp t wrh t wts t cpwd t wth msm5117805 c-60 msm5117805 c-70 msm5117805 c-50 (v cc = 5 v 10%, ta = 0c to 70c) note 1, 2, 3, 12, 13 parameter symbol max. 10 10 10 ns ns ns 10 10 10 10 10 10 note 11 10 10 10 11 10 10 10 ns 10 10 min. 10 10 10 0 34 79 49 5 10 5 10 10 10 15 0 54 max. ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns unit ns min. 7 7 7 0 30 67 42 5 10 5 7 7 7 13 0 47 max. min. 10 13 13 0 44 94 59 5 10 5 13 13 13 20 0 64 read command set-up time read command hold time read command hold time referenced to ras t rcs t rch t rrh 9 9 ns ns ns 0 0 0 0 0 0 0 0 0 we pulse width (dq disable) t wpe 10 ns 710 oe precharge time t oep 10 ns 710 oe command hold time t och 10 ns 710
8/17 ? semiconductor msm5117805c notes: 1. a start-up delay of 200 m s is required after power-up, followed by a minimum of eight initialization cycles ( ras -only refresh or cas before ras refresh) before proper device operation is achieved. 2. the ac characteristics assume t t = 2 ns. 3. v ih (min.) and v il (max.) are reference levels for measuring input timing signals. transition times (t t ) are measured between v ih and v il . 4. this parameter is measured with a load circuit equivalent to 2 ttl loads and 100 pf. 5. operation within the t rcd (max.) limit ensures that t rac (max.) can be met. t rcd (max.) is specified as a reference point only. if t rcd is greater than the specified t rcd (max.) limit, then the access time is controlled by t cac . 6. operation within the t rad (max.) limit ensures that t rac (max.) can be met. t rad (max.) is specified as a reference point only. if t rad is greater than the specified t rad (max.) limit, then the access time is controlled by t aa . 7. t cez (max.), t rez (max.), t wez (max.) and t oez (max.) define the time at which the output achieves the open circuit condition and are not referenced to output voltage levels. 8. t cez and t rez must be satisfied for open circuit condition. 9. t rch or t rrh must be satisfied for a read cycle. 10. t wcs , t cwd , t rwd , t awd and t cpwd are not restrictive operating parameters. they are included in the data sheet as electrical characteristics only. if t wcs 3 t wcs (min.), then the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. if t cwd 3 t cwd (min.) , t rwd 3 t rwd (min.), t awd 3 t awd (min.) and t cpwd 3 t cpwd (min.), then the cycle is a read modify write cycle and data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied, then the condition of the data out (at access time) is indeterminate. 11. these parameters are referenced to the cas leading edge in an early write cycle, and to the we leading edge in an oe control write cycle, or a read modify write cycle. 12. the test mode is initiated by performing a we and cas before ras refresh cycle. this mode is latched and remains in effect until the exit cycle is generated. the test mode specified in this data sheet is a 2-bit parallel test function. ca9 is not used. in a read cycle, if all internal bits are equal, the dq pin will indicate a high level. if any internal bits are not equal, the dq pin will indicate a low level. the test mode is cleared and the memory device returned to its normal operating state by performing a ras -only refresh cycle or a cas before ras refresh cycle. 13. in a test mode read cycle, the value of access time parameters is delayed for 5 ns for the specified value. these parameters should be specified in test mode cycle by adding the above value to the specified value in this data sheet.
9/17 ? semiconductor msm5117805c write cycle (early write)  "h" or "l" ras cas v ih v il C C v ih v il C C dq v oh v ol C C address v ih v il C C we v ih v il C C oe v ih v il C C                          t rc t ras t rp t crp t csh t crp t rcd t rsh t cas t rad t asr t rah t asc t cah t ral row column t rcs t rrh t rch t aa t roh t oea t cac t rac t oez t cez open t clz valid data-out t rez   "h" or "l" ras cas v ih v il C C v ih v il C C dq v ih v il C C address v ih v il C C we v ih v il C C oe v ih v il C C              t rc t ras t rp t crp t rcd t csh t rsh t crp t cas t rad t rah t asr t asc t cah row column t wcs t wch t ds t dh valid data-in t wp t ral      open t rwl t cwl e2g0100-17-41m timing waveform read cycle
10/17 ? semiconductor msm5117805c read modify write cycle  "h" or "l" ras cas v ih v il C C v ih v il C C dq v i/oh v i/ol C C address v ih v il C C we v ih v il C C oe v ih v il C C                t rwc t ras t rp t crp t csh t rcd t crp t rsh t cas t asr t rah t asc t cah row column t cwd t cwl t rwd t rwl t wp t aa t awd t oea t oed t cac t rac t oez t ds t dh t clz valid data-out valid data-in t rad    t rcs    t oeh
11/17 ? semiconductor msm5117805c fast page mode read cycle (part-1) fast page mode read cycle (part-2) C C C C C C C C v ih ras address we dq cas oe C C C C v il v ih v il v ih v il v ih v il v ih v il v oh v ol           row column t crp t crp t rp t rasp t cas t csh  "h" or "l"          column   column t rcd t cp t cas t cas t hpc t cp t cah t asc t rad t rcs t rch t rac t aa       t cac t clz t wez t oea valid data-out valid data-out valid data-out t rah t asr t cah t asc t cah t asc t cac t aa t doh t cez t cpa t aa t cac t rcs t wpe t rhcp e e e e e e e e v ih ras address we dq cas oe C C C C v il v ih v il v ih v il v ih v il v ih v il v oh v ol     row column t crp t rp t rasp t cas t csh  "h" or "l"       column  column t rcd t cp t cas t cas t hpc t cah t asc t rad t rcs t aa t rrh          t cac t clz t cpa t oea valid data-out valid* data-out t rah t asr t cah t asc t cah t asc t rac valid data-out t aa t cac t doh valid* data-out t cac t rez t oez t oez t cho t och t aa t oea t oep t oep t oea * : same data, t cp t rhcp
12/17 ? semiconductor msm5117805c fast page mode write cycle (early write) fast page mode read modify write cycle C C C C C C C C v ih ras address we dq cas oe C C C C v il v ih v il v ih v il v ih v il v ih v il v ih v il         t asr row column t crp t rp t rasp t cas t csh t rah    column     column t rcd t cp t cas t cas t hpc t cp t hpc t asc t cah t cah t cah t asc t asc t rad  "h" or "l" t dh       t ds       t wch valid data-in t ds t dh t ds t dh    t wch t wch t rsh valid data-in valid data-in        t wcs   t wcs   t wcs e e e e e e e e v ih ras address we dq cas oe C C C C v il v ih v il v ih v il v ih v il v ih v il v i/oh v i/ol      t asr row column t rasp t cwd t rah    column t rcd t cp t asc t cah t cpa t asc t rad t rwd   "h" or "l"     valid data-out t oez t oed t ds t wp t awd t rcs t cwd t rwl t cac  t awd t rac t wp t clz t dh t oeh valid data-in t oea   valid data-out t oez t oed t cac t dh t oeh valid data-in t oea t clz      t ds t aa t aa t rcs t cah t cpwd t hprwc t crp t cwl
13/17 ? semiconductor msm5117805c ras -only refresh cycle cas before ras refresh cycle f p q r s \ ] ^ k l m v ih v il ras t rp C C cas v ih v il C C v ih v il we v v "h" or "l" t rc t ras t rpc t chr t rp t rpc t cp t csr t wrp t wrh t cez t wrp open C C ol oh C C dq note: oe , address = "h" or "l" : f m n o p q r s k ] ^ _ v ih v il ras t t rp t C C cas v ih v il v ih v il C C address ras "h" or "l" rc note: we , oe = "h" or "l" t crp t rpc t asr t rah row v oh v ol C C dq t cez C C open
14/17 ? semiconductor msm5117805c hidden refresh read cycle hidden refresh write cycle C C C C C C C C v ih ras address we dq cas oe C C C C v il v ih v il v ih v il v ih v il v ih v il v ih v il  "h" or "l"     t asr row column t crp t rc t asc t rp t ras t rcd t rsh t rad t cah t rah t ral    t rwl t chr t ras t rc t rp    t ds   t wp t wch t dh valid data-in       t wcs ras cas address oe v ih v il C C v ih v il C C v ih v il C C v ih v il C C "h" or "l"  we v ih v il C C dq v oh v ol C C                          t rc t rc t ras t rp t ras t rp t crp t rcd t rsh t chr t rad t asr t rah t asc t cah row column t rcs t ral t rrh t aa t roh t oea t cac t rac t clz t oez valid data-out open t cez t rez
15/17 ? semiconductor msm5117805c test mode initiate cycle v ih v il ras cas v ih v il C C C C t ras "h" or "l" v oh v ol C C v ih v il C C open   t rc    t wth      t rpc t wts t cp t csr t chr t off note: oe , address = "h" or "l" t rp we dq
16/17 ? semiconductor msm5117805c (unit : mm) package dimensions notes for mounting the surface mount type package the sop, qfp, tsop, soj, qfj (plcc), shp and bga are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. therefore, before you perform reflow mounting, contact okis responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times). soj28-p-400-1.27 package material lead frame material pin treatment solder plate thickness package weight (g) epoxy resin 42 alloy solder plating 5 m m or more 1.30 typ. mirror finish
17/17 ? semiconductor msm5117805c (unit : mm) notes for mounting the surface mount type package the sop, qfp, tsop, soj, qfj (plcc), shp and bga are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. therefore, before you perform reflow mounting, contact okis responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times). tsop ii 28-p-400-1.27-k package material lead frame material pin treatment solder plate thickness package weight (g) epoxy resin 42 alloy solder plating 5 m m or more 0.51 typ. mirror finish


▲Up To Search▲   

 
Price & Availability of MSM5117805C-60TS-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X