Part Number Hot Search : 
SMCJ11 SM5Z6V0 TM100 SD101A D5027 421904 H11N3TVM H11N3TVM
Product Description
Full Text Search
 

To Download MLC1265-701MLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors mlc12xx /15xx document 327-1 document 327-1 revised 04/19/12 designers kit c387 contains samples of all values core material iron core and winding loss see www.coilcraft.com/coreloss terminations rohs tin-silver over copper. other terminations avail - able at additional cost. weight mlc12xx 1.91 C 3.04 g; mlc15xx 2.73 C 5.12 g ambient temperature C40c to +85c with i rms current maximum part temperature: the part may be operated without damage as long its temperature (ambient + self-heating) does not exceed +125c. storage temperature component: C40c to +125c. packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 pcb washing only pure water or alcohol recommended ? soft saturation makes them ideal for vrd/vrm applications ? special materials eliminate all thermal aging issues. inductance 2 dcr (mohm) srf typ 3 isat (a) 4 irms (a) 5 height part number 1 20% (h) typ max (mhz) 10% drop 20% drop 20c rise 40c rise max (mm) 10.5 mm 11.x mm body size (see next page for 13.2 mm 14.xmm body size) mlc1265-361ml_ 0.36 0.93 1.03 234 26.9 42.6 16.5 22.7 6.5 mlc1260-401ml_ 0.40 0.93 1.03 228 21.0 35.2 16.3 21.9 6.1 mlc1255-421ml_ 0.42 0.93 1.03 219 21.1 34.5 16.8 24.1 5.6 mlc1240-451ml_ 0.45 1.73 1.91 198 16.5 24.9 12.8 19.8 4.1 mlc1265-701ml_ 0.70 1.24 1.37 134 16.4 27.5 15.2 21.0 6.5 mlc1250-801ml_ 0.80 2.35 2.59 151 13.3 21.7 12.4 17.3 5.1 mlc1240-901ml_ 0.90 2.57 2.83 108 13.9 22.8 11.9 16.3 4.1 mlc1260-122ml_ 1.20 2.38 2.62 93 14.0 23.3 12.3 17.6 6.1 mlc1255-122ml_ 1.20 2.38 2.62 85 14.1 22.4 12.4 17.5 5.6 mlc1250-132ml_ 1.30 2.38 2.62 76 10.8 17.7 11.7 16.5 5.3 mlc1245-152ml_ 1.50 4.08 4.49 79 10.7 17.3 10.3 14.2 4.6 mlc1260-172ml_ 1.75 2.84 3.13 72 12.1 19.2 10.9 15.3 6.1 mlc1245-402ml_ 4.00 8.18 9.00 46 7.42 11.8 6.9 9.8 4.8 1. when ordering, please specify termination and packaging codes: mlc1245-402mlc termination: l = rohs compliant tin-silver over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia- 481 embossed plastic tape. b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia- 481 embossed plastic tape. factory order only, not stocked. 2. inductance measured at 100 khz, 0.1 vrms, 0 adc using a coilcraft smd ?a fxture in an agilent/hp 4284a lcr meter. 3. srf measured using an agilent/hp4291a impedance analyzer and a coilcraft 16193 fxture. 4. dc current at which the inductance drops the specifed amount from its value without current. 5. current that causes the specifed temperature rise from 25c ambient. 6. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.
shielded power inductors C mlc12xx/15xx series document 327-2 document 327-2 revised 04/19/12 inductance 2 dcr (mohm) srf typ 3 isat (a) 4 irms (a) 5 height part number 1 20% (h) typ max (mhz) 10% drop 20% drop 20c rise 40c rise max (mm) 13.2 mm 14.x mm body size (see previous page for 10.5 mm 11.x mm body size) mlc1565-451ml_ 0.45 0.864 0.951 158 32.8 54.0 18.0 25.6 6.5 mlc1565-501ml_ 0.50 0.864 0.951 132 21.3 38.1 18.6 26.9 6.5 mlc1555-551ml_ 0.55 1.34 1.48 165 20.8 35.7 16.1 22.3 5.6 mlc1565-801ml_ 0.80 1.20 1.32 93 27.4 47.4 17.4 24.6 6.5 mlc1560-901ml_ 0.90 1.72 1.90 101 17.8 28.7 14.6 20.6 6.0 mlc1538-102ml_ 1.0 3.46 3.81 81 13.6 21.2 11.5 16.7 3.9 mlc1550-102ml_ 1.0 1.72 1.90 76 16.1 27.3 13.9 19.7 5.2 mlc1565-142ml_ 1.4 2.20 2.42 77 18.9 30.1 13.7 19.9 6.5 mlc1538-152ml_ 1.5 4.36 4.80 50 13.4 21.0 10.6 14.6 3.9 mlc1565-202ml_ 2.0 3.56 3.82 64 15.2 24.2 11.6 16.3 6.5 mlc1550-252ml_ 2.5 3.43 3.74 45 10.9 17.7 11.5 15.8 5.2 mlc1565-282ml_ 2.8 4.10 4.51 44 13.7 22.3 10.7 15.2 6.5 mlc1555-302ml_ 3.0 4.06 4.47 42 11.1 18.1 10.9 15.6 5.6 mlc1565-372ml_ 3.7 3.10 3.40 47 8.13 13.63 12.17 16.58 6.5 mlc1550-452ml_ 4.5 7.13 7.85 36 7.12 11.8 8.43 11.7 5.2 mlc1565-472ml_ 4.7 4.00 4.40 39 6.23 10.57 10.98 15.57 6.5 mlc1565-602ml_ 6.0 5.50 6.05 34 5.60 9.57 9.27 13.62 6.5 mlc1565-732ml_ 7.3 7.20 7.92 29 5.10 8.60 8.60 12.01 6.5 mlc1565-922ml_ 9.2 9.70 10.60 25 4.57 7.80 7.19 10.18 6.5 mlc1565-113ml_ 11.3 10.60 11.60 21 4.07 7.03 6.87 9.46 6.5 mlc1565-133ml_ 13.0 12.57 13.75 19 3.93 6.70 6.12 8.65 6.5 mlc1565-153ml_ 15.4 16.40 18.00 17 3.43 5.77 5.63 7.75 6.5 1. when ordering, please specify termination and packaging codes: mlc1565-153mlc termination: l = rohs compliant tin-silver over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape. b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked. 2. inductance measured at 100 khz, 0.1 vrms, 0 adc using a coilcraft smd ?a fxture in an agilent/hp 4284a lcr meter. 3. srf measured using an agilent/hp4291a impedance analyzer and a coilcraft 16193 fxture. 4. dc current at which the inductance drops the specifed amount from its value without current. 5. current that causes the specifed temperature rise from 25c ambient. 6. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. a b c max height. see electr ical specifications tab le . d e e f g recommended land p attern mlcxxx -xxxml xxxx y pa r ts manuf actured pr ior to march 2012 ma y be mar k ed diff erently . pa rt number inter nal code body a b size max max c d e f g 1240 11.2 10.5 1.8 2.3 4.0 4.0 2.7 1245 11.2 10.5 1.8 2.3 4.0 4.0 2.7 1250 11.2 10.5 1.8 2.3 4.0 4.0 2.7 1255 11.4 10.5 1.8 2.3 4.0 4.0 2.7 1260 11.4 10.5 1.8 2.3 4.0 4.0 2.7 1265 11.4 10.5 1.8 2.3 4.0 4.0 2.7 1538 13.8 13.2 2.4 3.0 5.0 5.4 3.4 1550 13.8 13.2 2.4 3.0 5.0 5.4 3.4 1555 13.8 13.2 2.4 3.0 5.0 5.4 3.4 1560 13.8 13.2 2.4 3.0 5.0 5.4 3.4 1565 14.0 13.2 2.4 3.0 5.0 5.4 3.4 all dimensions are in mm. tape and reel (24 mm wide plastic tape) quantity tape thickness pocket pocket 7 reel 13 reel (mm) spacing (mm) depth (mm) mlc1240 250 900 0,35 16 4,45 mlc1245 200 800 0,35 16 4,95 mlc1250 200 700 0,40 16 5,45 mlc1255 200 700 0,40 16 5,95 mlc1260 175 600 0,40 16 6,50 mlc1265 150 600 0,40 16 6,70 mlc1538 200 800 0,35 20 4,00 mlc1550 150 600 0,40 20 5,45 mlc1555 150 500 0,40 20 5,95 mlc1560 150 500 0,40 20 6,20 mlc1565 125 500 0,40 20 6,50 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.
shielded power inductors C mlc12xx/15xx series document 327-3 document 327-3 revised 04/19/12 typical l vs frequency typical l vs current temperature rise vs current inductance vs current is unaffected by part temperature up to 125c. mlc1538-152 mlc1550-452 mlc1555-551 mlc1265-361 mlc1538-102 mlc1565-282 mlc1565-922 mlc1565-153 0.01 0.1 11 0 0.1 inductance (h) 0.01 0.1 11 0 frequency (mhz) 1 10 100 0.1 1 0.1 1 10 100 inductance (h) 10 100 current (a) mlc1538-152 mlc1550-452 mlc1555-551 mlc1265-361 mlc1538-102 mlc1565-282 mlc1565-922 mlc1565-153 70 60 50 40 30 20 0 10 t emperature r ise (f ro m 2 5c) current (a rms) 5 01 53 0 20 25 10 mlc1550-452 mlc1565-922 mlc1565-153 mlc1265-361 mlc1555-551 mlc1538-102 mlc1260-122 mlc1538-152 mlc1565-282 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical of high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of MLC1265-701MLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X