Part Number Hot Search : 
RD15HV LCM600U Z5226B PFZ100 TDA7294S 107000 JSBB3 STT08XX
Product Description
Full Text Search
 

To Download MEC1-130-02-L-D-NP-A-K-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print .275 6.99 ref ({(no of pos +2) x .03937 [1.00]} + .100 [2.54]) .050 1.27 (no of pos +2) x .03937 [1.00] ref .026 ref 0.66 .072 ref 1.83 .109 2.77 ref (no of pos -1) x .03937 [1.00] 1.5 max sway (any direction) mec1-xx-x-d-x-x 02 01 15 39 40 .007[.18] .005[.13] c1 fig. 1 16 c6 flow inhibitors at vendor discretion .350 8.89 ref "a" "a" see note 5 c-113-02-xx .320 8.13 ref .030 0.75 .160 ref 4.07 .006 ref 0.15 .020 0.51 see note 2 section "a"-"a" c7 mec1-1xx-xx-xx-d-xx-xx 05, 08, 20, 30, 40 , 50, 60 & 70 (per row, see table 2) no of positions card thickness -02: .062 [1.58] thick card (use mec1-xx-s-d-x-x) plating specification -f: flash gold (use c-113-02-f) -l: light gold (use c-113-02-l) -s: selective gold (use c-113-02-s) -fm: flash gold (use c-113-02-f)/ matte tin tails -lm: light gold (use c-113-02-l)/ matte tin tails -sm: selective gold (use c-113-02-s)/ matte tin tails row specification -d: double row (use mec1-xx-x-d-x-x) polarized option (see table 2) -blank: body is polarized -np: no polarization (-05 thru -30 only) (use mec1-xx-x-d-n-x) other options -lc: locking clip (see fig. 2)(use lc-05-tm) -a: alignment pin (molded, see fig. 4, sht. 2) (use mec1-xx-x-d-x-a) -k: polyimide film pad (see fig. 6, sht. 2)(use k-500-300) -tr: tape & reel packaging (n/a in 70 position)(see fig. 5, sht. 2) .079 2.00 mec1-xx-x-d-n-x 02 01 39 40 -np: non-polarized option (available on -05, -08, -20 & -30 pos. only) (shown: mec1-120-02-x-d-np) packaging view tube: pt-1-24-01-69 plug: tp-07 .334 8.49 .356 - .002 + .004 9.04 - 0.05 + 0.10 90 3 c2 .535 - .000 + .005 13.59 0.00 + 0.13 in-process (fill step) c4 c mec1-120-02-x-d shown c3 tube: pt-1-24-01-70 plug: tp-29 for -k option no -k option sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01 [.3] 2 .xxx: .005 [.13] .xxxx: .0015 [.038] material: 1mm mini-edge card assembly by: mec1-1xx-xx-xx-d-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing kevin b 5/11/2000 2 1 sheet scale: 1.5:1 insulator: vectra e130i color: black contact: becu 190 hm c:\enterprisevault\dwg\misc\mktg\mec1-1xx-xx-xx-d-xx-xx-mkt.slddrw notes: 1. minimum pushout force: 10 oz. 2. coplanarity: pos -05 thru -26: .004 [.10] pos -27 thru -70: .006 [.15] 3. represents a critical dimension. 4. package all positions in tubes. (with -k option, use pt-1-24-01-70 tube & tp-29 tube plug) (without -k option, use pt-1-24-01-69 tube & tp-07 tube plug) 5. maximum cut flash: .010; flash not to extend below leads. 6. maximum allowable bow: .002 inch/inch after assembly. 7. maximum burr: .003[.08], burr direction to be opposite of solder pad area 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision ad
.035 ref 0.89 (typ) ({(no of pos +2) x .03937[1.0000]} + .0490[1.245]) ref mec1-xx-x-d-x-a fig. 4 -a: alignment pin option (molded) (shown: mec1-120-02-x-d-a) .0625 ref 1.59 .055 ref 1.40 "m" .310 7.87 "p" note: "m" = used measured dimension (ref) "p" = {("m" - .310 [7.87]) / 2} .020 [.51] fig. 6 -k: polyimide film pad option (shown: mec1-120-02-x-d-k) 01 15 39 02 16 40 .361 9.17 position 1 fig. 5 -tr: tape & reel packaging view (not drawn to scale) user direction of unreeling c8 .376 ref 9.55 .010 ref 0.25 ({(no of pos +2) x .03937[1.00]} + .0490[1.245]) .005[.13] 2 max sway (either direction) -lc option (shown: mec1-120-02-x-d-lc) fig.2 c5 .059 (typ) 1.50 .056 ref (typ) 1.42 lc-05-tm .0625 ref 1.588 sheet of 1mm mini-edge card assembly by: mec1-1xx-xx-xx-d-xx-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing kevin b 5/11/2000 2 2 sheet scale: 1.5:1 revision ad c:\enterprisevault\dwg\misc\mktg\mec1-1xx-xx-xx-d-xx-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of MEC1-130-02-L-D-NP-A-K-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X