Part Number Hot Search : 
1A66C 48S03 MPS6543 HDM16216 KBU8005 PZT358 IDD08871 100N6
Product Description
Full Text Search
 

To Download MCP6042IOT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 microchip technology inc. ds21669c-page 1 mcp6041/2/3/4 features ? low quiescent current: 600 na/amplifier (typical) ? rail-to-rail input/output ? gain bandwidth product: 14 khz (typical) ? wide supply voltage range: 1.4v to 6.0v ? unity gain stable ? available in single, dual, and quad ? chip select (cs ) with mcp6043 ? available in 5-lead and 6-lead sot-23 packages ? temperature ranges: - industrial: -40c to +85c - extended: -40c to +125c applications ? toll booth tags ? wearable products ? temperature measurement ?battery powered design aids ? spice macro models ? filterlab ? software ? mindi? circuit designer & simulator ? maps (microchip advanced part selector) ? analog demonstration and evaluation boards ? application notes related devices ? mcp6141/2/3/4: g = +10 stable op amps typical application description the mcp6041/2/3/4 family of operational amplifiers (op amps) from microchip te chnology inc. operate with a single supply voltage as low as 1.4v, while drawing less than 1 a (maximum) of quiescent current per amplifier. these devices are also designed to support rail-to-rail input and output operation. this combination of features supports ba ttery-powered and portable applications. the mcp6041/2/3/4 amplifiers have a gain-bandwidth product of 14 khz (typical) and are unity gain stable. these specifications make these op amps appropriate for low frequency applications, such as battery current monitoring and sensor conditioning. the mcp6041/2/3/4 family op erational amplifiers are offered in single (mcp6041), single with chip select (cs ) (mcp6043), dual (mcp6042), and quad (mcp6044) configurations. the mcp6041 device is available in the 5-lead sot-23 package, and the mcp6043 device is available in the 6-lead sot-23 package. package types v dd i dd mcp604x 100 k 1m 1.4v v out high side battery current sensor 10 to 6.0v i dd v dd v out ? 10 v/v () 10 () ? ----------------------------------------- - = v in + v in ? v ss v dd v out 1 2 3 4 8 7 6 5 nc nc nc mcp6041 pdip, soic, msop mcp6042 pdip, soic, msop mcp6043 pdip, soic, msop mcp6044 pdip, soic, tssop v ina + v ina ? v ss v outb v inb ? 1 2 3 4 8 7 6 5 v inb + v dd v outa v in + v in ? v ss v dd v out 1 2 3 4 8 7 6 5 nc cs nc v ina + v ina ? v dd v ind ? v ind + 1 2 3 4 14 13 12 11 v ss v outd v outa v inb ? v inb + v outb v inc + v inc ? 5 6 7 10 9 8 v outc v in + v ss v in ? 1 2 3 5 4 v dd v out mcp6041 sot-23-5 v in + v ss v in ? 1 2 3 6 4 v dd v out mcp6043 sot-23-6 5 cs 600 na, rail-to-rail input/output op amps
mcp6041/2/3/4 ds21669c-page 2 ? 2008 microchip technology inc. 1.0 electrical characteristics absolute maximum ratings ? v dd ?v ss ........................................................................7.0v current at input pins .....................................................2 ma analog inputs (v in +, v in ?) ............. v ss ? 1.0v to v dd +1.0v all other inputs and outputs .......... v ss ? 0.3v to v dd +0.3v difference input voltage ...................................... |v dd ?v ss | output short circuit current ..................................continuous current at output and supply pins ............................30 ma storage temperature....................................?65c to +150c junction temperature.................................................. +150c esd protection on all pins (hbm; mm) ................ 4 kv; 200v ? notice: stresses above those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rati ng only and functional operation of the device at those or any other conditions above those indicated in the operational listi ngs of this specification is not implied. exposure to maximu m rating conditions for extended periods may affect device reliability. ?? see section 4.1 ?rail-to-rail input? dc electrical characteristics electrical characteristics: unless otherwise indicated, v dd = +1.4v to +5.5v, v ss =gnd, t a = 25c, v cm =v dd /2, v out v dd /2, v l =v dd /2, and r l = 1 m to v l (refer to figure 1-2 and figure 1-3 ). parameters sym min typ max units conditions input offset input offset voltage v os -3 ? +3 mv v cm = v ss drift with temperature v os / t a ?2?v/cv cm = v ss , t a = -40c to +85c v os / t a ?15?v/cv cm = v ss , t a = +85c to +125c power supply rejection psrr 70 85 ? db v cm = v ss input bias current and impedance input bias current i b ?1?pa industrial temperature i b ? 20 100 pa t a = +85 extended temperature i b ? 1200 5000 pa t a = +125 input offset current i os ?1?pa common mode input impedance z cm ?10 13 ||6 ? ||pf differential input impedance z diff ?10 13 ||6 ? ||pf common mode common-mode input range v cmr v ss ? 0.3 ? v dd +0.3 v common-mode rejection ratio cmrr 62 80 ? db v dd = 5v, v cm = -0.3v to 5.3v cmrr 60 75 ? db v dd = 5v, v cm = 2.5v to 5.3v cmrr 60 80 ? db v dd = 5v, v cm = -0.3v to 2.5v open-loop gain dc open-loop gain (large signal) a ol 95 115 ? db r l = 50 k to v l , v out = 0.1v to v dd ? 0.1v output maximum output voltage swing v ol , v oh v ss +10 ? v dd ? 10 mv r l = 50 k to v l , 0.5v input overdrive linear region output voltage swing v ovr v ss + 100 ? v dd ? 100 mv r l = 50 k to v l , a ol 95 db output short circuit current i sc ?2?mav dd = 1.4v i sc ?20?mav dd = 5.5v power supply supply voltage v dd 1.4 ? 6.0 v (note 1) quiescent current per amplifier i q 0.3 0.6 1.0 a i o = 0 note 1: all parts with date codes november 2007 and later have been screened to ensure operation at v dd = 6.0v. however, the other minimum and maximum specifications are measured at 1.4v and/or 5.5v.
? 2008 microchip technology inc. ds21669c-page 3 mcp6041/2/3/4 ac electrical characteristics mcp6043 chip select (cs ) electrical characteristics figure 1-1: chip select (cs ) timing diagram (mcp6043 only). electrical characteristics: unless otherwise indicated, v dd = +1.4v to +5.5v, v ss =gnd, t a = 25c, v cm =v dd /2, v out v dd /2, v l =v dd /2, r l = 1 m to v l , and c l = 60 pf (refer to figure 1-2 and figure 1-3 ). parameters sym min typ max units conditions ac response gain bandwidth product gbwp ? 14 ? khz slew rate sr ? 3.0 ? v/ms phase margin pm ? 65 ? g = +1 v/v noise input voltage noise e ni ?5.0?v p-p f = 0.1 hz to 10 hz input voltage noise density e ni ?170?nv/ hz f = 1 khz input current noise density i ni ?0.6?fa/ hz f = 1 khz electrical characteristics: unless otherwise indicated, v dd = +1.4v to +5.5v, v ss =gnd, t a = 25c, v cm =v dd /2, v out v dd /2, v l =v dd /2, r l = 1 m to v l , and c l = 60 pf (refer to figure 1-2 and figure 1-3 ). parameters sym min typ max units conditions cs low specifications cs logic threshold, low v il v ss ?v ss +0.3 v cs input current, low i csl ?5?pacs = v ss cs high specifications cs logic threshold, high v ih v dd ?0.3 ? v dd v cs input current, high i csh ?5?pacs = v dd cs input high, gnd current i ss ?-20? pacs = v dd amplifier output leakage, cs high i oleak ?20?pacs = v dd dynamic specifications cs low to amplifier output turn-on time t on ? 2 50 ms g = +1v/v, cs = 0.3v to v out = 0.9v dd /2 cs high to amplifier output high-z t off ? 10 ? s g = +1v/v, cs = v dd ?0.3v to v out = 0.1v dd /2 hysteresis v hyst ?0.6? vv dd = 5.0v v il high-z t on v ih cs t off v out -20 pa high-z i ss i cs 5pa -20 pa -0.6 a (typical) (typical) (typical) (typical)
mcp6041/2/3/4 ds21669c-page 4 ? 2008 microchip technology inc. temperature characteristics 1.1 test circuits the test circuits used for the dc and ac tests are shown in figure 1-2 and figure 1-3 . the bypass capacitors are laid out according to the rules discussed in section 4.6 ?supply bypass? . figure 1-2: ac and dc test circuit for most non-inverting gain conditions. figure 1-3: ac and dc test circuit for most inverting gain conditions. electrical characteristics: unless otherwise indicated, v dd = +1.4v to +5.5v, v ss =gnd. parameters sym min typ max units conditions temperature ranges specified temperature range t a -40 ? +85 c industrial temperature parts t a -40 ? +125 c extended temperature parts operating temperature range t a -40 ? +125 c (note 1) storage temperature range t a -65 ? +150 c thermal package resistances thermal resistance, 5l-sot-23 ja ? 256 ? c/w thermal resistance, 6l-sot-23 ja ? 230 ? c/w thermal resistance, 8l-pdip ja ?85?c/w thermal resistance, 8l-soic ja ? 163 ? c/w thermal resistance, 8l-msop ja ? 206 ? c/w thermal resistance, 14l-pdip ja ?70?c/w thermal resistance, 14l-soic ja ? 120 ? c/w thermal resistance, 14l-tssop ja ? 100 ? c/w note 1: the mcp6041/2/3/4 family of industrial temperature op amps operates over this extended range, but with reduced performance. in any case, the internal junction temperature (t j ) must not exceed the absolute maximum specification of +150c. v dd mcp604x r g r f r n v out v in v dd /2 1f c l r l v l 0.1 f v dd mcp604x r g r f r n v out v dd /2 v in 1f c l r l v l 0.1 f
? 2008 microchip technology inc. ds21669c-page 5 mcp6041/2/3/4 2.0 typical performance curves note: unless otherwise indicated, t a = +25c, v dd = +1.4v to +6.0v, v ss =gnd, v cm =v dd /2, v out v dd /2, v l =v dd /2, r l =1m to v l , and c l =60pf. figure 2-1: input offset voltage. figure 2-2: input offset voltage drift with t a = -40c to +85c. figure 2-3: input offset voltage vs. common mode input voltage with v dd =1.4v. figure 2-4: input offset voltage drift with t a = +85c to +125c and v dd =1.4v. figure 2-5: input offset voltage drift with t a = +25c to +125c and v dd =5.5v. figure 2-6: input offset voltage vs. common mode input voltage with v dd =5.5v. note: the graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. the performance characteristics listed herein are not tested or guaranteed. in some graphs or tables, the data present ed may be outside the specified operating range (e.g., outside specified power suppl y range) and therefore outs ide the warranted range. 0% 1% 2% 3% 4% 5% 6% 7% 8% 9% 10% -3-2-10123 input offset voltage (mv) percentage of occurrences 1124 samples v dd = 1.4v and 5.5v v cm = v ss 0% 1% 2% 3% 4% 5% 6% 7% 8% 9% 10% 11% 12% -10-8-6-4-2 0 2 4 6 810 input offset voltage drift (v/c) percentage of occurrences 1124 samples t a = -40c to +85c v dd = 1.4v v cm = v ss -2000 -1500 -1000 -500 0 500 1000 1500 2000 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 common mode input voltage (v) input offset voltage (v) v dd = 1.4v representative part t a = +125c t a = +85c t a = +25c t a = -40c 0% 2% 4% 6% 8% 10% 12% 14% 16% 18% -32 -28 -24 -20 -16 -12 -8 -4 0 4 input offset voltage drift (v/c) percentage of occurrences 245 samples 1 representative lot t a = +85c to +125c v dd = 1.4v v cm = v ss 0% 2% 4% 6% 8% 10% 12% 14% 16% 18% 20% 22% 24% -32 -28 -24 -20 -16 -12 -8 -4 0 4 input offset voltage drift (v/c) percentage of occurrences 239 samples 1 representative lot t a = +85c to +125c v dd = 5.5v v cm = v ss -2000 -1500 -1000 -500 0 500 1000 1500 2000 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 common mode input voltage (v) input offset voltage (v) v dd = 5.5v representative part t a = +125c t a = +85c t a = +25c t a = -40c
mcp6041/2/3/4 ds21669c-page 6 ? 2008 microchip technology inc. note: unless otherwise indicated, t a = +25c, v dd = +1.4v to +6.0v, v ss =gnd, v cm =v dd /2, v out v dd /2, v l =v dd /2, r l =1m to v l , and c l =60pf. figure 2-7: input offset voltage vs. output voltage. figure 2-8: input noise voltage density vs. frequency. figure 2-9: cmrr, psrr vs. frequency. figure 2-10: the mcp6041/2/3/4 family shows no phase reversal. figure 2-11: input noise voltage density vs. common mode input voltage. figure 2-12: cmrr, psrr vs. ambient temperature. 250 300 350 400 450 500 0.00.51.01.52.02.53.03.54.04.55.05.5 output voltage (v) input offset voltage (v) v dd = 5.5v v dd = 1.4v 100 1000 0.1 1 10 100 1000 frequency (hz) input noise voltage density (nv/ hz) 20 30 40 50 60 70 80 90 0.1 1 10 100 1000 frequency (hz) cmrr, psrr (db) psrr ? psrr+ cmr r referred to input -1 0 1 2 3 4 5 6 0 5 10 15 20 25 time (5 ms/div) input, output voltages (v) v in v dd = 5.0v g = +2 v/v v out 0 50 100 150 200 250 300 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 common mode input voltage (v) input noise voltage density (nv/ ? hz) f = 1 khz v dd = 5.0v 70 75 80 85 90 95 100 -50-25 0 255075100125 mient temperature (c) srr, cmrr (db) srr (v cm = v ss ) cmrr (v dd = 5.0v, v cm = -0.3v to +5.3v)
? 2008 microchip technology inc. ds21669c-page 7 mcp6041/2/3/4 note: unless otherwise indicated, t a = +25c, v dd = +1.4v to +6.0v, v ss =gnd, v cm =v dd /2, v out v dd /2, v l =v dd /2, r l =1m to v l , and c l =60pf. figure 2-13: input bias, offs et currents vs. ambient temperature. figure 2-14: open-loop gain, phase vs. frequency. figure 2-15: dc open-loop gain vs. power supply voltage. figure 2-16: input bias, offset currents vs. common mode input voltage. figure 2-17: dc open-loop gain vs. load resistance. figure 2-18: dc open-loop gain vs. output voltage headroom. 0.1 1 10 100 1000 10000 45 55 65 75 85 95 105 115 125 ambient temperature (c) input bias and offset currents (pa) | i os | i b v dd = 5.5v v cm = v dd 0.1 1 10 100 1k 10k -20 0 20 40 60 80 100 120 1.e- 03 1.e- 02 1.e- 01 1.e+ 00 1.e+ 01 1.e+ 02 1.e+ 03 1.e+ 04 1.e+ 05 frequency (hz) open-loop gain (db) -210 -180 -150 -120 -90 -60 -30 0 open-loop phase () 0.001 0.01 0.1 1 10 100 1k 10k 100k gain phase 80 90 100 110 120 130 140 1.01.52.02.53.03.54.04.55.05.5 power supply voltage (v) dc open-loop gain (db) r l = 50 k ? v dd = 5.0v v out = 0.1v to v dd - 0.1v 0.1 1 10 100 1000 10000 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 common mode input voltage (v) input bias and offset currents (pa) v dd = 5.5v | i os | i b 0.1 1 10 100 1k 10k t a = +125c t a = +85c 60 70 80 90 100 110 120 130 1.e+02 1.e+03 1.e+04 1.e+05 load resistance ( : ) dc open-loop gain (db) v dd = 1.4v 100 1k 10k 100k v out = 0.1v to v dd C 0.1v v dd = 5.5v 80 90 100 110 120 130 140 0.00 0.05 0.10 0.15 0.20 0.25 output voltage headroom; v dd C v oh or v ol C v ss (v) dc open-loop gain (db) r l = 50 k  v dd = 5.5v v dd = 1.4v
mcp6041/2/3/4 ds21669c-page 8 ? 2008 microchip technology inc. note: unless otherwise indicated, t a = +25c, v dd = +1.4v to +6.0v, v ss =gnd, v cm =v dd /2, v out v dd /2, v l =v dd /2, r l =1m to v l , and c l =60pf. figure 2-19: channel-to-channel separation vs. frequency (mcp6042 and mcp6044 only). figure 2-20: gain bandwidth product, phase margin vs. ambient temperature with v dd =1.4v. figure 2-21: quiescent current vs. power supply voltage. figure 2-22: gain bandwidth product, phase margin vs. common mode input voltage. figure 2-23: gain bandwidth product, phase margin vs. ambient temperature with v dd =5.5v. figure 2-24: output short circuit current vs. power supply voltage. 60 70 80 90 100 110 120 130 1.e+02 1.e+03 1.e+04 frequency (hz) channel to channel separation (db) 100 1k 10k input referred 0 2 4 6 8 10 12 14 16 18 -50-25 0 255075100125 ambient temperature (c) gain bandwidth product (khz) 0 10 20 30 40 50 60 70 80 90 phase margin () pm (g = +1) gbwp v dd = 1.4v 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 power supply voltage (v) quiescent current (a/amplifier) t a = +125c t a = +85c t a = +25c t a = -40c 0 2 4 6 8 10 12 14 16 18 20 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 common mode input voltage gain bandwidth product (khz) 0 10 20 30 40 50 60 70 80 90 100 phase margin () pm (g = +1) gbwp v dd = 5.0v r l = 100 k ?
? 2008 microchip technology inc. ds21669c-page 9 mcp6041/2/3/4 note: unless otherwise indicated, t a = +25c, v dd = +1.4v to +6.0v, v ss =gnd, v cm =v dd /2, v out v dd /2, v l =v dd /2, r l =1m to v l , and c l =60pf. figure 2-25: output voltage headroom vs. output current magnitude. figure 2-26: slew rate vs. ambient temperature. figure 2-27: small signal non-inverting pulse response. figure 2-28: output voltage headroom vs. ambient temperature. figure 2-29: maximum output voltage swing vs. frequency. figure 2-30: small signal inverting pulse response. 1 10 100 1000 0.01 0.1 1 10 output current magnitude (ma) output voltage headroom; v dd ? v oh or v ol ? v ss (mv) v dd ? v oh v ol ? v ss 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 -50 -25 0 25 50 75 100 125 ambient temperature (c) slew rate (v/ms) high-to-low low-to-high v dd = 1.4v v dd = 5.5v -25 -20 -15 -10 -5 0 5 10 15 20 25 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 time (100 s/div) output voltage (5mv/div) g = +1 v/v r l = 50 k ? 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 -50 -25 0 25 50 75 100 125 ambient temperature (c) output voltage headroom, v dd ? v oh or v ol ? v ss (mv) v ol ? v ss v dd ? v oh v dd = 5.5v r l = 50 k ? 0.1 1 10 1.e+01 1.e+02 1.e+03 1.e+04 frequency (hz) maximum output voltage swing (v p-p ) 10 100 1k 10k v dd = 5.5v v dd = 1.4v -25 -20 -15 -10 -5 0 5 10 15 20 25 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 time (100 s/div) voltage (5 mv/div) g = -1 v/v r l = 50 k ?
mcp6041/2/3/4 ds21669c-page 10 ? 2008 microchip technology inc. note: unless otherwise indicated, t a = +25c, v dd = +1.4v to +6.0v, v ss =gnd, v cm =v dd /2, v out v dd /2, v l =v dd /2, r l =1m to v l , and c l =60pf. figure 2-31: large signal non-inverting pulse response. figure 2-32: chip select (cs ) to amplifier output response time (mcp6043 only). figure 2-33: input current vs. input voltage (below v ss ). figure 2-34: large signal inverting pulse response. figure 2-35: chip select (cs ) hysteresis (mcp6043 only). 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 012345678910 time (1 ms/div) output voltage (v) v dd = 5.0v g = +1 v/v r l = 50 k ? -20.0 -17.5 -15.0 -12.5 -10.0 -7.5 -5.0 -2.5 0.0 2.5 5.0 7.5 012345678910 time (1 ms/div) cs voltage (v) -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 output voltage (v) v dd = 5.0v v out high-z high-z output on cs 1.e-12 1.e-11 1.e-10 1.e-09 1.e-08 1.e-07 1.e-06 1.e-05 1.e-04 1.e-03 1.e-02 -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 input voltage (v) input current magnitude (a) +125c +85c +25c -40c 10m 1m 100 10 1 100n 10n 1n 100p 10p 1p 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 012345678910 time (1 ms/div) output voltage (v) v dd = 5.0v g = -1 v/v r l = 50 k ? -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.00.51.01.52.02.53.03.54.04.55.0 cs input voltage (v) internal cs switch output (v) v out active v out high-z v dd = 5.0v hysteresis cs high-to-low cs low-to-high
? 2008 microchip technology inc. ds21669c-page 11 mcp6041/2/3/4 3.0 pin descriptions descriptions of the pins are listed in table 3-1 . table 3-1: pin function table 3.1 analog outputs the output pins are low-impedance voltage sources. 3.2 analog inputs the non-inverting and inverting inputs are high-imped- ance cmos inputs with low bias currents. 3.3 chip select digital input this is a cmos, schmitt-triggered input that places the part into a low power mode of operation. 3.4 power supply pins the positive power supply pin (v dd ) is 1.4v to 6.0v higher than the negative power supply pin (v ss ). for normal operation, the other pins are at voltages between v ss and v dd . typically, these parts are used in a single (positive) supply configuration. in this case, v ss is connected to ground and v dd is connected to the supply. v dd will need bypass capacitors. mcp6041 mcp6042 mcp6043 mcp6044 symbol description pdip, soic, msop sot-23-5 pdip, soic, msop pdip, soic, msop sot-23-6 pdip, soic, tssop 61 161 1v out ,v outa analog output (op amp a) 24 224 2v in ?, v ina ? inverting input (op amp a) 33 333 3v in +, v ina + non-inverting input (op amp a) 75 876 4 v dd positive po wer supply ?? 5?? 5 v inb + non-inverting input (op amp b) ?? 6?? 6 v inb ? inverting input (op amp b) ?? 7?? 7v outb analog output (op amp b) ?? ??? 8v outc analog output (op amp c) ?? ??? 9 v inc ? inverting input (op amp c) ?? ??? 10v inc + non-inverting input (op amp c) 42 442 11v ss negative power supply ?? ??? 12v ind + non-inverting input (op amp d) ?? ??? 13v ind ? inverting input (op amp d) ?? ??? 14v outd analog output (op amp d) ?? ?8 5 ? cs chip select 1, 5, 8 ? ? 1, 5 ? ? nc no internal connection
mcp6041/2/3/4 ds21669c-page 12 ? 2008 microchip technology inc. 4.0 applications information the mcp6041/2/3/4 family of op amps is manufactured using microchip?s state of the art cmos process these op amps are unity gain stable and suitable for a wide range of general purpose, low power applications. see microchip?s related mcp6141/2/3/4 family of op amps for applications, at a gain of 10 v/v or higher, needing greater bandwidth. 4.1 rail-to-rail input 4.1.1 phase reversal the mcp6041/2/3/4 op amps are designed to not exhibit phase inversion when the input pins exceed the supply voltages. figure 2-10 shows an input voltage exceeding both supplies with no phase inversion. 4.1.2 input voltage and current limits the esd protection on the inputs can be depicted as shown in figure 4-1 . this structure was chosen to protect the input transistors, and to minimize input bias current (i b ). the input esd diodes clamp the inputs when they try to go more than one diode drop below v ss . they also clamp any voltages that go too far above v dd ; their breakdown voltage is high enough to allow normal operation, and low enough to bypass quick esd events within the specified limits. figure 4-1: simplified analog input esd structures. in order to prevent damage and/or improper operation of these amplifiers, the circ uit must limit the currents (and voltages) at the input pins (see absolute maxi- mum ratings ? at the beginning of section 1.0 ?elec- trical characteristics? ). figure 4-2 shows the recommended approach to protecting these inputs. the internal esd diodes prevent the input pins (v in + and v in ?) from going too far below ground, and the resistors r 1 and r 2 limit the possible current drawn out of the input pins. diodes d 1 and d 2 prevent the input pins (v in + and v in ?) from going too far above v dd , and dump any currents onto v dd . when implemented as shown, resistors r 1 and r 2 also limit the current through d 1 and d 2 . figure 4-2: protecting the analog inputs. it is also possible to connect the diodes to the left of the resistor r 1 and r 2 . in this case, the currents through the diodes d 1 and d 2 need to be limited by some other mechanism. the resistors th en serve as in-rush current limiters; the dc current into the input pins (v in + and v in ?) should be very small. a significant amount of current can flow out of the inputs (through the esd diodes) when the common mode voltage (v cm ) is below ground (v ss ); see figure 2-33 . applications that are high impedance may need to limit the useable voltage range. 4.1.3 normal operation the input stage of the mc p6041/2/3/4 op amps uses two differential input stages in parallel. one operates at a low common mode input voltage (v cm ), while the other operates at a high v cm . with this topology, the device operates with a v cm up to 300 mv above v dd and 300 mv below v ss . the input offset voltage is measured at v cm =v ss ? 0.3v and v dd + 0.3v to ensure proper operation. there are two transitions in input behavior as v cm is changed. the first occurs, when v cm is near v ss + 0.4v, and the second occurs when v cm is near v dd ? 0.5v (see figure 2-3 and figure 2-6 ). for the best distortion performanc e with non-inverting gains, avoid these regions of operation. bond pad bond pad bond pad v dd v in + v ss input stage bond pad v in ? v 1 mcp604x r 1 v dd d 1 r 1 > v ss ? (minimum expected v 1 ) 2ma v out r 2 > v ss ? (minimum expected v 2 ) 2ma v 2 r 2 d 2 r 3
? 2008 microchip technology inc. ds21669c-page 13 mcp6041/2/3/4 4.2 rail-to-rail output there are two specifications that describe the output swing capability of the mcp6041/2/3/4 family of op amps. the first specification (maximum output voltage swing) defines the absolut e maximum swing that can be achieved under the specif ied load condition. thus, the output voltage swings to within 10 mv of either sup- ply rail with a 50 k load to v dd /2. figure 2-10 shows how the output voltage is lim ited when the input goes beyond the linear region of operation. the second specification that describes the output swing capability of these amp lifiers is the linear output voltage range. this specification defines the maxi- mum output swing that can be achieved while the amplifier still operates in its linear region. to verify linear operation in this range, the large signal dc open-loop gain (a ol ) is measured at points inside the supply rails. the measuremen t must meet the specified a ol condition in the specification table. 4.3 output loads and battery life the mcp6041/2/3/4 op amp family has outstanding quiescent current, which supports battery-powered applications. there is minimal quiescent current glitching when chip select (cs ) is raised or lowered. this prevents excessive current draw, and reduced battery life, when the part is turned off or on. heavy resistive loads at the output can cause excessive battery drain. driving a dc voltage of 2.5v across a 100 k load resistor will cause the supply cur- rent to increase by 25 a, depleting the battery 43 times as fast as i q (0.6 a, typical) alone. high frequency signals (fast edge rate) across capacitive loads will also significantly increase supply current. for instance, a 0.1 f capacitor at the output presents an ac impedance of 15.9 k (1/2 fc) to a 100 hz sinewave. it can be shown that the average power drawn from the battery by a 5.0 v p-p sinewave (1.77 v rms ), under these conditions, is equation 4-1: this will drain the battery 18 times as fast as i q alone. 4.4 capacitive loads driving large capacitive loads can cause stability problems for voltage feedback op amps. as the load capacitance increases, the feedback loop?s phase margin decreases and the closed-loop bandwidth is reduced. this produces gain peaking in the frequency response, with overshoot and ringing in the step response. a unity gain buffer (g = +1) is the most sensitive to capacitive loads, although all gains show the same general behavior. when driving large capacitive loads with these op amps (e.g., > 60 pf when g = +1), a small series resistor at the output (r iso in figure 4-3 ) improves the feedback loop?s phase margin (stability) by making the output load resistive at higher frequencies. the bandwidth will be generally lower than the bandwidth with no capacitive load. figure 4-3: output resistor, r iso stabilizes large capacitive loads. figure 4-4 gives recommended r iso values for different capacitive loads and gains. the x-axis is the normalized load capacitance (c l /g n ), where g n is the circuit?s noise gain. for non-inverting gains, g n and the signal gain are equal. for inverting gains, g n is 1+|signal gain| (e.g., -1 v/v gives g n =+2v/v). figure 4-4: recommended r iso values for capacitive loads. after selecting r iso for your circuit, double check the resulting frequency response peaking and step response overshoot. modify r iso ?s value until the response is reasonable. bench evaluation and simulations with the mcp6041/2/3/4 spice macro model are helpful. p supply = (v dd - v ss ) (i q + v l(p-p) f c l ) = (5v)(0.6 a + 5.0v p-p 100hz 0.1f) = 3.0 w + 50 w v in mcp604x r iso v out c l 1,000 10,000 100,000 1.e+01 1.e+02 1.e+03 1.e+04 normalized load capacitance; c l /g n (f) recommended r iso ( : ) 10p 1k 100k 100p g n = +1 g n = +2 g n t +5 10k 10n 1n
mcp6041/2/3/4 ds21669c-page 14 ? 2008 microchip technology inc. 4.5 mcp6043 chip select the mcp6043 is a single op amp with chip select (cs ). when cs is pulled high, the supply current drops to 50 na (typical) and flows through the cs pin to v ss . when this happens, the amplifier output is put into a high impedance state. by pulling cs low, the amplifier is enabled. if the cs pin is left floating, the amplifier may not operate properly. figure 1-1 shows the output voltage and supply current response to a cs pulse. 4.6 supply bypass with this family of operat ional amplifiers, the power supply pin (v dd for single supply) should have a local bypass capacitor (i.e., 0.01 f to 0.1 f) within 2 mm for good high frequency performance. it can use a bulk capacitor (i.e., 1 f or large r) within 100 mm to provide large, slow currents. this bulk capacitor is not required for most applications and can be shared with nearby analog parts. 4.7 unused op amps an unused op amp in a quad package (mcp6044) should be configured as shown in figure 4-5 . these circuits prevent the output from toggling and causing crosstalk. circuits a sets the op amp at its minimum noise gain. the resistor divider produces any desired reference voltage within the ou tput voltage range of the op amp; the op amp buffers that reference voltage. circuit b uses the minimum number of components and operates as a comparator, but it may draw more current. figure 4-5: unused op amps. 4.8 pcb surface leakage in applications where low input bias current is critical, printed circuit board (pcb) surface leakage effects need to be considered. surf ace leakage is caused by humidity, dust or other contamination on the board. under low humidity conditions, a typical resistance between nearby traces is 10 12 . a 5v difference would cause 5 pa of current to flow, which is greater than the mcp6041/2/3/4 family?s bias current at +25c (1 pa, typical). the easiest way to reduce surface leakage is to use a guard ring around sensitive pins (or traces). the guard ring is biased at the same voltage as the sensitive pin. figure 4-6 shows an example of this type of layout. figure 4-6: example guard ring layout for inverting gain. 1. non-inverting gain and unity gain buffer: a) connect the non-inverting pin (v in +) to the input with a wire that does not touch the pcb surface. b) connect the guard ring to the inverting input pin (v in ?). this biases the guard ring to the common mode input voltage. 2. inverting gain and transimpedance gain (convert current to voltage, such as photo detectors) amplifiers: a) connect the guard ring to the non-inverting input pin (v in +). this biases the guard ring to the same reference voltage as the op amp (e.g., v dd /2 or ground). b) connect the inverting pin (v in ?) to the input with a wire that does not touch the pcb surface. v dd v dd ? mcp6044 (a) ? mcp6044 (b) r 1 r 2 v dd v ref v ref v dd r 2 r 1 r 2 + ------------------ ? = guard ring v in ?v in +
? 2008 microchip technology inc. ds21669c-page 15 mcp6041/2/3/4 4.9 application circuits 4.9.1 battery current sensing the mcp6041/2/3/4 op amps? common mode input range, which goes 0.3v beyond both supply rails, supports their use in high side and low side battery current sensing applications. the very low quiescent current (0.6 a, typical) help prolong battery life, and the rail-to-rail output supports detection low currents. figure 4-7 shows a high side battery current sensor circuit. the 10 resistor is sized to minimize power losses. the battery current (i dd ) through the 10 resistor causes its top terminal to be more negative than the bottom terminal. this keeps the common mode input voltage of the op amp below v dd , which is within its allowed range. the output of the op amp will also be below v dd , which is within its maximum output voltage swing specification. . figure 4-7: high side battery current sensor. 4.9.2 instrumentation amplifier the mcp6041/2/3/4 op amp is well suited for conditioning sensor signals in battery-powered applications. figure 4-8 shows a two op amp instru- mentation amplifier, using the mcp6042, that works well for applications requiring rejection of common mode noise at higher gains. the reference voltage (v ref ) is supplied by a low impedance source. in single supply applications, v ref is typically v dd /2. . figure 4-8: two op amp instrumentation amplifier. v dd i dd mcp604x 100 k 1m 1.4v v out 10 to 6.0v i dd v dd v out ? 10 v/v () 10 () ? ----------------------------------------- - = v out v 1 v 2 ? () 1 r 1 r 2 ----- - 2 r 1 r g --------- ++ ?? ?? v ref + = v ref r 1 r 2 r 2 r 1 v out r g v 2 v 1 ? mcp6042 ? mcp6042
mcp6041/2/3/4 ds21669c-page 16 ? 2008 microchip technology inc. 5.0 design aids microchip provides the basic design tools needed for the mcp6041/2/3/4 family of op amps. 5.1 spice macro model the latest spice macro mo del for the mcp6041/2/3/4 op amps is available on the microchip web site at www.microchip.com. this model is intended to be an initial design tool that works well in the op amp?s linear region of operation over t he temperature range. see the model file for information on its capabilities. bench testing is a very important part of any design and cannot be replaced with simulations. also, simulation results using this macro model need to be validated by comparing them to the data sheet specifications and characteristic curves. 5.2 filterlab ? software microchip?s filterlab ? software is an innovative software tool that simplifies analog active filter (using op amps) design. available at no cost from the microchip web site at www.m icrochip.com/filterlab, the filterlab design tool prov ides full schematic diagrams of the filter circuit with component values. it also outputs the filter circuit in spice format, which can be used with the macro model to simulate actual filter performance. 5.3 mindi? circuit designer & simulator microchip?s mindi? circuit designer & simulator aids in the design of various circuits useful for active filter, amplifier and power-management applications. it is a free online circuit designer & simulator available from the microchip web site at www.microchip.com/mindi. this interactive circuit designer & simulator enables designers to quickly generate circuit diagrams, simulate circuits. circuits developed using the mindi circuit designer & simulator can be downloaded to a personal computer or workstation. 5.4 maps (microchip advanced part selector) maps is a software tool that helps semiconductor professionals efficiently id entify microchip devices that fit a particular design requirement. available at no cost from the microchip website at www.microchip.com/ maps, the maps is an over all selection tool for microchip?s product portfolio that includes analog, memory, mcus and dscs. using this tool you can define a filter to sort features for a parametric search of devices and export side-by-side technical comparasion reports. helpful links are also provided for datasheets, purchase, and sampling of microchip parts. 5.5 analog demonstration and evaluation boards microchip offers a broad spectrum of analog demonstration and evaluat ion boards that are designed to help you achieve faster time to market. for a complete listing of these boards and their corresponding user?s guides and technical information, visit the microchip web si te at www.microchip.com/ analogtools. two of our boards that are especially useful are: ? p/n soic8ev: 8-pin soic/msop/tssop/dip evaluation board ? p/n soic14ev: 14-pin soic/tssop/dip evalu- ation board 5.6 application notes the following microchip application notes are avail- able on the microchip web site at www.microchip. com/ appnotes and are recommended as supplemental ref- erence resources. adn003: ?select the right operational amplifier for your filtering circuits?, ds21821 an722: ?operational amplifier topologies and dc specifications?, ds00722 an723: ?operational amplifier ac specifications and applications?, ds00723 an884: ?driving capacitive loads with op amps?, ds00884 an990: ?analog sensor conditioning circuits ? an overview?, ds00990 these application notes and others are listed in the design guide: ?signal chain design guide?, ds21825
? 2008 microchip technology inc. ds21669c-page 17 mcp6041/2/3/4 6.0 packaging information 6.1 package marking information 8-lead msop example : xxxxxx ywwnnn 6043i 722256 5-lead sot-23 ( mcp6041 ) example: xxnn sb25 device i-temp code e-temp code mcp6041/t-e/ot spnn sbnn 6-lead sot-23 ( mcp6043) example: xxnn sc25 legend: xx...x customer-specific information y year code (last digit of calendar year) yy year code (last 2 digits of calendar year) ww week code (week of january 1 is week ?01?) nnn alphanumeric traceability code pb-free jedec designator for matte tin (sn) * this package is pb-free. the pb -free jedec designator ( ) can be found on the outer packaging for this package. note : in the event the full microchip part nu mber cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e device i-temp code e-temp code mcp6043t-e/ch scnn sdnn xxxxxxxx xxxxxnnn yyww 8-lead pdip (300 mil) example : 8-lead soic (150 mil) example : xxxxxxxx xxxxyyww nnn mcp6041 i/p256 0722 mcp6042 i/sn0722 256 mcp6041 i/p 256 0722 mcp6042i sn 0722 256 3 e or or 3 e
mcp6041/2/3/4 ds21669c-page 18 ? 2008 microchip technology inc. package marking information (continued) 14-lead pdip (300 mil) ( mcp6044 )example : xxxxxxxxxxxxxx xxxxxxxxxxxxxx yywwnnn mcp6044 -i/p 0722256 mcp6044 0722256 e/p 3 e or 14-lead tssop ( mcp6044 ) example : 14-lead soic (150 mil) ( mcp6044 ) example: xxxxxxxxxx yywwnnn xxxxxxxx yyww nnn 6044st 0722 256 xxxxxxxxxx mcp6044isl 0722256 mcp6044 0722256 e/sl ^^ or 3 e 6044est 0722 256 or
? 2008 microchip technology inc. ds21669c-page 19 mcp6041/2/3/4 
 

       
   

   
  
 
 
  
  
 
 
   
         
  
     ! "#$ "   
 %
 &   '  
( (
 
     )
  
   *   ( +     
 , *   
 
   $--(((

- *  . /00/%1  
 0 /2 23 4 25
 , 2 ! 0 ,  6! "# 3   0 ,  6 "# 3'  7  6 8  ! 
  , *  %*  96 8 :  
   8 ! 3'  ;    8 : 
  , *  ;   : 8 9 3'  0   8 : )
 0 0  8 < )
 0 :! 8 9 )
  = 8 := 0 %*  9 8 < 0 ;  5  8 ! n b e e1 d 1 2 3 e e1 a a1 a2 c l l1 
 %

&  ( # >6"
mcp6041/2/3/4 ds21669c-page 20 ? 2008 microchip technology inc. 
 

  !      
   

   
  
 
 
  
  
 
 
   
         
  
     ! "#$ "   
 %
 &   '  
( (
 
     )
  
   *   ( +     
 , *   
 
   $--(((

- *  . /00/%1  
 0 /2 23 4 25
 , 2 < ,  6! "# 3   0 ,  6 "# 3'  7  6 8  ! 
  , *  %*  96 8 :  
   8 ! 3'  ;    8 : 
  , *  ;   : 8 9 3'  0   8 : )
 0 0  8 < )
 0 :! 8 9 )
  = 8 := 0 %*  9 8 < 0 ;  5  8 ! b e 4 n e1 pin1idby laser mark d 1 2 3 e e1 a a1 a2 c l l1 
 %

&  ( # >9"
? 2008 microchip technology inc. ds21669c-page 21 mcp6041/2/3/4 "
 # 

 $%##      ,  '        & ' &+ 5   5 
  (        
   

   
  
 
 
  
  
 
 
   
  !     :  
  
     ! "#$ "   
 %
 &   '  
( (
 
   1)$ 1  
+   & (
 
 + 
 
 
 

&   )
  
   *   ( +     
 , *   
 
   $--(((

- *  . /00/%1  
 0 /2 23 4 25
 , 2 9 ,    , *  %*  ! 9! 6!  
   8 ! 3'  ;   6 "# 
  , *  ;   : "# 3'  0  : "# )
 0 0   < 9 )
 0 6! 1) )
  = 8 9= 0 %*  9 8 : 0 ;  5  8   d n e e1 note 1 1 2 e b a a1 a2 c l1 l 
 %

&  ( # >"
mcp6041/2/3/4 ds21669c-page 22 ? 2008 microchip technology inc. "
 &
'  ())
*+ &'      ,  '        & ' &+ 5   5 
  (       ?   #    :  
   

   
  
 
 
  
  
 
 
   
  @      
  
     ! "#$ "   
 %
 &   '  
( (
 
     )
  
   *   ( +     
 , *   
 
   $--(((

- *  . /2#7  
 0 /2 23 4 25
 , 2 9 ,   "# %
 
  ,   8 8  
  , *  %*  ! : 6! "  
  ,   ! 8 8 
  

  ;   6 : :! 
  , *  ;     ! 9 3'  0  : 9 :   ,  0 ! : ! 0 %*  9  ! . 0 ;  5   <  0
( 0 ;  5  9  3'  1
(   ? " 8 8  : n e1 note 1 d 12 3 a a1 a2 l b1 b e e eb c 
 %

&  ( # >9"
? 2008 microchip technology inc. ds21669c-page 23 mcp6041/2/3/4 ,-
 &
'  ())
*+ &'      ,  '        & ' &+ 5   5 
  (       ?   #    :  
   

   
  
 
 
  
  
 
 
   
  @      
  
     ! "#$ "   
 %
 &   '  
( (
 
     )
  
   *   ( +     
 , *   
 
   $--(((

- *  . /2#7  
 0 /2 23 4 25
 , 2  ,   "# %
 
  ,   8 8  
  , *  %*  ! : 6! "  
  ,   ! 8 8 
  

  ;   6 : :! 
  , *  ;     ! 9 3'  0  :! ! ! % 
  ,  0 ! : ! 0 %*  9  ! . 0 ;  5  ! <  0
( 0 ;  5  9  3'  1
(   ? " 8 8  : n e1 d note 1 12 3 e c eb a2 l a a1 b1 be 
 %

&  ( # >!"
mcp6041/2/3/4 ds21669c-page 24 ? 2008 microchip technology inc. "
 

(./01)*+'      ,  '        & ' &+ 5   5 
  (       ?   #    :  
   

   
  
 
 
  
  
 
 
   
  !       
  
     ! "#$ "   
 %
 &   '  
( (
 
   1)$ 1  
+   & (
 
 + 
 
 
 

&   )
  
   *   ( +     
 , *   
 
   $--(((

- *  . /00/%1  
 0 /2 23 4 25
 , 2 9 ,   "# 3'  7  8 8 ! 
  , *  %*  ! 8 8  
 ?   8 ! 3'  ;   < "# 
  , *  ;   :6 "# 3'  0  6 "# #  a

 b  ! 8 ! )
 0 0   8  )
 0  1) )
  = 8 9= 0 %*   8 ! 0 ;  5 : 8 ! 
    %
 != 8 != 
    "

 != 8 != d n e e e1 note 1 12 3 b a a1 a2 l l1 c h h 
 %

&  ( # >!"
? 2008 microchip technology inc. ds21669c-page 25 mcp6041/2/3/4 "
 

(./01)*+'    )
  
   *   ( +     
 , *   
 
   $--(((

- * 
mcp6041/2/3/4 ds21669c-page 26 ? 2008 microchip technology inc. ,-
 

(./01)*+'      ,  '        & ' &+ 5   5 
  (       ?   #    :  
   

   
  
 
 
  
  
 
 
   
  !       
  
     ! "#$ "   
 %
 &   '  
( (
 
   1)$ 1  
+   & (
 
 + 
 
 
 

&   )
  
   *   ( +     
 , *   
 
   $--(((

- *  . /00/%1  
 0 /2 23 4 25
 , 2  ,   "# 3'  7  8 8 ! 
  , *  %*  ! 8 8  
 ?   8 ! 3'  ;   < "# 
  , *  ;   :6 "# 3'  0  9
 b  ! 8 ! )
 0 0   8  )
 0  1) )
  = 8 9= 0 %*   8 ! 0 ;  5 : 8 ! 
    %
 != 8 != 
    "

 != 8 != note 1 n d e e1 1 23 b e a a1 a2 l l1 c h h 
 %

&  ( # > ? 2008 microchip technology inc. ds21669c-page 27 mcp6041/2/3/4 ,-
 2 2 $

(-0-*+      ,  '        & ' &+ 5   5 
  (        
   

   
  
 
 
  
  
 
 
   
  !     :  
  
     ! "#$ "   
 %
 &   '  
( (
 
   1)$ 1  
+   & (
 
 + 
 
 
 

&   )
  
   *   ( +     
 , *   
 
   $--(((

- *  . /00/%1  
 0 /2 23 4 25
 , 2  ,    , *  %*  9  !  
  ! 8 ! 3'  ;   <  "# 
  , *  ;   :   ! 
  , *  0  6 ! ! )
 0 0  ! < ! )
 0  1) )
  = 8 9= 0 %*  6 8  0 ;  5 6 8 : note 1 d n e e1 1 2 e b c a a1 a2 l1 l 
 %

&  ( # >9"
mcp6041/2/3/4 ds21669c-page 28 ? 2008 microchip technology inc. notes:
? 2008 microchip technology inc. ds21669c-page 29 mcp6041/2/3/4 appendix a: revision history revision c (february 2008) the following is the list of modifications: 1. updated figure 2-4 and figure 2-5. 2. updated trademark and sales listing pages. 3. expanded this op amp family: 4. added the sot-23-6 package for the mcp6043 op amp with chip select. 5. added extended temperature (-40c to +125c) parts. 6. expanded analog input absolute max voltage range (applies retroactively). 7. expanded operating v dd to a maximum of 6.0v. 8. section 1.0 ?electri cal characteristics? updated. 9. section 2.0 ?typical performance curves? updated. 10. section 3.0 ?pin descriptions? added. 11. section 4.0 ?applications information? . 12. added section 4.7 ?unused op amps? . 13. updated input stage explanation. 14. section 5.0 ?design aids? updated. 15. section 6.0 ?packaging information? . 16. added sot-23-6 package. 17. corrected package marking information. 18. appendix a: ?revision history? added. revision b (june 2002) the following is the list of modifications. ? undocumented changes. revision a (august 2001) ? original data sheet release.
mcp6041/2/3/4 ds21669c-page 30 ? 2008 microchip technology inc. notes:
? 2008 microchip technology inc. ds21669c-page 31 mcp6041/2/3/4 product identification system to order or obtain information, e.g., on pricing or de livery, refer to the factory or the listed sales office . part no. x /xx package temperature range device mcp6041: single op amp mcp6041t single op amp (tape and reel for sot-23, soic, msop) mcp6042 dual op amp mcp6042t dual op amp (tape and reel for soic and msop) mcp6043 single op amp w/ chip select mcp6043t single op amp w/ chip select (tape and reel for sot-23, soic, msop) mcp6044 quad op amp mcp6044t quad op amp (tape and reel for soic and tssop) temperature range i = -40c to +85c e = -40c to +125c package ch = plastic small outline transistor (sot-23), 6-lead (tape and reel - mcp6043 only) ms = plastic micro small outline (msop), 8-lead ot = plastic small outline transistor (sot-23), 5-lead (tape and reel - mcp6041 only) p = plastic dip (300 mil body), 8-lead, 14-lead sl = plastic soic (150 mil body), 14-lead sn = plastic soic (150 mil body), 8-lead st = plastic tssop (4.4 mm body), 14-lead examples: a) mcp6041-i/p: industrial temp., 8ld pdip package. b) mcp6041t-e/ot: tape and reel, extended temp., 5ld sot-23 package. a) mcp6042-i/sn: industrial temp., 8ld soic package. b) mcp6042t-e/ms: tape and reel, extended temp., 5ld sot-23 package. a) mcp6043-i/p: industrial temp., 8ld pdip package. b) mcp6043t-e/ch: tape and reel, extended temp., 6ld sot-23 package. a) mcp6044-i/sl: industrial temp., 14ld pdip package. b) mcp6044t-e/st: tape and reel, extended temp., 14ld tssop package.
mcp6041/2/3/4 ds21669c-page 32 ? 2008 microchip technology inc. notes:
? 2008 microchip technology inc. ds21669c-page 33 information contained in this publication regarding device applications and the like is prov ided only for your convenience and may be superseded by updates. it is your responsibility to ensure that your application me ets with your specifications. microchip makes no representations or warranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its condition, quality, performance, merchantability or fitness for purpose . microchip disclaims all liability arising from this information and its use. use of microchip devices in life support and/or safe ty applications is entirely at the buyer?s risk, and the buyer agrees to defend, indemnify and hold harmless microchip from any and all damages, claims, suits, or expenses resulting fr om such use. no licenses are conveyed, implicitly or ot herwise, under any microchip intellectual property rights. trademarks the microchip name and logo, the microchip logo, accuron, dspic, k ee l oq , k ee l oq logo, mplab, pic, picmicro, picstart, pro mate, rfpic and smartshunt are registered trademarks of microchip te chnology incorporated in the u.s.a. and other countries. filterlab, linear active thermistor, mxdev, mxlab, seeval, smartsensor and the embedded control solutions company are registered tradema rks of microchip technology incorporated in the u.s.a. analog-for-the-digital age, a pplication maestro, codeguard, dspicdem, dspicdem.net, dspicworks, dsspeak, ecan, economonitor, fansense, in-circuit serial programming, icsp, icepic, mindi, miwi, mpasm, mplab certified logo, mplib, mplink, mtouch, pickit, picdem, picdem.net, pictail, pic 32 logo, powercal, powerinfo, powermate, powertool, real ice, rflab, select mode, total endurance, uni/o, wiperlock and zena are trademarks of microchip technology incorporated in the u.s.a. and other countries. sqtp is a service mark of mi crochip technology incorporated in the u.s.a. all other trademarks mentioned herein are property of their respective companies. ? 2008, microchip technology incorporated, printed in the u.s.a., all rights reserved. printed on recycled paper. note the following details of the code protection feature on microchip devices: ? microchip products meet the specification cont ained in their particular microchip data sheet. ? microchip believes that its family of products is one of the mo st secure families of its kind on the market today, when used i n the intended manner and under normal conditions. ? there are dishonest and possibly illegal meth ods used to breach the code protection fe ature. all of these methods, to our knowledge, require using the microchip pr oducts in a manner outside the operating specif ications contained in microchip?s data sheets. most likely, the person doing so is engaged in theft of intellectual property. ? microchip is willing to work with the customer who is concerned about the integrity of their code. ? neither microchip nor any other semiconduc tor manufacturer can guarantee the security of their code. code protection does not mean that we are guaranteeing the product as ?unbreakable.? code protection is constantly evolving. we at microchip are committed to continuously improving the code protection features of our products. attempts to break microchip?s c ode protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your softwa re or other copyrighted work, you may have a right to sue for relief under that act. microchip received iso/ts-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona; gresham, oregon and design centers in california and india. the company?s quality system processes and procedures are for its pic ? mcus and dspic ? dscs, k ee l oq ? code hopping devices, serial eeproms, microperi pherals, nonvolatile memory and analog products. in addition, microchip?s quality system for the design and manufacture of development systems is iso 9001:2000 certified.
ds21669c-page 34 ? 2008 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: http://support.microchip.com web address: www.microchip.com atlanta duluth, ga tel: 678-957-9614 fax: 678-957-1455 boston westborough, ma tel: 774-760-0087 fax: 774-760-0088 chicago itasca, il tel: 630-285-0071 fax: 630-285-0075 dallas addison, tx tel: 972-818-7423 fax: 972-818-2924 detroit farmington hills, mi tel: 248-538-2250 fax: 248-538-2260 kokomo kokomo, in tel: 765-864-8360 fax: 765-864-8387 los angeles mission viejo, ca tel: 949-462-9523 fax: 949-462-9608 santa clara santa clara, ca tel: 408-961-6444 fax: 408-961-6445 toronto mississauga, ontario, canada tel: 905-673-0699 fax: 905-673-6509 asia/pacific asia pacific office suites 3707-14, 37th floor tower 6, the gateway harbour city, kowloon hong kong tel: 852-2401-1200 fax: 852-2401-3431 australia - sydney tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing tel: 86-10-8528-2100 fax: 86-10-8528-2104 china - chengdu tel: 86-28-8665-5511 fax: 86-28-8665-7889 china - hong kong sar tel: 852-2401-1200 fax: 852-2401-3431 china - nanjing tel: 86-25-8473-2460 fax: 86-25-8473-2470 china - qingdao tel: 86-532-8502-7355 fax: 86-532-8502-7205 china - shanghai tel: 86-21-5407-5533 fax: 86-21-5407-5066 china - shenyang tel: 86-24-2334-2829 fax: 86-24-2334-2393 china - shenzhen tel: 86-755-8203-2660 fax: 86-755-8203-1760 china - wuhan tel: 86-27-5980-5300 fax: 86-27-5980-5118 china - xiamen tel: 86-592-2388138 fax: 86-592-2388130 china - xian tel: 86-29-8833-7252 fax: 86-29-8833-7256 china - zhuhai tel: 86-756-3210040 fax: 86-756-3210049 asia/pacific india - bangalore tel: 91-80-4182-8400 fax: 91-80-4182-8422 india - new delhi tel: 91-11-4160-8631 fax: 91-11-4160-8632 india - pune tel: 91-20-2566-1512 fax: 91-20-2566-1513 japan - yokohama tel: 81-45-471- 6166 fax: 81-45-471-6122 korea - daegu tel: 82-53-744-4301 fax: 82-53-744-4302 korea - seoul tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 malaysia - kuala lumpur tel: 60-3-6201-9857 fax: 60-3-6201-9859 malaysia - penang tel: 60-4-227-8870 fax: 60-4-227-4068 philippines - manila tel: 63-2-634-9065 fax: 63-2-634-9069 singapore tel: 65-6334-8870 fax: 65-6334-8850 taiwan - hsin chu tel: 886-3-572-9526 fax: 886-3-572-6459 taiwan - kaohsiung tel: 886-7-536-4818 fax: 886-7-536-4803 taiwan - taipei tel: 886-2-2500-6610 fax: 886-2-2508-0102 thailand - bangkok tel: 66-2-694-1351 fax: 66-2-694-1350 europe austria - wels tel: 43-7242-2244-39 fax: 43-7242-2244-393 denmark - copenhagen tel: 45-4450-2828 fax: 45-4485-2829 france - paris tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany - munich tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy - milan tel: 39-0331-742611 fax: 39-0331-466781 netherlands - drunen tel: 31-416-690399 fax: 31-416-690340 spain - madrid tel: 34-91-708-08-90 fax: 34-91-708-08-91 uk - wokingham tel: 44-118-921-5869 fax: 44-118-921-5820 w orldwide s ales and s ervice 01/02/08


▲Up To Search▲   

 
Price & Availability of MCP6042IOT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X