Part Number Hot Search : 
LT261A 3216C 95200 53324 53324 HX4N60C M186E LB11999
Product Description
Full Text Search
 

To Download MC78M05CDTT5G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 may, 2013 ? rev. 26 1 publication order number: mc78m00/d mc78m00, mc78m00a, ncv78m00 series 500 ma positive voltage regulators the mc78m00/mc78m00a series positive voltage regulators are identical to the popular mc7800 series devices, except that they are specified for only half the output current. like the mc7800 devices, the mc78m00 three ? terminal regulators are intended for local, on ? card voltage regulation. internal current limiting, thermal shutdown circuitry and safe ? area compensation for the internal pass transistor combine to make these devices remarkably rugged under most operating conditions. maximum output current, with adequate heatsinking is 500 ma. features ? no external components required ? internal thermal overload protection ? internal short circuit current limiting ? output transistor safe ? area compensation ? mc78m00a high accuracy ( ? 2%) available for 5.0 v, 8.0 v, 12 v and 15 v ? ncv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable ? these are pb ? free devices figure 1. representative schematic diagram this device contains 28 active transistors. 1.0 k 1.0 k input 210 6.7 v 16 k 100 200 300 3.6 k 6.4 k 520 6.0 k 2.0 k 3.9 k 6.0 k 2.8 k 40 pf 5.6 k 3.0 k 1.0 k 300 200 50 13 0.24 gnd output 10 pf 2.6 k to ? 220 t suffix case 221ab 1 dpak ? 3 dt suffix case 369c marking diagrams xxxxx = device type and voltage option code a = assembly location l = wafer lot y = year ww = work week g = pb ? free package 2 3 see detailed ordering and shipping information in the package dimensions secti on on page 10 ? 14 of this data sheet. ordering information heatsink surface connected to pin 2. pin 1. input 2. ground 3. output heatsink surface (shown as terminal 4 in case outline drawing) is connected to pin 2. mc awlywwg 78mxxxxt http://onsemi.com 1 2 3 4 xxxxxg alyww xx = voltage option xx = appropriate suffix options a = assembly location wl = wafer lot y = year ww = work week g = pb ? free package see general marking information in the device marking section on page 10 of this data sheet. device marking information
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 2 maximum ratings (t a = 25 ? c, unless otherwise noted) (note 1) rating symbol value unit input voltage (5.0 v ? 18 v) (20 v ? 24v) v i 35 40 vdc power dissipation (package limitation) plastic package, t suffix t a = 25 ? c thermal resistance, junction-to-air thermal resistance, junction-to-case plastic package, dt suffix t a = 25 ? c thermal resistance, junction-to-air thermal resistance, junction-to-case p d  ja  jc p d  ja  jc internally limited 70 5.0 internally limited 92 5.0 ? c/w operating junction temperature range t j +150 ? c storage temperature range t stg ? 65 to +150 ? c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. this device series contains esd protection and exceeds the following tests: human body model 2000 v per mil ? std ? 883, method 3015. machine model method 200 v. mc78m05c/ac/b/ab, ncv78m05ab/b electrical characteristics (v i = 10 v, i o = 350 ma, t j = t low to t high , p d ? 5 w, unless otherwise noted) (note 2) characteristics symbol min typ max unit output voltage (t j = 25 ? c) mc78m05b/mc78m05c/ncv78m05b mc78m05ab/mc78m05ac/ncv78m05ab v o 4.8 4.9 5.0 5.0 5.2 5.1 vdc output voltage variation (7.0 vdc ? v i ? 20 vdc, 5.0 ma ? i o ? 350 ma) mc78m05b/mc78m05c/ncv78m05b mc78m05ab/mc78m05ac/ncv78m05ab v o 4.75 4.80 ? ? 5.25 5.20 vdc line regulation (t j = 25 ? c, 7.0 vdc ? v i ? 25 vdc, i o = 200 ma) reg line ? 3.0 50 mv load regulation (t j = 25 ? c, 5.0 ma ? i o ? 500 ma) (t j = 25 ? c, 5.0 ma ? i o ? 200 ma) reg load ? ? 20 10 100 50 mv input bias current (t j = 25 ? c) i ib ? 3.2 6.0 ma quiescent current change (8.0 vdc ? v i ? 25 vdc, i o = 200 ma) (5.0 ma ? i o ? 350 ma)  i ib ? ? ? ? 0.8 0.5 ma output noise voltage (t a = 25 ? c, 10 hz ? f ? 100 khz) v n ? 40 ?  v ripple rejection (i o = 100 ma, f = 120 hz, 8.0 v ? v i ? 18 v) (i o = 300 ma, f = 120 hz, 8.0 ? v i ? 18 v, t j = 25 ? c) rr 62 62 ? 80 ? ? db dropout voltage (t j = 25 ? c) v i ? v o ? 2.0 ? vdc short circuit current limit (t j = 25 ? c, v i = 35 v) i os ? 350 ? ma average temperature coefficient of output voltage (i o = 5.0 ma)  v o /  t ? ? 0.2 ? mv/ ? c peak output current (t j = 25 ? c) i o ? 700 ? ma 2. t low =0 ? c for mc78mxxac, c = ? 40 ? c for mc78mxxab, b, ncv78mxxab, b t high = +125 ? c for mc78mxxab, ac, b, c, ncv78mxxab, b
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 3 mc78m06c/b electrical characteristics (v i = 11 v, i o = 350 ma, t j = t low to t high , p d ? 5.0 w, unless otherwise noted) (note 3) characteristics symbol min typ max unit output voltage (t j = 25 ? c) v o 5.75 6.0 6.25 vdc output voltage variation (8.0 vdc ? v i ? 21 vdc, 5.0 ma ? i o ? 350 ma) v o 5.7 ? 6.3 vdc line regulation (t j = 25 ? c, 8.0 vdc ? v i ? 25 vdc, i o = 200 ma) reg line ? 5.0 50 mv load regulation (t j = 25 ? c, 5.0 ma ? i o ? 500 ma) (t j = 25 ? c, 5.0 ma ? i o ? 200 ma) reg load ? ? 20 10 120 60 mv input bias current (t j = 25 ? c) i ib ? 3.2 6.0 ma quiescent current change (9.0 vdc ? v i ? 25 vdc, i o = 200 ma) (5.0 ma ? i o ? 350 ma)  i ib ? ? ? ? 0.8 0.5 ma output noise voltage (t a = 25 ? c, 10 hz ? f ? 100 khz) v n ? 45 ?  v ripple rejection (i o = 100 ma, f = 120 hz, 9.0 v ? v i ? 19 v) (i o = 300 ma, f = 120 hz, 9.0 v ? v i ? 19 v, t j = 25 ? c) rr 59 59 ? 80 ? ? db dropout voltage (t j = 25 ? c) v i ? v o ? 2.0 ? vdc short circuit current limit (t j = 25 ? c, v i = 35 v) i os ? 350 ? ma average temperature coefficient of output voltage (i o = 5.0 ma)  v o /  t ? ? 0.2 ? mv/ ? c peak output current (t j = 25 ? c) i o ? 700 ? ma mc78m08c/ac/b/ab, ncv78m08b electrical characteristics (v i = 14 v, i o = 350 ma, t j = t low to t high , p d ? 5 w, unless otherwise noted) (note 3) characteristics symbol min typ max unit output voltage (t j = 25 ? c) mc78m08b/mc78m08c/ncv78m08b mc78m08ab/mc78m08ac v o 7.70 7.84 8.0 8.0 8.30 8.16 vdc output voltage variation (10.5 vdc ? v i ? 23 vdc, 5.0 ma ? i o ? 350 ma) mc78m08b/mc78m08c/ncv78m08b mc78m08ab/mc78m08ac v o 7.6 7.7 ? ? 8.4 8.3 vdc line regulation (t j = 25 ? c, 10.5 vdc ? v i ? 25 vdc, i o = 200 ma) reg line ? 6.0 50 mv load regulation (t j = 25 ? c, 5.0 ma ? i o ? 500 ma) (t j = 25 ? c, 5.0 ma ? i o ? 200 ma) reg load ? ? 25 10 160 80 mv input bias current (t j = 25 ? c) i ib ? 3.2 6.0 ma quiescent current change (10.5 vdc ? v i ? 25 vdc, i o = 200 ma) (5.0 ma ? i o ? 350 ma)  i ib ? ? ? ? 0.8 0.5 ma output noise voltage (t a = 25 ? c, 10 hz ? f ? 100 khz) v n ? 52 ?  v ripple rejection (i o = 100 ma, f = 120 hz, 11.5 v ? v i ? 21.5 v) (i o = 300 ma, f = 120 hz, 11.5 v ? v i ? 21.5 v, t j = 25 ? c) rr 56 56 ? 80 ? ? db dropout voltage (t j = 25 ? c) v i ? v o ? 2.0 ? vdc short circuit current limit (t j = 25 ? c, v i = 35 v) i os ? 350 ? ma average temperature coefficient of output voltage (i o = 5.0 ma)  v o /  t ? ? 0.2 ? mv/ ? c peak output current (t j = 25 ? c) i o ? 700 ? ma 3. t low =0 ? c for mc78mxxac, c = ? 40 ? c for mc78mxxab, b, ncv78mxxab, b t high = +125 ? c for mc78mxxab, ac, b, c, ncv78mxxab, b
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 4 mc78m09c/b electrical characteristics (v i = 15 v, i o = 350 ma, t j = t low to t high , p d ? 5.0 w, unless otherwise noted) (note 4) characteristics symbol min typ max unit output voltage (t j = 25 ? c) v o 8.64 9.0 9.45 vdc output voltage variation (11.5 vdc ? v i ? 23 vdc, 5.0 ma ? i o ? 350 ma) v o 8.55 ? 9.45 vdc line regulation (t j = 25 ? c, 11.5 vdc ? v i ? 25 vdc, i o = 200 ma) reg line ? 6.0 50 mv load regulation (t j = 25 ? c, 5.0 ma ? i o ? 500 ma) (t j = 25 ? c, 5.0 ma ? i o ? 200 ma) reg load ? ? 25 10 180 90 mv input bias current (t j = 25 ? c) i ib ? 3.2 6.0 ma quiescent current change (11.5 vdc ? v i ? 25 vdc, i o = 200 ma) (5.0 ma ? i o ? 350 ma)  i ib ? ? ? ? 0.8 0.5 ma output noise voltage (t a = 25 ? c, 10 hz ? f ? 100 khz) v n ? 52 ?  v ripple rejection (i o = 100 ma, f = 120 hz, 12.5 v ? v i ? 22.5 v) (i o = 300 ma, f = 120 hz, 12.5 v ? v i ? 22.5 v, t j = 25 ? c) rr 56 56 ? 80 ? ? db dropout voltage (t j = 25 ? c) v i ? v o ? 2.0 ? vdc short circuit current limit (t j = 25 ? c, v i = 35 v) i os ? 350 ? ma average temperature coefficient of output voltage (i o = 5.0 ma)  v o /  t ? ? 0.2 ? mv/ ? c peak output current (t j = 25 ? c) i o ? 700 ? ma mc78m12c/ac/b/ab, ncv78m12b electrical characteristics (v i = 19 v, i o = 350 ma, t j = t low to t high , p d ? 5 w, unless otherwise noted) (note 4) characteristics symbol min typ max unit output voltage (t j = 25 ? c) mc78m12b/mc78m12c/ncv78m12b mc78m12ab/mc78m12ac v o 11.50 11.76 12 12 12.50 12.24 vdc output voltage variation (14.5 vdc ? v i ? 27 vdc, 5.0 ma ? i o ? 350 ma) mc78m12b/mc78m12c/ncv78m12b mc78m12ab/mc78m12ac v o 11.4 11.5 ? ? 12.6 12.5 vdc line regulation (t j = 25 ? c, 14.5 vdc ? v i ? 30 vdc, i o = 200 ma) reg line ? 8.0 50 mv load regulation (t j = 25 ? c, 5.0 ma ? i o ? 500 ma) (t j = 25 ? c, 5.0 ma ? i o ? 200 ma) reg load ? ? 25 10 240 120 mv input bias current (t j = 25 ? c) i ib ? 3.2 6.0 ma quiescent current change (14.5 vdc ? v i ? 30 vdc, i o = 200 ma) (5.0 ma ? i o ? 350 ma)  i ib ? ? ? ? 0.8 0.5 ma output noise voltage (t a = 25 ? c, 10 hz ? f ? 100 khz) v n ? 75 ?  v ripple rejection (i o = 100 ma, f = 120 hz, 15 v ? v i ? 25 v) (i o = 300 ma, f = 120 hz, 15 v ? v i ? 25 v, t j = 25 ? c) rr 55 55 ? 80 ? ? db dropout voltage (t j = 25 ? c) v i ? v o ? 2.0 ? vdc short circuit current limit (t j = 25 ? c, v i = 35 v) i os ? 350 ? ma average temperature coefficient of output voltage (i o = 5.0 ma)  v o /  t ? ? 0.3 ? mv/ ? c peak output current (t j = 25 ? c) i o ? 700 ? ma 4. t low =0 ? c for mc78mxxac, c = ? 40 ? c for mc78mxxab, b, ncv78mxxab, b t high = +125 ? c for mc78mxxab, ac, b, c, ncv78mxxab, b
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 5 mc78m15c/ac/b/ab, ncv78m15b electrical characteristics (v i = 23 v, i o = 350 ma, t j = t low to t high , p d ? 5 w, unless otherwise noted) (note 5) characteristics symbol min typ max unit output voltage (t j = 25 ? c) mc78m15b/mc78m15c/ncv78m15b mc78m15ab/mc78m15ac v o 14.4 14.7 15 15 15.6 15.3 vdc output voltage variation (17.5 vdc ? v i ? 30 vdc, 5.0 ma ? i o ? 350 ma) mc78m15b/mc78m15c/ncv78m15b mc78m15ab/mc78m15ac v o 14.25 14.40 ? ? 15.75 15.60 vdc input regulation (t j = 25 ? c, 17.5 vdc ? v i ? 30 vdc, i o = 200 ma) reg line ? 10 50 mv load regulation (t j = 25 ? c, 5.0 ma ? i o ? 500 ma) (t j = 25 ? c, 5.0 ma ? i o ? 200 ma) reg load ? ? 25 10 300 150 mv input bias current (t j = 25 ? c) i ib ? 3.2 6.0 ma quiescent current change (17.5 vdc ? v i ? 30 vdc, i o = 200 ma) (5.0 ma ? i o ? 350 ma)  i ib ? ? ? ? 0.8 0.5 ma output noise voltage (t a = 25 ? c, 10 hz ? f ? 100 khz) v n ? 90 ?  v ripple rejection (i o = 100 ma, f = 120 hz, 18.5 v ? v i ? 28.5 v) (i o = 300 ma, f = 120 hz, 18.5 v ? v i ? 28.5 v, t j = 25 ? c) rr 54 54 ? 70 ? ? db dropout voltage (t j = 25 ? c) v i ? v o ? 2.0 ? vdc short circuit current limit (t j = 25 ? c, v i = 35 v) i os ? 350 ? ma average temperature coefficient of output voltage (i o = 5.0 ma)  v o /  t ? ? 0.3 ? mv/ ? c peak output current (t j = 25 ? c) i o ? 700 ? ma mc78m18c/b electrical characteristics (v i = 27 v, i o = 350 ma, t j = t low to t high , p d ? 5 w, unless otherwise noted) (note 5) characteristics symbol min typ max unit output voltage (t j = 25 ? c) v o 17.3 18 18.7 vdc output voltage variation (21 vdc ? v i ? 33 vdc, 5.0 ma ? i o ? 350 ma) v o 17.1 ? 18.9 vdc line regulation (t j = 25 ? c, 21 vdc ? v i ? 33 vdc, i o = 200 ma) reg line ? 10 50 mv load regulation (t j = 25 ? c, 5.0 ma ? i o ? 500 ma) (t j = 25 ? c, 5.0 ma ? i o ? 200 ma) reg load ? ? 30 10 360 180 mv input bias current (t j = 25 ? c) i ib ? 3.2 6.5 ma quiescent current change (21 vdc ? v i ? 33 vdc, i o = 200 ma) (5.0 ma ? i o ? 350 ma)  i ib ? ? ? ? 0.8 0.5 ma output noise voltage (t a = 25 ? c, 10 hz ? f ? 100 khz) v n ? 100 ?  v ripple rejection (i o = 100 ma, f = 120 hz, 22 v ? v i ? 32 v) (i o = 300 ma, f = 120 hz, 22 v ? v i ? 32 v, t j = 25 ? c) rr 53 53 ? 70 ? ? db dropout voltage (t j = 25 ? c) v i ? v o ? 2.0 ? vdc short circuit current limit (t j = 25 ? c, v i = 35 v) i os ? 350 ? ma average temperature coefficient of output voltage (i o = 5.0 ma)  v o /  t ? ? 0.3 ? mv/ ? c peak output current (t j = 25 ? c) i o ? 700 ? ma 5. t low =0 ? c for mc78mxxac, c = ? 40 ? c for mc78mxxab, b, ncv78mxxab, b t high = +125 ? c for mc78mxxab, ac, b, c, ncv78mxxab, b
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 6 mc78m20c/b electrical characteristics (v i = 29 v, i o = 350 ma, t j = t low to t high , p d ? 5.0 w, unless otherwise noted) (note 6) characteristics symbol min typ max unit output voltage (t j = 25 ? c) v o 19.2 20 20.8 vdc output voltage variation (23 vdc ? v i ? 35 vdc, 5.0 ma ? i o ? 350 ma) v o 19 ? 21 vdc line regulation (t j = 25 ? c, 23 vdc ? v i ? 35 vdc, i o = 200 ma) reg line ? 10 50 mv load regulation (t j = 25 ? c, 5.0 ma ? i o ? 500 ma) (t j = 25 ? c, 5.0 ma ? i o ? 200 ma) reg load ? ? 30 10 400 200 mv input bias current (t j = 25 ? c) i ib ? 3.2 6.5 ma quiescent current change (23 vdc ? v i ? 35 vdc, i o = 200 ma) (5.0 ma ? i o ? 350 ma)  i ib ? ? ? ? 0.8 0.5 ma output noise voltage (t a = 25 ? c, 10 hz ? f ? 100 khz) v n ? 110 ?  v ripple rejection (i o = 100 ma, f = 120 hz, 24 v ? v i ? 34 v) (i o = 300 ma, f = 120 hz, 24 v ? v i ? 34 v, t j = 25 ? c) rr 52 52 ? 70 ? ? db dropout voltage (t j = 25 ? c) v i ? v o ? 2.0 ? vdc short circuit current limit (t j = 25 ? c, v i = 35 v) i os ? 350 ? ma average temperature coefficient of output voltage (i o = 5.0 ma)  v o /  t ? ? 0.5 ? mv/ ? c peak output current (t j = 25 ? c) i o ? 700 ? ma mc78m24c/b electrical characteristics (v i = 33 v, i o = 350 ma, t j = t low to t high , p d ? 5.0 w, unless otherwise noted) (note 6) characteristics symbol min typ max unit output voltage (t j = 25 ? c) v o 23 24 25 vdc output voltage variation (27 vdc ? v i ? 38 vdc, 5.0 ma ? i o ? 350 ma) v o 22.8 ? 25.2 vdc line regulation (t j = 25 ? c, 27 vdc ? v i ? 38 vdc, i o = 200 ma) reg line ? 10 50 mv load regulation (t j = 25 ? c, 5.0 ma ? i o ? 500 ma) (t j = 25 ? c, 5.0 ma ? i o ? 200 ma) reg load ? ? 30 10 480 240 mv input bias current (t j = 25 ? c) i ib ? 3.2 7.0 ma quiescent current change (27 vdc ? v i ? 38 vdc, i o = 200 ma) (5.0 ma ? i o ? 350 ma)  i ib ? ? ? ? 0.8 0.5 ma output noise voltage (t a = 25 ? c, 10 hz ? f ? 100 khz) v n ? 170 ?  v ripple rejection (i o = 100 ma, f = 120 hz, 28 v ? v i ? 38 v) (i o = 300 ma, f = 120 hz, 28 v ? v i ? 38 v, t j = 25 ? c) rr 50 50 ? 70 ? ? db dropout voltage (t j = 25 ? c) v i ? v o ? 2.0 ? vdc short circuit current limit (t j = 25 ? c) i os ? 350 ? ma average temperature coefficient of output voltage (i o = 5.0 ma)  v o /  t ? ? 0.5 ? mv/ ? c peak output current (t j = 25 ? c) i o ? 700 ? ma 6. t low =0 ? c for mc78mxxac, c = ? 40 ? c for mc78mxxab, b t high = +125 ? c for mc78mxxab, ac, b, c
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 7 definitions line regulation ? the change in output voltage for a change in the input voltage. the measurement is made under conditions of low dissipation or by using pulse techniques such that the average chip temperature is not significantly affected. load regulation ? the change in output voltage for a change in load current at constant chip temperature. maximum power dissipation ? the maximum total device dissipation for which the regulator will operate within specifications. input bias current ? that part of the input current that is not delivered to the load. output noise voltage ? the rms ac voltage at the output, with constant load and no input ripple, measured over a specified frequency range. long term stability ? output voltage stability under accelerated life test conditions with the maximum rated voltage listed in the devices? electrical characteristics and maximum power dissipation. figure 2. dpak thermal resistance and maximum power dissipation versus p.c.b. copper length figure 3. worst case power dissipation versus ambient temperature (to ? 220) , power dissipation (w) d p  jc = 5 ? c/w p d(max) = 7.52 w no heat sink  hs = 20 ? c/w  hs = 10 ? c/w infinite heat sink r , thermal resistance ja ? junction-to-air ( c/w) ? l, length of copper (mm) p d , maximum power dissipation (w) r  ja 10 5.0 3.0 2.0 1.0 0.5 0.3 0.2 0.1 40 50 60 70 80 90 100 t a , ambient temperature ( ? c) 25 50 75 100 125 150 0 102030 25 15 5.0 l l free air mounted vertically 2.0 oz. copper p d(max) for t a = 50 ? c ???? ???? ????
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 8 t j = 25 ? c figure 4. peak output current versus dropout voltage figure 5. dropout voltage versus junction temperature figure 6. ripple rejection versus frequency figure 7. ripple rejection versus output current figure 8. bias current versus input voltage 100 80 60 40 20 1.0 10 100 1.0 k 10 k 100 k 1.0 m 10 m 100 m f, frequency (hz) rr, ripple rejection (db) i out = 500 ma , dropout voltage (v) io t j , junction temperature ( ? c) 2.5 2.0 1.5 1.0 0.5 0 0 25 50 75 100 125 150 -v v  v o = 100 mv i o = 500 ma i o = 100 ma i o = 10 ma rr, ripple rejection (db) i o , output current (a) 100 80 60 40 30 0.01 0.1 0.5 1.0 10 v out = 5.0 v v in = 10 v c o = 0 f = 120 hz t j = 25 ? c , bias current (ma) b v i , input voltage (vdc) 4.0 3.0 2.0 1.0 0 0 5.0 10 15 20 25 30 35 40 i t j = 25 ? c t j = 125 ? c t j = 125 ? c t j = 25 ? c v o = 5.0 v i o = 0.5 a i o , output current (a) 5.0 4.0 3.0 2.0 1.0 0 0.01 0.1 0.5 1.0 10 t j = 125 ? c v i -v o = 5.0 v figure 9. bias current versus output current , output current (a) o v i - v o , dropout voltage (v) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 5.0 10 15 20 25 30 35 40 t j = 125 ? c t j = 25 ? c i , bias current (ma) b i i out = 500 ma v out = 5.0 v v in = 10 v c o = 0 t j = 25 ? c
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 9 applications information design considerations the mc78m00/mc78m00a series of fixed voltage regulators are designed with thermal overload protection that shuts down the circuit when subjected to an excessive power overload condition, internal short circuit protection that limits the maximum current the circuit will pass, and output t ransistor safe ? area compensation that reduces the output short circuit current as the voltage across the pass transistor is increased. in many low current applications, compensation capacitors are not required. however, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire lengths, or if the output load capacitance is large. an input bypass capacitor should be selected to provide good high frequency characteristics to insure stable operation under all load conditions. a 0.33  f or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. the bypass capacitor should be mounted with the shortest possible leads directly across the regulator?s input terminals. normally good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. the addition of an operational amplifier allows adjustment to higher or intermediate values while retaining regulation characteristics. the minimum voltage obtainable with this arrangement is 2.0 v greater than the regulator voltage. input mc78m05c output 0.33  f 10 k mc1741 7 6 4 1.0 k 0.1  f 3 2 the mc78m00 series can be current boosted with a pnp transistor. the mj2955 provides current to 5.0 a. resistor r in conjunction with the v be of the pnp determines when the pass transistor begins conducting; this circuit is not short circuit proof. input-output differential voltage minimum is increased by v be of the pass transistor. xx = 2 digits of type number indicating voltage. mc78mxxc input output r 1.0  f mj2955 or equiv. 1.0  f the circuit of figure 12 can be modified to provide supply protection against short circuits by adding a short circuit sense resistor, r sc , and an additional pnp transistor. the current sensing pnp must be able to handle the short circuit current of the three-terminal regulator .therefore, a 4.0 a plastic power transistor is specified. xx = 2 digits of type number indicating voltage. 1.0  f mc78mxxc mj2955 or equiv. input output r sc r 2n6049 or equiv. v o , 7.0 v to 20 v v in -v out ? 2.0 v  + figure 10. current regulator the mc78m00 regulators can also be used as a current source when connected as above. in order to minimize dissipation the mc78m05c is chosen in this application. resistor r determines the current as follows: for example, a 500 ma current source would require r to be a 10  , 10 w resistor and the output voltage compliance would be the input voltage less 7.0 v. i o = 5.0 v r + i ib i ib = 1.5 ma over line and load changes. input 0.33  f r i o mc78m05c constant current to grounded load figure 11. adjustable output regulator figure 12. current boost regulator figure 13. current boost with short circuit protection
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 10 ordering information device output voltage temperature range package marking shipping ? mc78m05cdtg 5.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m05 75 units / rail MC78M05CDTT5G 5.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m05 2500 / tape & reel mc78m05cdtrkg 5.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m05 2500 / tape & reel mc78m05acdtg 5.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 8m05d 75 units / rail mc78m05acdtrkg 5.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 8m05d 2500 / tape & reel mc78m05ctg 5.0 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m05ct 50 units / rail mc78m05actg 5.0 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m05act 50 units / rail mc78m05abdtg 5.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m05a 75 units / rail mc78m05abdtrkg 5.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m05a 2500 / tape & reel ncv78m05abdtrkg* 5.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m05a 2500 / tape & reel mc78m05abtg 5.0 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m05abt 50 units / rail mc78m05bdtg 5.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m05b 75 units / rail mc78m05bdtt5g 5.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m05b 2500 / tape & reel mc78m05bdtrkg 5.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m05b 2500 / tape & reel ncv78m05bdtrkg* 5.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m05b 2500 / tape & reel mc78m05btg 5.0 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m05bt 50 units / rail ncv78m05btg* 5.0 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m05bt 50 units / rail mc78m06cdtg 6.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m06 75 units / rail mc78m06cdtrkg 6.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m06 2500 / tape & reel mc78m06ctg 6.0 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m06ct 50 units / rail mc78m06btg 6.0 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m06bt 50 units / rail mc78m06bdtrkg 6.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m06b 2500 / tape & reel mc78m08cdtg 8.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m08 75 units / rail ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv devices: t low = ? 40 ? c, t high = +125 ? c. guaranteed by design. ncv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 11 ordering information (continued) device shipping ? marking package temperature range output voltage device shipping ? marking package temperature range output voltage mc78m08cdtrkg 8.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m08 2500 units / tape & reel mc78m08acdtg 8.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 8m08d 75 units / rail mc78m08acdtrkg 8.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 8m08d 2500 units / tape & reel mc78m08ctg 8.0 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m08ct 50 units / rail mc78m08actg 8.0 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m08act 50 units / rail mc78m08abdtg 8.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m08a 75 units / rail mc78m08abdtrkg 8.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m08a 2500 units / tape & reel mc78m08abtg 8.0 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m08abt 50 units / rail mc78m08bdtg 8.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m08b 75 units / rail mc78m08bdtrkg 8.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m08b 2500 units / tape & reel ncv78m08bdtrkg* 8.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m08b 2500 units / tape & reel mc78m08btg 8.0 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m08bt 50 units / rail mc78m09cdtg 9.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m09 75 units / rail mc78m09cdtrkg 9.0 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m09 2500 units / tape & reel mc78m09ctg 9.0 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m09ct 50 units / rail mc78m09bdtg 9.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m09b 75 units / rail mc78m09bdtrkg 9.0 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m09b 2500 units / tape & reel mc78m12cdtg 12 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m12 75 units / rail mc78m12cdtt5g 12 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m12 2500 units / tape & reel mc78m12cdtrkg 12 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m12 2500 units / tape & reel mc78m12acdtg 12 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 8m12d 75 units / rail mc78m12acdtrkg 12 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 8m12d 2500 units / tape & reel mc78m12ctg 12 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m12ct 50 units / rail ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv devices: t low = ? 40 ? c, t high = +125 ? c. guaranteed by design. ncv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 12 ordering information (continued) device shipping ? marking package temperature range output voltage device shipping ? marking package temperature range output voltage mc78m12actg 12 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m12act 50 units / rail mc78m12abdtg 12 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m12a 75 units / rail mc78m12abdtrkg 12 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m12a 2500 units / tape & reel mc78m12abtg 12 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m12abt 50 units / rail mc78m12bdtg 12 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m12b 75 units / rail mc78m12bdtrkg 12 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m12b 2500 units / tape & reel ncv78m12bdtrkg* 12 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m12b 2500 units / tape & reel mc78m12btg 12 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m12bt 50 units / rail mc78m15cdtg 15 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m15 75 units / rail mc78m15cdtt5g 15 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m15 2500 units / tape & reel mc78m15cdtrkg 15 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m15 2500 units / tape & reel mc78m15acdtg 15 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 8m15d 75 units / rail mc78m15acdtrkg 15 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 8m15d 2500 units / tape & reel mc78m15ctg 15 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m15ct 50 units / rail mc78m15actg 15 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m15act 50 units / rail mc78m15abdtg 15 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m15a 75 units / rail mc78m15abdtrkg 15 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m15a 2500 units / tape & reel mc78m15abtg 15 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m15abt 50 units / rail mc78m15bdtg 15 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m15b 75 units / rail ncv78m15bdtg* 15 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m15b 75 units / rail mc78m15bdtrkg 15 v t j = ? 40 ? to +125 ? c dpak ? 3 (pb ? free) 8m15b 2500 units / tape & reel mc78m15btg 15 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m15bt 50 units / rail mc78m18cdtg 18 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m18 75 units / rail ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv devices: t low = ? 40 ? c, t high = +125 ? c. guaranteed by design. ncv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 13 ordering information (continued) device shipping ? marking package temperature range output voltage device shipping ? marking package temperature range output voltage mc78m18cdtrkg 18 v t j = 0 ? to +125 ? c dpak ? 3 (pb ? free) 78m18 2500 units / tape & reel mc78m18ctg 18 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m18ct 50 units / rail mc78m18btg 18 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m18bt 50 units / rail mc78m20ctg 20 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m20ct 50 units / rail mc78m24ctg 24 v t j = 0 ? to +125 ? c to ? 220 (pb ? free) 78m24ct 50 units / rail mc78m24btg 24 v t j = ? 40 ? to +125 ? c to ? 220 (pb ? free) 78m24bt 50 units / rail ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *ncv devices: t low = ? 40 ? c, t high = +125 ? c. guaranteed by design. ncv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 14 package dimensions dpak ? 3 dt suffix case 369c issue d b d e b3 l3 l4 b2 e m 0.005 (0.13) c c2 a c c z dim min max min max millimeters inches d 0.235 0.245 5.97 6.22 e 0.250 0.265 6.35 6.73 a 0.086 0.094 2.18 2.38 b 0.025 0.035 0.63 0.89 c2 0.018 0.024 0.46 0.61 b2 0.030 0.045 0.76 1.14 c 0.018 0.024 0.46 0.61 e 0.090 bsc 2.29 bsc b3 0.180 0.215 4.57 5.46 l4 ??? 0.040 ??? 1.01 l 0.055 0.070 1.40 1.78 l3 0.035 0.050 0.89 1.27 z 0.155 ??? 3.93 ??? notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inches. 3. thermal pad contour optional within di- mensions b3, l3 and z. 4. dimensions d and e do not include mold flash, protrusions, or burrs. mold flash, protrusions, or gate burrs shall not exceed 0.006 inches per side. 5. dimensions d and e are determined at the outermost extremes of the plastic body. 6. datums a and b are determined at datum plane h. 12 3 4 5.80 0.228 2.58 0.102 1.60 0.063 6.20 0.244 3.00 0.118 6.17 0.243  mm inches  scale 3:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h 0.370 0.410 9.40 10.41 a1 0.000 0.005 0.00 0.13 l1 0.108 ref 2.74 ref l2 0.020 bsc 0.51 bsc a1 h detail a seating plane a b c l1 l h l2 gauge plane detail a rotated 90 cw 
mc78m00, mc78m00a, ncv78m00 series http://onsemi.com 15 package dimensions to ? 220, single gauge case 221ab issue a notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inches. 3. dimension z defines a zone where all body and lead irregularities are allowed. 4. product shipped prior to 2008 had dimensions s = 0.045 - 0.055 inches (1.143 - 1.397 mm) dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.020 0.024 0.508 0.61 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane ? t ? c s t u r j on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mc78m00/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC78M05CDTT5G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X