Part Number Hot Search : 
HD64336 ECH8410 26F004 5KE100A LT117HVH CEP7030L ESD0521P A102M
Product Description
Full Text Search
 

To Download M0805CS-181XG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1102 silver lake road cary il 60013 phone fax 800-981-0363 847-639-1508 e-mail web cp@coilcraft.com www.coilcraft.com/cp critical products ? ? coilcraft, inc. 2008 these parts are preproduction products for electrical evaluation only. specification subject to change without notice. chip inductors C m0805cs series (2012) document m100-1 document m100-1 revised 04/10/08 the m0805cs inductors provide exceptional q values, even at high frequencies. they have a ceramic body and wire wound construction to provide the highest srfs available in 0805 size. inductance 2 percent srf typ 4 dcr max 5 i rms 6 color part number 1 (nh) tolerance q min 3 (mhz) (ohms) (ma) code m0805cs-020x_ 2.8 @ 250 mhz 5 80 @ 1500 mhz 12200 0.06 800 gray m0805cs-3n0x_ 3.0 @ 250 mhz 5 65 @ 1500 mhz 12200 0.06 800 w hite m0805cs-030x_ 3.3 @ 250 mhz 5 50 @ 1500 mhz 12200 0.08 600 black m0805cs-050x_ 5.6 @ 250 mhz 5 65 @ 1000 mhz 5900 0.08 600 orange m0805cs-060x_ 6.8 @ 250 mhz 5 50 @ 1000 mhz 5600 0.11 600 brown m0805cs-070x_ 7.5 @ 250 mhz 5 50 @ 1000 mhz 4800 0.14 600 green m0805cs-080x_ 8.2 @ 250 mhz 5,2 50 @ 1000 mhz 4400 0.12 600 red m0805cs-100x_ 10 @ 250 mhz 5,2 60 @ 500 mhz 4300 0.10 600 blue m0805cs-120x_ 12 @ 250 mhz 5,2 50 @ 500 mhz 4000 0.15 600 orange m0805cs-150x_ 15 @ 250 mhz 5,2 50 @ 500 mhz 3200 0.17 600 yellow m0805cs-180x_ 18 @ 250 mhz 5,2 50 @ 500 mhz 3100 0.20 600 green m0805cs-220x_ 22 @ 250 mhz 5,2 55 @ 500 mhz 2600 0.22 500 blue m0805cs-240x_ 24 @ 250 mhz 5,2 50 @ 500 mhz 2400 0.22 500 gray m0805cs-270x_ 27 @ 250 mhz 5,2 55 @ 500 mhz 2580 0.25 500 violet m0805cs-330x_ 33 @ 250 mhz 5,2,1 60 @ 500 mhz 2150 0.27 500 gray m0805cs-360x_ 36 @ 250 mhz 5,2,1 55 @ 500 mhz 1900 0.27 500 orange m0805cs-390x_ 39 @ 250 mhz 5,2,1 60 @ 500 mhz 2000 0.29 500 w hite m0805cs-430x_ 43 @ 200 mhz 5,2,1 60 @ 500 mhz 1800 0.34 500 yellow m0805cs-470x_ 47 @ 200 mhz 5,2,1 60 @ 500 mhz 1700 0.31 500 black m0805cs-560x_ 56 @ 200 mhz 5,2,1 60 @ 500 mhz 1600 0.34 500 brown m0805cs-680x_ 68 @ 200 mhz 5,2,1 60 @ 500 mhz 1500 0.38 500 red m0805cs-820x_ 82 @ 150 mhz 5,2,1 65 @ 500 mhz 1330 0.42 400 orange m0805cs-910x_ 91 @ 150 mhz 5,2,1 65 @ 500 mhz 1330 0.48 400 black m0805cs-101x_ 100 @ 150 mhz 5,2,1 65 @ 500 mhz 1250 0.46 400 yellow m0805cs-111x_ 110 @ 150 mhz 5,2 50 @ 250 mhz 1100 0.48 400 brown m0805cs-121x_ 120 @ 150 mhz 5,2,1 50 @ 250 mhz 1100 0.51 400 green m0805cs-151x_ 150 @ 100 mhz 5,2,1 50 @ 250 mhz 920 0.56 400 blue m0805cs-181x_ 180 @ 100 mhz 5,2,1 50 @ 250 mhz 920 0.64 400 violet m0805cs-221x_ 220 @ 100 mhz 5,2 50 @ 250 mhz 820 0.70 400 gray m0805cs-241x_ 240 @ 100 mhz 5,2 44 @ 250 mhz 770 1.00 350 red m0805cs-271x_ 270 @ 100 mhz 5,2 48 @ 250 mhz 730 1.00 350 w hite m0805cs-331x_ 330 @ 100 mhz 5,2 48 @ 250 mhz 650 1.40 310 black m0805cs-391x_ 390 @ 100 mhz 5,2 48 @ 250 mhz 600 1.50 290 brown m0805cs-471x_ 470 @ 50 mhz 5,2,1 33 @ 100 mhz 375 1.76 250 violet m0805cs-561x_ 560 @ 25 mhz 5,2 23 @ 50 mhz 330 1.90 230 orange m0805cs-681x_ 680 @ 25 mhz 5,2 23 @ 50 mhz 310 2.20 190 green m0805cs-821x_ 820 @ 25 mhz 5,2 23 @ 50 mhz 310 2.35 180 blue 1. when ordering, please specify tolerance code: m0805cs-821x g tolerance: f =1% g = 2% j = 5% 2. inductance measured using a coilcraft smd-a fixture in an agilent/hp 4286a impedance analyzer with coilcraft-provided correla tion pieces. 3. q measured using an agilent/hp 4291a with an agilent/hp 16193 test fixture. 4. srf measured using an agilent/hp 8720d network analyzer and a coilcraft smd-d test fixture. 5. dcr measured on a cambridge technology micro-ohmmeter and a coilcraft ccf858 test fixture. 6. current that causes a 15c temperature rise from 25c ambient. 7. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering. this robust version of coilcraft?s standard 0805cs series features a high temperature encapsulant that allows opera- tion in ambient temperatures up to 155c and a leach- resistant base metalization with 63/37 tin-lead terminations that ensures the best possible board adhesion.
m0805cs series (2012) 1102 silver lake road cary il 60013 phone fax 800-981-0363 847-639-1508 e-mail web cp@coilcraft.com www.coilcraft.com/cp critical products ? ? coilcraft, inc. 2008 these parts are preproduction products for electrical evaluation only. specification subject to change without notice. document m100-2 document m100-2 revised 04/10/08 typical q vs frequency typical l vs frequency j h a b overall f g e terminal f c d terminal wraparound: approx 0.015/0,38 both ends recommended land pattern i i a max b max c max d ref e f g h i j 0.090 0.068 0.060 0.020 0.050 0.020 0.040 0.070 0.040 0.030 2,29 1,73 1,52 0,51 1,27 0,51 1,02 1,78 1,02 0,76 1 10 100 1000 10 100 1000 inductance (nh) frequency (mhz) 220 nh 100 nh 39 nh 15 nh 3.3 nh 12 nh 6.8 nh 3.3 nh 22 nh 39 nh 68 nh 120 nh 270 nh 10 100 frequency (mhz) q factor 1000 10,000 100 90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 160 140 120 ambient temperature (c) percent of rated rms i 120 110 100 90 80 70 60 50 40 30 20 10 0 25c irms derating core material ceramic terminations tin-lead (63/37) over silver-palladium-platinum-glass frit ambient temperature ?55c to +140c with i rms current, +140c to +155c with derated current storage temperature component: ?55c to +155c. packaging: ?55c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles temperature coefficient of inductance (tcl) +25 to +125 ppm/c moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) enhanced crush-resitant packaging 2000 per 7 reel plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing, 1.65 mm pocket depth


▲Up To Search▲   

 
Price & Availability of M0805CS-181XG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X