Part Number Hot Search : 
PJD882 2SA1687 C1005 3266P102 9C512 STPS140 LH5481 TA1541A
Product Description
Full Text Search
 

To Download KBP2005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f e a t u r e s * ideal for printed circuit board * surge overload rating: 55 amperes pea k * mounting position: any * weight: approximated 1.5 grams * rohs product for packing code suffix "g" halogen free product for packing code suffix "h" m e c h a n i c a l d a t a * ul listed the recognized component directory, file #e195711 * epoxy: device has ul flammability classification 94v-o ratings at 25 ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive of inductive load. for capacitive load, derate current by 20% lobmys sgnitar unit marking code maximum recurrent peak reverse voltage v rrm maximum rms voltage v rms maximum dc blocking voltage v dc maximum average forward rectified current peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) typical thermal resistance (note 2) r ja /w typical junction capacitance (note 1) c j p f operating temperature range t j storage temperature rang e t s t g symbol unit maximum forward voltage at 2.0a dc v f volts maximum average reverse current at @t c =25 rated dc blocking voltage @t c =100 notes :1. measured at 1 mhz and applied reverse voltage of 4.0 volts. 2. thermal resistance from junction to ambient an d from junction to lead mounted on p.c.b with 0.47 x 0.47"(12 x 12mm)copper pads. characteristics amps amps i o i fsm 2.0 -55 to +150 55 -55 to +150 m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s 32 / 13 25 dimensions in inches and (millimeters) i r 1.1 amps 5.0 500 .026(0.65) .011(0.30) .161(4.10) .131(3.35) ~ ~ .110(2.8) .082(2.1) .441(11.2) .397(10.1) .581(14.75) .561(14.25) .057(1.45) .045(1.15) .034(0.86) .026(0.66) .160(4.06) .140(3.56) .557(14.15)min. .060(1.52) .031(0.80) c.111(2.8) willas KBP2005G thru kbp210g 2.0 amp glass passivated bridge rectifier - 50v-1000v kbp package KBP2005G kbp201g kbp210g kbp208g kbp206g kbp204g kbp202g volts volts volts KBP2005G kbp201g kbp210g kbp208g kbp206g kbp204g kbp202g 50 70 140 280 420 560 700 50 100 200 400 600 800 1000 50 100 200 400 600 800 1000 KBP2005G kbp201g kbp210g kbp208g kbp206g kbp204g kbp202g willas electronic corp. 2012-06 /r jl *
fig.1 derating curve for output rectified current fig.2 typical instantaneous forward characteristics fig.3 typical peak reverse characteristics fig.4 maximum non-repetitive peak forward surge current ambient temperature , c o percent of peak reverse voltage no. of cycles at 60hz instantaneous forward voltage, volts 0 0 1 2 3 150 100 50 tnerrucdeifitcerevawlluftuptuoegdirb serepmasereva ,tnerrucdrawrofsuoenatnatsni serepma au,tnerrucesreversuoenatnatsni kpserepma,tnerrucegrusdrawrof )evaw-enisflah( 0 .01 .1 1.0 10.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10 1.0 0.1 0.01 0 20 40 60 80 100 120 140 t =25 c j o t =100 c j o 06 001 60 50 70 40 40 30 20 20 10 10 5 2 1 0 willas KBP2005G thru kbp210g rating and characteristic curves willas electronic corp. 2012-06 2.0 amp glass passivated bridge rectifier - 50v-1000v kbp package


▲Up To Search▲   

 
Price & Availability of KBP2005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X