Part Number Hot Search : 
KSP2222A DAC8426 RF3205 XE9624F FQPF5N15 DS2435S SPI35N10 B9034
Product Description
Full Text Search
 

To Download HC49S-6-30-50-60-30-ATF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal frequency range 1.8 to 32 mhz 24 to 75 mhz 75 to 200 mhz vibration mode fundamental ( at ) 3rd overtone ( at ) 5th overtone ( at ) frequency tolerance at 25c 20 or 30 ppm temperature stability 30 or 50 ppm operating temperature range -10c to +60c (option : -20c to +70c) storage temperature range -20c to +70c (option : -30c to +80c) load capacitance 8 pf to 32 pf or series equivalent series resistance see esr table below shunt capacitance 5 pf maximum ( 18 mhz) or 7 pf maximum ( > 18 mhz) drive level 200 w maximum ( 5 mhz) 100 w maximum ( > 5 mhz) insulation resistance 500 m ? minimum at 100 v dc aging 5 ppm per year crystals page <1> 17/04/12 v1.1 www.element14.com www.farnell.com www.newark.com dimensions : millimetres features and applications: ? general, industrial, microcontrollers ? cost effective ? well established product ? wide frequency range ? superior resistance weld hc-49/u metal case supplied loose as standard. taped productavailableto special order hc-49/u specification table case vibration hc 49u frequency mode ? ? maximum 1 - 1,8 mhz f 3,000 1.8 - 2 mhz f 500 2.01 - 2.399 mhz f 450 2.4 - 2.99 mhz f 300 3 - 3.5 mhz f 150 esr table
crystals page <2> 17/04/12 v1.1 www.element14.com www.farnell.com www.newark.com case vibration hc 49u frequency mode ? ? maximum 3.5 - 3.99 mhz f 90 4 - 4.99 mhz f 80 5 - 5.99 mhz f 70 6 - 6.99 mhz f 60 7 - 7.99 mhz f 50 8 - 9.99 mhz f 40 10 - 13.99 mhz f 35 14 - 23.99 mhz f 25 24 - 25 mhz f / 3 25 / 50 25 - 30 mhz f / 3 25 / 50 30 - 75 mhz 3 50 75 - 125 mhz 5 80 125 - 150 mhz 5 100 150 - 200 mhz 5 120 esr table part number table case frequency (mhz) frequency tolerance (ppm) temperature stability (ppm) temperature range 60 = -10 to +60 70 = -20 to +70 load capacitance pf 00 = series vibration mode at cut f = fund 0.3 overtone ant part number hc49u 1.8432 20 50 60 30 atf xtl-1012 hc49u 2 50 100 60 20 atf xtl-1014 hc49u 2.4576 20 50 60 30 atf xtl-1017 hc49u 3.2768 20 30 60 12 atf xtl-1020 hc49u 3.579545 20 50 60 20 atf xtl-1021 hc49u 3.6864 20 50 60 30 atf xtl-1023 hc49u 3.6864 30 50 70 30 atf xtl-1024 hc49u 4 20 10 70 30 atf xtl-1027 hc49u 4 20 50 60 30 atf xtl-1028 hc49u 4 30 50 70 30 atf xtl-1029 hc49u 4.096 20 20 70 30 atf xtl-1031 hc49u 4.096 30 50 70 30 atf xtl-1032 hc49u 4.194304 20 30 60 12 atf xtl-1033 hc49u 4.608 20 50 60 30 atf xtl-1037
crystals page <3> 17/04/12 v1.1 www.element14.com www.farnell.com www.newark.com part number table case frequency (mhz) frequency tolerance (ppm) temperature stab (ppm) temperature range 60 = -10 to +60 70 = -20 to +70 load capacitance pf 00 = series vibration mode at cut f = fund 0.3 overtone ant part number hc49u 4.9152 20 50 60 30 atf xtl-1040 hc49u 4.9152 30 50 70 30 atf xtl-1041 hc49u 5 20 50 60 30 atf xtl-1043 hc49u 5.0688 20 50 60 0 atf xtl-1044 hc49u 6 20 50 60 30 atf xtl-1051 hc49u 6 30 50 70 30 atf xtl-1053 hc49u 6.144 20 50 60 30 atf xtl-1055 hc49u 6.5536 20 30 60 12 atf xtl-1057 hc49u 7.3728 20 50 60 30 atf xtl-1059 hc49u 8 20 50 60 30 atf xtl-1062 hc49u 8 30 50 70 30 atf xtl-1064 hc49u 10 20 10 70 30 atf xtl-1069 hc49u 10 20 50 60 30 atf xtl-1070 hc49u 11 20 30 60 30 atf xtl-1073 hc49u 11.0592 20 30 60 20 atf xtl-1074 hc49u 12 20 30 60 30 atf xtl-1079 hc49u 12.288 20 50 60 30 atf xtl-1081 hc49u 14.31818 20 50 60 0 atf xtl-1083 hc49u 14.7456 20 30 60 30 atf xtl-1087 hc49u 16 20 30 60 30 atf xtl-1089 hc49u 19.6608 20 50 60 30 atf xtl-1096 hc49u 20 20 30 60 0 atf xtl-1098 hc49u 22.1184 20 50 60 30 atf xtl-1114 hc49u 24 20 50 60 0 atf xtl-1120 hc49u 32 20 30 60 0 atf xtl-1131
crystals page <4> 17/04/12 v1.1 www.element14.com www.farnell.com www.newark.com dimensions : millimetres hc-49/sm features and applications: designed for applications where board height is critical ? general, industrial, microcontrollers ? cost effective ? surface mount ? low profile (4 mm height) ? superior resistance weld hc49/4smx metal case ? supplied taped and reeled nominal frequency range 3.5 to 32 mhz 24 to 70 mhz vibration mode fundamental ( at ) 3rd overtone ( at ) frequency tolerance at 25c 20, 30 or 50 ppm (options : 10, 15 ppm) temperature stability 30 or 50 ppm operating temperature range -10c to +60c or -20c to +70c storage temperature range -20c to +70c or -30c to +80c load capacitance 8 pf to 33 pf or series equivalent series resistance see esr table below shunt capacitance 5 pf maximum ( 18 mhz) or 7 pf maximum ( > 18 mhz) drive level 200 w maximum ( 5 mhz) 100 w maximum ( > 5 mhz) insulation resistance 500 m ? minimum at 100 v dc aging 5 ppm per year specification table case vibration hc 49sm frequency mode ? ? maximum 3.5 - 3.99 mhz f 150 4 - 4.99 mhz f 120 5 - 5.99 mhz f 100 6 - 6.99 mhz f 80 7 - 7.99 mhz f 80 esr table
crystals page <5> 17/04/12 v1.1 www.element14.com www.farnell.com www.newark.com case vibration hc 49sm frequency mode ? ? maximum 8 - 9,99 mhz f 70 10 - 13.99 mhz f 50 14 - 23.99 mhz f 40 24 - 25 mhz f / 3 40 / 80 25 - 30 mhz f / 3 40 / 80 30 - 70 mhz 3 80 esr table part number table case frequency (mhz) frequency tolerance (ppm) temperature stability (ppm) temperature range 60 = -10 to +60 70 = -20 to +70 load capacitance pf 00 = series vibration mode at cut f = fund 0.3 overtone ant part number hc49sm 3.579545 30 50 60 16 atf xtl-5014 hc49sm 3.6864 30 50 60 16 atf xtl-5014 hc49sm 4 30 50 60 16 atf xtl-5021 hc49sm 4.9152 30 50 60 16 atf xtl-5025 hc49sm 6 30 50 60 30 atf xtl-5032 hc49sm 8 30 50 60 16 atf xtl-5038 hc49sm 10 30 50 60 16 atf xtl-5043 hc49sm 11.0592 30 50 60 16 atf xtl-5048 hc49sm 12 30 50 60 16 atf xtl-5050 hc49sm 16 30 50 60 16 atf xtl-5055 hc49sm 20 30 50 60 16 atf xtl-5062 hc-49/s features and applications: designed for applications where board height space is critical ? general, industrial, microcontrollers ? cost effective ? surface mount ? low profile (4 mm height) ? superior resistance weld hc49/4h metal case supplied loose as standard. taped product available to special order
crystals page <6> 17/04/12 v1.1 www.element14.com www.farnell.com www.newark.com dimensions : millimetres specification table nominal frequency range 3.5 to 32 mhz 24 to 70 mhz vibration mode fundamental ( at ) 3rd overtone ( at ) frequency tolerance at 25c 20, 30 or 50 ppm (options : 10, 15 ppm) temperature stability 30 or 50 ppm operating temperature range -10c to +60c (option : -20c to +70c) storage temperature range -20c to +70c (option : -30c to +80c) load capacitance 8 pf to 32 pf or series equivalent series resistance see esr table below shunt capacitance 5 pf maximum ( 18 mhz) or 7 pf maximum ( > 18 mhz) drive level 200 w maximum ( 5 mhz) 100 w maximum ( > 5 mhz) insulation resistance 500 m ? minimum at 100 v dc aging 5 ppm per year case vibration hc 49s frequency mode ? ? maximum 3.5 - 3.99 mhz f 150 4 - 4.99 mhz f 120 5 - 5.99 mhz f 100 6 - 6.99 mhz f 80 7 - 7.99 mhz f 80 8 - 9,99 mhz f 70 10 - 13.99 mhz f 50 14 - 23.99 mhz f 40 24 - 25 mhz f / 3 40 / 80 25 - 30 mhz f / 3 40 / 80 30 - 70 mhz 3 80 esr table
crystals page <7> 17/04/12 v1.1 www.element14.com www.farnell.com www.newark.com case frequency (mhz) frequency tolerance (ppm) temperature stability (ppm) temperature range 60 = -10 to +60 70 = -20 to +70 load capacitance pf 00 = series vibration mode at cut f = fund 0.3 overtone ant part number hc49s 3.579545 30 50 70 20 atf xtl-3012 hc49s 3.6864 30 50 70 30 atf xtl-3015 hc49s 4 20 50 60 30 atf xtl-3018 hc49s 4.194304 30 50 60 30 atf xtl-3024 hc49s 4.433619 30 50 60 20 atf xtl-3026 hc49s 4.9152 30 50 70 30 atf xtl-3028 hc49s 6 30 50 60 30 atf xtl-3035 hc49s 7.3728 15 30 60 18 atf xtl-3039 hc49s 7.68 30 50 60 30 atf xtl-3042 hc49s 8 30 50 70 30 atf xtl-3044 hc49s 9.8304 30 50 60 30 atf xtl-3048 hc49s 10 30 50 70 30 atf xtl-3052 hc49s 11.0592 30 50 70 30 atf xtl-3060 hc49s 12 30 50 70 30 atf xtl-3064 hc49s 16 30 50 70 30 atf xtl-3069 hc49s 18.432 30 50 60 30 atf xtl-3074 hc49s 20 30 50 70 12 atf xtl-3078 hc49s 24 50 50 60 30 atf xtl-3085 part number table dimensions : millimetres dx-57 features and applications: ? communication equipment, pda's, wireless security systems ? cost effective ? surface mount ? ultra thin ceramic package ? height 1.4 mm maximum ? supplied taped and reeled


▲Up To Search▲   

 
Price & Availability of HC49S-6-30-50-60-30-ATF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X