Part Number Hot Search : 
F75645P DG528DN HFP2N60S 51181 2N2222A C1500 VHC1G0 H5116
Product Description
Full Text Search
 

To Download ETQP3H0R4BFA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. choke coils & 12 2 3 1) # 456789 product code inductance classi?cation 10 11 12 suf?x packaging core winding size 5 explanation of part numbers recommended applications dc-dc converter for cpu in pcs thin on-board power supply modules for serv ers features high power, high inductance (no saturation performance limitation due to metal dust core) (17 a to 32 a/1.25 h to 0.32 h) low loss due to low r dc (using ? at wire) low buzz noise due to its gap-less structure surface mount, low pro? le (h) 3.9 mm (l)13.0 mm (w)12.9 mm rohs compliant standard packing quantity 500 pcs./reel low pro? le, high power, low loss power choke coil series: pcc-d124h (nx1) standard parts part no. inductance (at 20 c) ? 1 rated current (a) ? 2 dc resistance (at 20 c) (m ) max. l1 l 2 (reference) (h) tolerance (%) measurement current (a) (h) measurement current (a) ETQP3H0R4BFA 0.36 20 23 0.32 32 23 1.04 etqp3h0r8bfa 0.80 16 0.71 22 16 2.33 etqp3h1r4bfa 1.43 12 1.25 17 12 4.52 ( ? 1) inductance is measured at 100 khz. ( ? 2) rated current de? nes actual value of dc current, when temperature rise of coil becomes 40 k. oct. 2012 01 112
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. choke coils marking type no.3 clearance between the terminal face and the core face " %buf$pef 13.00.3 3.9 max. (1.6) (f4.0) (2.1) (1.2) (5.3) (5.15) (1.2) 7.2 9.0 /$ 1 1 /$ 12.90.5 0.01 min. ( ) : reference value 2.00 1.80 1.60 1.40 1.20 1.00 0.80 0.60 0.40 0.20 0.00 (h) 0 2 4 6 8 1012141618 2022 2426 32 3436 28 30 (a) i dc (a) 3#'" 3#'" 3#'" &521)3#'" &521)3#'" &521)3#'" 200 150 100 50 0 @t (k) 0 5 10 15 i dc (a) 20 25 30 35 40 45 50 p2 nc nc p1 4.13.1 10.2 2.5 2.2 6.4 2.6 performance characteristics (reference) dimensions in mm (not to scale) case temperature vs dc current connection inductance vs dc current recommended land pattern in mm (not to scale)  packaging methods, soldering conditions and safety precautions (power choke coils for consumer use) please see data files oct. 2012 01 113


▲Up To Search▲   

 
Price & Availability of ETQP3H0R4BFA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X