Part Number Hot Search : 
X9221UPM X22C12DI MAX691 MAX50 CZRA1150 OP462H 40H120 07364
Product Description
Full Text Search
 

To Download ECS-FREQ5-XX-4LX-DN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 ecs, inc. international 1105 s. ridgeview, olathe, ks 66062  913-782-7787  800-237-1041  fax 913-782-6991  www.ecsxtal.com crystals crystals this product represents our selection of low profile resistance weld type quartz crystals. options: C extended temperature range C tighter tolerances C mylar spacer C 3rd in line lead base C radial tape and reel (1,000 pcs) features ? cost effective ? excellent aging ? wide frequency range ? low profile ? excellent reliability ? at strip blank technology ? pbfree/rohs compliant hc-49usx quartz crystal package dimensions (mm) operating conditions/electrical characteristics parameters conditions minimum maximum units frequency range f o 3.57 70.000 mhz frequency tolerance @ +25?c 30 ppm standard -10 ~ +70?c 50 ppm frequency stability, ref @ 25?c dn option -40 ~ +85?c 100 ppm standard -10 70 ?c operating temperature dn option -40 +85 ?c storage temperature -40 +105 ?c shunt capacitance c 0 7.0 pf load capacitance c l (customer specified) 10.0 series pf drive level 3.57 ~ 70.000mhz 0.5 mw aging (first year) @ +25?c 5.0 ppm frequency range (mhz) mode max esr ? frequency range (mhz) mode max esr ? 3.570 ~ 3.999 fundamental 200 9.000 ~ 12.999 fundamental 60 4.000 ~ 4.999 fundamental 150 13.000 ~ 19.999 fundamental 40 5.000 ~ 5.999 fundamental 120 20.000 ~ 30.000 fundamental 30 6.000 ~ 6.999 fundamental 100 27.000 ~ 70.000 3rd o/t 100 7.000 ~ 8.999 fundamental 80 10.5 max. 11.35 max. 4.88 10.5 max. 12.7 optional 20.0 h 0.43 4.65 max. 3.7 max. figure 1) hc-49usx - top and side views 10.5 max. 11.35 max. 4.88 3.80 max. 11.35 max. grounded to holder 12 min. 3.5 max. 5.0 max. 0.43 figure 2) hc-49usx - 3rd in line lead base ? side & bottom view part numbering guide example manufacturer frequency (16.0000 mhz) load capacitance* package type** ecs C 160 C 20 C 4x * load capacitance (xx=xx pf, s= series resonance), ** package type examples (4x= 3.5mm max. height, 4lx= 2.5mm max. height) for extended temp range of -40 to +85?c ad -dn suffix for example ecs-160-20-4-dn note: see product selection guide for additional options. + 30 - 30 - 10 25 60 f/f 0 ppm temp.(?c) figure 3) frequency vs temperature curve equivalent series resistance / mode of oscillation height ?h? (max.) -4x 3.5 mm -4lx 2.5 mm


▲Up To Search▲   

 
Price & Availability of ECS-FREQ5-XX-4LX-DN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X