Part Number Hot Search : 
01089 DU1260T SMF24CA 68HC1 5225B 1N414 SI106 CY2273A
Product Description
Full Text Search
 

To Download CW160808-4N7J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.35 (.014) 1.0 0.2 (.040 .008) 1.05 0.2 (.041 .008) 1.2 (.047) ref. ref. ref. ref. 0.35 (.014) 1.65 0.2 (.065 .008) 0.35 (.014) 0.64 (.025) 0.7 (.028) 0.7 (.028) features 0603 size available in e12 series high q - up to 80 typ. high operating temperature of 125 c small size of only 1.6 mm rohs compliant* applications mobile phones cellular phones ctv, vcr, hic, fdd cw160808 series - high q chip inductors *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci? cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci? c applications. temperature rise .................20 ? max. at rated current operating temperature ................................-40 ? to +125 ? storage temperature ................................-40 ? to +125 ? re ow soldering .. 230 ?, 50 sec. max. resistance to soldering heat .......................... +260 ?, 10 seconds electrical speci cations bourns part no. inductance q test freq. (mhz) srf (mhz) rdc i rms (ma) nh tol. % min. l q min. ohms max. cw160808-1n8m 1.8 ?0 16 250 250 6000 0.04 700 cw160808-2n2d 2.2 ?5 16 250 250 6000 0.08 700 cw160808-3n9j 3.9 ? 16 250 250 6000 0.08 700 CW160808-4N7J 4.7 ? 16 250 250 5800 0.10 700 cw160808-6n8j 6.8 ? 25 250 250 5800 0.11 700 cw160808-8n2j 8.2 ? 30 250 250 5000 0.11 700 cw160808-10nj 10 ? 30 250 250 4800 0.13 700 cw160808-12nj 12 ? 30 250 250 4000 0.13 700 cw160808-15nj 15 ? 30 250 250 4000 0.17 700 cw160808-18nj 18 ? 30 250 250 3100 0.17 700 cw160808-22nj 22 ? 35 250 250 3000 0.19 700 cw160808-27nj 27 ? 35 250 250 2800 0.22 600 cw160808-33nj 33 ? 35 250 250 2300 0.22 600 cw160808-39nj 39 ? 35 250 250 2200 0.25 600 cw160808-47nj 47 ? 35 200 250 2100 0.28 600 cw160808-56nj 56 ? 35 200 250 1900 0.31 600 cw160808-68nj 68 ? 35 200 250 1700 0.34 600 cw160808-72nj 72 ? 34 200 250 1700 0.49 400 cw160808-82nj 82 ? 34 150 250 1700 0.54 400 cw160808-r10j 100 ? 34 150 250 1400 0.71 400 cw160808-r12j 120 ? 32 150 250 1350 0.79 300 cw160808-r15j 150 ? 28 150 150 1300 0.92 280 cw160808-r18j 180 ? 25 100 100 990 1.25 240 cw160808-r22j 220 ? 25 100 100 990 1.90 200 cw160808-r27j 270 ? 25 100 100 990 2.30 170 general speci cations core material ............................. alumina (1cc150707-302291) wire ........ enameled copper (1w1e180) terminal ...........................mo/mn+ni+au encapsulate ......... epoxy (1eas-uv300) packaging ................. 3,000 pcs. per reel materials product dimensions *rohs compliant dimensions: mm (inches) recommended layout solder pro le 0 time (seconds) temperature (c) 50 100 150 200 250 50 100 150 200 250 70 seconds max. temperature rising area 4 c/ sec. max. - 50 seconds max. peak temp. 260 c 230 c - - preheat area 150~200 c / 60~120 sec. - reflow area 20~ 40 c/ sec. max. - forced cooling area -1~5 c/sec. max.
rev. 02/13 speci cations are subject to change without notice. the device characteristics and parameters in this data sheet can and do vary in different applications and actual device perfor mance may vary over time. users should verify actual device performance in their speci c applications. cw160808 series - high q chip inductors packaging speci cations 10.0 (.393) 12.5 (.492) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. 8.0 (.315) dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of CW160808-4N7J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X