Part Number Hot Search : 
APT30 GRM188 HCD370 MP7528 17400 HCD370 NNCD12A SCHIP
Product Description
Full Text Search
 

To Download CL05C100JB5NNNC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification ? ?? ? supplier : samsung electro-mechanics ? ?? ? samsung p/n : CL05C100JB5NNNC ? ?? ? product : multi-layer ceramic capacitor ? ?? ? description : cap, 10 ? ?? ? , 50v, 5%, c0g, 0402 cl 05 c 100 j b 5 n n n c ? ? ? ? ? ? ? ? ?? ? ? series samsungmultilayerceramiccapacitor ? size 0402 (inchcode) l: 1.0 0.05 mm w: 0.05 mm ? dielectric c0g inner electrode ? capacitance 10 ? termination ? capacitance 5 % plating (pbfree) tolerance product normal ? rated voltage 50 v special reservedforfutureuse ? thickness 0.5 0.05 mm ? ?? ? packaging cardboardtype,7"reel b. samsung reliablility test and judgement conditioncapacitance withinspecifiedtolerance 1 ? 10% 0.5~5vrms q 600 min insulation 10,000mohmor500mohm ? ? ratedvoltage 60~120sec. resistance whicheverissmaller appearance noabnormalexteriorappearance microscope( 10) withstanding nodielectricbreakdownor oftheratedvoltage voltage mechanicalbreakdown temperature c0g characterisitcs (from55 to125 ,capacitancechangeshoudbewithin30ppm/ ) adhesive strength nopeelingshallbeoccuronthe 500g ? f,for101sec. of termination terminalelectrode bending strength capacitancechange: bendingtothelimit(1mm) within5%or0.5 ? whicheverislarger with1.0mm/sec. solderability morethan75%ofterminalsurface snag3.0cu0.5solder istobesolderednewly 2455 ,30.3sec. (preheating:80~120 for10~30sec.) resistance to capacitancechange: solderpot:2705 ,101sec. soldering heat within2.5%or0.25 ? whicheverislarger tan ,ir:initialspec. performance test condition 300% a. samsung part number sn100% cu ni 0.5
vibration test capacitancechange: amplitude:1.5mm within2.5%or0.25 ? whicheverislarger from10 ? to55 ? (return:1min.) tan,ir:initialspec. 2hours 3direction(x,y,z) moisture capacitancechange: withratedvoltage resistance within7.5%or0.75 ? whicheverislarger 402 ,90~95%rh,500+12/0hrs q: 133.33 min ir: 500mohmor25mohm ? ? whicheverissmaller high temperature capacitancechange: with oftheratedvoltage resistance within3%or0.3 ? whicheverislarger max.operatingtemperature q: 300 min 1000+48/0hrs ir: 1000mohmor50mohm ? ? whicheverissmaller temperature capacitancechange: 1cyclecondition cycling within2.5%or0.25 ? whicheverislarger min.operatingtemperature 25 tan,ir:initialspec. max.operatingtemperature 25 5cycletest c. recommended soldering method : reflow(reflowpeaktemperature:260+0/5 ,10sec.max) *forthemoredetailspecification,pleaserefertothesamsungmlcccatalogue. performance test condition 200%


▲Up To Search▲   

 
Price & Availability of CL05C100JB5NNNC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X