Part Number Hot Search : 
3600B MAX9326 B75NF75L A844C W503GDT BC850 N2N5796U 2SB816
Product Description
Full Text Search
 

To Download CD214A-B330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cd214a-b320 ~ b360 schottky barrier rectifier chip diode specifications are subject to change without notice. customers should verify actual device performance in their specific applications. features lead free versions available rohs compliant (lead free version)* sma package surface mount high current capability general information the markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop inc reasingly smaller electronic components. bourns offers schottky rectifier diodes for rectification applications, in compact chip package do-214ac (sma) size format, whi ch offer pcb real estate savings and are considerably smaller than competitive parts. the schottky rectifier diodes offer a forward current of 3 a with a choice of repetitive peak reverse voltage of 20 v up to 60 v. bourns chip diodes conform to jedec standards, easy to handle on standard pick and place equipment and their flat configuration makes roll away much more difficult. parameter symbol cd214a- unit b320 b330 b340 b340l b350 b360 forward voltage (max.) v f 0.5 0.5 0.5 0.45 0.7 0.7 v (i f = 3 a) typical junction c t 250 250 250 300 250 250 pf capacitance* reverse current (max.) i r 0.5 0.5 0.5 1.0 0.5 0.5 ma at rated v r ) electrical characteristics (@ t a = 25 ? unless otherwise noted) how to order cd 214a - b 3 30 l __ common code chip diode package ?214a = sma/do-214ac model b = schottky barrier series average forward current (i o ) code 3 = 3 a (code x 1000 ma = average forward current) reverse voltage (v r ) code 30 = 30 v 40 = 40 v 60 = 60 v forward voltage suffix l = low forward voltage v f (cd214-b330l) terminations lf = 100 % sn (lead free) blank = sn/pb reliable electronic solutions asia-pacific: tel: +886-2 2562-4117 ?fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ?fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ?fax: +1-951 781-5700 www.bourns.com absolute ratings (@ t a = 25 ? unless otherwise noted) parameter symbol cd214a- unit b320 b330 b340 b340l b350 b360 repetitive peak v rrm 20 30 40 40 50 60 v reverse voltage reverse voltage v r 20 30 40 40 50 60 v maximum rms voltage v rms 14 21 28 28 35 42 v avg. forward current i o 3a forward current, surge peak i surge 100 100 100 70 100 100 a (60 hz, 1 cycle) typical thermal r jl 10 10 10 20 10 10 ?/w resistance** storage temperature t stg -55 to +150 ? junction temperature t j -55 to +125 ? * measured at 1.0 mhz and applied reverse voltage of 4.0 v dc. ** thermal resistance junction to lead. *rohs compliant versions available *rohs directive 2002/95/ec jan 27 2003 including annex
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd214a-b320 ...................................................................... 320a CD214A-B330 ...................................................................... 330a cd214a-b340 ...................................................................... 340a cd214a-b340l .................................................................... 340l cd214a-b350 ...................................................................... 350a cd214a-b360 ...................................................................... 360a cd214a-b320 ~ b360 schottky barrier rectifier chip diode product dimensions recommended pad layout physical specifications typical part marking case ............................................................................molded plastic polarity ....................................................indicated by cathode band weight ....................................................0.002 ounces / 0.064 grams dimension sma (do-214ac) a 4.06 - 4.57 (0.160 - 0.180) b 2.29 - 2.92 (0.090 - 0.115) c 1.27 - 1.63 (0.050 - 0.064) d 0.15 - 0.31 (0.006 - 0.110) e 4.83 - 5.59 (0.190 - 0.220) f 0.05 - 0.20 (0.002 - 0.008) g 2.01 - 2.62 (0.080 - 0.103) h 0.76 - 1.52 (0.030 - 0.060) b g f d c h e a a c b mm (inches) dimensions: dimension sma (do-214ac) a (max.) 2.69 (0.106) b (min.) 2.10 (0.083) c (min.) 1.27 (0.050) mm (inches) dimensions:
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd214a-b320 ~ b360 schottky barrier rectifier chip diode rating and characteristic curves: cd214a-b320, CD214A-B330, cd214a-b340, cd214a-b350 & cd214a-b360 derating curve capacitance between terminals forward characteristics reverse characteristics 0.1 1 10 0.01 forward current (amps) 0.0 0.2 0.4 0.6 0.8 1.0 forward voltage (volts) tj=25 ? pulsewidth 300 s b320 to b340 b350 to b360 100 0.1 1 10 0.001 0.01 reverse current (mamps) 0 20 40 60 80 100 140 percent of rated peak reverse voltage (%) 120 tj=25 ? tj=100 ? tj=125 ? 3.50 2.50 2.00 3.00 1.50 1.00 0.50 0.00 25 50 75 100 125 150 average forward current (amps) lead temperature ( c) single phase half wave 60 hz resistive or inductive load 1000 100 200 300 400 500 600 700 800 900 0 020406080100 capacitance (pf) reverse voltage (volts) f = 1 mhz ta = 25 c
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd214a-b320 ~ b360 schottky barrier rectifier chip diode rating and characteristic curves: cd214a-b340l derating curve capacitance between terminals forward characteristics reverse characteristics 0.1 1 10 forward current (amps) 0 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55 forward voltage (volts) tj=25 ? tj=100 ? tj=125 ? pulsewidth 300 s 5 5 1000 100 0.1 1 10 0.01 reverse current (mamps) 0 5 10 15 20 25 35 40 45 rated peak reverse voltage (v) 30 tj=25 ? tj=100 ? tj=125 ? 3.50 2.50 2.00 3.00 1.50 1.00 0.50 0.00 25 50 75 100 125 150 average forward current (amps) lead temperature ( c) single phase half wave 60 hz resistive or inductive load 1000 100 200 300 400 500 600 700 800 900 0 020406080100 capacitance (pf) reverse voltage (volts) f = 1 mhz ta = 25 c
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd214a-b320 ~ b360 schottky barrier rectifier chip diode packaging information the product will be dispensed in tape and reel format (see diagram below). ....... ....... ....... ....... ....... ....... ....... ....... p a f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d devices are packed in accordance with eia standard rs-481-a and specifications shown here. mm (inches) dimensions: item symbol sma (do-214ac) carrier width a 2.90 0.10 (0.114 - 0.004) carrier length b 5.59 0.10 (0.220 - 0.004) carrier depth c 2.36 0.10 (0.093 - 0.004) sprocket hole d 1.55 0.05 (0.061 - 0.002) reel outside diameter d 330 (12.992) reel inner diameter d 1 50.0 min. (1.969) feed hole diameter d 2 13.0 0.20 (0.512 - 0.008) sprocket hole position e 1.75 0.10 (0.069 - 0.004)) punch hole position f 5.50 0.05 (0.217 - 0.002) punch hole pitch p 4.00 0.10 (0.157 - 0.004) sprocket hole pitch p 0 4.00 0.10 (0.157 - 0.004) embossment center p 1 2.00 0.05 (0.079 - 0.002) overall tape thickness t 0.30 0.10 (0.012 - 0.004) tape width w 12.00 0.20 (0.472 - 0.008) reel width w 1 18.4 max. (0.724) quantity per reel -- 5,000 rev. 06/20/07


▲Up To Search▲   

 
Price & Availability of CD214A-B330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X