Part Number Hot Search : 
2SA186 CTSTR A60CT DP8384 1CZ11V ASM3P 500A1 C0751A
Product Description
Full Text Search
 

To Download C3216X7R1C103M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. multilayer ceramic chip capacitors for automobile(resin terminations) c series type: issue date: c2012[eia cc0805] c3216[eia cc1206] c3225[eia cc1210] c4532[eia cc1812] c5750[eia cc2220] august 2011
(1/4) 001-01 / 20110822 / e4120resin_c.fm  all specifications are subject to change without notice. reminders please read this before using the product. 1. if you intend to use a product listed in this catalog for a pur pose that may cause loss of life or other damage, you must co ntact our company?s sales window. 2. we may modify products or discontinue production of a product listed in this catalog without prior notification. 3. we provide ?delivery specification? that explain precautions for the specifications and safety of each product listed in thi s cata- log. we strongly recommend that you e xchange these delivery specifications with customers that use one of these products. 4. if you plan to export a product listed in this catalog, keep in mind that it may be a restri cted item according to the ?fore ign exchange and foreign trade control law?. in such cases, it is necessary to acquire export permission in harmony with this law. 5. any reproduction or transferring of the contents of this catalog is prohibit ed without prior permission from our company. 6. we are not responsible for problems t hat occur related to the intellectual property rights or other rights of our company or a third party when you use a product listed in this catalog. we do not grant license of these rights. 7. this catalog only applies to products purchased through our com pany or one of our company?s official agencies. this catalog does not apply to products that are purchased through other third parties. 8. the descriptions in this catalog apply as of august, 2011. safety reminders reminders
(2/4) 001-01 / 20110822 / e4120resin_c.fm  all specifications are subject to change without notice. please read the precautions before using this catalog.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.  for more information about the products of other capacitance or data, please contact us. multilayer ceramic chip capacitors for automobile(resin terminations) c series features  a flexible conductive resin has been adopted for external terminations through tdk's original technology. this reduces mechanical stress and improves thermal shock resistance. in addition, the series features a high resistance to substrate bending.  the product types listed in the brochure are just examples. we have available products that range from a small 1005 size to a large 5750 type. if you are interested in a product that is not in the brochure, please contact us. application examples  products that experience severe temperature changes, which require that consideration be given to measures against thermal shock.  applications which require that consideration be given to measures against flexural stress or shock applied to the substrate. conductive resin termination structure shapes and dimensions dimensions the dimensions of each product are described within the product name. dimensions l w the 4-digit number in the product name corresponds to the dimensions of l w. refer to the table below for specific values. dimensions in mm  dimension tolerances are typical values. product's thickness t the value in parentheses at the end of the product name corresponds to thickness t. refer to the table of "capacitance ranges" for specific values. conformity to rohs directive cu layer ni layer sn layer conductive resin layer dimension code l w b 2012 2.00.2 1.250.2 0.2min. 3216 3.20.2 1.60.2 0.2min. 3225 3.20.4 2.50.3 0.2min. 4532 3.20.4 3.20.4 0.2min. 5750 3.20.4 5.00.4 0.2min. b w l t
(3/4) 001-01 / 20110822 / e4120resin_c.fm  all specifications are subject to change without notice. please read the precautions before using this catalog.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.  for more information about the products of other capacitance or data, please contact us. product identification (1) series name (2) dimensions l w (3) capacitance temperature characteristics class 2 (temperature stable and general purpose) (4) rated voltage edc (5) nominal capacitance the capacitance is expressed in three digit codes and in units of pico farads (pf). the first and second digits identify the first and second significant figures of the capacitance. the third digit identifies the multiplier. r designates a decimal point. (6) capacitance tolerance (7) dimensions t expressed in three-digit numbers using mm units. the second and third digits denote the first and second decimal places, respectively. (8) packaging style (9) tdk internal code c 2012 x7r 2e 103 m ( 125 a e ) (1) (2) (3) (4) (5) (6) (7) (8) (9) 2012 2.0 1.25mm 3216 3.2 1.6mm 3225 3.2 2.5mm 4532 4.5 3.2mm 5750 5.7 5.0mm temperature characteristics capacitance change temperature range x7r 15% ?55 to +125c x7s 22% ?55 to +125c x7t +22, ?33% ?55 to +125c 1c 16v 1e 25v 1v 35v 1h 50v 2a 100v 2e 250v 2w 450v 2j 630v 333 33,000pf 474 470,000pf 225 2,200,000pf (2.2f) symbol tolerance m20% 085 0.85mm 125 1.25mm a ?178mm reel with 4mm-pitch b ?178mm reel with 2mm-pitch c ?178mm reel with 1mm-pitch d ?330mm reel with 4mm-pitch e ?330mm reel with 2mm-pitch f ?330mm reel with 1mm-pitch h bulk(bag) j ?330mm reel with 8mm-pitch k ?178mm reel with 8mm-pitch in brochures issued in august, 2011 and later, the product thickness and packing specifications are described at the end of the ordering name [the product name described in brochures] in parentheses. since the existing ordering name could not clearly express the product thickness and packing specifications, it has been change d to a new product description method that solves this inconvenience. please be aware that the last five digits of the ordering name on the delivery label and those in the brochure differ. no changes have been made to the delivery name. (example) brochure issued date ordering name (description in the brochure) delivery name (description on the delivery label) prior to july, 2011 c1608x5r1c105k c1608x5r1c105kt000n august, 2011 or later c1608x5r1c105k(080aa) c1608x5r1c105kt000n
(4/4) 001-01 / 20110822 / e4120resin_c.fm  all specifications are subject to change without notice. please read the precautions before using this catalog.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.  for more information about the products of other capacitance or data, please contact us. capacitance ranges: class 2 temperature characteristics: x7r(15%) temperature characteristics: x7r(15%) temperature characteristics: x7s(22%) temperature characteristics: x7t(+22, ?33%) capacitance dimension l w thickness t(mm) capacitance tolerance part no. rated voltage edc: 630v rated voltage edc: 450v rated voltage edc: 250v rated voltage edc: 100v 10nf 2012 1.250.25 20% c2012x7r2e103m(125ae) 3216 1.150.15 20% c3216x7r2j103m(115ae) 22nf 2012 1.250.25 20% c2012x7r2e223m(125ae) 3216 1.300.20 20% c3216x7r2j223m(130ae) 47nf 3225 2.000.30 20% c3225x7r2j473m(200ae) 100nf 3216 1.600.30 20% c3216x7r2e104m(160ae) 3225 2.000.30 20% c3225x7r2e104m(200ae) 220nf 3225 2.000.30 20% c3225x7r2e224m(200ae) 470nf 3216 1.600.30 20% c3216x7r2a474m(160ae) 4532 2.30+0.30/?0.20 20% c4532x7r2e474m(230ke) 1f 3216 1.600.30 20% c3216x7r2a105m(160ae) 5750 2.30+0.30/?0.20 20% c5750x7r2e105m(230ke) 2.2f 3225 2.300.30 20% c3225x7r2a225m(230ae) capacitance dimension l w thickness t(mm) capacitance tolerance part no. rated voltage edc: 50v rated voltage edc: 35v rated voltage edc: 25v rated voltage edc: 16v 470nf 2012 1.250.25 20% c2012x7r1h474m(125ae) 1f 2012 1.250.25 20% c2012x7r1h105m(125ae) 3216 1.600.30 20% c3216x7r1h105m(160ae) 2.2f 2012 1.250.25 20% c2012x7r1v225m(125ae) 3216 1.600.30 20% c3216x7r1h225m(160ae) 4.7f 2012 1.250.25 20% c2012x7r1c475m(125ae) 3216 1.600.30 20% c3216x7r1v475m(160ae) 10f 3216 1.600.30 20% c3216x7r1e106m(160ae) 4.7f 3225 2.300.30 20% c3225x7s1h475m(230ae) 10f 3225 2.500.30 20% c3225x7s1h106m(250ae) capacitance dimension l w thickness t(mm) capacitance tolerance part no. rated voltage edc: 630v rated voltage edc: 450v rated voltage edc: 250v rated voltage edc: 100v 220nf 2012 0.850.15 20% c2012x7s2a224m(085ae) 470nf 2012 1.250.25 20% c2012x7s2a474m(125ae) 1f 2012 1.250.25 20% c2012x7s2a105m(125ae) 2.2f 3216 1.600.30 20% c3216x7s2a225m(160ae) 4.7f 3225 2.000.30 20% c3225x7s2a475m(200ae) 10f 5750 2.30+0.25/?0.20 20% c5750x7s2a106m(230ke) capacitance dimension l w thickness t(mm) capacitance tolerance part no. rated voltage edc: 630v rated voltage edc: 450v rated voltage edc: 250v rated voltage edc: 100v 10nf 2012 0.850.15 20% c2012x7t2w103m(085ae) 22nf 2012 1.250.25 20% c2012x7t2w223m(125ae) 47nf 2012 1.250.25 20% c2012x7t2w473m(125ae) c2012x7t2e473m(125ae) 3216 1.600.30 20% c3216x7t2j473m(160ae) 100nf 2012 1.250.25 20% c2012x7t2e104m(125ae) 3216 1.600.30 20% c3216x7t2w104m(160ae) 3225 1.600.20 20% c3225x7t2j104m(160ae) 220nf 3216 1.600.30 20% c3216x7t2e224m(160ae) 3225 2.00+0.25/?0.20 20% c3225x7t2w224m(200ae) 4532 2.00+0.25/?0.20 20% c4532x7t2j224m(200ke) 470nf 4532 2.300.20 20% c4532x7t2w474m(230ke) 5750 2.500.20 20% c5750x7t2j474m(250ke) 1f 4532 2.500.20 20% c4532x7t2e105m(250ke) 5750 2.500.20 20% c5750x7t2w105m(250ke) 2.2f 5750 2.500.20 20% c5750x7t2e225m(250ke)


▲Up To Search▲   

 
Price & Availability of C3216X7R1C103M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X