|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. product pro?le 1.1 general description passivated, new generation, high commutation triacs, in a sot78 plastic package. 1.2 features 1.3 applications 1.4 quick reference data 2. pinning information bta312 series b and c 12 a three-quadrant triacs high commutation rev. 01 13 march 2007 product data sheet n very high commutation performance maximized at each gate sensitivity n high immunity to dv/dt n high power motor control e.g. washing machines, vacuum cleaners n non-linear recti?er-fed motor loads n refrigeration and air conditioning compressors n electronic thermostats n v drm 600 v (BTA312-600B/c) n i gt 50 ma (bta312 series b) n v drm 800 v (bta312-800b/c) n i gt 35 ma (bta312 series c) n i tsm 95 a (t = 20 ms) n i t(rms) 12 a table 1. pinning pin description simpli?ed outline symbol 1 main terminal 1 (t1) sot78 (to-220ab) 2 main terminal 2 (t2) 3 gate (g) mb mounting base; main terminal 2 (t2) 12 mb 3 sym051 t1 g t2
bta312_ser_b_c_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 13 march 2007 2 of 12 nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation 3. ordering information 4. limiting values [1] although not recommended, off-state voltages up to 800 v may be applied without damage, but the triac may switch to the on-state. the rate of rise of current should not exceed 15 a/ m s. table 2. ordering information type number package name description version BTA312-600B sc-46 plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead to-220ab sot78 bta312-600c bta312-800b bta312-800c table 3. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v drm repetitive peak off-state voltage BTA312-600B; bta312-600c [1] - 600 v bta312-800b; bta312-800c - 800 v i t(rms) rms on-state current full sine wave; t mb 101 c; see figure 4 and 5 -12a i tsm non-repetitive peak on-state current full sine wave; t j =25 c prior to surge; see figure 2 and 3 t = 20 ms - 95 a t = 16.7 ms - 105 a i 2 ti 2 t for fusing t = 10 ms - 45 a 2 s di t /dt rate of rise of on-state current i tm = 20 a; i g = 0.2 a; di g /dt = 0.2 a/ m s - 100 a/ m s i gm peak gate current - 2 a p gm peak gate power - 5 w p g(av) average gate power over any 20 ms period - 0.5 w t stg storage temperature - 40 +150 c t j junction temperature - 125 c bta312_ser_b_c_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 13 march 2007 3 of 12 nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation a = conduction angle fig 1. total power dissipation as a function of rms on-state current; maximum values f = 50 hz fig 2. non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum values 003aab690 0 4 8 12 16 036912 i t(rms) (a) p tot (w) a = 180 120 90 60 30 conduction angle (degrees) form factor a 30 60 90 120 180 4 2.8 2.2 1.9 1.57 a 003aab680 0 20 40 60 80 100 1 10 10 2 10 3 number of cycles (n) i tsm (a) i tsm t i t t j(init) = 25 c max 1/f bta312_ser_b_c_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 13 march 2007 4 of 12 nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation t p 20 ms (1) di t /dt limit fig 3. non-repetitive peak on-state current as a function of pulse duration; maximum values f = 50 hz t mb = 101 c fig 4. rms on-state current as a function of surge duration; maximum values fig 5. rms on-state current as a function of mounting base temperature; maximum values 003aab691 10 10 2 10 3 10 -5 10 -4 10 -3 10 -2 10 -1 t p (s) i tsm (a) i tsm t i t t j(init) = 25 c max t p (1) 003aab687 0 10 20 30 40 50 10 -2 10 -1 1 10 surge duration (s) i t(rms) (a) 003aab686 0 5 10 15 -50 0 50 100 150 t mb ( c) i t(rms) (a) bta312_ser_b_c_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 13 march 2007 5 of 12 nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation 5. thermal characteristics table 4. thermal characteristics symbol parameter conditions min typ max unit r th(j-mb) thermal resistance from junction to mounting base half cycle; see figure 6 - - 2.0 k/w full cycle; see figure 6 - - 1.5 k/w r th(j-a) thermal resistance from junction to ambient in free air - 60 - k/w (1) unidirectional (half cycle) (2) bidirectional (full cycle) fig 6. transient thermal impedance from junction to mounting base as a function of pulse duration 003aab775 10 - 1 10 - 2 1 10 z th(j-mb) (k/w) 10 - 3 t p (s) 10 - 5 110 10 - 1 10 - 2 10 - 4 10 - 3 t p p t (1) (2) bta312_ser_b_c_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 13 march 2007 6 of 12 nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation 6. static characteristics table 5. static characteristics t j =25 c unless otherwise speci?ed. symbol parameter conditions BTA312-600B bta312-800b bta312-600c bta312-800c unit min typ max min typ max i gt gate trigger current v d =12v; i t = 0.1 a; see figure 8 t2+ g+ 2 - 50 2 - 35 ma t2+ g - 2 - 50 2 - 35 ma t2 - g - 2 - 50 2 - 35 ma i l latching current v d =12v; i gt = 0.1 a; see figure 10 t2+ g+ - - 60 - - 50 ma t2+ g - --90--60ma t2 - g - --60--50ma i h holding current v d =12v; i gt = 0.1 a; see figure 11 --60--35ma v t on-state voltage i t = 15 a; see figure 9 - 1.3 1.6 - 1.3 1.6 v v gt gate trigger voltage v d =12v; i t = 0.1 a; see figure 7 - 0.8 1.5 - 0.8 1.5 v v d = 400 v; i t = 0.1 a; t j = 125 c 0.25 0.4 - 0.25 0.4 - v i d off-state current v d =v drm(max) ; t j = 125 c - 0.1 0.5 - 0.1 0.5 ma bta312_ser_b_c_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 13 march 2007 7 of 12 nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation 7. dynamic characteristics table 6. dynamic characteristics symbol parameter conditions BTA312-600B bta312-800b bta312-600c bta312-800c unit min typ max min typ max dv d /dt rate of rise of off-state voltage v dm = 0.67 v drm(max) ; t j = 125 c; exponential waveform; gate open circuit 1000 2000 - 500 - - v/ m s di com /dt rate of change of commutating current v dm = 400 v; t j = 125 c; i t(rms) =12a; without snubber; gate open circuit 30 - - 20 - - a/ms t gt gate-controlled turn-on time i tm = 20 a; v d =v drm(max) ; i g = 0.1 a; di g /dt=5a/ m s -2--2- m s (1) t2 - g - (2) t2+ g - (3) t2+ g+ fig 7. normalized gate trigger voltage as a function of junction temperature fig 8. normalized gate trigger current as a function of junction temperature t j ( c) - 50 150 100 050 001aab101 0.8 1.2 1.6 0.4 v gt v gt(25 c) t j ( c) - 50 150 100 050 001aac669 1 2 3 0 (1) (2) (3) i gt i gt(25 c) bta312_ser_b_c_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 13 march 2007 8 of 12 nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation v o = 1.127 v r s = 0.027 w (1) t j = 125 c; typical values (2) t j = 125 c; maximum values (3) t j = 25 c; maximum values fig 9. on-state current as a function of on-state voltage fig 10. normalized latching current as a function of junction temperature fig 11. normalized holding current as a function of junction temperature 003aab678 0 10 20 30 40 00.511.522.5 v t (v) i t (a) (1) (2) (3) t j ( c) - 50 150 100 050 001aab100 1 2 3 0 i l i l(25 c) t j ( c) - 50 150 100 050 001aab099 1 2 3 0 i h i h(25 c) bta312_ser_b_c_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 13 march 2007 9 of 12 nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation 8. package outline fig 12. package outline sot78 (3-lead to-220ab) references outline version european projection issue date iec jedec jeita sot78 sc-46 3-lead to-220ab d d 1 q p l 123 l 1 b 1 e e b 0 5 10 mm scale plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead to-220ab sot78 dimensions (mm are the original dimensions) a e a 1 c q l 2 unit a 1 b 1 d 1 e p mm 2.54 qq a b d c l 2 max. 3.0 3.8 3.5 15.0 12.8 3.30 2.79 3.0 2.7 2.6 2.2 0.7 0.4 16.0 15.2 0.9 0.6 1.45 1.00 4.7 4.1 1.40 1.25 6.6 5.9 10.3 9.7 l 1 e l 05-03-22 05-10-25 mounting base bta312_ser_b_c_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 13 march 2007 10 of 12 nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation 9. revision history table 7. revision history document id release date data sheet status change notice supersedes bta312_ser_b_c_1 20070313 product data sheet - - bta312_ser_b_c_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 13 march 2007 11 of 12 nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation 10. legal information 10.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 10.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 10.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 10.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 11. contact information for additional information, please visit: http://www .nxp.com for sales of?ce addresses, send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation. nxp semiconductors bta312 series b and c 12 a three-quadrant triacs high commutation ? nxp b.v. 2007. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 13 march 2007 document identifier: bta312_ser_b_c_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 12. contents 1 product pro?le . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description. . . . . . . . . . . . . . . . . . . . . . 1 1.2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data. . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 thermal characteristics. . . . . . . . . . . . . . . . . . . 5 6 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 7 dynamic characteristics . . . . . . . . . . . . . . . . . . 7 8 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 9 revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 10 legal information. . . . . . . . . . . . . . . . . . . . . . . 11 10.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 11 10.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 10.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 10.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 11 contact information. . . . . . . . . . . . . . . . . . . . . 11 12 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 |
Price & Availability of BTA312-600B |