Part Number Hot Search : 
20017TS PE9209 1N646108 MAX520 MAX548 BXMF1011 MP4411 SG7805AT
Product Description
Full Text Search
 

To Download B82464-A4474-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mit den angaben im datenblatt werden die bauelemente spezifiziert, nicht eigenschaften zugesichert. lieferm?glichkeiten und technische ?nderungen vorbehalten. 1 size 10x10 mm rated inductance 1 m h .. 1000 m h construction ferrite core winding: enamel copper wire winding welded to terminals features wide temperature range v ery high rated current low dc resistance suitable for reflow soldering applications filtering of supply voltages coupling, decoupling dc/dc converters automotive electronics t erminals leadfree tinned marking marking on component: manufacturer l value (in m h) and tolerance (coded) date of manufacture (coded) minimum marking on reel: manufacturer , part number , ordering code, l value and tolerance quantity , date of packing delivery mode blister tape 16mm, reel packing packaging quantity 750 pcs per reel smtpowerinductors b82464a4 da t a sheet hugo ist doof bnr b82464a4025976 21.07.2003
mit den angaben im datenblatt werden die bauelemente spezifiziert, nicht eigenschaften zugesichert. lieferm?glichkeiten und technische ?nderungen vorbehalten. 2 general technical data rated inductance l r measured with hp 4294a, measuring voltage 100 mv rated current i r maximum permissible dc with temperature increase of  40 k at ambient temperature of 85 c saturation current i s a t maximum permissible dc with inductance decrease - d l/l 0 10% selfresonance frequency f r e s t ypical selfresonance frequency measured with network analyzer hp 8753 climatic category in accordance with iec 600681 55/125/56 (55 c/ +125 c/ 56 days damp heat test) solderability 5s, 235 c, wetting > 90% resistance to soldering heat acc. to iec 60068258, leadfree reflow soldering profile dc resistance r m a x measured at 20 c ambient temperature w eight approx. 1,5g dimensional drawing and layout recommendation smtpowerinductors b82464a4 da t a sheet hugo ist doof bnr b82464a4025976 21.07.2003
mit den angaben im datenblatt werden die bauelemente spezifiziert, nicht eigenschaften zugesichert. lieferm?glichkeiten und technische ?nderungen vorbehalten. 3 characteristics and ordering codes l r f l t olerance i s a t i r r m a x f r e s ordering code m h mhz a a w mhz 1,0 0,1 20 % 1 1 7,00 0,009 120 b82464a4102m 1,5 0,1 20 % 9,8 6,50 0,010 80 b82464a4152m 2,2 0,1 20 % 8,4 5,70 0,012 60 b82464a4222m 3,6 0,1 20 % 6,6 4,90 0,015 50 b82464a4362m 4,7 0,1 20 % 5,6 4,30 0,018 42 b82464a4472m 6,8 0,1 20 % 4,7 3,50 0,027 30 b82464a4682m 10 0,1 20 % 3,9 2,90 0,038 24 b82464a4103m 15 0,1 10 % 3,2 2,50 0,046 18 b82464a4153k 22 0,1 10 % 2,6 2,10 0,085 15 b82464a4223k 33 0,1 10 % 2,2 1,80 0,10 13 b82464a4333k 47 0,1 10 % 1,8 1,50 0,14 1 1 b82464a4473k 68 0,1 10 % 1,5 1,25 0,20 9,0 b82464a4683k 100 0,1 10 % 1,2 1,03 0,28 8,0 b82464a4104k 150 0,1 10 % 1,0 0,86 0,40 6,0 b82464a4154k 220 0,1 10 % 0,85 0,69 0,61 5,0 b82464a4224k 330 0,1 10 % 0,70 0,58 1,00 4,0 b82464a4334k 470 0,1 10 % 0,55 0,50 1,27 3,2 b82464a4474k 680 0,1 10 % 0,45 0,40 2,00 2,5 b82464a4684k 1000 0,1 10 % 0,38 0,33 3,00 2,0 b82464a4105k b82464xxxxx: current derating versus ambient temperature 0 0 , 2 0 , 4 0 , 6 0 , 8 1 1 , 2 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0 1 1 0 1 2 0 1 3 0 1 4 0 1 5 0 t a / c i / i 0 1 smtpowerinductors b82464a4 da t a sheet hugo ist doof bnr b82464a4025976 21.07.2003


▲Up To Search▲   

 
Price & Availability of B82464-A4474-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X