Part Number Hot Search : 
CS5334EB A2188 AM29L AM29L ABM4A07 XXXGX BSD235N PC825
Product Description
Full Text Search
 

To Download B66285G0000X14913 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet data sheet date: june 2013 ?? epcos ag 2013. reproduction, publication and dissemination of this data sheet and the information contained therein without epco s? prior express consent is prohibited. ferrites and accessories eelp 22, eilp 22 ? core set (with and without clamp recess) series/type: b66285g, b66285k, b65804, b66455g, b66455k
2 06/13 please read cautions and warnings and ? important notes at the end of this document. core set eelp 22 ? combination: elp 22/6/16 with elp 22/6/16 to iec 62317-9 delivery mode: single units magnetic characteristics (per set) ? l / a = 0.41 mm ?1 ? l e = 32.5 mm ? a e = 78.3 mm 2 ? a min = 77.9 mm 2 ? v e = 2540 mm 3 approx. weight 13 g/set ungapped * h = 250 a/m; f = 10 khz; t = 100 c calculation factors (for formulas, see ?e cores: general information? ) ? eelp 22: validity range: k1, k2: 0.10 mm < s < 1.50 mm ? k3, k4: 100 nh < a l < 700 nh material a l value ? nh ? e b s * ? mt p v ? w/set ordering code ? (per piece) n49 3100 ? 25% 1010 250 < 0.65 ( 50 mt, 500 khz, 100 c) b66285g0000x149 n92 3400 ? 25% 1110 350 < 1.65 (200 mt, 100 khz, 100 c) b66285g0000x192 n87 4500 ? 25% 1470 300 < 1.50 (200 mt, 100 khz, 100 c) b66285g0000x187 n97 4600 ? 25% 1520 310 < 1.20 (200 mt, 100 khz, 100 c) b66285g0000x197 material relationship between ? air gap ? a l value calculation of saturation current k1 (25 c) k2 (25 c) k3 (25 c) k4 (25 c) k3 (100 c) k4 (100 c) n87 126 ? 0.814 232 ? 0.796 200 ? 0.873 elp 22/6/16 b66285 core (with clamp recess) elp 22/6/16
3 06/13 please read cautions and warnings and ? important notes at the end of this document. core set eilp 22 ? combination: ? elp 22/6/16 with i 22/2.5/16 to iec 62317-9 delivery mode: single units magnetic characteristics (per set) ? l / a = 0.33 mm ?1 ? l e = 26.1 mm ? a e = 78.5 mm 2 ? a min = 77.9 mm 2 ? v e = 2050 mm 3 approx. weight 10.5 g/set ungapped * h = 250 a/m; f = 10 khz; t = 100 c ? ** plate-type tool type mate- ? rial a l value ? nh ? e b s * ? mt p v ? w/set ordering code ? (per piece) n49 3700 ? ? 25% 960 250 < 0.50 ( 50 mt, 500 khz, 100 c) b66285g0000x149 (elp core) ? b66285k0000x149 (i core)** n92 4000 ? ? 25% 1050 350 < 1.38 (200 mt, 100 khz, 100 c) b66285g0000x192 (elp core) ? b66285k0000x192 (i core)** n87 5200 ? ? 25% 1360 300 < 1.25 (200 mt, 100 khz, 100 c) b66285g0000x187 (elp core) ? b66285k0000x187 (i core)** n97 5250 ? ? 25% 1390 310 < 1.00 (200 mt, 100 khz, 100 c) b66285g0000x197 (elp core) ? b66285k0000x197 (i core)** elp 22/6/16 i 22/2.5/16 b66285 core and accessories (with clamp recess) elp 22/6/16 with i 22/2.5/16
4 06/13 please read cautions and warnings and ? important notes at the end of this document. calculation factors (for formulas, see ?e cores: general information? ) ? eilp 22: validity range: k1, k2: 0.10 mm < s < 1.50 mm ? k3, k4: 100 nh < a l < 700 nh clamp ordering code per piece, 2 pieces required ordering code: b65804p2204x000 material relationship between ? air gap ? a l value calculation of saturation current k1 (25 c) k2 (25 c) k3 (25 c) k4 (25 c) k3 (100 c) k4 (100 c) n87 134 ? 0.806 243 ? 0.796 206 ? 0.873 b65804 core and accessories (with clamp recess) elp 22/6/16 with i 22/2.5/16
5 06/13 please read cautions and warnings and ? important notes at the end of this document. core set eelp 22 ? combination: elp 22/6/16 with elp 22/6/16 to iec 62317-9 delivery mode: single units magnetic characteristics (per set) ? l / a = 0.41 mm ?1 ? l e = 32.5 mm ? a e = 78.3 mm 2 ? a min = 77.9 mm 2 ? v e = 2540 mm 3 approx. weight 13 g/set ungapped * h = 250 a/m; f = 10 khz; t = 100 c calculation factors (for formulas, see ?e cores: general information? ) ? eelp 22: validity range: k1, k2: 0.10 mm < s < 1.50 mm ? k3, k4: 100 nh < a l < 700 nh material a l value ? nh ? e b s * ? mt p v ? w/set ordering code ? (per piece) n49 3100 ? 25% 1010 250 < 0.65 ( 50 mt, 500 khz, 100 c) b66455g0000x149 n92 3400 ? 25% 1110 350 < 1.65 (200 mt, 100 khz, 100 c) b66455g0000x192 n87 4500 ? 25% 1470 300 < 1.50 (200 mt, 100 khz, 100 c) b66455g0000x187 n97 4600 ? 25% 1520 310 < 1.20 (200 mt, 100 khz, 100 c) b66455g0000x197 material relationship between ? air gap ? a l value calculation of saturation current k1 (25 c) k2 (25 c) k3 (25 c) k4 (25 c) k3 (100 c) k4 (100 c) n87 126 ? 0.814 232 ? 0.796 200 ? 0.873 elp 22/6/16 b66455 core (without clamp recess) elp 22/6/16
6 06/13 please read cautions and warnings and ? important notes at the end of this document. core set eilp 22 ? combination: ? elp 22/6/16 with i 22/2.5/16 to iec 62317-9 delivery mode: single units magnetic characteristics (per set) ? l / a = 0.33 mm ?1 ? l e = 26.1 mm ? a e = 78.5 mm 2 ? a min = 77.9 mm 2 ? v e = 2050 mm 3 approx. weight 10.5 g/set ungapped * h = 250 a/m; f = 10 khz; t = 100 c ? ** plate-type tool type calculation factors (for formulas, see ?e cores: general information? ) ? eilp 22: validity range: k1, k2: 0.10 mm < s < 1.50 mm ? k3, k4: 100 nh < a l < 700 nh mate- ? rial a l value ? nh ? e b s * ? mt p v ? w/set ordering code ? (per piece) n49 3700 ? ? 25% 960 250 < 0.50 ( 50 mt, 500 khz, 100 c) b66455g0000x149 (elp core) ? b66455k0000x149 (i core)** n92 4000 ? ? 25% 1050 350 < 1.38 (200 mt, 100 khz, 100 c) b66455g0000x192 (elp core) ? b66455k0000x192 (i core)** n87 5200 ? ? 25% 1360 300 < 1.25 (200 mt, 100 khz, 100 c) b66455g0000x187 (elp core) ? b66455k0000x187 (i core)** n97 5250 ? ? 25% 1390 310 < 1.00 (200 mt, 100 khz, 100 c) b66455g0000x197 (elp core) ? b66455k0000x197 (i core)** material relationship between ? air gap ? a l value calculation of saturation current k1 (25 c) k2 (25 c) k3 (25 c) k4 (25 c) k3 (100 c) k4 (100 c) n87 134 ? 0.806 243 ? 0.796 206 ? 0.873 elp 22/6/16 i 22/2.5/16 b66455 core (without clamp recess) elp 22/6/16 with i 22/2.5/16
7 06/13 mechanical stress and mounting ferrite cores have to meet mechanical requirements during assembling and for a growing number of applications. since ferrites are ceramic materials one has to be aware of the special behavior under mechanical load. as valid for any ceramic material, ferrite cores are brittle and sensitive to any shock, fast changing or tensile load. especially high cooling rates under ultrasonic cleaning and high static or cyclic loads can cause cracks or failure of the ferrite cores. for detailed information see chapter ?definitions? , section 8.1. effects of core combination on a l value stresses in the core affect not only the mechanical but also the magnetic properties. it is apparent that the initial permeability is depe ndent on the stress state of the core. the higher the stresses are in the core, the lower is the value for the init ial permeability. thus the embedding medium should have the greatest possible elasticity. for detailed information see chapter ?definitions? , section 8.2. heating up ferrites can run hot during operation at higher flux densities and higher frequencies. nizn-materials the magnetic properties of nizn-materials can c hange irreversible in high magnetic fields. processing notes ? the start of the winding process should be soft. else the flanges may be destroid. ? to strong winding forces may blast the flanges or squeeze the tube that the cores can no more be mount. ? to long soldering time at high temperature (>300 c) may effect coplanarity or pin arrangement. ? not following the processing notes for solderin g of the j-leg terminals may cause solderability problems at the transformer because of pollution wi th sn oxyd of the tin bath or burned insulation of the wire. for detailed information see chapter ?processing notes? , section 8.2. ? the dimensions of the hole arrangement have fixed values and should be understood as ? a recommendation for drilling the printed circuit board. for di mensioning the pins, the group ? of holes can only be seen under certain conditions, as they fit into the given hole arrangement. ? to avoid problems when mounting the transformer, the manufacturing tolerances for positioning the customers? drilling process must be c onsidered by increasing the hole diameter. cautions and warnings ferrites and accessories cautions and warnings
8 06/13 symbol meaning unit a ? a e ? a l ? a l1 ? a min ? a n ? a r ? b ? ? b ? b ? ? ? b ? ? b dc ? b r ? b s ? c 0 ? cdf ? df ? d ? e a ? f ? f cutoff ? f max ? f min ? f r ? f cu ? g ? h ? h ? ? h dc ? h c ? h ? h/ ? i 2 ? i ? i dc ? i ? ? j ? k ? k 3 ? k 3c ? l cross section of coil ? effective magnetic cross section ? inductance factor; a l = l/n 2 ? minimum inductance at defined high saturation ( ? a ) ? minimum core cross section ? winding cross section ? resistance factor; a r = r cu /n 2 ? rms value of magnetic flux density ? flux density deviation ? peak value of magnetic flux density ? peak value of flux density deviation ? dc magnetic flux density ? remanent flux density ? saturation magnetization ? winding capacitance ? core distortion factor ? relative disaccommodation coefficient df = d/ ? i ? disaccommodation coefficient ? activation energy ? frequency ? cut-off frequency ? upper frequency limit ? lower frequency limit ? resonance frequency ? copper filling factor ? air gap ? rms value of magnetic field strength ? peak value of magnetic field strength ? dc field strength ? coercive field strength ? hysteresis coefficient of material ? relative hysteresis coefficient ? rms value of current ? direct current ? peak value of current ? polarization ? boltzmann constant ? third harmonic distortion ? circuit third harmonic distortion ? inductance mm 2 ? mm 2 ? nh ? nh ? mm 2 ? mm 2 ? ?? = 10 ?6 ?? ? vs/m 2 , mt ? vs/m 2 , mt ? vs/m 2 , mt ? vs/m 2 , mt ? vs/m 2 , mt ? vs/m 2 , mt ? vs/m 2 , mt ? f = as/v ? mm ?4.5 ? ? ? j ? s ?1 , hz ? s ?1 , hz ? s ?1 , hz ? s ?1 , hz ? s ?1 , hz ? ? mm ? a/m ? a/m ? a/m ? a/m ? 10 ?6 cm/a ? 10 ?6 cm/a ? a ? a ? a ? vs/m 2 ? j/k ? ? ? h = vs/a symbols and terms ferrites and accessories symbols and terms
9 06/13 symbol meaning unit ? l/l ? l 0 ? l h ? l p ? l rev ? l s ? l e ? l n ? n ? p cu ? p trans ? p v ? pf ? q ? r ? r cu ? r h ? ? r h ? r i ? r p ? r s ? r th ? r v ? s ? t ? ? t ? t c ? t ? t v ? tan ?? ? tan ?? l ? tan ?? r ? tan ?? e ? tan ?? h ? tan ?? / ? i ? u ? ? ? v e ? z ? z n relative inductance change ? inductance of coil without core ? main inductance ? parallel inductance ? reversible inductance ? series inductance ? effective magnetic path length ? average length of turn ? number of turns ? copper (winding) losses ? transferrable power ? relative core losses ? performance factor ? quality factor (q = ? l/r s = 1/tan ?? l ) ? resistance ? copper (winding) resistance (f = 0) ? hysteresis loss resistance of a core ? r h change ? internal resistance ? parallel loss resi stance of a core ? series loss resistance of a core ? thermal resistance ? effective loss resistance of a core ? total air gap ? temperature ? temperature difference ? curie temperature ? time ? pulse duty factor ? loss factor ? loss factor of coil ? (residual) loss factor at h ? 0 ? relative loss factor ? hysteresis loss factor ? relative loss factor of material at h ? 0 ? rms value of voltage ? peak value of voltage ? effective magnetic volume ? complex impedance ? normalized impedance |z| n = |z| /n 2 ? ? (l e /a e ) h ? h ? h ? h ? h ? h ? mm ? mm ? ? w ? w ? mw/g ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? k/w ? ? ? mm ? c ? k ? c ? s ? ? ? ? ? ? ? ? v ? v ? mm 3 ? ? ? ? /mm symbols and terms ferrites and accessories
10 06/13 all dimensions are given in mm. surface-mount device symbol meaning unit ? ? ? f ? ? e ? ? r ? ? ? ? ? ? b ? ? i ? ? s ? ? ? ? 0 ? ? a ? ? app ? ? e ? ? i ? ? p ' ? ? p " ? ? r ? ? rev ? ? s ' ? ? s " ? ? tot ? ? ? ? ? l/a ? ? cu ? ? temperature coefficient (tk) ? relative temperature coefficient of material ? temperature coefficient of effective permeability ? relative permittivity ? magnetic flux ? efficiency of a transformer ? hysteresis material constant ? hysteresis core constant ? magnetostriction at saturation magnetization ? relative complex permeability ? magnetic field constant ? relative amplitude permeability ? relative apparent permeability ? relative effective permeability ? relative initial permeability ? relative real (inductive) component of ? (for parallel components) ? relative imaginary (loss) component of ? (for parallel components) ? relative permeability ? relative reversible permeability ? relative real (inductive) component of ? (for series components) ? relative imaginary (loss) component of ? (for series components) ? relative total permeability ? derived from the static magnetization curve ? resistivity ? magnetic form factor ? dc time constant ? cu = l/r cu = a l /a r ? angular frequency; ?? = 2 ? f 1/k ? 1/k ? 1/k ? ? vs ? ? mt -1 ? a ?1 h ?1/2 ? ? ? vs/am ? ? ? ? ? ? ? ? ? ? ? ? ? ? m ?1 ? mm ?1 ? s ? s ?1 symbols and terms ferrites and accessories
11 06/13 the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our prod ucts for a particular customer application . as a rule, epcos is either unfamiliar with indi vidual customer applicat ions or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safe ty and especially in customer applications in which the malfunction or failure of an elec tronic component could endanger human life or health (e.g. in accident prevention or lifesav ing systems), it must therefore be ensured by means of suitable design of the customer applic ation or other action taken by the customer (e.g. installation of protective circuitry or r edundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to re strictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on th is will be found in our ma- terial data sheets on the internet (www.epc os.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to im prove our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all pro ducts named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the "general terms of delivery for produc ts and services in the electrical industry" published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, ceralink, csmp, cssp, ctvs, deltacap, digisimic, dssp, filtercap, form fit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phas emod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sinefor mer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the in ternet at www.epcos.com/trademarks. important notes


▲Up To Search▲   

 
Price & Availability of B66285G0000X14913

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X