Part Number Hot Search : 
06N60E C4747 CQYP95 20036 MAN6740 1N2230 15DW1T1 1S1212
Product Description
Full Text Search
 

To Download B37872K3472K62 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  multilayer ceramic capacitors series/type: b37953 the following products presented in this data sheet are being withdrawn. ordering code substitute product date of withdrawal deadline last orders last shipments b37953k5104k062 2008-08-01 2009-07-31 2009-10-31 b37953k5104k072 2008-08-01 2009-07-31 2009-10-31 b37953k5224k062 2008-08-01 2009-07-31 2009-10-31
ordering code substitute product date of withdrawal deadline last orders last shipments b37953k5224k072 2008-08-01 2009-07-31 2009-10-31 b37953k5334k062 2008-08-01 2009-07-31 2009-10-31 b37953k5334k072 2008-08-01 2009-07-31 2009-10-31 b37953k5474k062 2008-08-01 2009-07-31 2009-10-31 b37953k5474k072 2008-08-01 2009-07-31 2009-10-31 b37956k5474k062 2008-08-01 2009-07-31 2009-10-31 b37956k5474k072 2008-08-01 2009-07-31 2009-10-31 b37956k5105k062 2008-08-01 2009-07-31 2009-10-31 b37956k5105k072 2008-08-01 2009-07-31 2009-10-31 for further information please contact your nearest epcos sales office, which will also support you in selecting a suitable substitute. the addresses of our worldwide sales network are presented at www.epcos.com/sales.
2 10/06 please read cautions and warnings and important notes at the end of this document. ordering code system b37941 k 5 102 k 0 60 packaging 60 cardboard tape, 180-mm reel 62 blister tape, 180-mm reel 70 cardboard tape, 330-mm reel 72 blister tape, 330-mm reel 01 bulk case ^ ^ ^ ^ ^ internal coding capacitance tolerance j  5% k 10% (standard) m  20% ^ ^ ^ rated voltage rated voltage [vdc] code 25 50 100 200 500 0 123 termination standard: on request: k nickel barrier for all case sizes j silver-palladium for conductive adhesion: all case sizes ^ ^ type and size chip size ( inch / mm) 0603 / 1608 0805 / 2012 1206 / 3216 1210 / 3225 1812 / 4532 2220 / 5750 temperature characteristic x7r b37931 b37941 b37872 b37950 b37953 b37956 capacitance , coded (example) 102 10 10 2 pf = 1 nf 104 10 10 4 pf = 100 nf 223 22 10 3 pf = 22 nf ^ ^ ^ 16 95 chip x7r multilayer ceramic capacitors
3 10/06 please read cautions and warnings and important notes at the end of this document. features high volumetric efficiency non-linear capacitance change high insulation resistance high pulse strength to aec-q200 applications blocking and coupling decoupling interference suppression termination for soldering: nickel barrier termination (ni) for conductive adhesion: silver-palladium termination (agpd) on request options alternative capacitance tolerances available on request delivery mode cardboard and blister tape (blister tape for chip thickness  1.2  0.1 mm and case sizes  1210), 180-mm and 330-mm reel available bulk case for case sizes 0603 (16 v, 25 v, 50 v) and 0805 (50 v) electrical data temperature characteristic x7r max. relative capacitance change within ?55  c to +125  c  c/c  15 % climatic category (iec 60068-1) 55/125/56 standard eia dielectric class 2 rated voltage 1) v r 16, 25, 50, 100, 200, 500 vdc test voltage v test 2.5 v r /5 s vdc capacitance range 2) / e series c r 100 pf ? 1 f (e3/e6) dissipation factor (limit value) tan  < 25 10 ?3 < 35 10 ?3 for 16 v insulation resistance 3) at + 25  cr ins >10 5 m  insulation resistance 3) at +125  cr ins >10 4 m  time constant 3) at + 25  c >1000 s time constant 3) at +125  c >100 s operating temperature range t op ?55 ? +125  c ageing 4) yes 1) note: no operation on ac line. 3) for c r >10 nf the time constant  = c r ins is given. 2) see also chapter ?highcv?. 4) refer to chapter ?general technical information?, ?ageing?. chip x7r multilayer ceramic capacitors
4 10/06 please read cautions and warnings and important notes at the end of this document. multilayer ceramic capacitors x7r capacitance tolerances dimensional drawing dimensions (mm) tolerances to cecc 32101-801 code letter j k (standard) m to l e r a n c e  5%  10%  20% case size (inch) (mm) 0603 1608 0805 2012 1206 3216 l1.6  0.15 2.00  0.20 3.20  0.20 b0.8  0.10 1.25  0.15 1.60  0.15 s0.8  0.10 1.35 max. 1.30 max. k 0.1 ?0.40 0.13 ?0.75 0.25 ?0.75 case size (inch) (mm) 1210 3225 1812 4532 2220 5750 l 3.20  0.30 4.50  0.30 5.7  0.40 b 2.50  0.30 3.20  0.30 5.0  0.40 s 1.70 max. 1.30 max. 1.30 max. k 0.25 ?0.75 0.25 ?1.0 0.25 ?1.0 kke0329-n k s b k x7r
multilayer ceramic capacitors 5 10/06 please read cautions and warnings and important notes at the end of this document. x7r recommended solder pad recommended dimensions (mm) for reflow soldering recommended dimensions (mm) for wave soldering termination case size (inch/mm) type a c d 0603/1608 single chip 0.6 ? 0.7 1.8 ? 2.2 0.6 ? 0.8 0805/2012 single chip 0.6 ? 0.7 2.2 ? 2.6 0.8 ? 1.1 1206/3216 single chip 0.8 ? 0.9 3.8 ? 4.32 1.0 ? 1.4 1210/3225 single chip 1.0 ? 1.2 4.0 ? 4.8 1.8 ? 2.3 1812/4532 single chip 1.2 ? 1.4 5.4 ? 6.3 2.3 ? 3.0 2220/5750 single chip 1.4 ? 1.6 6.8 ? 7.8 3.5 ? 4.8 case size (inch/mm) type a c d 0603/1608 single chip 0.8 ? 0.9 2.2 ? 2.8 0.6 ? 0.8 0805/2012 single chip 0.9 ? 1.0 2.8 ? 3.2 0.8 ? 1.1 1206/3216 single chip 1.0 ? 1.1 4.2 ? 4.8 1.0 ? 1.4 kke0308-1 d a c bme: base metal electrode nme: noble metal electrode external electrode intermediate electrode substrate electrode inner electrode bme nme kke0485-5-e sn ni ag ni sn cu nme agpd ni bme ceramic body (nickel barrier) termination x7r
6 10/06 please read cautions and warnings and important notes at the end of this document. multilayer ceramic capacitors x7r product range chip capacitors, x7r size 1) inch mm 0603 1608 0805 2012 type b37931 b37941 16 25 50 100 16 25 50 100 200 100 pf 120 pf 2) 150 pf 180 pf 2) 220 pf 270 pf 2) 330 pf 390 pf 2) 470 pf 560 pf 2) 680 pf 820 pf 2) 1.0 nf 1.2 nf 2) 1.5 nf 1.8 nf 2) 2.2 nf 2.7 nf 2) 3.3 nf 3.9 nf 2) 4.7 nf 5.6 nf 2) 6.8 nf 8.2 nf 2) 1) l  b (inch) / l  b (mm) 2) non standard types (e 12) on request. v r (vdc) c r x7r
multilayer ceramic capacitors 7 10/06 please read cautions and warnings and important notes at the end of this document. x7r product range chip capacitors, x7r size 1) inch mm 0603 1608 0805 2012 type b37931 b37941 16 25 50 100 16 25 50 100 200 10 nf 12 nf 2) 15 nf 18 nf 2) 22 nf 27 nf 2) 33 nf 39 nf 2) 47 nf 56 nf 2) 68 nf 3) 82 nf 2) 100 nf 3) 220 nf 3) 3) 3) 3) 3) 330 nf 3) 3) 3) 470 nf 3) 3) 3) 1.0
f 3) 3) 3) 2.2
f 1) l  b (inch) / l  b (mm) 2) non standard types (e 12) on request. 3) see highcv product range for specification. v r (vdc) c r x7r
8 10/06 please read cautions and warnings and important notes at the end of this document. multilayer ceramic capacitors x7r product range chip capacitors, x7r size 1) inch mm 1206 3216 type b37872 16 25 50 100 200 500 100 pf 120 pf 2) 150 pf 180 pf 2) 220 pf 270 pf 2) 330 pf 390 pf 2) 470 pf 560 pf 2) 680 pf 820 pf 2) 1.0 nf 1.2 nf 2) 1.5 nf 1.8 nf 2) 2.2 nf 2.7 nf 2) 3.3 nf 3.9 nf 2) 4.7 nf 5.6 nf 2) 6.8 nf 8.2 nf 2) 1) l  b (inch) / l  b (mm) 2) non standard types (e 12) on request. v r (vdc) c r x7r
multilayer ceramic capacitors 9 10/06 please read cautions and warnings and important notes at the end of this document. x7r product range chip capacitors, x7r size 1) inch mm 1206 3216 type b37872 16 25 50 100 200 500 10 nf 12 nf 2) 15 nf 18 nf 2) 22 nf 27 nf 2) 33 nf 39 nf 2) 47 nf 56 nf 2) 68 nf 82 nf 2) 100 nf 220 nf 330 nf 470 nf 1.0
f 3) 3) 3) 2.2
f 3) 3) 1) l  b (inch) / l  b (mm) 2) non standard types (e 12) on request. 3) see highcv product range for specification. v r (vdc) c r x7r
10 10/06 please read cautions and warnings and important notes at the end of this document. multilayer ceramic capacitors x7r product range chip capacitors, x7r size 1) inch mm 1210 3225 1812 4532 2220 5750 type b37950 b37953 b37956 50 100 200 500 50 50 1.0 nf 1.5 nf 2.2 nf 3.3 nf 3.9 nf 4.7 nf 6.8 nf 10 nf 15 nf 22 nf 33 nf 47 nf 68 nf 100 nf 150 nf 220 nf 330 nf 470 nf 1.0
f 1) l  b (inch) / l  b (mm) v r (vdc) c r x7r
multilayer ceramic capacitors 11 10/06 please read cautions and warnings and important notes at the end of this document. x7r ordering codes and packing for x7r, 16 and 25 vdc, nickel barrier terminations chip thickness cardboard tape, 180-mm reel cardboard tape, 330-mm reel bulk case ** 60 ** 70 ** 01 c r 1) ordering code 2) mm pcs/reel pcs/reel pcs case size 0603, 16 vdc 22 . nf b37931k9223k0** 0.8  0.1 4000 16000 15000 33 . nf b37931k9333k0** 0.8  0.1 4000 16000 15000 47 . nf b37931k9473k0** 0.8  0.1 4000 16000 15000 68 . nf b37931k9683k0** 0.8  0.1 4000 16000 15000 100 . nf b37931k9104k0** 0.8  0.1 4000 16000 15000 case size 0603, 25 vdc 10 . nf b37931k0103k0** 0.8  0.1 4000 16000 15000 15 . nf b37931k0153k0** 0.8  0.1 4000 16000 15000 22 . nf b37931k0223k0** 0.8  0.1 4000 16000 15000 33 . nf b37931k0333k0** 0.8  0.1 4000 16000 15000 47 . nf b37931k0473k0** 0.8  0.1 4000 16000 15000 68 . nf b37931k0683k0** 0.8  0.1 4000 16000 15000 100 . nf b37931k0104k0** 0.8  0.1 4000 16000 15000 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 4. ^ ^ ^ x7r; 0603
12 10/06 please read cautions and warnings and important notes at the end of this document. multilayer ceramic capacitors x7r ordering codes and packing for x7r, 50 vdc, nickel barrier terminations chip thickness cardboard tape, 180-mm reel cardboard tape, 330-mm reel bulk case ** 60 ** 70 ** 01 c r ordering code 1) mm pcs/reel pcs/reel pcs case size 0603, 50 vdc 220 . pf b37931k5221k0** 0.8  0.1 4000 16000 15000 270 . pf 2) b37931k5271k0** 0.8  0.1 4000 16000 15000 330 . pf b37931k5331k0** 0.8  0.1 4000 16000 15000 390 . pf 2) b37931k5391k0** 0.8  0.1 4000 16000 15000 470 . pf b37931k5471k0** 0.8  0.1 4000 16000 15000 560 . pf 2) b37931k5561k0** 0.8  0.1 4000 16000 15000 680 . pf b37931k5681k0** 0.8  0.1 4000 16000 15000 820 . pf 2) b37931k5821k0** 0.8  0.1 4000 16000 15000 1.0 nf b37931k5102k0** 0.8  0.1 4000 16000 15000 1.2 nf 2) b37931k5122k0** 0.8  0.1 4000 16000 15000 1.5 nf b37931k5152k0** 0.8  0.1 4000 16000 15000 1.8 nf 2) b37931k5182k0** 0.8  0.1 4000 16000 15000 2.2 nf b37931k5222k0** 0.8  0.1 4000 16000 15000 2.7 nf 2) b37931k5272k0** 0.8  0.1 4000 16000 15000 3.3 nf b37931k5332k0** 0.8  0.1 4000 16000 15000 3.9 nf 2) b37931k5392k0** 0.8  0.1 4000 16000 15000 4.7 nf b37931k5472k0** 0.8  0.1 4000 16000 15000 5.6 nf 2) b37931k5562k0** 0.8  0.1 4000 16000 15000 6.8 nf b37931k5682k0** 0.8  0.1 4000 16000 15000 8.2 nf 2) b37931k5822k0** 0.8  0.1 4000 16000 15000 10 . nf b37931k5103k0** 0.8  0.1 4000 16000 15000 12 nf 2) b37931k5123k0** 0.8  0.1 4000 16000 15000 15 . nf b37931k5153k0** 0.8  0.1 4000 16000 15000 18 nf 2) b37931k5183k0** 0.8  0.1 4000 16000 15000 22 . nf b37931k5223k0** 0.8  0.1 4000 16000 15000 27 nf 2) b37931k5273k0** 0.8  0.1 4000 16000 15000 33 . nf b37931k5333k0** 0.8  0.1 4000 16000 15000 39 nf 2) b37931k5393k0** 0.8  0.1 4000 16000 15000 47 . nf b37931k5473k0** 0.8  0.1 4000 16000 15000 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 4. 2) non standard types (e 12) on request. ^ ^ ^ x7r; 0603
multilayer ceramic capacitors 13 10/06 please read cautions and warnings and important notes at the end of this document. x7r ordering codes and packing for x7r, 100 vdc, nickel barrier terminations chip thickness cardboard tape, 180-mm reel cardboard tape, 330-mm reel bulk case ** 60 ** 70 ** 01 c r 1) ordering code 2) mm pcs/reel pcs/reel pcs case size 0603, 100 vdc 100 . pf b37931k1101k0** 0.8  0.1 4000 16000 ? 150 . pf b37931k1151k0** 0.8  0.1 4000 16000 ? 220 . pf b37931k1221k0** 0.8  0.1 4000 16000 ? 330 . pf b37931k1331k0** 0.8  0.1 4000 16000 ? 470 . pf b37931k1471k0** 0.8  0.1 4000 16000 ? 680 . pf b37931k1681k0** 0.8  0.1 4000 16000 ? 1.0 nf b37931k1102k0** 0.8  0.1 4000 16000 ? 1.5 nf b37931k1152k0** 0.8  0.1 4000 16000 ? 2.2 nf b37931k1222k0** 0.8  0.1 4000 16000 ? 3.3 nf b37931k1332k0** 0.8  0.1 4000 16000 ? 4.7 nf b37931k1472k0** 0.8  0.1 4000 16000 ? 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 4. ^ ^ ^ x7r; 0603
14 10/06 please read cautions and warnings and important notes at the end of this document. multilayer ceramic capacitors x7r ordering codes and packing for x7r, 25 and 50 vdc, nickel barrier terminations chip thickness cardboard tape, 180-mm reel cardboard tape, 330-mm reel bulk case ** 60 ** 70 ** 01 c r ordering code 1) mm pcs/reel pcs/reel pcs case size 0805, 25 vdc 100 . nf b37941k0104k0** 0.8  0.1 4000 16000 ? 100 . nf b37941k0104k0** 1.25  0.1 3000 3) 12000 4) ? case size 0805, 50 vdc 470 . pf b37941k5471k0** 0.6  0.1 5000 20000 10000 560 . pf 2) b37941k5561k0** 0.6  0.1 5000 20000 10000 680 . pf b37941k5681k0** 0.6  0.1 5000 20000 10000 820 . pf 2) b37941k5821k0** 0.6  0.1 5000 20000 10000 1.0 nf b37941k5102k0** 0.6  0.1 5000 20000 10000 1.2 nf 2) b37941k5122k0** 0.6  0.1 5000 20000 10000 1.5 nf b37941k5152k0** 0.6  0.1 5000 20000 10000 1.8 nf 2) b37941k5182k0** 0.6  0.1 5000 20000 10000 2.2 nf b37941k5222k0** 0.6  0.1 5000 20000 10000 2.7 nf 2) b37941k5272k0** 0.6  0.1 5000 20000 10000 3.3 nf b37941k5332k0** 0.6  0.1 5000 20000 10000 3.9 nf 2) b37941k5392k0** 0.6  0.1 5000 20000 10000 4.7 nf b37941k5472k0** 0.6  0.1 5000 20000 10000 5.6 nf 2) b37941k5562k0** 0.6  0.1 5000 20000 10000 6.8 nf b37941k5682k0** 0.6  0.1 5000 20000 10000 8.2 nf 2) b37941k5822k0** 0.6  0.1 5000 20000 10000 10 . nf b37941k5103k0** 0.6  0.1 5000 20000 10000 12 nf 2) b37941k5123k0** 0.6  0.1 5000 20000 10000 15 . nf b37941k5153k0** 0.6  0.1 5000 20000 10000 18 nf 2) b37941k5183k0** 0.6  0.1 5000 20000 10000 22 . nf b37941k5223k0** 0.6  0.1 5000 20000 10000 27 nf 2) b37941k5273k0** 0.6  0.1 5000 20000 10000 33 . nf b37941k5333k0** 0.6  0.1 5000 20000 10000 39 nf 2) b37941k5393k0** 0.6  0.1 5000 20000 10000 47 . nf b37941k5473k0** 0.6  0.1 5000 20000 10000 56 nf 2) b37941k5563k0** 0.8  0.1 4000 16000 ? 68 . nf b37941k5683k0** 0.8  0.1 4000 16000 ? 68 . nf b37941k5683k0** 1.25  0.1 3000 3) 12000 4) ? 82 nf 2) b37941k5823k0** 0.8  0.1 4000 16000 ? 100 . nf b37941k5104k0** 0.8  0.1 4000 16000 ? 100 . nf b37941k5104k0** 1.25  0.1 3000 3) 12000 4) ? 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 4. 2) non standard types (e 12) on request. 3) blister tape, 180-mm reel, ordering code ** 62 4) blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ ^ x7r; 0805
multilayer ceramic capacitors 15 10/06 please read cautions and warnings and important notes at the end of this document. x7r ordering codes and packing for x7r, 100 and 200 vdc, nickel barrier terminations chip thickness cardboard tape, 180-mm reel cardboard tape, 330-mm reel ** 60 ** 70 c r 1) ordering code 2) mm pcs/reel pcs/reel case size 0805, 100 vdc 470 . pf b37941k1471k0** 0.6  0.1 5000 20000 680 . pf b37941k1681k0** 0.6  0.1 5000 20000 1.0 nf b37941k1102k0** 0.6  0.1 5000 20000 1.5 nf b37941k1152k0** 0.6  0.1 5000 20000 2.2 nf b37941k1222k0** 0.6  0.1 5000 20000 3.3 nf b37941k1332k0** 0.6  0.1 5000 20000 4.7 nf b37941k1472k0** 0.6  0.1 5000 20000 6.8 nf b37941k1682k0** 0.6  0.1 5000 20000 10 . nf b37941k1103k0** 0.6  0.1 5000 20000 15 . nf b37941k1153k0** 0.6  0.1 5000 20000 22 . nf b37941k1223k0** 0.8  0.1 4000 16000 case size 0805, 200 vdc 220 . pf b37941k2221k0** 0.8  0.1 4000 16000 330 . pf b37941k2331k0** 0.8  0.1 4000 16000 470 . pf b37941k2471k0** 0.8  0.1 4000 16000 680 . pf b37941k2681k0** 0.8  0.1 4000 16000 1.0 nf b37941k2102k0** 0.8  0.1 4000 16000 1.5 nf b37941k2152k0** 0.8  0.1 4000 16000 2.2 nf b37941k2222k0** 0.8  0.1 4000 16000 3.3 nf b37941k2332k0** 0.8  0.1 4000 16000 4.7 nf b37941k2472k0** 1.2  0.1 3000 3) 12000 4) 6.8 nf b37941k2682k0** 1.2  0.1 3000 3) 12000 4) 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 4. 3) blister tape, 180-mm reel, ordering code ** 62 4) blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ x7r; 0805
16 10/06 please read cautions and warnings and important notes at the end of this document. multilayer ceramic capacitors x7r ordering codes and packing for x7r, 50 vdc, nickel barrier terminations chip thickness cardboard tape, 180-mm reel cardboard tape, 330-mm reel ** 60 ** 70 c r ordering code 1) mm pcs/reel pcs/reel case size 1206, 50 vdc 1.0 nf b37872k5102k0** 0.8  0.1 4000 16000 1.2 nf 2) b37872k5122k0** 0.8  0.1 4000 16000 1.5 nf b37872k5152k0** 0.8  0.1 4000 16000 1.8 nf 2) b37872k5182k0** 0.8  0.1 4000 16000 2.2 nf b37872k5222k0** 0.8  0.1 4000 16000 2.7 nf 2) b37872k5272k0** 0.8  0.1 4000 16000 3.3 nf b37872k5332k0** 0.8  0.1 4000 16000 3.9 nf 2) b37872k5392k0** 0.8  0.1 4000 16000 4.7 nf b37872k5472k0** 0.8  0.1 4000 16000 5.6 nf 2) b37872k5562k0** 0.8  0.1 4000 16000 6.8 nf b37872k5682k0** 0.8  0.1 4000 16000 8.2 nf 2) b37872k5822k0** 0.8  0.1 4000 16000 10 . nf b37872k5103k0** 0.8  0.1 4000 16000 12 nf 2) b37872k5123k0** 0.8  0.1 4000 16000 15 . nf b37872k5153k0** 0.8  0.1 4000 16000 18 nf 2) b37872k5183k0** 0.8  0.1 4000 16000 22 . nf b37872k5223k0** 0.8  0.1 4000 16000 27 nf 2) b37872k5273k0** 0.8  0.1 4000 16000 33 . nf b37872k5333k0** 0.8  0.1 4000 16000 39 nf 2) b37872k5393k0** 0.8  0.1 4000 16000 47 . nf b37872k5473k0** 0.8  0.1 4000 16000 56 nf 2) b37872k5563k0** 0.8  0.1 4000 16000 68 . nf b37872k5683k0** 0.8  0.1 4000 16000 82 nf 2) b37872k5823k0** 0.8  0.1 4000 16000 100 . nf b37872k5104k0** 0.8  0.1 4000 16000 220 . nf b37872k5224k0** 1.2  0.1 3000 3) 12000 4) 330 . nf b37872k5334k0** 1.2  0.1 3000 3) 12000 4) 470 . nf b37872k5474k0** 1.2  0.1 3000 3) 12000 4) 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 4. 2) non standard types (e 12) on request. 3) blister tape, 180-mm reel, ordering code ** 62 4) blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ x7r; 1206
multilayer ceramic capacitors 17 10/06 please read cautions and warnings and important notes at the end of this document. x7r ordering codes and packing for x7r, 100, 200 and 500 vdc, nickel barrier terminations chip thickness cardboard tape, 180-mm reel cardboard tape, 330-mm reel ** 60 ** 70 c r 1) ordering code 2) mm pcs/reel pcs/reel case size 1206, 100 vdc 1.0 nf b37872k1102k0** 0.8  0.1 4000 16000 1.5 nf b37872k1152k0** 0.8  0.1 4000 16000 2.2 nf b37872k1222k0** 0.8  0.1 4000 16000 3.3 nf b37872k1332k0** 0.8  0.1 4000 16000 4.7 nf b37872k1472k0** 0.8  0.1 4000 16000 6.8 nf b37872k1682k0** 0.8  0.1 4000 16000 10 . nf b37872k1103k0** 0.8  0.1 4000 16000 15 . nf b37872k1153k0** 0.8  0.1 4000 16000 22 . nf b37872k1223k0** 0.8  0.1 4000 16000 33 . nf b37872k1333k0** 0.8  0.1 4000 16000 47 . nf b37872k1473k0** 0.8  0.1 4000 16000 68 . nf b37872k1683k0** 1.2  0.1 3000 3) 12000 4) 100 . nf b37872k1104k0** 1.2  0.1 3000 3) 12000 4) case size 1206, 200 vdc 820 . pf b37872k2821k0** 0.8  0.1 4000 16000 1.0 nf b37872k2102k0** 0.8  0.1 4000 16000 1.5 nf b37872k2152k0** 0.8  0.1 4000 16000 2.2 nf b37872k2222k0** 0.8  0.1 4000 16000 3.3 nf b37872k2332k0** 0.8  0.1 4000 16000 4.7 nf b37872k2472k0** 0.8  0.1 4000 16000 6.8 nf b37872k2682k0** 0.8  0.1 4000 16000 10 . nf b37872k2103k0** 0.8  0.1 4000 16000 15 . nf b37872k2153k0** 1.2  0.1 3000 3) 12000 4) 22 . nf b37872k2223k0** 1.2  0.1 3000 3) 12000 4) case size 1206, 500 vdc 470 . pf b37872k3471k0** 0.8  0.1 4000 16000 680 . pf b37872k3681k0** 0.8  0.1 4000 16000 1.0 nf b37872k3102k0** 0.8  0.1 4000 16000 1.5 nf b37872k3152k0** 0.8  0.1 4000 16000 2.2 nf b37872k3222k0** 0.8  0.1 4000 16000 3.3 nf b37872k3332k0** 1.2  0.1 3000 3) 12000 4) 4.7 nf b37872k3472k0** 1.2  0.1 3000 3) 12000 4) 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 4. 3) blister tape, 180-mm reel, ordering code ** 62 4) blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ x7r; 1206
18 10/06 please read cautions and warnings and important notes at the end of this document. multilayer ceramic capacitors x7r ordering codes and packing for x7r, 50, 100, 200 and 500 vdc, nickel barrier terminations chip thickness blister tape, 180-mm reel blister tape, 330-mm reel ** 62 ** 72 c r 1) ordering code 2) mm pcs/reel pcs/reel case size 1210, 50 vdc 10 . nf b37950k5103k0** 0.8  0.1 4000 16000 22 . nf b37950k5223k0** 0.8  0.1 4000 16000 47 . nf b37950k5473k0** 0.8  0.1 4000 16000 100 . nf b37950k5104k0** 0.8  0.1 4000 16000 220 . nf b37950k5224k0** 1.2  0.1 3000 12000 case size 1210, 100 vdc 10 . nf b37950k1103k0** 0.8  0.1 4000 16000 15 . nf b37950k1153k0** 0.8  0.1 4000 16000 22 . nf b37950k1223k0** 0.8  0.1 4000 16000 33 . nf b37950k1333k0** 0.8  0.1 4000 16000 47 . nf b37950k1473k0** 0.8  0.1 4000 16000 68 . nf b37950k1683k0** 0.8  0.1 4000 16000 100 . nf b37950k1104k0** 0.8  0.1 4000 16000 150 . nf b37950k1154k0** 1.2  0.1 3000 12000 case size 1210, 200 vdc 3.9 nf b37950k2392k0** 0.8  0.1 4000 16000 4.7 nf b37950k2472k0** 0.8  0.1 4000 16000 6.8 nf b37950k2682k0** 0.8  0.1 4000 16000 10 . nf b37950k2103k0** 0.8  0.1 4000 16000 15 . nf b37950k2153k0** 0.8  0.1 4000 16000 22 . nf b37950k2223k0** 1.2  0.1 3000 12000 33 . nf b37950k2333k0** 1.2  0.1 3000 12000 47 . nf b37950k2473k0** 1.6  0.1 2000 8000 case size 1210, 500 vdc 1.0 nf b37950k3102k0** 0.8  0.1 4000 16000 1.5 nf b37950k3152k0** 0.8  0.1 4000 16000 2.2 nf b37950k3222k0** 0.8  0.1 4000 16000 3.3 nf b37950k3332k0** 0.8  0.1 4000 16000 4.7 nf b37950k3472k0** 1.2  0.1 3000 12000 6.8 nf b37950k3682k0** 1.2  0.1 3000 12000 10 . nf b37950k3103k0** 1.6  0.1 2000 8000 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 4. ^ ^ x7r; 1210
multilayer ceramic capacitors 19 10/06 please read cautions and warnings and important notes at the end of this document. x7r ordering codes and packing for x7r, 50 vdc, nickel barrier terminations chip thickness blister tape, 180-mm reel blister tape, 330-mm reel ** 62 ** 72 c r 1) ordering code 2) mm pcs/reel pcs/reel case size 1812, 50 vdc 100 . nf b37953k5104k0** 1.2  0.1 1500 5000 220 . nf b37953k5224k0** 1.2  0.1 1500 5000 330 . nf b37953k5334k0** 1.2  0.1 1500 5000 470 . nf b37953k5474k0** 1.2  0.1 1500 5000 case size 2220, 50 vdc 470 . nf b37956k5474k0** 1.2  0.1 1500 5000 1.0
f b37956k5105k0** 1.2  0.1 1500 5000 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 4. ^ ^ x7r; 1812 and 2220
20 10/06 please read cautions and warnings and important notes at the end of this document. multilayer ceramic capacitors x7r typical characteristics 1) capacitance change  c/c 25 versus temperature t for nme capacitance change  c/c 25 versus temperature t for bme capacitance change  c/c 0 versus superimposed dc voltage v for nme capacitance change  c/c 0 versus superimposed dc voltage v for bme 1) for more detailed information on frequency behavior and characteristics see www.epcos.com/mlcc_impedance. kke0390-z c 25 t ? c 0 20 40 60 80 100 140 % _ 60 _ 40 _ 20 _ c ? 50 _ 45 _ 40 _ 35 _ 30 _ 25 _ 20 _ 15 _ 5 _ 0 5 15 10 _ kke0391-8 t 0 20 40 60 80 100 140 % _ 60 _ 40 _ 20 _ c ? 50 _ 45 _ 40 _ 35 _ 30 _ 25 _ 20 _ 15 _ 5 _ 0 5 15 10 _ c 25 c ? kke0392-g c 0 v ? c % _ 0 70 _ 40 80 120 160 v 60 _ _ 50 _ _ 40 _ _ 30 _ _ 20 _ _ 10 _ _ 0 10 200 10 nf/200 v/size 1206 kke0402-s v % _ 70 _ 0 c 0 ? c 5 10 15 20 25 30 35 40 45 v 60 _ 50 _ 40 _ 30 _ 20 _ 10 _ 0 10 50 100 nf/50 v/size 0805 x7r
multilayer ceramic capacitors 21 10/06 please read cautions and warnings and important notes at the end of this document. x7r typical characteristics 1) impedance |z| versus frequency f dissipation factor tan  versus temperature t insulation resistance r ins versus temperature t capacitance change  c/c 1 versus time t 1) for more detailed information on frequency behavior and characteristics see www.epcos.com/mlcc_impedance. kke0188-b z f 220 nf 10 0 1 10 2 10 3 10 ? 10 0 1 10 2 10 3 10 10 4 22 nf 2.2 nf 220 pf mhz 2 10 _ 10 _ 1 kke0189-j t tan 0 20 40 60 80 100 140 60 _ 40 _ 20 _ 1 10 _ 10 _ 2 10 _ 3 c ? kke0190-m 0 t ins 8 10 ? 10 6 10 5 10 4 10 3 10 2 m r 20 40 60 80 100 140 c ? kke0394-x 5 10 % 0 5 _ _ c 1 c ? 10 _ _ 15 _ _ 20 _ _ t h 0 10 1 10 2 10 10 3 10 45 10 x7r
22 10/06 multilayer ceramic capacitors cautions and warnings notes on the selection of ceramic capacitors in the selection of ceramic capacitors, the following criteria must be considered: 1. depending on the application, ceramic capacitors used to meet high quality requirements should at least satisfy the specifications to aec-q200. they must meet quality requirements going beyond this level in terms of ruggedness (e.g. mechanical, thermal or electrical) in the case of critical circuit configurations and applications (e.g. in safety-relevant applications such as abs and airbag equipment or durable industrial goods). 2. at the connection to the battery or power supply (e.g. clamp 15 or 30 in the automobile) and at positions with stranding potential, to reduce the probability of short circuits following a fracture, two ceramic capacitors must be connected in series and/or a ceramic capacitor with integrated series circuit should be used. the mlsc from ep cos contains such a series circuit in a single component. 3. ceramic capacitors with the temperature characteristics z5u and y5v do not satisfy the require- ments to aec-q200 and are mechanically and electrically less rugged than c0g or x7r/x8r ceramic capacitors. in applications that must satisfy high quality requirements, therefore, these capacitors should not be used as discrete comp onents (see the chapter ?effects on mechanical, thermal and electrical stress?, point 1.4). 4. for esd protection, preference should be given to the use of multilayer varistors (mlv) (see the chapter ?effects on mechanical, thermal and electrical stress?, point 1.4). 5. an application-specific derating or continuous operating voltage must be considered in order to cushion (unexpected) additional stresses (see the chapter ?reliability?). the following should be considered in circuit board design 1. if technically feasible in the application, preference should be given to components having an optimal geometrical design. 2. at least fr4 circuit board material should be used. 3. geometrically optimal circuit boards should be used, ideally those that cannot be deformed. 4. ceramic capacitors must always be placed a su fficient minimum distance from the edge of the circuit board. high bending forces may be exerted there when the panels are separated and dur- ing further processing of the board (such as when incorporating it into a housing). 5. ceramic capacitors should always be placed paral lel to the possible bending axis of the circuit board. 6. no screw connections should be used to fix the board or to connect several boards. compo- nents should not be placed near screw holes. if screw connections are unavoidable, they must be cushioned (for instance by rubber pads).
23 10/06 multilayer ceramic capacitors cautions and warnings the following should be considered in the placement process 1. ensure correct positioning of the ceramic capacitor on the solder pad. 2. caution when using casting, injection-mo lded and molding compounds and cleaning agents, as these may damage the capacitor. 3. support the circuit board and reduce the placement forces. 4. a board should not be straightened (manually) if it has been distorted by soldering. 5. separate panels with a peripheral saw, or bet ter with a milling head (no dicing or breaking). 6. caution in the subsequent placement of heavy or leaded components (e.g. transformers or snap-in components): danger of bending and fracture. 7. when testing, transporting, packing or incor porating the board, avoid any deformation of the board not to damage the components. 8. avoid the use of excessive force when plu gging a connector into a device soldered onto the board. 9. ceramic capacitors must be soldered only by th e mode (reflow or wave soldering) permissible for them (see the chapter ?soldering directions?). 10. when soldering the most gentle solder profile feasible should be selected (heating time, peak temperature, cooling time) in order to avoid thermal stresses and damage. 11. ensure the correct solder meniscus height and solder quantity. 12. ensure correct dosing of the cement quantity. 13. ceramic capacitors with an agpd external termination are not suited for the lead-free solder process: they were developed only for conductive adhesion technology. this listing does not claim to be complete, but merely reflects the experience of epcos ag.
24 10/06 multilayer ceramic capacitors important notes the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive elec tronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. the warnings, cautions and product-specific notes must be observed . 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as ?hazardous?) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, epcos-jones, baoke, ceradiode, cssp, mlsc, phasecap, phasemod, siferrit, sifi, sikorel, silverc ap, simid, siov, sip5d, sip5k, ultracap, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B37872K3472K62

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X