Part Number Hot Search : 
B13CA M400072 2545ET TRMPB F1605 TRMPB LAF0001 AV19W
Product Description
Full Text Search
 

To Download ATS406100027-EXL-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information, to fnd a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (north america); +31 (0) 3569 84715 (europe). ats part # ATS406100027-EXL-6 features & benefts ats extrusion profles *image above is for illustration purposes only. see chart below for actual data. no tes: thermal curve based on 76 mm length. thermal performance data are provided for reference only. actual performance may vary by application. ats reserves the right to update or change its products without notice to improve the design or performance. contact ats to learn about custom options available. 1) 2) 3) 4) 500 mm 100.76 mm 27 mm 2 mm 4 mm none thermal performance heat sink thermal resistance aluminum extrusions are the most cost- effective solution for the majority of electronic cooling applications this extrusion profle has 40 fns extrusion type is straight fn surface area (in 2 /in) is 98.00 ? ? ? ? product details 100.76 (3.94) 27 (1.06) 4 (0.16) 2 (0.08) length width height fin spacing base thickness finish


▲Up To Search▲   

 
Price & Availability of ATS406100027-EXL-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X