Part Number Hot Search : 
HEF4053B STM6316 MOC30 RA101 EVALZ TLP549J 1110C 2SD2652
Product Description
Full Text Search
 

To Download ATS-60001-C1-R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev - 121101 low profile, high performance cooling solutions w/thermal tape attachment *image above is for illustration purpose only. ats part#: ATS-60001-C1-R0 description: maxiflow? heat sink, t412, blue-anodized, 37.5mm comp heat sink type: maxiflow heat sink attachment: thermal tape equivalent part number: ats-60001-c2-r0 features & benefits blueice? heat sinks feature an ultra low profile for tough-to-cool applications designed for high performance in low air velocities ideal for telecommunications applications where space is limited comes pre-assembled with high performance thermal interface material thermal performance air velocity @200 lfm 1.0 m/s @300 lfm 1.5 m/s @400 lfm 2.0 m/s @500 lfm 2.5 m/s @600 lfm 3.0 m/s @700 lfm 3.5 m/s @800 lfm 4.0 m/s thermal resistance unducted flow 7.80 c/w 7.80 c/w 6.10 c/w 4.90 c/w 4.10 c/w 3.60 c/w 3.10 c/w ducted flow 2.80 n/a n/a n/a n/a n/a n/a product detail schematic image dimension a dimension b dimension c dimension d tim finish *image above is for illustration purpose only. 37.6 mm 37.6 mm 4.0 mm 58.0 mm t412 blue-anodized notes: dimension a and b refer to heat sink length and width dimension c is the heat sink height from the bottom of the base to the top of the fin field. ats-60001-c2-r0 is the exact heat sink assembly with an equivalent thermal interface material (saint gobain c675). thermal performance data are provided for reference only. actual performance may vary by application. ats reserves the right to update or change its products without notice to improve the design or performance. ats certifies that this heat sink assembly is rohs-6 and reach compliant. contact ats to learn about custom options available. for more information, to find a distributor or to place an order, please contact us at 781-769-2800 (north america), sales@qats.com or www.qats.com . ? 2012 advanced thermal solutions, inc. | 89-27 access road | norwood ma | 02062 | usa


▲Up To Search▲   

 
Price & Availability of ATS-60001-C1-R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X