Part Number Hot Search : 
C1050 LTM8020 2SC5108 SK100 TMG5D80D HBR20100 R2004 6010M3
Product Description
Full Text Search
 

To Download 4B08B-503-RC11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27, 2003 including annex. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. 4b08b-503-rc - surge line protection module electrical characteristics resistance values (r1 = r2) .......................................50 & 100 resistance tolerance ...........................................................2 % tcr............................................................................100 ppm/c ratio tolerance.....................................................................1 % power dissipation (per resistor) @ 25 c ................................2 w temperature range ..........................................-55 oc to +125 oc environmental characteristics tests per mil-std-202 .................................................. ? r max. resistance to solvents .........................no marking deterioration resistance to solder heat ................................................ 0.5 solderability.......................................................>95 % coverage insulation resistance .........................10 m min. (isolated pins) bias humidity test...................................50 v / 85 % rh / 85 c physical characteristics body style..........................................................open frame sip substrate material ..................................................96 % alumina lead frame material .................................copper, solder coated flammability...............................................conforms to ul94v-0 functional characteristics lightning surge test ....................................10 x 700 sec, 1 kv power induction.............................................................300 vrms power contact...............................................................220 vrms features rohs compliant* versions available overvoltage/lightning protection to itu-t k.20 standard ?ff-the-shelf?design typical application is secondary protection on telecom line cards 0.62 (.025) max. max. 0.36 (.014) 38.10 (1.500) max. 1 2 5 6 10 11 14 15 7.62 (.300) 7.62 (.300) 10.16 (.400) .51 (.020) max. 1.27 (.050) 3.43 .38 (.135 .015) 11.05 (.435) 2.54 (.100) 1 f1 r1 r2 f2 25610111415 how to order 4b 08 b - 503 - xxx lf model (4b = open frame) number of pins physical configuration electrical configuration 503 = matched pair of resistors plus thermal fuse resistance code ? 500 = 50 ? 101 = 100 rohs compliant option blank = standard product lf = rohs compliant product product dimensions electrical schematic dimensions: millimeters (inches) rev. 06/11 asia-pacific: tel +886- (0)2 25624117 fax +886- (0)2 25624116 europe: tel +41-41 7685555 fax +41-41 7685510 the americas: tel +1-951 781-5500 fax +1-951 781-5700 www.bourns.com *rohs compliant versions available


▲Up To Search▲   

 
Price & Availability of 4B08B-503-RC11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X