Part Number Hot Search : 
B2912BB1 2SC181 MAX182 HA12194F 1228M MCSO1HV SI4466 SPC56
Product Description
Full Text Search
 

To Download 4710KL-04W-B30-E00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rotation: clockwise air? ow outlet: air out over struts *1: average values in free air eminebea.com units: inch (mm) casing : plastic (black) 94v-0 impeller : plastic (black) 94v-0 bearing : ball bearing lead wire : ul1007, awg24, +red, -black 4710kl ( 119 x 25 l ) rated operating current input speed max. max. static noise mass model voltage voltage power air flow pressure product (v) (v) (a) *1 (w) *1 (min -1 ) *1 cfm *1 (m 3 /min) *1 in h 2 o (pa) *1 (db) *1 (g) no. 4710kl-04w- b10 - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 4710kl-04w- b20 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 4710kl-04w- b30 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 4710kl-04w- b40 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 4710kl-04w- b50 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 4710kl-05w- b10 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 4710kl-05w- b20 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 4710kl-05w- b30 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 4710kl-05w- b40 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 4710kl-05w- b50 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 product no. - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 (m - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 o (pa) - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 rated operating current input speed max. max. static noise mass voltage voltage power air flow pressure - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 rated operating current input speed max. max. static noise mass voltage voltage power air flow pressure - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 rated operating current input speed max. max. static noise mass voltage voltage power air flow pressure (v) (v) (a) - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 rated operating current input speed max. max. static noise mass voltage voltage power air flow pressure (w) - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 rated operating current input speed max. max. static noise mass voltage voltage power air flow pressure (min - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 rated operating current input speed max. max. static noise mass voltage voltage power air flow pressure (db) - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 rated operating current input speed max. max. static noise mass voltage voltage power air flow pressure (v) (v) (a) - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 rated operating current input speed max. max. static noise mass (g) - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 rated operating current input speed max. max. static noise mass voltage voltage power air flow pressure - x00 12 6.0 ~ 13.8 0.12 1.44 1600 63.5 1.80 .07 17.9 27.0 180 - x00 12 6.0 ~ 13.8 0.19 2.28 1900 75.9 2.15 .10 24.8 31.0 180 - x00 12 6.0 ~ 13.8 0.28 3.36 2200 88.2 2.50 .13 32.3 35.0 180 - x00 12 6.0 ~ 13.8 0.40 4.80 2500 100.6 2.85 .16 40.9 38.5 180 - x00 12 6.0 ~ 13.0 0.55 6.60 2800 114.7 3.25 .20 50.5 41.5 180 - x00 24 10.0 ~ 27.6 0.08 1.92 1600 63.5 1.80 .07 17.9 27.0 180 - x00 24 10.0 ~ 27.6 0.10 2.40 1900 75.9 2.15 .10 24.8 31.0 180 - x00 24 10.0 ~ 27.6 0.15 3.60 2200 88.2 2.50 .13 32.3 35.0 180 - x00 24 10.0 ~ 27.6 0.22 5.28 2500 100.6 2.85 .16 40.9 38.5 180 - x00 24 10.0 ~ 26.0 0.29 6.96 2800 114.7 3.25 .20 50.5 41.5 180 10 0 20 20 30 40 50 static pressure ps ps (pa) 0 1.5 3 (m 3 /min) air flow ??? ???? ? ???? ? ???? ? ??? ?? ??? ??? ??? ??? ??? b40 b50 b30 b20 b10 air name plate .19 (5.0) .19 (5.0) rotation 4.69 ( 119. 0 0.5 ) 1.0 ( 25. 5 0.5 ) 4.13 ( 105. 0 0.3 ) 4.69 ( 119.0 +0.5 ) 4.13 ( 105. 0 0.3 ) 11.8 (300) min .169 8 C ( ? 4. 3 0.2 ) 4.13 ( 105.0 ) 4.51 ( 114.5 ) 4.13 ( 105.0 ) 4.51 ( 114.5 ) 4.88 ( ( ? 124.0 ) outlet side inlet side 4.13 ( 105.0 ) 4.53 ( 115.0 ) 4.13 ( 105.0 ) 4.53 ( 115.0 ) 4.96 ( ( ? 126.0 ) .169 4 C ( ? 4. 3 0.2 ) .169 4 C ( ? 4. 3 0.2 ) b50 class: -10c ~ +60c (operating) b10 ~ b40 class: -10c ~ +70c (operating) all class: -40c ~ +70c (storage) (non-condensing environment) (non-condensing environment) 10m ? or over with a dc500v megger ac 700v 1s auto restart/polarity protection 25c 100,000 hours ( b00, e00 ) 25c 80,000 hours ( v00 )


▲Up To Search▲   

 
Price & Availability of 4710KL-04W-B30-E00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X