Part Number Hot Search : 
PSD751S HMC43206 NTE0505M M1101 1N4687 MAA4868K D5N50 FBR610
Product Description
Full Text Search
 

To Download 4310-I-2530-B-002500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   phase-out cord sets 43  0 www.schurter.com/pg07_ 2 connectors power supply cord with it power (mains) plug 3-pole, straight italy cei 23-16 / vii description power supply cord, - protection class i, pin temperature 70 c, cable references weblinks pd f , general product informatio n , approval s , roh s , china-roh s , mating connector s , e-stor e , schurter-stock-chec k , distributor- stock-chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 10 a / 250 vac; 60 hz dielectric strength > 2 kvdc between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal moulded material: housing pvc, black or grey dimensions 35.8 mm 14 44.8 35.8 19 18
2 phase-out cord sets 43  0 www.schurter.com/pg07_ 2 connectors config. code 4310 | - | r | - | type | - | d | - | length | the characters are placeholders for the correspondingly keys of selections from the key tables. typ steht fr die dose bzw. 2. seite, l?nge ist die leitungsl?nge in mm. 4310 | - | r | - | type | - | d | - | length | = cord type cord type configuration key h03vv-f 3g0,75mm2 c h05vv-f 3g0,75mm2 g h05vv-f 3g1,0mm2 i cord definition is detailed in general product information xxx 4310 | - | r | - | type | - | d | - | length | = cord end 2 cord end 2 zzzz, 165 4 , 251 2 , 253 0 , 301 2 , 301 3 , 302 0 , 302 7 , 303 0 , 311 l , 312 l , 336 6 , 336 8 4310 | - | r | - | type | - | d | - | length | = color color configuration key jet black; ral9005 a silver grey; ral7001 b 4310 | - | r | - | type | - | d | - | length | = cord length cord length 000500, 001000, 001500, 002000, 002500, 003000, 005000 cord length in mm the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 4310-I-2530-B-002500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X