Part Number Hot Search : 
DLZ15B FRE9260D SDHP15K 1040469 02N60C3 HMT32 29333C 01906
Product Description
Full Text Search
 

To Download 39303046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/23/2013 please check www.molex.com for latest part information part number: 39-30-3046 status: active overview: mini-fit jr.? description: mini-fit? jr. header, 4.20mm pitch, single row, right angle, with snap-in plastic peg pcb lock, 4 circuits, pa polyamide nylon 6/6, 94v-0, tin (sn) plating documents: 3d model packaging specification pk-5569-002 (pdf) drawing (pdf) test summary ts-5556-002 (pdf) product specification ps-45750-001 (pdf) rohs certificate of compliance (pdf) product specification ps-5556-001 (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family pcb headers series 5569 application power, wire-to-board comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 mini-fit? plus hcs crimp terminal crimped to 16 awg wire., see molex product specification ps-5556-001 for additional current de-rating information. overview mini-fit jr.? product name mini-fit jr.? upc 800754932967 physical breakaway no circuits (loaded) 4 circuits (maximum) 4 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon net weight 1.474/g number of rows 1 orientation right angle pcb locator yes pcb retention yes pcb thickness - recommended 1.78mm packaging type bag pitch - mating interface 4.20mm pitch - termination interface 4.20mm plating min - mating 5.080m series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5569 series mates with 39014041 receptacle
plating min - termination 5.080m polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 13a voltage - maximum 600v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 240 material info old part number 5569-04a4ms-210 reference - drawing numbers packaging specification pk-5569-002 product specification ps-45750-001, ps-5556-001, rps-5556-004 sales drawing sda-5569-nl* test summary ts-5556-002 this document was generated on 07/23/2013 please check www.molex.com for latest part information
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: molex: ? 39-30-3046


▲Up To Search▲   

 
Price & Availability of 39303046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X