Part Number Hot Search : 
300A1 D2060 SBR5100 DK2100 1N5223 FT2000KA HCN6C60 N2540
Product Description
Full Text Search
 

To Download 3082P-1-100LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features multiturn / cermet / industrial / sealed space saver: 0.100 ? x 0.150 ? x 0.500 ? 100 ppm/c temperature coef? cient over entire temperature and resistance ranges available with or without standoffs for trimmer applications/processing guidelines, click here 3082 - 1/2 ? rectangular trimpot ? trimming potentiometer *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. ?trimpot? is a registered trademark of bourns, inc. speci? cations are subject to change without notice. customers should verify actual device performance in their speci? c applications. electrical characteristics standard resistance range .................................... 10 to 2 megohms (see standard resistance table) resistance tolerance ............... ?0 % std. absolute minimum resistance .............................1.0 % or 2 ohms max. (whichever is greater) contact resistance variation .............................3.0 % or 3 ohms max. (whichever is greater) continuity ..... maintained for full mechanical range adjustability voltage ...................................... ?.05 % resistance ................................ ?.10 % insulation resistance ....................500 vdc 1000 megohms min. adjustment angle ................. 10 turns nom. environmental characteristics power rating (400 volts max.) 85 ?...........................................0.3 watt temperature range .......-65 ? to +150 ? temperature coef cient ....... ?00 ppm/? humidity ...........mil-std-202 method 106 100 megohms min. insulation resistance after removal from chamber vibration ......30 g (exceeds mil-r-22097) contact bounce .... 0.1 millisecond max. wiper shift, max. ...... 1.0 % voltage ratio shock ........100 g (exceeds mil-r-22097) contact bounce .... 0.1 millisecond max. wiper shift, max. ...... 1.0 % voltage ratio load life ... 1,000 hours, 0.3 watt @ 25 ? resistance shift, max. ................ ?.0 % mechanical life ......................... 200 cycles without discontinuity dielectric strength ................ mil-r-22097 room conditions ............... 900 volts ac 80,000 feet ......................... 400 volts ac physical characteristics immersion leak test ................... no leaks torque .................................2.0 oz-in. max. mechanical adjustments ..... 12 turns nom. mechanical stops .................... wiper idles wiper ................... 50 % (actual tr) ?0 % terminals ........................... solderable pins weight ..........................................0.009 oz. marking .............................. manufacturers trademark, resistance code, terminal numbers, date code and manufacturers model number standard packaging ........ 25 pcs. per tube product dimensions dimensions: mm (inches) 1 3 cw clockwise ccw 2 wiper rev. 01/13 how to order 3082 p - 1 - 103 lf model style standard or modi ed product indicator -1 = standard product -45 = with standoffs resistance code terminations lf = 100 % tin-plated (rohs compliant) blank = 90 % t in / 10 % lead-plated (standard) consult factory for other available options. standard resistance table resistance resistance (ohms) code 10 100 20 200 50 500 100 101 200 201 500 501 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 50,000 503 100,000 104 200,000 204 500,000 504 750,000 754 1,000,000 105 2,000,000 205 model 3082 is currently available, although not recommended for new designs. 10.2 (.40) 12.7 (.50) 1.02 (.04) 1.40 .254 (.055 .010) 1.02 (.04) 2.5 (.10) 2.5 (.10) c min. typ. d typ. .254 (.010) a 4.4 (.172) min. b adj. slot dia. x wide x deep 1.91 (.075) .64 (.025) .51 (.020) #26 awg pins .41 .025 (.016 .001) 1 23 3082p-1 3082p-45 dimension (without (with standoffs) standoffs) a 3.8 4.3 (0.15) (0.17) b 2.7 3.3 (0.108) (0.130) c none .381 (0.015) d none .51 (0.020) tolerances: .xx .25 .010 .xxx .127 .005 except where noted *rohs compliant versions available


▲Up To Search▲   

 
Price & Availability of 3082P-1-100LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X