Part Number Hot Search : 
PM7820 07500 01D12 L1300 TC7SZ D1020 MAX9546 SMV0850A
Product Description
Full Text Search
 

To Download 2SK1838S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type smd type 2.3 0.60 +0.1 -0.1 6.50 +0.15 -0.15 1.50 +0.15 -0.15 0.80 +0.1 -0.1 4.60 +0.15 -0.15 0.50 +0.15 -0.15 9.70 +0.2 -0.2 5.30 +0.2 -0.2 2.30 +0.1 -0.1 0.50 +0.8 -0.7 5.55 +0.15 -0.15 2.65 +0.25 -0.1 1.50 +0.28 -0.1 0.127 max 3 .8 0 to-252 unit: mm 1gate 2drain 3source 2SK1838S features low on-resistance high speed switching low drive current no secondary breakdown suitable for switchingregulator, dc-dc converter absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 250 v gate to source voltage v gss 30 v drain current i d 1a power dissipation p d 10 w channel temperature t ch 150 storage temperature t stg -55to+150 *pw 10ms, duty cycle 5% electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain source breakdown voltage v dss i d =10ma,v gs =0 250 v gate to source breadown voltage v gss i d = 100 a,v ds =0 30 v drain cut-off current i dss v ds =200v,v gs =0 100 a gate leakage current i gss v gs = 25v,v ds =0 10 a forward transfer admittance y fs v ds =10v,i d =0.5a 0.3 0.5 s drain to source on-state resistance r ds(on) v gs =10v,i d =0.5a 5.5 8.0 input capacitance c iss 60 pf output capacitance c oss 30 pf reverse transfer capacitance c rss 5pf turn-on delay time t d(on) 5ns rise time tr 6 ns turn-off delay time t d(off) 10 ns fall time t f 4.5 ns v ds =10v,v gs =0,f=1mhz i d =0.5a,v gs(on) =10v,r l =60 smd type smd type smd type smd type smd type ic smd type transistors smd type smd type smd type smd type smd type ic smd type smd type smd type product specification 4008-318-123 sales@twtysemi.com 1 of 1 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of 2SK1838S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X