Part Number Hot Search : 
2206CP AMS504 SP3223E TLWR8 620NM 7C126 TAR5S46 WL2703D
Product Description
Full Text Search
 

To Download 2SD1918 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type transistors 2.3 0.60 +0.1 -0.1 6.50 +0.15 -0.15 1.50 +0.15 -0.15 0.80 +0.1 -0.1 4.60 +0.15 -0.15 0.50 +0.15 -0.15 9.70 +0.2 -0.2 5.30 +0.2 -0.2 2.30 +0.1 -0.1 0.50 +0.8 -0.7 5.55 +0.15 -0.15 2.65 +0.25 -0.1 1.50 +0.28 -0.1 0.127 max 3 .8 0 to-252 unit: mm 1 base 2 collector 3 emitter 2SD1918 features high breakdown voltage.(b vceo = 160v) low collector output capacitance.typ. 20pf at v cb = 10v high transition frequency.(f t = 80mhz) absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo 160 v collector-emitter voltage v ceo 160 v emitter-base voltage v ebo 5v 1.5 a(dc) 3a(pulse)* collector power dissipation 1 w t c =25 10 w junction temperature t j 150 storage temperature t stg -55to+150 * pw=200msec duty=1/2 i c collector current p c electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector to base breakdown voltage v (br)cbo i c = 50a 160 v collector to emitter breakdown voltage v (br)ceo i c = 1ma 160 v emitter to base breakdown voltage v (br)ebo i e = 50a 5 v collector cutoff current i cbo v cb = 120v 1 a emitter cutoff current i ebo v eb =4v 1 a collector to emitter saturation voltage * v ce(sat) i c /i b = 1a/0.1a 2 v base to emitter voltage * v be(sat) i c /i b = 1a/0.1a 1.5 v dc current transfer ratio h fe v ce /i c = 5v/0.1a 120 390 transition frequency f t v ce =5v,i e = -0.1a , f = 30mhz 80 mhz output capacitance c ob v cb = 10v , i e =0a,f=1mhz 20 pf * measured using pulse current. h fe classification rank q r hfe 120 to 270 180 to 390 sales@twtysemi.com 1 of 1 http://www.twtysemi.com smd type smd type smd type ic smd type smd type ic smd type smd type smd type ic smd type smd type smd type product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of 2SD1918

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X