Part Number Hot Search : 
BY6312 SN74L 1N518 4VHCT1 J6806D PE39424 HMC446E DN135
Product Description
Full Text Search
 

To Download 2SC4601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type transistors 1.27 +0.1 -0.1 1.27 +0.1 -0.1 1.27 +0.1 -0.1 5.08 +0.1 -0.1 5.60 0.1max 8.7 +0.2 -0.2 5.28 +0.2 -0.2 2.54 +0.2 -0.2 2.54 15.25 +0.2 -0.2 4.57 +0.2 -0.2 0.4 +0.2 -0.2 2.54 +0.2 -0.2 0.81 +0.1 -0.1 to - 263 unit: mm 1,base 2,collector 3,emitter 2SC4601 features surface mount type device making the following possible. reduction in the number of manufacturing processes for 2SC4601-applied equipment. high density surface mount applications. small size of 2SC4601-applied equipment. high breakdown voltage, high reliability. fast switching speed. wide aso. adoption of mbit process. absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo 1100 v collector-emitter voltage v ceo 800 v emitter-base voltage v ebo 7v collector current ( dc) i c 1.5 collector current (pulse) * i cp 5 base current i b 0.8 a collector power dissipation ta = 25 1.65 t c =25 40 junction temperature t j 150 storage temperature range t stg -55to+150 *pw 300ms, duty cycle 10% p c a w smd type transistors smd type transistors smd type smd type smd type smd type product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
smd type transistors electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector cut-off current i cbo v cb =800v,i e =0 10 a emitter cut-off current i ebo v eb =5v,i c =0 10 a v ce =5v,i c =0.1a 10 40 v ce =5v,i c =0.5a 8 gain-bandwidth product ft v ce =10v,i c =0.1a 15 mhz output capacitance cob v cb =10v,f=1mhz 35 pf collector-emitter saturation voltage v ce (sat) i c =0.75a,i b =0.15a 2.0 v base-emitter saturation voltage v be (sat) i c =0.75 a, i b =0.15a 1.5 v collector-base breakdown voltage v (br) cbo i c =1ma,i e = 0 1100 v collector-emitter breakdown voltage v (br) ceo i c = 5 ma,rbe= 800 v emitter-to-base breakdown voltage v (br)ebo i e =1ma,i c =0 7 v collector-to-emitter sustain voltage v ceo(sus) i c =0.75a,i b1 =-i b2 =0.15a,l=50mh 800 v turn-on time ton 0.5 storage time t stg 3.0 fall time t f 0.3 dc current gain s h fe i c =1a,i b1 =0.2a,i b2 =-0.4a,r l =400 ,v cc =400v switching time test circuit h fe classification rank k l m hfe 10to20 15to30 20to40 smd type transistors 2SC4601 smd type transistors smd type transistors smd type smd type smd type smd type product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of 2SC4601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X