Part Number Hot Search : 
BZX84C3V CFD1933 AA87221 CEBLZ44 BZX84C3V US5781E BZX84C3V ENN6642
Product Description
Full Text Search
 

To Download 1N4148X-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4148x 200mw switching diodes features x fast switching speed x for general purpose switching applications x surface mount package ideally suited for automatic insertion maximum ratings symbol parameter rating unit v rm non-repetitive peak reverse voltage 100 v v rrm v rwm v r peak repetitive reverse voltage working peak reverse voltage dc blocking voltage 75 v v r(rms) rms reverse voltage 53 i fm forward continuous current 300 ma i o average rectified output current 150 ma i fsm peak forward surge current @1.0 - s @1.0s 2.0 1.0 a r ? ja thermal resistance junction to ambient 625 : /w p d power dissipation 200 mw t j ,t stg operating and storage junction temperature -65 to +150 : electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max test conditions v (br) reverse breakdown voltage 75v --- i r =10 - a i r reverse voltage leakage current --- 1.0 - a 25na v r =75v v r =20v v f forward voltage --- --- --- --- 0.715v 0.855v 1.0v 1.25v i f =5ma i f =10ma i f =100ma i f =150ma c t total capacitance --- 2.0pf v r =0v, f=1mhz t rr reverse recovery time --- 4.0ns i r =i f =10ma, r l =100 ? , rec. to 1.0ma dimensions inches mm dim min max min max note a .059 .067 1.50 1.70 b .043 .051 1.10 1.30 c .030 .033 0.75 0.85 d .001 .003 0.01 0.07 e .010 .014 0.25 0.35 f .003 .006 0.08 0.15 g .020 .028 0.50 0.70 h .020 .031 0.51 0.77 s o d 5 2 3 a b e c h g d f www. mccsemi .com revision: c 2013 /01/01  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components mechanical data x marking code: t4 v 1 of 3 ? lead free finish/rohs compliant("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? halogen free available upon request by adding suffix "-hf"
1n4 1 1 11
mcc revision: c 2013 /0 1/01 tm micro commercial components www. mccsemi .com 3 of 3 d e vi c e p ac k i n g part number-tp tape&reel: 8kpcs/reel ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. ordering information : note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of 1N4148X-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X