Part Number Hot Search : 
MX043 AAT7551 LS709 D118EI LPC2214 ARF1733 ZPD68 KK431
Product Description
Full Text Search
 

To Download 156-156-054L999 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  diamond sa ch-6616 losone via dei patrizi 5 tel. ++41-91/785 45 45 fax ++41-91/785 45 00 e-mail: diamond@diamond-fo.com sc duplex single mode/ multimode hsc-ds0.66/hsc-dm0.66 single mode apc hsc-ds8.66 002-037-203p005028 123 4 order number order number order number order number codes 1 connector code* 2 connector code for termination on other end of assembly* - for pigtails: insert 000 - for patch assemblies: insert connector code for other connector 3 code for fiber or cable 4 length in meters diamond fiber optic components diamond sc duplex fibre optic connectors conform with the requirements of iec proposal for use in fibre channel standard (fcs) duplex links. they are available in single mode and multimode versions, and can be provided with 0 convex-polished (pc) or 8 angle-polished (apc) ferrules. these duplex connectors feature unique outer shells which snap firmly together, but which are easily uncoupled with light finger pressure. this allows ... 1) simplified handling, for example when a single line must be connected momentarily to a piece of test gear configured to handle only one channel; 2) unification of the patch cable on stock, having access to different sc duplex and/or sc single channel interfaces; 3) the flexibility to build fcs connectors with different keys for single-mode or multimode applications with a low number of shells. diamond also offers a hybrid mating adaptor which permits mating of sc duplex plugs to st ? -style connectors. order numbers: connectors single mode apc type designation: hsc-ds8.66 ferrule material: zirconia/copper-nickel alloy insert (pilzferrule) external parts: plastic (green) polish geometry: 8 angled (apc) dimensions order number fiber/cable unterminated connector terminated assembly 9/125/900 1 5 8 - 0 0 0 - 0 0 1 l 0 0 0 1 5 8 - x x x - 0 0 1 l x x x 9/125/900/3000/6500 1 5 8 - 0 0 0 - 0 0 4 l 0 0 0 1 5 8 - x x x - 0 5 4 l x x x adaptor type designation: msc-ds8.2 material mating sleeve external parts zirconia plastic green 1 1 2 - 3 0 1 - 9 0 2 v 0 0 2 hybrid adaptor type designation: hyb-ds0.2 sc/st material mating sleeve external parts zirconia plastic blue 1 1 2 - 3 1 1 - 9 0 1 v 0 0 1 hybrid adaptor type designation: hyb-dm0.2 sc/st material mating sleeve external parts zirconia plastic blue 1 1 2 - 3 1 1 - 9 0 8 v 0 0 1 specifications subject to change without notice mounting style 8 1.8 1 ? 2.5 9 36 12.7 21.7 8 7.4 55.5 28.55 2 34 30 2.3 2 ? 2.5 12.7 25.8 +0.1 0 9.5 +0.1 0 2.3 (m2) 30 0.1 28.55 2 34 30 2.3 ? 2.5 12.7 1.4 27.6 ? 2.5 25.5 1.4 2 12.7 34 30 2.3
123 4 1.8 ? 2.5 9 36 12.7 21.7 8 7.4 55.5 1.8 1.8 1 ? 2.5 9 36 12.7 21.7 8 7.4 55.5 27.6 ? 2.5 25.5 1.4 2 12.7 34 30 2.3 27.6 ? 2.5 25.5 2 12.7 34 30 2.3 2 123 4 specifications: multimode single mode single mode 8 apc units test conditions insertion loss (il) typ 0.2 max 0.4 typ 0.2 max 0.4 typ 0.2 max 0.4 db i ec 1300-3-4; l = 1300/1550nm reflectance (rl) typ -40 -50 max -70* db iec 1300-3-6; l = 1300/1550nm repeatability of il max 0.1 max 0.1 max 0.1 db over service life service life 1000 mate/demate cycles operating temperature -40 +85 -40 +85 -40 +85 c storage temperature -40 +90 -40 +90 -40 +90 c * measured with high precision reflectometer specifications subject to change without notice diamond sc duplex connectors feature diamond's new snap-fit construction. this unique, patented construction is built around a common internal ferrule assembly, onto which popular connector body styles are snap-fitted. the snap-fit approach allows suppliers to produce and stock assemblies with confidence, as the high-value connector is not committed. benefits include substantially reduced lead times, reduced capital investment (ie: only one set of termination equipment required) and a common assembly process to ensure low rejects. order numbers: connectors single mode type designation: hsc-ds0.66 ferrule material: zirconia/copper-nickel alloy insert (pilzferrule) external parts: plastic (blue) polish geometry: convex (pc) dimensions order number fiber/cable unterminated connector terminated assembly 9/125/900 1 5 6 - 0 0 0 - 0 0 1 l 0 0 0 1 5 6 - x x x - 0 0 1 l x x x 9/125/900/3000/6500 1 5 6 - 0 0 0 - 0 0 4 l 0 0 0 1 5 6 - x x x - 0 5 4 l x x x adaptor type designation: msc-ds0.2 material mating sleeve external parts zirconia plastic blue 1 1 2 - 3 0 1 - 9 0 2 v 0 0 1 connectors multimode type designation: hsc-dm0.66 ferrule material: zirconia/copper-nickel alloy insert (pilzferrule) external parts: plastic (blue) polish geometry: convex (pc) dimensions order number fiber/cable unterminated connector terminated assembly 50/125/900 1 5 7 - 0 0 0 - 0 0 1 l 0 0 0 1 5 7 - x x x - 0 0 1 l x x x 50/125/900/3000/6500 1 5 7 - 0 0 0 - 0 0 4 l 0 0 0 1 5 7 - x x x - 0 5 4 l x x x 62.5/125/900 1 5 7 - 0 0 0 - 0 0 1 l 0 0 0 1 5 7 - x x x - 0 1 1 l x x x 62.5/125/900/3000/6500 1 5 7 - 0 0 0 - 0 0 4 l 0 0 0 1 5 7 - x x x - 0 6 4 l x x x adaptor type designation: msc-dm0.2 material mating sleeve external parts zirconia plastic blue 1 1 2 - 3 0 1 - 9 0 4 v 0 0 1 order number order number


▲Up To Search▲   

 
Price & Availability of 156-156-054L999

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X