Part Number Hot Search : 
00BGA 3AXXX 00BGA AT90SC ET393 LC867248 AM2360N FM201
Product Description
Full Text Search
 

To Download 14438-000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vxi pt no model number farnell pt no 14428-000 eps 5/200c 118-6388 14429-000 eps 12/100c 118-6389 14430-000 epsd 12/50c 118-6390 14431-000 epsd 15/40c 118-6391 14434-000 epsl 5/200c 118-6392 14435-000 epsl 12/100c 118-6394 14436-000 epsdl 12/50c 118-6396 14438-000 eps 5/1000c 118-6397 14439-000 eps 12/500c 118-6398 14440-000 eps 15/400c 118-6399 14441-000 epsd 12/250c 118-6400 14442-000 epsd 15/200c 118-6402 14443-000 eps 5t12c 118-6403 14444-000 eps 5t15c 118-6404 14445-000 epsl 5/1000c 118-6405 14446-000 epsl 12/500c 118-6406 14534-000 epsdl 15/200c 118-6407
www.vxipower.com vx i power limited 1 watt encapsulated ac-dc linear power supply product description a comprehensive range of pcb mounting encapsulated power supplies available in either 120vac or 230vac input versions, and in single or dual output formats. they are vacuum encapsulated in flame retardant epoxy resin to ul94v0. all units incorporate overcurrent and reverse protection, and will automatically recover upon removal of the fault condition. the input and output pins are on 2.54mm, (0.1") centres for easy pcb mounting. all units also include a 'one shot' thermal fuse to protect against excessive over temperature conditions. the units are fully approved to en60950 and are compliant to low voltage directive. part number ac input range output voltage output current line reg load reg (full input swing) (0-100%) eps 5/200c 207-253v 5v +/-5% 0-200ma 20mv 60mv eps 12/100c 207-253v 12v +/-5% 0-100ma 20mv 60mv epsd 12/50c 207-253v +/-12v +/-5% 0-50ma 20mv 60mv epsd 15/40c 207-253v +/-15v +/-5% 0-40ma 20mv 60mv epsl 5/200c 108-132v 5v +/-5% 0-200ma 20mv 60mv epsl 12/100c 108-132v 12v +/-5% 0-100ma 20mv 60mv epsdl 12/50c 108-132v +/-12v +/-5% 0-50ma 20mv 60mv epsdl 15/40c 108-132v +/-15v +/-5% 0-40ma 20mv 60mv product specification & dimensions input frequency range 47-63hz isolation test voltage 3kv ac rms input to output output ripple 10mv peak to peak (maximum) output protection all outputs are short circuit protected operating temperature range 0 o c to +40 o c weight 0.155kg 00003:rev3 20.3 15.24 38.1 20.3 c l c l c l 50.0 30.0 5.0 c l pin dia. 1.0 50.00 15.24 dual output 50.0 30.0 5.0 20.3 20.3 15.24 38.1 l c l c l c l c pin dia. 1.0 50.00 single output ac i/p ac i/p 0v +v out ac i/p ac i/p 0v +v out -v out
www.vxipower.com vx i power limited 5 watt encapsulated ac-dc linear power supply product description a comprehensive range of pcb mounting encapsulated power supplies with single, dual or triple output available in either 120vac or 230vac nominal input versions. the 5v crowbar, ovp and regulated dc output provides an ideal power supply solution for microprocessors, op amps, ttl and cmos applications. they are vacuum encapsulated in flame retardant epoxy resin to ul94v0. the range of units are capable of pcb mounting or mechanical mounting using the base m3 bushes. the units are fully approved to en60950 and are compliant to low voltage directive. product specification & dimensions input frequency range 47-63hz. output protection all outputs are short circuit protected. isolation test voltage 3kv rms. weight 0.50kg. output voltage tolerance +/-5%. output ripple 4mv rms max (5 volt units). load regulation (0-100%load)100mv max all types. 2mv rms max (other units). line regulation 0.5% max operating temperature range 0 o c to +40 o c. note : the -v pin has no electrical connection on single o/p units. 00005:rev3 part number ac input output output output output output output case range voltage 1 voltage 2 voltage 3 current 1 current 2 current 3 eps 5/1000c 207-253v 5v - - 0-1000ma - - a eps 12/500c 207-253v 12v - - 0-500ma - - a eps 15/400c 207-253v 15v - - 0-400ma - - a epsd 12/250c 207-253v +12v -12v - 0-250ma 0-250ma - a epsd 15/200c 207-253v +15v -15v - 0-200ma 0-200ma - a eps 5t12c 207-253v +5v +12v -12v 0-300ma 0-150ma 0-150ma b eps 5t15c 207-253v +5v +15v -15v 0-300ma 0-120ma 0-120ma b epsl 5/1000c 108-132v 5v - - 0-1000ma - - a epsl 12/500c 108-132v 12v - - 0-500ma - - a epsl 15/400c 108-132v 15v - - 0-400ma - - a epsdl 12/250c 108-132v +12v -12v - 0-250ma 0-250ma - a epsdl 15/200c 108-132v +15v -15v - 0-200ma 0-200ma - a epsl 5t12c 108-132v +5v +12v -12v 0-300ma 0-150ma 0-150ma b epsl 5t15c 108-132v +5v +15v -15v 0-300ma 0-120ma 0-120ma b c l c l c l c l pin dia. 1.0 89.0 25.4 55.9 40.6 40.6 63.5 32.5 5.0 63.5 25.4 55.9 5.0 40.6 l c 40.6 l c l c 32.5 89.0 l c pin dia. 1.0 case b case a ac i/p ac i/p 0v +v out -v out ac i/p ac i/p 0v +v out -v out +5v out m3 bush m3 bush m3 bush m3 bush


▲Up To Search▲   

 
Price & Availability of 14438-000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X