Part Number Hot Search : 
LM7805 15KPA78A UT137FE YSS231 SUPER7 ST13001 CKICAAAA SI8415DB
Product Description
Full Text Search
 

To Download 09105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  drawing number 09105 date: june 2013 jewel ? wristband, elastic, adjustable ? 2013 desco industries inc. employee owned a. insulating cap, polycarbonate plastic. jewel ? logo molded into cap. b. 300 series stainless steel backplate (0.016" thick). manufacturing date code is stamped into stainless steel backplate. c. small cam lock, allows material replacement. 300 series stainless steel. d. large cam lock, allows size adjustment, maintains electrical continuity even when open. 300 series stainless steel. e. floating cam lock allows wide opening for easy adjustment and secures material down against base plate when closed. f. 4mm snap stud machined from 300 series stainless steel. fits to 4mm spring loaded medical type socket. coil cord disengages from snap with 1-5 lbs. of perpendicular force. durable, providing long life well beyond that of sheet metal snaps. g. knit elastic band material of light blue fiber; .875" (22mm) wide and 0.10" (2.5mm) thick. 50 strands of textured polyester, 36 strands of lycra spandex and 14 strands of silver plated polypropylene yarn. made with pure silver irreversibly bound to fibers providing both antimicrobial and anti-odor performance. outer surface of grey fibers act as an insulator. h. the conductive silver plated polypropylene (see g) represents 13.5% of the material by weight. the 14 strands of conductive polypropylene are randomly knit on the inner surface of the material and are electrically isolated from the outer surface (grey side). i. underwriters laboratory listing 90p1c. jewel ? wrist bands and coil cords meet and exceed the wrist band and wrist cord requirements of ansi/esd s20.20 except that esd s1.1 paragraph 5.9 states only wrist straps incorporating a nonstandard [resistor] value shall use the color red on any portion of the wrist strap. desco wes t: 3651 walnut ave., chino, ca 91710 web site: desco.com phone (909) 627-8178 desco east: one colgate way, canton, ma 02021-1407 phone (781) 821-8370 band band w/6' band w/10' color only coil cord coil cord 09105 09100 09130 sapphire 09108 09104 n/a emerald 09140 elastic replacement strip jewel ? lifetime limited warranty desco expressly warrants that for a period of 1 year from the date of purchase, desco jewel ? wrist straps and coil cords will be free of defects in material (parts) and workmanship (labor). in addition, normal use will not cause coil cord resistor strain relief connection or wrist band 4 mm snap stud to wear sufficiently to open path-to-ground circuit. within the lifetime warranty period, a credit for purchase of replacement desco jewel ? pro ducts, or, at descos option, the desco jewel ? product will be repaired or replaced free of charge. if product credit is issued, the amount will be calculated based upon the original invoice purchase price. made in the united states of america see drawing 09120 for coil cord specifications. circumference: min: 2.5" (63.5mm) max: 13" (330mm) width: 0.875" (22mm) cam center open cam center closed unless otherwise noted, tolerance is 10% specifcations and procedures subject to change without notice.


▲Up To Search▲   

 
Price & Availability of 09105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X