Part Number Hot Search : 
DZ5V6 EE08809 GS1JE FM1808B PTVS54 SVD7N60F BDT61A BZG03C3X
Product Description
Full Text Search
 

To Download W2E200HK8601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ac axial compact fan w2e200-hk86-01 ebm-papst mulfingen gmbh & co. kg bachmhle 2 d-74673 mulfingen phone +49 7938 81-0 fax +49 7938 81-110 info1@de.ebmpapst.com www.ebmpapst.com limited partnership headquarters mulfingen county court stuttgart hra 590344 general partner elektrobau mulfingen gmbh headquarters mulfingen county court stuttgart hrb 590142 nominal data type w2e200-hk86-01 motor m2e068-bf phase 1~ 1~ nominal voltage vac 115 115 frequency hz 50 60 type of data definition fa fa valid for approval / standard ce ce speed min -1 2550 2800 power input w 64 80 current draw a 0.58 0.70 motor capacitor f 5 5 capacitor voltage vdb 220 220 capacitor standard p0 (ce) p0 (ce) max. back pressure pa 100 120 max. ambient temperature c 60 65 starting current a 0.98 0.98 ml = max. load me = max. efficiency fa = running at free air cs = customer specs cu = customer unit subject to alterations item no. 11016-5-9980 revision 71618 release 2010-08-30 page 1 / 5 ebm-papst mulfingen gmbh & co. kg bachmhle 2 d-74673 mulfingen phone +49 (0) 7938 81-0 fax +49 (0) 7938 81-110 info1@de.ebmpapst.com www.ebmpapst.com
ac axial compact fan w2e200-hk86-01 technical features mass 2.0 kg size 200 mm surface of rotor coated in black material of blades sheet steel, coated in black material of wall ring die-cast aluminium number of blades 7 direction of air flow "v" direction of rotation counter-clockwise, seen on rotor type of protection ip 44; depending on installation and position insulation class "b" humidity class f0 max. permissible ambient motor temp. (transp./ storage) + 80 c min. permissible ambient motor temp. (transp./storage) - 40 c mounting position any condensate discharge holes none operation mode s1 motor bearing ball bearing touch current acc. iec 60990 (measuring network fig. 4, tn system) < 0.75 ma electrical leads via terminals, capacitor connected via terminals motor protection thermal overload protector (top) wired internally cable exit variable protection class i (if protective earth is connected by customer) product conforming to standard en 60335-1; ce approval csa c22.2 nr.113; ul 507; vde; gost; ccc item no. 11016-5-9980 revision 71618 release 2010-08-30 page 2 / 5 ebm-papst mulfingen gmbh & co. kg bachmhle 2 d-74673 mulfingen phone +49 (0) 7938 81-0 fax +49 (0) 7938 81-110 info1@de.ebmpapst.com www.ebmpapst.com
ac axial compact fan w2e200-hk86-01 product drawing 1 direction of air flow "v" connection screen u1 blue z brown u2 black pe green/yellow item no. 11016-5-9980 revision 71618 release 2010-08-30 page 3 / 5 ebm-papst mulfingen gmbh & co. kg bachmhle 2 d-74673 mulfingen phone +49 (0) 7938 81-0 fax +49 (0) 7938 81-110 info1@de.ebmpapst.com www.ebmpapst.com
ac axial compact fan w2e200-hk86-01 charts: air flow 50 hz druck p f s[pa]fr rho=1,2kg/m^3 qv[m^3/h] 900 850 800 750 700 650 600 550 500 450 400 350 300 250 200 150 100 50 0 qv[cfm] 550 500 450 400 350 300 250 200 150 100 50 0 p f s[pa] 190 185 180 175 170 165 160 155 150 145 140 135 130 125 120 115 110 105 100 95 90 85 80 75 70 65 60 55 50 45 40 35 30 25 20 15 10 5 0 p fs_e[in h2o] 0,76 0,74 0,72 0,7 0,68 0,66 0,64 0,62 0,6 0,58 0,56 0,54 0,52 0,5 0,48 0,46 0,44 0,42 0,4 0,38 0,36 0,34 0,32 0,3 0,28 0,26 0,24 0,22 0,2 0,18 0,16 0,14 0,12 0,1 0,08 0,06 0,04 0,02 0 p f s[pa] 1 2 3 4 measurement: lu-72320 air performance measured as per iso 5801 installation category a. for detailed information on the measuring set-up, please contact ebm-papst. suction-side noise levels: lwa measured as per iso 13347 / lpa measured with 1m distance to fan axis. the values given are valid under the measuring conditions mentioned above and may vary according to the actual installation situation. with any deviation from the standard set-up, the specific values have to be checked and reviewed with the unit installed. measured values 1 2 3 4 u v 115 115 115 115 f hz 50 50 50 50 n min -1 2640 2595 2550 2480 p e w 56 58 61 64 i a 0.56 0.57 0.58 0.60 qv m 3 /h 880 810 720 525 p fs pa 0 26 54 80 u = supply voltage f = frequency n = speed p e = power input i = current draw qv = air flow p fs = pressure increase item no. 11016-5-9980 revision 71618 release 2010-08-30 page 4 / 5 ebm-papst mulfingen gmbh & co. kg bachmhle 2 d-74673 mulfingen phone +49 (0) 7938 81-0 fax +49 (0) 7938 81-110 info1@de.ebmpapst.com www.ebmpapst.com
ac axial compact fan w2e200-hk86-01 charts: air flow 60 hz druck p f s[pa]fr rho=1,2kg/m^3 qv[m^3/h] 1.200 1.100 1.000 900 800 700 600 500 400 300 200 100 0 qv[cfm] 700 600 500 400 300 200 100 0 p f s[pa] 180 175 170 165 160 155 150 145 140 135 130 125 120 115 110 105 100 95 90 85 80 75 70 65 60 55 50 45 40 35 30 25 20 15 10 5 0 p fs_e[in h2o] 0,72 0,7 0,68 0,66 0,64 0,62 0,6 0,58 0,56 0,54 0,52 0,5 0,48 0,46 0,44 0,42 0,4 0,38 0,36 0,34 0,32 0,3 0,28 0,26 0,24 0,22 0,2 0,18 0,16 0,14 0,12 0,1 0,08 0,06 0,04 0,02 0 p f s[pa] 1 2 3 4 measurement: lu-72321 air performance measured as per iso 5801 installation category a. for detailed information on the measuring set-up, please contact ebm-papst. suction-side noise levels: lwa measured as per iso 13347 / lpa measured with 1m distance to fan axis. the values given are valid under the measuring conditions mentioned above and may vary according to the actual installation situation. with any deviation from the standard set-up, the specific values have to be checked and reviewed with the unit installed. measured values 1 2 3 4 u v 115 115 115 115 f hz 60 60 60 60 n min -1 2980 2880 2790 2660 p e w 67 71 75 80 i a 0.58 0.62 0.65 0.69 qv m 3 /h 995 895 775 455 p fs pa 0 34 66 100 u = supply voltage f = frequency n = speed p e = power input i = current draw qv = air flow p fs = pressure increase item no. 11016-5-9980 revision 71618 release 2010-08-30 page 5 / 5 ebm-papst mulfingen gmbh & co. kg bachmhle 2 d-74673 mulfingen phone +49 (0) 7938 81-0 fax +49 (0) 7938 81-110 info1@de.ebmpapst.com www.ebmpapst.com


▲Up To Search▲   

 
Price & Availability of W2E200HK8601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X