Part Number Hot Search : 
X13139HD CTC2F MS8870 GL3T422 RD11F RD11F D1682 MAX7316
Product Description
Full Text Search
 

To Download TXP1XGGI2E00025G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  an oplink company s0120. rev.03. 2011-05-11 pb txp1xggi2xx the txp1xggi2xx dwdm xfp multi-rate fber optic transceivers with digital diagnostics monitoring functionality provide a quick and reliable interface for 40km 10gbps dwdm applications. the diagnostic functions, alarm and warning features as described in the xfp multi-source agreement (msa) are provided via standard i 2 c serial interface. the transceivers are compliant with the xfp multi-source agreement and are designed to support sonet/sdh, 10g ethernet, and 10g fiber channel data rates from 9.95gb/s to 11.09gb/s. each transceiver utilizes an electro-absorption modulator integrated laser with an operating wavelength in full compliance with 100ghz (0.8nm) spacing per the itu-grid. the transceivers satisfy class i laser safety requirements in accordance with the u.s. fda/cdrh and international iec-60825 standards. the transceivers connect to standard 30-pad xfp connectors for hot plug capability. this allows the system designer to make confguration changes or maintenance by simply plugging in diferent types of transceivers without removing the power supply from the host system. the transmitter and receiver data interfaces are ac coupled current mode logic (cml). lv-ttl transmitter disable control input and loss of signal output interfaces are also provided. the transceivers operate from +1.8v, +3.3v and +5.0v power supplies over a operating case temperature range of -5c to +70c (commercial), -5c to +85c (extended), or -40c to +85c (industrial). product description ? lead free design & fully rohs compliant ? compliant with xfp msa ? compliant with oc-192/stm-64 ? compliant with itu-t g.709 ? support dwdm 10g ethernet applications ? support 10g fiber channel applications ? digital diagnostics monitoring ? temperature-stabilized eml transmitter ? low power consumption ? wide case operating temperature range ? transmission distance up to 40km features parameter symbol minimum maximum units storage temperature t st - 40 + 85 c operating case temperature 1 commercial t op - 5 + 70 c extended - 5 + 85 industrial - 40 + 85 supply voltage v cc 2 0 + 2.0 v v cc 3 - 0.2 + 3.6 v cc 5 - 0.2 + 6.0 operating relative humidity 2 rh 0 85 % input voltage v in 0 v cc v 1 case temperature is measured on top side of xfp module. 2 non condensing absolute maximum ratings multi-rate 10-gigabit dwdm 40km xfp transceivers with digital diagnostics
oplink communications, inc s0120. rev.03. 2011-05-11 2 txp1xggi2xx oplink communications, inc. date of manufacture: this product complies with 21 cfr 1040.10 and 1040.11 meets class i laser safety requirements laser safety: all transceivers are class i laser products per fda/cdrh and iec-60825 stan- dards. they must be operated under specifed operating conditions. transmitter performance characteristics (over operating case temperature range and v cc = 3.13 to 3.47v) parameter symbol minimum typical maximum units operating data rate b 9.95 - 11.09 gb/s average optical output power (50% duty cycle) p o - 1.0 - + 3.0 dbm transmitter off power p off - - - 45.0 dbm extinction ratio @ 9.95gb/s to 10.7gb/s er 8.2 - - db center wavelength 1 see ordering information table nm spectral width (-20db) 2 ? - - 1.0 nm side mode suppression ratio smsr 30 - - db relative intensity noise rin - - - 130 db/hz refectance tolerance ref t - - - 27 db tx jitter generation (peak-to-peak) 3 jg p-p - - 0.1 ui jitter generation (rms) jg rms - - 0.01 ui dispersion penalty 4 @ 9.95gb/s dp - - 2.0 db @ 11.09gb/s - - 2.5 optical output eye compliant with gr253-core, ieee 803.3ae , and itu-t g.959 1 bol: +/-0.05nm from itu grid. eol: +/-0.1nm from itu grid. 2 measured with osa and 0.1nm resolution bandwidth. 3 jiter generation is compliant with sonet oc-192 per gr-253 and otu-2 per g.709. 4 specifed as the diference between the maximum receiver sensitivity and the worst case receiver sensitivity with 40km fber. receiver performance characteristics parameter symbol minimum typical maximum units operating data rate b 9.95 - 11.09 gb/s wavelength of operation 1260 - 1570 nm receiver sensitivity @ 9.95gb/s (10 -12 ber) p min - - - 16.0 dbm @ 11.09gb/s (10 -4 ber) - - - 19.0 maximum input optical power p max + 0.5 - - dbm los thresholds increasing light input p los+ - - - 16.0 dbm decreasing light input p los- - 28.0 - - los hysteresis - 0.5 - - db receiver refectance - - - - 27 db (over operating case temperature range and v cc = 3.13 to 3.47v ) all parameters guaranteed only at typical data rate
oplink communications, inc 3 s0120. rev.03. 2011-05-11 txp1xggi2xx xfp transceiver electrical pad layout host board connector pad layout 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 bottom of xfp boar d (as viewed thru top of board) t op of xfp boar d gnd rx_l os mod_nr mod_ab s sd a scl v cc 3 v cc 3 gnd v cc 5 tx _ dis in terrup t mod_dese l v ee 5 gnd gnd td+ td - gnd gnd refclk - refclk+ gnd v cc 2 tp_down/rs v cc 2 gnd rd+ rd - gnd 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 gnd interrupt v cc 3 sda mod_abs gnd gnd tx_dis rx_los mod_nr scl v cc 3 v cc 5 mod_desel v ee 5 gnd v cc 2 gnd refclk+ gnd p_down/rst rd- gnd td- gnd refclk- td+ rd+ v cc 2 gnd to ward bezel to ward asic electrical power supply characteristics (over operating case temperature range and v cc ) parameter symbol minimum typical maximum units supply voltage v cc 2 1.71 1.8 1.89 v v cc 3 3.13 3.3 3.47 v cc 5 4.75 5.0 5.25 supply current i cc 2 - 310 350 ma i cc 3 - 350 750 i cc 5 - 40 100 power dissipation pw - 2 3.5 w p_down power dissipation pdw - - 1.5 w electrical interface (over operating case temperature range and v cc ) parameter symbol minimum typical maximum units diferential impedance z d - 100 - diferential input voltage swing v p-p, dif 120 - 820 mv diferential output voltage swing v p-p, dif 340 550 850 mv output rise/fall time (20 to 80%) t r /t f 24 - - ps tx_dis, p_down/rst v il - 0.3 - 0.8 v v ih 2.0 - v cc + 0.3 xfp interrupt, mod_nr, rx_los v ol 0 - 0.4 v v oh host_v cc - 0.5 - host_v cc + 0.3
oplink communications, inc 4 s0120. rev.03. 2011-05-11 module pin description txp1xggi2xx pin logic symbol description 1 - gnd module ground 2 - v ee 5 optional -5.2v power supply (not required) 3 lvttl-i mod_desel module de-select; when held low allows module to respond to 2-wire serial interface 4 lvt tl-o interrupt interrupt; indicates presence of an important condition which can be read over the 2-wire serial interface 5 lvttl-i tx_dis transmitter disable; turns of transmitter laser output 6 - v cc 5 +5v power supply 7 - gnd module ground 8 - v cc 3 +3.3v power supply 9 - v cc 3 +3.3v power supply 10 lvttl-i/o scl 2-wire serial interface clock 11 lvttl-i/o sda 2-wire serial interface data line 12 lvt tl-o mod_abs indicates module is not present. grounded in the module 13 lvt tl-o mod_nr module not ready; indicating module operational fault 14 lvt tl-o rx_los receiver loss of signal indicator 15 - gnd module ground 16 - gnd module ground 17 cml-o rd- receiver inverted data output 18 cml-o rd+ receiver non-inverted data output 19 - gnd module ground 20 - v cc 2 +1.8v power supply 21 lvttl-i p_down/rst power down; when high, requires the module to limit power consumption to 1.5w or below. 2-wire serial interface must be functional in the low power mode. reset; the falling edge initiates a complete reset of the module including the 2-wire serial interface, equivalent to a power cycle. 22 - v cc 2 +1.8v power supply 23 - gnd module ground 24 pecl-i refclk+ reference clock non-inverted input (not required) 25 pecl-i refclk- reference clock inverted input (not required) 26 - gnd module ground 27 - gnd module ground 28 cml-i td- transmitter inverted data input 29 cml-i td+ transmitter non-inverted data input 30 - gnd module ground
oplink communications, inc 5 s0120. rev.03. 2011-05-11 txp1xggi2xx application notes electrical interface: all signal interfaces are compliant with the xfp msa specifcation. the high speed data interface is differential ac-coupled internally and can be directly connected to a 3.3v serdes ic. rx_los: the loss of signal circuit monitors the level of the incoming optical signal and generates a logic high when an insufcient photocurrent is produced. tx_dis: when the tx disable pin is at logic high, the transmitter optical output is disabled. (less than -45dbm). p_down: the power down function pin, when held high by the host, places the module in the standby (low power) mode with a maximum power dissipation of 1.5w. this protects hosts which are not capable of cooling higher power modules which may be accidentally inserted. the modules 2-wire serial interface and all laser safety functions must be fully functional in this low power mode. during p_down, the module shall still support the completion of reset interrupt, as well as maintain functionality of the variable power supply. mod_nr: the mod_nr is an output pin that when high, indicates that the module has detected a condition that renders transmitter and or receiver data invalid, shall consist of logical or of the following signals: ? transmit signal conditioner loss of lock ? transmitter laser fault ? receiver signal conditioner loss of lock other conditions deemed valuable to the detection of fault may be added to the mod_nr. the mod_nr output pin is an open collector and must be pulled to host_vcc on the host board. p_down/rst: the negative edge of reset function signal initiates a complete module reset. module behavior during p_down and rst: during execution of a reset (t_init) or while held in power down mode, a module may be unable to determine the correct value for mod_nr and rx_los. these outputs as well as all interrupt related fags, except completion of reset fag, shall be disregarded by the host. when the module completes a reset and is not in power down mode, the module must represent the correct value of both signals on its outputs before posting a completion of reset interrupt to the host. at no time shall a module cause spurious assertion of the interrupt pin. when a host initially applies power to a module with the p_down/rst signal asserted, a module comes up in power down mode. the module shall only assert the interrupt signal pin to inform the host it has completed a reset. the completion of reset fag shall be the only interrupt source fag set during power down mode. the host is expected to clear this interrupt before releasing the module from the power down mode. the transition from power down mode to normal mode will trigger a reset of the module and result in a 2nd module reset and a 2nd reset completion interrupt to the host. power supply and grounding: the power supply line should be well-fltered. all 0.1f power supply bypass capacitors should be as close to the transceiver module as possible. host board termination & coupling all caps a re i n units o f f td - td + rd + rd - as ic / serdes cm l in pu ts cm l ou tp ut s + 0. 1 10 +1.8 v +3 .3 v +3 .3 v +3 .3 v sc l, s da, mo d_abs, mod_ nr , r r r xfp inte rr upt, r x_ lo s 20 , 22 6 + +5 .0 v + +3.3 v 8 , 9 1h coil o r fe rr it e in du ctor 1h coil o r fe rr it e in du ctor 1h coil o r fe rr it e in du ctor 0. 1 0. 11 00 .1 0. 11 00 .1
oplink communications, inc 6 s0120. rev.03. 2011-05-11 txp1xggi2xx ordering information dimension in millimeters notes: unless otherwise specified package outline oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks sales and mar - keting for your requirements and ordering information (510) 933-7200 or sales@oplink.com. model name operating temperature center wavelength (nm) itu frequency (thz) wavelength reference distance txp1xggi2c00061g - 5c to +70c commercial 1528.77 196.1 61 40km txp1xggi2c00060g - 5c to +70c commercial 1529.55 196.0 60 40km txp1xggi2c00059g - 5c to +70c commercial 1530.33 195.9 59 40km txp1xggi2c00058g - 5c to +70c commercial 1531.12 195.8 58 40km txp1xggi2c00057g - 5c to +70c commercial 1531.90 195.7 57 40km txp1xggi2c00056g - 5c to +70c commercial 1532.68 195.6 56 40km txp1xggi2c00055g - 5c to +70c commercial 1533.47 195.5 55 40km txp1xggi2c00054g - 5c to +70c commercial 1534.25 195.4 54 40km txp1xggi2c00053g - 5c to +70c commercial 1535.04 195.3 53 40km txp1xggi2c00052g - 5c to +70c commercial 1535.82 195.2 52 40km txp1xggi2c00051g - 5c to +70c commercial 1536.61 195.1 51 40km txp1xggi2c00050g - 5c to +70c commercial 1537.40 195.0 50 40km txp1xggi2c00049g - 5c to +70c commercial 1538.19 194.9 49 40km txp1xggi2c00048g - 5c to +70c commercial 1538.98 194.8 48 40km txp1xggi2c00047g - 5c to +70c commercial 1539.77 194.7 47 40km txp1xggi2c00046g - 5c to +70c commercial 1540.56 194.6 46 40km
oplink communications, inc 7 s0120. rev.03. 2011-05-11 txp1xggi2xx model name operating temperature center wavelength (nm) itu frequency (thz) wavelength reference distance txp1xggi2e00061g - 5c to +85c extended 1528.77 196.1 61 40km txp1xggi2e00060g - 5c to +85c extended 1529.55 196.0 60 40km txp1xggi2e00059g - 5c to +85c extended 1530.33 195.9 59 40km txp1xggi2e00058g - 5c to +85c extended 1531.12 195.8 58 40km txp1xggi2e00057g - 5c to +85c extended 1531.90 195.7 57 40km txp1xggi2e00056g - 5c to +85c extended 1532.68 195.6 56 40km txp1xggi2e00055g - 5c to +85c extended 1533.47 195.5 55 40km txp1xggi2e00054g - 5c to +85c extended 1534.25 195.4 54 40km txp1xggi2e00053g - 5c to +85c extended 1535.04 195.3 53 40km txp1xggi2e00052g - 5c to +85c extended 1535.82 195.2 52 40km txp1xggi2e00051g - 5c to +85c extended 1536.61 195.1 51 40km model name operating temperature center wavelength (nm) itu frequency (thz) wavelength reference distance txp1xggi2c00045g - 5c to +70c commercial 1541.35 194.5 45 40km txp1xggi2c00044g - 5c to +70c commercial 1542.14 194.4 44 40km txp1xggi2c00043g - 5c to +70c commercial 1542.94 194.3 43 40km txp1xggi2c00042g - 5c to +70c commercial 1543.73 194.2 42 40km txp1xggi2c00041g - 5c to +70c commercial 1544.53 194.1 41 40km txp1xggi2c00040g - 5c to +70c commercial 1545.32 194.0 40 40km txp1xggi2c00039g - 5c to +70c commercial 1546.12 193.9 39 40km txp1xggi2c00038g - 5c to +70c commercial 1546.92 193.8 38 40km txp1xggi2c00037g - 5c to +70c commercial 1547.72 193.7 37 40km txp1xggi2c00036g - 5c to +70c commercial 1548.51 193.6 36 40km txp1xggi2c00035g - 5c to +70c commercial 1549.32 193.5 35 40km txp1xggi2c00034g - 5c to +70c commercial 1550.12 193.4 34 40km txp1xggi2c00033g - 5c to +70c commercial 1550.92 193.3 33 40km txp1xggi2c00032g - 5c to +70c commercial 1551.72 193.2 32 40km txp1xggi2c00031g - 5c to +70c commercial 1552.52 193.1 31 40km txp1xggi2c00030g - 5c to +70c commercial 1553.33 193.0 30 40km txp1xggi2c00029g - 5c to +70c commercial 1554.13 192.9 29 40km txp1xggi2c00028g - 5c to +70c commercial 1554.94 192.8 28 40km txp1xggi2c00027g - 5c to +70c commercial 1555.75 192.7 27 40km txp1xggi2c00026g - 5c to +70c commercial 1556.55 192.6 26 40km txp1xggi2c00025g - 5c to +70c commercial 1557.36 192.5 25 40km txp1xggi2c00024g - 5c to +70c commercial 1558.17 192.4 24 40km txp1xggi2c00023g - 5c to +70c commercial 1558.98 192.3 23 40km txp1xggi2c00022g - 5c to +70c commercial 1559.79 192.2 22 40km txp1xggi2c00021g - 5c to +70c commercial 1560.61 192.1 21 40km txp1xggi2c00020g - 5c to +70c commercial 1561.42 192.0 20 40km txp1xggi2c00019g - 5c to +70c commercial 1562.23 191.9 19 40km txp1xggi2c00018g - 5c to +70c commercial 1563.05 191.8 18 40km txp1xggi2c00017g - 5c to +70c commercial 1563.86 191.7 17 40km
oplink communications, inc 8 s0120. rev.03. 2011-05-11 txp1xggi2xx model name operating temperature center wavelength (nm) itu frequency (thz) wavelength reference distance txp1xggi2e00050g - 5c to +85c extended 1537.40 195.0 50 40km txp1xggi2e00049g - 5c to +85c extended 1538.19 194.9 49 40km txp1xggi2e00048g - 5c to +85c extended 1538.98 194.8 48 40km txp1xggi2e00047g - 5c to +85c extended 1539.77 194.7 47 40km txp1xggi2e00046g - 5c to +85c extended 1540.56 194.6 46 40km txp1xggi2e00045g - 5c to +85c extended 1541.35 194.5 45 40km txp1xggi2e00044g - 5c to +85c extended 1542.14 194.4 44 40km txp1xggi2e00043g - 5c to +85c extended 1542.94 194.3 43 40km txp1xggi2e00042g - 5c to +85c extended 1543.73 194.2 42 40km txp1xggi2e00041g - 5c to +85c extended 1544.53 194.1 41 40km txp1xggi2e00040g - 5c to +85c extended 1545.32 194.0 40 40km txp1xggi2e00039g - 5c to +85c extended 1546.12 193.9 39 40km txp1xggi2e00038g - 5c to +85c extended 1546.92 193.8 38 40km txp1xggi2e00037g - 5c to +85c extended 1547.72 193.7 37 40km txp1xggi2e00036g - 5c to +85c extended 1548.51 193.6 36 40km txp1xggi2e00035g - 5c to +85c extended 1549.32 193.5 35 40km txp1xggi2e00034g - 5c to +85c extended 1550.12 193.4 34 40km txp1xggi2e00033g - 5c to +85c extended 1550.92 193.3 33 40km txp1xggi2e00032g - 5c to +85c extended 1551.72 193.2 32 40km txp1xggi2e00031g - 5c to +85c extended 1552.52 193.1 31 40km txp1xggi2e00030g - 5c to +85c extended 1553.33 193.0 30 40km txp1xggi2e00029g - 5c to +85c extended 1554.13 192.9 29 40km txp1xggi2e00028g - 5c to +85c extended 1554.94 192.8 28 40km txp1xggi2e00027g - 5c to +85c extended 1555.75 192.7 27 40km txp1xggi2e00026g - 5c to +85c extended 1556.55 192.6 26 40km TXP1XGGI2E00025G - 5c to +85c extended 1557.36 192.5 25 40km txp1xggi2e00024g - 5c to +85c extended 1558.17 192.4 24 40km txp1xggi2e00023g - 5c to +85c extended 1558.98 192.3 23 40km txp1xggi2e00022g - 5c to +85c extended 1559.79 192.2 22 40km txp1xggi2e00021g - 5c to +85c extended 1560.61 192.1 21 40km txp1xggi2e00020g - 5c to +85c extended 1561.42 192.0 20 40km txp1xggi2e00019g - 5c to +85c extended 1562.23 191.9 19 40km txp1xggi2e00018g - 5c to +85c extended 1563.05 191.8 18 40km txp1xggi2e00017g - 5c to +85c extended 1563.86 191.7 17 40km model name operating temperature center wavelength (nm) itu frequency (thz) wavelength reference distance txp1xggi2i00061g -40c to +85c industrial 1528.77 196.1 61 40km txp1xggi2i00060g -40c to +85c industrial 1529.55 196.0 60 40km txp1xggi2i00059g -40c to +85c industrial 1530.33 195.9 59 40km txp1xggi2i00058g -40c to +85c industrial 1531.12 195.8 58 40km txp1xggi2i00057g -40c to +85c industrial 1531.90 195.7 57 40km txp1xggi2i00056g -40c to +85c industrial 1532.68 195.6 56 40km
oplink communications, inc. reserves the right to make changes in equipment design or specifcations without notice. information supplied by oplink commu - nications, inc. is believed to be accurate and reliable. however, no responsibility is assumed by oplink communications, inc. for its use nor for any infringements of third parties, which may result from its use. no license is granted by implication or otherwise under any patent right of oplink communications, inc. ? 2011, oplink communications, inc. 46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com s0120. rev.03. 2011-05-11 9 txp1xggi2xx model name operating temperature center wavelength (nm) itu frequency (thz) wavelength reference distance txp1xggi2i00055g -40c to +85c industrial 1533.47 195.5 55 40km txp1xggi2i00054g -40c to +85c industrial 1534.25 195.4 54 40km txp1xggi2i00053g -40c to +85c industrial 1535.04 195.3 53 40km txp1xggi2i00052g -40c to +85c industrial 1535.82 195.2 52 40km txp1xggi2i00051g -40c to +85c industrial 1536.61 195.1 51 40km txp1xggi2i00050g -40c to +85c industrial 1537.40 195.0 50 40km txp1xggi2i00049g -40c to +85c industrial 1538.19 194.9 49 40km txp1xggi2i00048g -40c to +85c industrial 1538.98 194.8 48 40km txp1xggi2i00047g -40c to +85c industrial 1539.77 194.7 47 40km txp1xggi2i00046g -40c to +85c industrial 1540.56 194.6 46 40km txp1xggi2i00045g -40c to +85c industrial 1541.35 194.5 45 40km txp1xggi2i00044g -40c to +85c industrial 1542.14 194.4 44 40km txp1xggi2i00043g -40c to +85c industrial 1542.94 194.3 43 40km txp1xggi2i00042g -40c to +85c industrial 1543.73 194.2 42 40km txp1xggi2i00041g -40c to +85c industrial 1544.53 194.1 41 40km txp1xggi2i00040g -40c to +85c industrial 1545.32 194.0 40 40km txp1xggi2i00039g -40c to +85c industrial 1546.12 193.9 39 40km txp1xggi2i00038g -40c to +85c industrial 1546.92 193.8 38 40km txp1xggi2i00037g -40c to +85c industrial 1547.72 193.7 37 40km txp1xggi2i00036g -40c to +85c industrial 1548.51 193.6 36 40km txp1xggi2i00035g -40c to +85c industrial 1549.32 193.5 35 40km txp1xggi2i00034g -40c to +85c industrial 1550.12 193.4 34 40km txp1xggi2i00033g -40c to +85c industrial 1550.92 193.3 33 40km txp1xggi2i00032g -40c to +85c industrial 1551.72 193.2 32 40km txp1xggi2i00031g -40c to +85c industrial 1552.52 193.1 31 40km txp1xggi2i00030g -40c to +85c industrial 1553.33 193.0 30 40km txp1xggi2i00029g -40c to +85c industrial 1554.13 192.9 29 40km txp1xggi2i00028g -40c to +85c industrial 1554.94 192.8 28 40km txp1xggi2i00027g -40c to +85c industrial 1555.75 192.7 27 40km txp1xggi2i00026g -40c to +85c industrial 1556.55 192.6 26 40km txp1xggi2i00025g -40c to +85c industrial 1557.36 192.5 25 40km txp1xggi2i00024g -40c to +85c industrial 1558.17 192.4 24 40km txp1xggi2i00023g -40c to +85c industrial 1558.98 192.3 23 40km txp1xggi2i00022g -40c to +85c industrial 1559.79 192.2 22 40km txp1xggi2i00021g -40c to +85c industrial 1560.61 192.1 21 40km txp1xggi2i00020g -40c to +85c industrial 1561.42 192.0 20 40km txp1xggi2i00019g -40c to +85c industrial 1562.23 191.9 19 40km txp1xggi2i00018g -40c to +85c industrial 1563.05 191.8 18 40km txp1xggi2i00017g -40c to +85c industrial 1563.86 191.7 17 40km


▲Up To Search▲   

 
Price & Availability of TXP1XGGI2E00025G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X